Part Number Hot Search : 
SS8550W 2SC3065 DFREE BAT54XN3 856278 TP3D227 07K010 XN4315
Product Description
Full Text Search
 

To Download WBC-DSOT23T-101-K-800-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product speci? cation without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com a subsidiary of tt electronics plc wbc-rc series issue april 2006 wire bondable resistor/capacitor circuits ? 3 types - ac terminator, tapped and t-? lter ? integrated resistor and capacitor ? proven irc tansil ? technology wbc-rc series electrical data ac termination t-filter tapped filter resistance value 47 ? 100 ? 33 ? capacitance value 47pf 80pf 47pf absolute tolerance resistor resistor 10% capacitor 20% absolute temperature coef? cient resistance 150ppm/c capacitance 200ppm/c package power rating 250mw resistor element power rating 125mw capacitance breakdown voltage 25v operating temperature -55c to +125c resistor noise <-25db substrate material silicon substrate thickness 0.010? 0.001 (0.254mm 0.025) bond pad metallization aluminum: 10k? minimum backside 3000? gold passivation silicon dioxide or silicon nitride
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com wbc-rc series issue april 2006 physical and schematic data wire bondable resistor/capacitor circuits 0.035? 0.001 0.889mm 0.025 0.029? 0.001 0.635mm 0.025 25 70 125 100 50 0 % of rated po we r te mperature in c 70 power derating data dsot23v ac termination dsot23t t-filter dsot23r tapped filter 1 2 1 2 1 2 1 2 back of chip back of chip back of chip
irc advanced film division ? irc advanced film division ? corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com wbc-rc series issue april 2006 test method max ? c insulation resistance mil-std-202 method 107 test condition f 10 9 min thermal shock mil-std-202 method 107 test condition f 0.25% + 0.25pf max moisture resistance mil-std-202 method 106 1.0% + 0.25pf max short time overload 25c, 5 seconds 1.5 x rated voltage 0.25% + 0.25pf max life at elevated temperature mil-std-202 method 108 125c, 1000 hours 0.25% + 0.25pf max high temperature exposure 100 hours @ 150c ambient 0.25% + 0.25pf max wire bondable resistor/capacitor circuits wbc - dsot23v - 470 - k - 470 - m pre? x style dsot23v = ac terminator dsot23t = t-filter dsot23r = tapped filter resistance code (r) 3-digit resistance code ex: 470 = 47 ? ordering data absolute capacitance tolerance m = 20% capacitance code (c) 3-digit capacitance code ex: 470 = 47pf absolute resistance tolerance m = 20%; k = 10% packaging standard packaging is 2? x 2? chip tray. for additional information or to discuss your specific requirements, please contact our applications team using the contact details below. environmental data (resistor) test method max ? r typical ? r thermal shock mil-std-202 method 107 test condition f 0.1% 0.02% high temperature exposure mil-std-883 method 1008 150c, 1000 hours 0.1% 0.05% low temperature storage -55c, 1000 hours 0.03% 0.01% life mil-std-202 method 108 70c, 1000 hours 0.5% 0.01% life at elevated temperature mil-std-202 method 108 125c, 1000 hours 0.5% 0.05% environmental data (capacitor)


▲Up To Search▲   

 
Price & Availability of WBC-DSOT23T-101-K-800-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X