Part Number Hot Search : 
11014 30WQ06FN CH374 BCR129T P1402AL SMCJ160A SR390 RQA0004L
Product Description
Full Text Search
 

To Download VLB630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency tuning phase phase 2nd rf power case input p/n range voltage noise @ noise @ harmonic output supply type pushing pulling capa- 10khz 100khz power citance mhz v dbc/hz dbc/hz dbc dbm v/ma mhz/v mhz pf min. - max. min. - max. max. max. max. typ. typ. max. max. vlb80 80 - 90 0 - 5 -100 -125 -15 0 5 @ 25 sm1 ?.00 1.5 @ 2:1 100 vlb120 120 - 150 0 - 5 -95 -115 - 10 7 5 @ 25 sm1 ?.00 1.5 @ 2:1 10000 vlb150 150 - 170 0 - 5 -80 -100 -15 0 5 @ 25 sm1 ?.00 2.0 @ 2:1 220 vlb240 240 - 260 0 - 5 -80 -100 -15 0 5 @ 25 sm1 ?.00 2.0 @ 2:1 150 vlb280 280 - 310 0.5 - 4.5 -100 -120 -15 3 4.5 @ 30 sm1 ?1.00 15.0 @ 2:1 68 vlb330 330 - 380 0 - 10 -80 -100 - 20 0 5 @ 25 sm1 ?.00 2.0 @ 2:1 68 vlb361 360 - 440 0 - 5 -100 -120 -10 5 5 @ 25 sm1 ?.00 5.0 @ 2:1 1000 vlb435 435 - 475 1 - 4 -112 -132 -12 1 5 @ 20 sm1 ?.10 0.5 @ 1.7 220 vlb490 490 - 540 0.5 - 4.5 -90 -110 -12 0 5 @ 15 sm1 ?.50 4.5 @ 2:1 68 vlb530 530 - 590 0 - 10 -95 -115 -15 1 5 @ 25 sm1 ?.50 2.5 @ 2:1 15 vlb560 560 - 580 1 - 4 -100 -130 -10 0 5 @ 15 sm1 ?.50 1.0 @ 2:1 150 vbl630 630 - 695 2 - 12 -97 -117 -10 5 5 @ 28 sm1 ?.50 7.0 @ 2:1 47 vlb670 670 - 700 0.5 - 4.5 -100 -124 -10 0 5 @ 20 sm1 ?.25 0.5 @ 2:1 70 vlb711 710 - 742 0.5 - 4.5 -100 -130 -10 0 5 @ 20 sm1 ?.25 0.5 @ 2:1 70 vlb730 730 - 750 0.5 - 4.5 -131 @ 50khz -136 -12 0 5 @ 22 sm1 ?.50 1.0 @ 2:1 150 features this series proposes a wide range of standard vco: ?frequency range: from 80 mhz up to 2500 mhz ?phase noise: as low as - 102 dbc @ 10 khz from the carrier ?output power: up to 8 dbm description this product family offers a low cost and immediate solution to designers for multi purpose applications. vco exhibits good speci?ations over the frequency range, high repeatability item to item and guaranteed performances. high runners, most of the vco of this series are available from stock, please consult factory or local distributors. all our parts are manufactured with lead free technology. general purpose vco oscillators vco commercial series - general purpose 16-10 vol. 1 sales offices: visit our web site at http://www.temex.net electrical characteristics @ 25 c general purpose vcos from few to 800 mhz:
frequency tuning phase phase 2nd rf power case input p/n range voltage noise @ noise @ harmonic output supply type pushing pulling capa- 10khz 100khz power citance mhz v dbc/hz dbc/hz dbc dbm v/ma mhz/v mhz pf min. - max. min. - max. max. max. max. typ. typ. max. max. vlr740 740 - 788 1 - 4 -95 -139 @ 600khz -15 0 5 @ 30 sm4 ?.0 0.50 @ 2:1 47 vlb781 780 - 805 0.5 - 4.5 -90 -148 @ 800 khz -20 0 5.3 @ 45 sm1 ?.3 1.50 @ 2:1 100 vlr790 790 - 840 0 - 6 -100 -148 @ 800khz -15 0 5 @ 30 sm4 ?.0 0.40 @ 2:1 100 vlr800 800 - 850 1 - 4 -100 -148 @ 800khz -15 0 5 @ 30 sm4 ?.5 0.80 @ 2:1 100 vlb804 800 - 835 1 - 3.9 -100 -120 -10 0 5 @ 25 sm1 ?.3 1.00 @ 2:1 56 vl3-820 820 - 880 1.5 - 8 -100 -120 -12 5 9 @ 30 sm2 ?.5 0.80 @ 2:1 56 vlb840 840 - 970 0.5 - 5 -90 - 110 -10 5 5 @ 25 sm1 ?.0 20.00 @ 2:1 56 vlb851 850 - 868 1 - 4 -100 -125 -10 0 5 @ 20 sm1 ?.5 1.40 @ 2:1 150 vl3-920 920 - 980 1.5 - 8 -100 -120 -12 6 9 @ 30 sm2 ?.3 2.50 @ 2:1 150 vlb990 990 - 1015 0.5 - 4.5 -100 -148 @ 800 khz -10 0 5 @ 30 sm1 ?.5 1.50 @ 2:1 100 vlb1001 1000 - 1025 1 - 4 -100 -148 @ 800khz -10 0 7.4 @ 25 sm1 ?.4 0.40 @ 2:1 70 vlb1052 1050 - 1085 0.5 - 4.5 -100 -148 @ 800khz -10 0 5 @ 30 sm1 ?.4 1.00 @ 2:1 56 vlb1051 1050 - 1200 1 - 4 -90 -110 -7 4 5 @ 25 sm1 ?.5 30.00 @ 2:1 47 vl3-1070 1070 - 1190 1.5 - 8 -100 -120 -12 5 9 @ 30 sm2 ?.5 6.00 @ 2:1 100 vlb1160 1160 - 1200 0.5 - 4.5 -102 -122 -12 0 5 @ 19 sm1 ?.5 1.00 @ 2:1 50 vl3-1190 1190 - 1250 1.5 - 8 -100 -120 -12 6 9 @ 30 sm2 ?.3 5.00 @ 2:1 150 vlb1210 1210 - 1235 0.5 - 4.5 -100 -144 @ 800khz -10 0 5 @ 30 sm1 ?.0 2.00 @ 2:1 100 vlb1270 1270 - 1307 0.5 - 4.5 -100 -144 @ 800khz -10 0 5 @ 30 sm1 ?.2 1.00 @ 2:1 100 vlb1280 1280 - 1338 0.5 - 4.5 -100 -125 @ 400khz -10 0 5 @ 30 sm1 ?.3 5.00 @ 2:1 56 vl3-1390 1390 - 1424 1 - 13 -82 -102 -20 2 15 @ 40 sm2 ?.5 10.00 @ 2:1 47 vl2-1450 1450 - 1455 0.5 - 4.5 -100 -142 @ 300khz -15 7 5 @ 35 sm2 ?.5 2.00 @ 2:1 33 vlb1460 1460 - 1536 2 - 8 -100 -141 @ 800khz -20 2.5 5 @ 30 sm1 ?.0 0.10 @ 2:1 150 vlb1470 1470 - 1545 0.5 - 4.5 -98 -138 @ 800khz -10 0 5 @ 16 sm1 ?.5 2.00 @ 2:1 100 vlr1500 1500 - 1595 1 - 4 -100 -137 @ 600khz -15 0 5 @ 30 sm1 ?.5 0.40 @ 2:1 100 vlr1510 1510 - 1650 3 - 9 -100 -137 @ 600khz -15 0 8 @ 30 sm4 ?.0 1.00 @ 2:1 100 vlb1530 1530 - 1670 0.5 - 4.5 -85 -105 -15 4 4.5 @ 25 sm1 ?.0 22.00 @ 2:1 100 vlb1531 1531 - 1606 1 - 4 -100 -141 @ 800khz -15 0 5 @ 30 sm1 ?.0 1.00 @ 2:1 100 vlb1542 1540 - 1815 1 - 4 -100 -141 @ 800khz -12 0 5 @ 30 sm1 ?.5 1.00 @ 2:1 22 vlb1570 1570 - 1645 1 - 4 -97 -129 @ 400khz -20 2.5 5 @ 30 sm1 ?.0 0.15 @ 2:1 150 vlb1590 1590 - 1650 0.5 - 4.5 -96 -136 @ 800khz -10 0 5 @ 30 sm1 ?.5 10.00 @ 2:1 100 vlb1601 1600 - 1800 1 - 8 -80 -105 -8 6 9 @ 30 sm1 ?.0 25.00 @ 2:1 12 vlr1610 1610 - 1725 3 - 9 -101 -140 @ 800khz -15 0 8 @ 30 sm4 ?.0 1.00 @ 2:1 10 vlr1630 1630 - 1698 3 - 9 -100 -140 @ 600khz -15 0 8 @ 30 sm4 ?.5 0.80 @ 2:1 100 vlr1650 1650 - 1755 3 - 9 -101 -140 @ 800khz -15 0 8 @ 30 sm4 ?.5 1.00 @ 2:1 22 vlb1660 1660 - 1721 0.5 - 4.5 -100 -120 -15 0 5 @ 30 sm1 ?.0 1.50 @ 2:1 100 vlb1670 1670 - 1730 1 - 4 -100 -141 @ 800khz -12 0 5 @ 30 sm1 ?.0 2.00 @ 2:1 100 vlb1680 1680 - 1740 0.5 - 4.5 -96 -142 @ 800khz -10 0 5 @ 30 sm1 ?.4 1.20 @ 2:1 100 vlb1701 1700 - 1800 1 - 6 -95 -115 -10 2.5 5 @ 25 sm1 ?.0 5.00 @ 2:1 33 vlb1722 1720 - 1780 1 - 4 -100 -136 @ 600khz -12 0 5 @ 30 sm1 ?.5 1.00 @ 2 :1 100 vlb1730 1730 - 1790 0.5 - 4.5 -100 -139 @ 800khz -12 0 5 @ 16 sm1 ?.0 1.00 @ 2:1 100 vlb1761 1760 - 1821 0.4 - 4.5 -102 -143 @ 1mhz -20 0 5 @ 25 sm1 ?.7 2.00 @ 2:1 70 oscillators vco commercial series - general purpose 16-11 vol. 1 sales offices: visit our web site at http://www.temex.net general purpose vcos from 800 to 1800 mhz: electrical characteristics @ 25 c
frequency tuning phase phase 2nd rf power case input p/n range voltage noise @ noise @ harmonic output supply type pushing pulling capa- 10khz 100khz power citance mhz v dbc/hz dbc/hz dbc dbm v/ma mhz/v mhz pf min. - max. min. - max. max. max. max. typ. typ. max. max. vlb1800 1800 - 1875 1.5 - 8 -98 -135 @ 800khz -12 4.5 8.0 @ 16 sm1 ?.5 4 @ 2 :1 22 vlr1810 1810 - 1915 0 - 12 -101 -121 -15 0 8.0 @ 30 sm4 ?.0 2 @ 2:1 47 vlb1850 1850 - 1910 0.5 - 4.5 -95 -115 -15 4 5.0 @ 30 sm1 ?.0 2 @ 2:1 100 vlb1880 1880 -1890 0.5 - 4.5 -100 -120 -15 3 4.5 @ 30 sm1 ?.0 7 @ 2:1 47 vlb1930 1930 - 1990 0.4 - 4.5 -100 -135 @ 600khz -20 0 5.0 @ 25 sm1 ?.7 2 @ 2:1 70 vlb1951 1950 - 2200 2.5 - 20 -84 -115 -10 6 4.5 @ 25 sm1 ?6.0 17 @ 2:1 100 vlb1980 1980 - 2055 0.6 - 4.5 -90 -110 -15 0 5.0 @ 20 sm1 ?.5 3 @ 2:1 47 vlb1990 1990 - 2045 0.4 - 4.5 -102 -137 @ 625khz -20 0 5.0 @ 25 sm1 ?.5 2 @ 2:1 70 vlb2020 2020 - 2220 0 - 20 -87 -118 -10 6 4.5 @ 25 sm1 ?.5 17 @ 2:1 47 vlb2050 2050 - 2265 0 - 16 -95 -115 -10 8 5.0 @ 25 sm1 ?.5 17 @ 2:1 47 vlr2090 2090 - 2195 0 - 12 -101 -121 -15 1 8.0 @ 30 sm4 ?.0 2 @ 2:1 47 vlb2102 2100 - 2375 0 - 20 -85 -116 -10 6 4.5 @ 25 sm1 ?6 17 @ 2:1 100 vlb2110 2110 - 2170 0.5 - 4.5 -100 -120 -15 0 5.0 @ 30 sm1 ?.0 5 @ 2:1 100 vlb2270 2270 - 2515 0 - 16 -95 -115 -10 8 5.0 @ 25 sm1 ?.5 17 @ 2:1 47 oscillators vco commercial series - general purpose 16-12 vol. 1 sales offices: visit our web site at http://www.temex.net maximum ratings tuning voltage range maximum 0 - 3 v 5 v 0 - 5 v 7 v 0 - 8 v 10 v 0 - 10 v 12 v 0 - 12 v 14 v supply voltage range maximum 5 v 6 v 12 v 13 v general purpose vcos from 1800 mhz: operating temperature : -40 c + 80 c storage temperature: -65 c + 125 c solder assembly temperature: see recommended soldering pro?e here above electrical characteristics @ 25 c


▲Up To Search▲   

 
Price & Availability of VLB630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X