Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download TS87C51RB2-VIBD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 8-bit microcontroller with low power 2.4ghz transceiver for zigbee and ieee 802.15.4 atmega2564rfr2 atmega1284rfr2 atmega644rfr2 42073as-mcu wireless-02/13 features ? network support by hardware assisted multiple pan a ddress filtering ? advanced hardware assisted reduced power consumptio n ? high performance, low power avr ? 8-bit microcontroller ? advanced risc architecture - 135 powerful instructions ? most single clock cycle execution - 32x8 general purpose working registers / on-chip 2- cycle multiplier - up to 16 mips throughput at 16 mhz and 1.8v ? fully static operation ? non-volatile program and data memories - 256k/128k/64k bytes of in-system self-programmable flash ? endurance: 10?000 write/erase cycles @ 125c (25?00 0 cycles @ 85c) - 8k/4k/2k bytes eeprom ? endurance: 20?000 write/erase cycles @ 125c (100?0 00 cycles @ 25c) - 32k/16k/8k bytes internal sram ? jtag (ieee std. 1149.1 compliant) interface - boundary-scan capabilities according to the jtag st andard - extensive on-chip debug support - programming of flash eeprom, fuses and lock bits th rough the jtag interface ? peripheral features - multiple timer/counter & pwm channels - real time counter with separate oscillator - 10-bit, 330 ks/s a/d converter; analog comparator; on-chip temperature sensor - master/slave spi serial interface - two programmable serial usart - byte oriented 2-wire serial interface ? advanced interrupt handler and power save modes ? watchdog timer with separate on-chip oscillator ? power-on reset and low current brown-out detector ? fully integrated low power transceiver for 2.4 ghz ism band - high power amplifier support by tx spectrum side lo be suppression - supported data rates: 250 kb/s and 500 kb/s, 1 mb/s , 2 mb/s - -100 dbm rx sensitivity; tx output power up to 3.5 dbm - hardware assisted mac (auto-acknowledge, auto-retry ) - 32 bit ieee 802.15.4 symbol counter - sfd-detection, spreading; de-spreading; framing ; c rc-16 computation - antenna diversity and tx/rx control / tx/rx 128 byt e frame buffer ? pll synthesizer with 5 mhz and 500 khz channel spac ing for 2.4 ghz ism band ? hardware security (aes, true random generator) ? integrated crystal oscillators (32.768 khz & 16 mhz , external crystal needed) ? i/o and package - 33 programmable i/o lines - 48-pad qfn (rohs/fully green) ? temperature range: -40c to 125c industrial ? ultra low power consumption (1.8 to 3.6v) for avr & rx/tx: 10.1ma/18.6 ma - cpu active mode (16mhz): 4.1 ma - 2.4ghz transceiver: rx_on 6.0 ma / tx 14.5 ma (maxi mum tx output power) - deep sleep mode: <700na @ 25c ? speed grade: 0 ? 16 mhz @ 1.8 ? 3.6v range with int egrated voltage regulators applications ? zigbee ? / ieee 802.15.4-2011/2006/2003 ? ? full and reduced function device ? general purpose 2.4ghz ism band transceiver with mi crocontroller ? rf4ce, sp100, wirelesshart ? , ism applications and ipv6 / 6lowpan
2 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 1 pin configurations figure 1-1. pinout atmega2564/1284/644rfr2 pf2:adc2:dig2 pf1:adc1 pf0:adc0 avdd evdd avss:asvss xtal1 xtal2 pe7:icp3:int7:clko pe5:oc3c:int5 pe4:oc3b:int4 pe3:oc3a:ain1 48 47 46 45 44 43 42 41 40 39 38 37 pf3/4:adc3/4:tck:dig4 1 36 pe2:xck0:ain0 pf5:adc5:tms 2 35 pe1:txd0 pf6:adc6:tdo 3 34 pe0:rxd0:pcint8 pf7:adc7:tdi 4 atmega2564/1284/644rfr2 33 pb7:oc0a:oc1c:pcint7 avss_rfp 5 32 pb6:oc1b:pcint6 rfp 6 qfn 48 31 pb5:oc1a:pcint5 rfn 7 30 pb4:oc2a:pcint4 avss_rfn 8 7x7 mm 29 pb3:miso:pdo:pcint3 tst 9 28 pb2:mosi:pdi:pcint2 rstn 10 27 pb1:sck:pcint1 pg1:dig1 11 26 pb0:ssn:pcint0 pg3:tosc2 12 25 clki 13 14 15 16 17 18 19 20 21 22 23 24 pg4:tosc1 dvss:dsvss dvdd devdd pd0:scl:int0 pd1:sda:int1 pd2:rxd1:int2 pd3:txd1:int3 pd4:icp1 pd5:xck1 pd6:t1 pd7:t0 note: the large center pad underneath the qfn/mlf package is made of metal and internally connected to avss. it should be soldered or glued to the boar d to ensure good mechanical stability. if the center pad is left unconnected, the package might l oosen from the board. it is not recommended to use the exposed paddle as a replacement of the regu lar avss pins. 2 disclaimer typical values contained in this datasheet are base d on simulation and characterization results of other avr microcontrollers and radio tra nsceivers manufactured in a similar process technology. minimum and maximum values will be available after the device is characterized.
3 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 3 overview the atmega2564/1284/644rfr2 is a low-power cmos 8-b it microcontroller based on the avr enhanced risc architecture combined with a high data rate transceiver for the 2.4 ghz ism band. by executing powerful instructions in a single cloc k cycle, the device achieves throughputs approaching 1 mips per mhz allowing the system designer to optimize power consumption versus processing speed. the radio transceiver provides high data rates from 250 kb/s up to 2 mb/s, frame handling, outstanding receiver sensitivity and high transmit output power enabling a very robust wireless communication. 3.1 block diagram figure 3-1 block diagram the avr core combines a rich instruction set with 3 2 general purpose working registers. all 32 registers are directly connected to the arithmetic logic unit (alu). two independent registers can be accessed with one sing le instruction executed in one clock cycle. the resulting architecture is very cod e efficient while achieving throughputs up to ten times faster than conventional cisc micro controllers. the system includes internal voltage regulation and an advanced power m anagement. distinguished by the small leakage current it allows an extended operati on time from battery. the radio transceiver is a fully integrated zigbee solution using a minimum number of external components. it combines excellent rf perfo rmance with low cost, small size and low current consumption. the radio transceiver includes a crystal stabilized fractional-n synthesizer, transmitter and receiver, and full direct sequence spread
4 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 spectrum signal (dsss) processing with spreading an d despreading. the device is fully compatible with ieee802.15.4-2011/2006/2003 a nd zigbee standards. the atmega2564/1284/644rfr2 provides the following features: 256k/128k/64k bytes of in-system programmable (isp) flash with re ad-while-write capabilities, 8k/4k/2k bytes eeprom, 32k/16k/8k bytes sram, up to 35 general purpose i/o lines, 32 general purpose working registers, real t ime counter (rtc), 6 flexible timer/counters with compare modes and pwm, a 32 bit timer/counter, 2 usart, a byte oriented 2-wire serial interface, a 8 channel, 10 bit analog to digital converter (adc) with an optional differential input stage wit h programmable gain, programmable watchdog timer with internal oscillator, a spi seri al port, ieee std. 1149.1 compliant jtag test interface, also used for accessing the on -chip debug system and programming and 6 software selectable power saving modes. the idle mode stops the cpu while allowing the sram , timer/counters, spi port, and interrupt system to continue functioning. the power -down mode saves the register contents but freezes the oscillator, disabling all other chip functions until the next interrupt or hardware reset. in power-save mode, th e asynchronous timer continues to run, allowing the user to maintain a timer base whi le the rest of the device is sleeping. the adc noise reduction mode stops the cpu and all i/o modules except asynchronous timer and adc, to minimize switching n oise during adc conversions. in standby mode, the rc oscillator is running while th e rest of the device is sleeping. this allows very fast start-up combined with low power c onsumption. in extended standby mode, both the main rc oscillator and the asynchron ous timer continue to run. typical supply current of the microcontroller with cpu clock set to 16mhz and the radio transceiver for the most important states is shown in the figure 3-2 below . figure 3-2 radio transceiver and microcontroller (16mhz) supp ly current 16,6ma 4,7ma 4,1ma 250na 18,6ma 0 5 10 15 20 deep sleep sleep trx_off rx_on busy_tx radio transceiver and microcontroller (16mhz) suppl y current i(devdd,evdd) [ma] 1.8v 3.0v 3.6v the transmit output power is set to maximum. if the radio transceiver is in sleep mode the current is dissipated by the avr microcontrolle r only. in deep sleep mode all major digital blocks with no data retention requirements are disconnected from main supply providing a very smal l leakage current. watchdog timer, mac symbol counter and 32.768khz oscillator can be configured to continue to run. 700 na rpc enabled 10.1ma rpc disabled
5 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 the device is manufactured using atmel?s high-densi ty nonvolatile memory technology. the on-chip isp flash allows the program memory to be reprogrammed in-system trough an spi serial interface, by a conventional n onvolatile memory programmer, or by on on-chip boot program running on the avr core. th e boot program can use any interface to download the application program in th e application flash memory. software in the boot flash section will continue to run while the application flash section is updated, providing true read-while-write operation. by combining an 8 bit risc cpu with in-system self-programmable flash on a monolithic chip, the atmel atmega2564/1284/644rfr2 is a powerful microcontroll er that provides a highly flexible and cost effective solution to many embedd ed control applications. the atmega2564/1284/644rfr2 avr is supported with a full suite of program and system development tools including: c compiler, mac ro assemblers, program debugger/simulators, in-circuit emulators, and eval uation kits. 3.2 pin descriptions 3.2.1 evdd external analog supply voltage. 3.2.2 devdd external digital supply voltage. 3.2.3 avdd regulated analog supply voltage (internally generat ed). 3.2.4 dvdd regulated digital supply voltage (internally genera ted). 3.2.5 dvss digital ground. 3.2.6 avss analog ground. 3.2.7 port b (pb7...pb0) port b is an 8-bit bi-directional i/o port with int ernal pull-up resistors (selected for each bit). the port b output buffers have symmetrical dr ive characteristics with both high sink and source capability. as inputs, port b pins that are externally pulled low will source current if the pull-up resistors are activated. the port b pins are tri-stated when a reset condition becomes active, even if the clock is not running. port b also provides functions of various special f eatures of the atmega2564/1284/644rfr2. 3.2.8 port d (pd7...pd0) port d is an 8-bit bi-directional i/o port with int ernal pull-up resistors (selected for each bit). the port d output buffers have symmetrical dr ive characteristics with both high sink and source capability. as inputs, port d pins that are externally pulled low will source current if the pull-up resistors are activated. the port d pins are tri-stated when a reset condition becomes active, even if the clock is not running. port d also provides functions of various special f eatures of the atmega2564/1284/644rfr2. 3.2.9 port e (pe7,pe5...pe0) internally port e is an 8-bit bi-directional i/o po rt with internal pull-up resistors (selected for each bit). the port e output buffers have symme trical drive characteristics with both high sink and source capability. as inputs, port e pins that are externally pulled low will
6 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 source current if the pull-up resistors are activat ed. the port e pins are tri-stated when a reset condition becomes active, even if the clock is not running. due to the low pin count of the qfn48 package port e6 is not connected to a pin. port e also provides functions of various special f eatures of the atmega2564/1284/644rfr2. 3.2.10 port f (pf7..pf5,pf4/3,pf2...pf0) internally port f is an 8-bit bi-directional i/o po rt with internal pull-up resistors (selected for each bit). the port f output buffers have symme trical drive characteristics with both high sink and source capability. as inputs, port f pins that are externally pulled low will source current if the pull-up resistors are activat ed. the port f pins are tri-stated when a reset condition becomes active, even if the clock is not running. due to the low pin count of the qfn48 package port f3 and f4 are connected to the same pin. the i/o configuration should be done care fully in order to avoid excessive power dissipation. port f also provides functions of various special f eatures of the atmega2564/1284/644rfr2. 3.2.11 port g (pg4,pg3,pg1) internally port g is a 6-bit bi-directional i/o por t with internal pull-up resistors (selected for each bit). the port g output buffers have symme trical drive characteristics with both high sink and source capability. however the driver strength of pg3 and pg4 is reduced compared to the other port pins. the output voltage drop (v oh , v ol ) is higher while the leakage current is smaller. as inputs, po rt g pins that are externally pulled low will source current if the pull-up resistors are ac tivated. the port g pins are tri-stated when a reset condition becomes active, even if the clock is not running. due to the low pin count of the qfn48 package port g0, g2 and g5 are not connected to a pin. port g also provides functions of various special f eatures of the atmega2564/1284/644rfr2. 3.2.12 avss_rfp avss_rfp is a dedicated ground pin for the bi-direc tional, differential rf i/o port. 3.2.13 avss_rfn avss_rfn is a dedicated ground pin for the bi-direc tional, differential rf i/o port. 3.2.14 rfp rfp is the positive terminal for the bi-directional , differential rf i/o port. 3.2.15 rfn rfn is the negative terminal for the bi-directional , differential rf i/o port. 3.2.16 rstn reset input. a low level on this pin for longer tha n the minimum pulse length will generate a reset, even if the clock is not running. shorter pulses are not guaranteed to generate a reset. 3.2.17 xtal1 input to the inverting 16mhz crystal oscillator amp lifier. in general a crystal between xtal1 and xtal2 provides the 16mhz reference clock of the radio transceiver. 3.2.18 xtal2 output of the inverting 16mhz crystal oscillator am plifier.
7 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 3.2.19 tst programming and test mode enable pin. if pin tst is not used pull it to low. 3.2.20 clki input to the clock system. if selected, it provides the operating clock of the microcontroller. 3.3 unused pins floating pins can cause power dissipation in the di gital input stage. they should be connected to an appropriate source. in normal opera tion modes the internal pull-up resistors can be enabled (in reset all gpio are con figured as input and the pull-up resistors are still not enabled). bi-directional i/o pins shall not be connected to g round or power supply directly. the digital input pins tst and clki must be connect ed. if unused pin tst can be connected to avss while clki should be connected to dvss. output pins are driven by the device and do not flo at. power supply pins respective ground supply pins are connected together internall y. xtal1 and xtal2 shall never be forced to supply vol tage at the same time. 3.4 compatibility and feature limitations of qfn-48 package 3.4.1 aref the reference voltage output of the a/d converter i s not connected to a pin in the atmega2564/1284/644rfr2. 3.4.2 port e6 the port e6 is not connected to a pin in the atmega 2564/1284/644rfr2. the alternate pin functions as clock input to timer 3 and externa l interrupt 6 are not available. 3.4.3 port f3 and f4 the port f3 and f4 are connected to the same pin in the atmega2564/1284/644rfr2. the output configuration should be done carefully i n order to avoid excessive current consumption. the alternate pin function of port f4 is used by th e jtag interface. if the jtag interface is used the port f3 must be configured as input and the alternate pin function output dig4 (rx/tx indicator) must be disabled. oth erwise the jtag interface will not work. the spien fuse should be programmed in order to be able to erase a program that accidentally drive port f3. there are just 7 single-ended input channel to the adc available. 3.4.4 port g0 the port g0 is not connected to a pin in the atmega 2564/1284/644rfr2. the alternate pin function dig3 (inverted rx/tx indicat or) is not available. if the jtag interface is not used the dig4 alternate pin functi on output of port f3 can still be used as rx/tx indicator.
8 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 3.4.5 port g2 the port g2 is not connected to a pin in the atmega 2564/1284/644rfr2. the alternate pin function amr (asynchronous automated meter reading input to timer 2) is not available. 3.4.6 port g5 the port g5 is not connected to a pin in the atmega 2564/1284/644rfr2. the alternate pin function oc0b (output compare channel of 8-bit timer 0) is not available. 3.4.7 rston the rston reset output signaling the internal reset state is not connected to a pin in the atmega2564/1284/644rfr2. 3.5 configuration summary according to the application requirements a variabl e memory size allows to optimize current consumption and leakage current. table 3-1 memory configuration device flash eeprom sram atmega2564rfr2 256kb 8kb 32kb atmega1284rfr2 128kb 4kb 16kb atmega644rfr2 64kb 2kb 8kb package and associated pin configuration are the sa me for all devices providing full functionality to the application. table 3-2 system configuration device package gpio serial if adc channel atmega2564rfr2 qfn48 33 2 usart, spi, twi 7 atmega1284rfr2 qfn48 33 2 usart, spi, twi 7 atmega644rfr2 qfn48 33 2 usart, spi, twi 7 the devices are optimized for applications based on the zigbee and the ieee 802.15.4 specification. having application stack, network la yer, sensor interface and an excellent power control combined in a single chip many years of operation should be possible. table 3-3 application profile device application atmega2564rfr2 large network coordinator / router f or ieee 802.15.4 / zigbee pro atmega1284rfr2 network coordinator / router for iee e 802.15.4 atmega644rfr2 end node device / network processor
9 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 4 application circuits 4.1 basic application schematic a basic application schematic of the atmega2564/128 4/644rfr2 with a single-ended rf connector is shown in figure 4-1 below and the associated bill of material in table 4-1 on page 10 . the 50 single-ended rf input is transformed to the 100 differential rf port impedance using balun b1. the capacitors c1 and c2 provide ac coupling of the rf input to the rf port, capacitor c4 improves matching. figure 4-1. basic application schematic (48-pin package) 6 5 4 3 2 1 13 14 15 16 17 18 19 20 40 41 42 43 44 45 46 47 pf0 avss rfp rfn avss tst dvss dvdd xtal2 devdd avdd evdd avss xtal1 31 32 33 34 35 36 pe0 cb3 cb4 rstn v dd xtal cx1 cx2 cb1 v dd cb2 b1 rf c4 21 22 23 24 12 11 10 9 8 7 48 38 39 37 25 26 27 28 29 30 xtal 32khz cx3 cx4 clki pb0 pb7 pe7 pe5 pf7 pg1 pd0 pins tst & clki must be connected pg3 pd7 pg4 pf3/4 c1 the power supply bypass capacitors (cb2, cb4) are c onnected to the external analog supply pin (evdd, pin 44) and external digital supp ly pin (devdd, pin 16). the capacitor c1 provides the required ac coupling of r fn/rfp. floating pins can cause excessive power dissipation (e.g. during power on). they should be connected to an appropriate source. gpio shall not be connected to ground or power supply directly. the digital input pins tst and clki must be connect ed. if pin tst will never be used it can be connected to avss while an unused pin clki c ould be connected to dvss (see chapter "unused pins" on page 7 ). capacitors cb1 and cb3 are bypass capacitors for th e integrated analog and digital voltage regulators to ensure stable operation and t o improve noise immunity. capacitors should be placed as close as possible to the pins and should have a low- resistance and low-inductance connection to ground to achieve the best performance.
10 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 the crystal (xtal), the two load capacitors (cx1, c x2), and the internal circuitry connected to pins xtal1 and xtal2 form the 16mhz cr ystal oscillator for the 2.4ghz transceiver. to achieve the best accuracy and stabi lity of the reference frequency, large parasitic capacitances must be avoided. crystal lin es should be routed as short as possible and not in proximity of digital i/o signal s. this is especially required for the high data rate modes. the 32.768 khz crystal connected to the internal lo w power (sub 1 a) crystal oscillator provides a stable time reference for all low power modes including 32 bit ieee 802.15.4 symbol counter ( "mac symbol counter" ) and real time clock application using the asynchronous timer t/c2 ( "timer/counter2 with pwm and asynchronous operation " ). total shunt capacitance including cx3, cx4 should n ot exceed 15pf across both pins. the very low supply current of the oscillator requi res careful layout of the pcb and any leakage path must be avoided. crosstalk and radiation from switching digital sign als to the crystal pins or the rf pins can degrade the system performance. the programming of minimum drive strength settings for the digital output signal is recommend ed (see "dpds0 - port driver strength register 0" ). table 4-1. bill of materials (bom) designator description value manufacturer part numb er comment b1 smd balun smd balun / filter 2.4 ghz wuerth johanson technology 748421245 2450fb15l0001 filter included cb1 cb3 ldo vreg bypass capacitor 1 f (100nf minimum) avx murata 0603yd105kat2a grm188r61c105ka12d x5r (0603) 10% 16v cb2 cb4 power supply bypass capacitor 1 f (100nf minimum) cx1, cx2 16mhz crystal load capacitor 12 pf avx murata 06035a120ja grp1886c1h120ja01 cog (0603) 5% 50v cx3, cx4 32.768khz crystal load capacitor 12 ? 25 pf c1, c2 rf coupling capacitor 22 pf epcos epcos avx b37930 b37920 06035a220jat2a c0g 5% 50v (0402 or 0603) c4 (optional) rf matching 0.47 pf johnstech xtal crystal cx-4025 16 mhz sx-4025 16 mhz acal taitjen siward xwbbpl-f-1 a207-011 xtal 32khz crystal rs=100 kohm
11 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 5 revision history please note that the referring page numbers in this section are referring to this document. the referring revision in this section ar e referring to the document revision rev. 42073as-mcu wireless-02/13 1. initial release
12 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 table of contents features .......................................... ................................................... ..... 1 applications ...................................... ................................................... .. 1 1 pin configurations .............................. ................................................ 2 2 disclaimer ...................................... ................................................... ... 2 3 overview ........................................ ................................................... ... 3 3.1 block diagram ................................. ................................................... .................... 3 3.2 pin descriptions............................... ................................................... .................... 5 3.3 unused pins ................................... ................................................... ..................... 7 3.4 compatibility and feature limitations of qfn-48 package ................................... 7 3.5 configuration summary ......................... ................................................... .............. 8 4 application circuits ............................ ................................................ 9 4.1 basic application schematic ................... ................................................... ............ 9 5 revision history ................................ ................................................ 11 table of contents ................................. ................................................ 12
13 42073as-mcu wireless-02/13 atmega2564/1284/644rfr2 atmel corporation 1600 technology drive san jose, ca 95110 usa tel: (+1)(408) 441-0311 fax: (+1)(408) 487-2600 www.atmel.com atmel asia limited unit 01-5 & 16, 19f bea tower, millennium city 5 418 kwun tong road kwun tong, kowloon hong kong tel: (+852) 2245-6100 fax: (+852) 2722-1369 atmel munich gmbh business campus parkring 4 d-85748 garching b. munich germany tel: (+49) 89-31970-0 fax: (+49) 89-3194621 atmel japan g.k. 16f shin-osaki kangyo bldg. 1-6-4 osaki, shinagawa-ku tokyo 141-0032 japan tel: (+81)(3) 6417-0300 fax: (+81)(3) 6417-0370 ? 2013 atmel corporation. all rights reserved. / rev.: 42073as-mcu wireless-02/13 atmel ? , atmel logo and combinations thereof, enabling unl imited possibilities ? , and others are registered trademarks or trademark s of atmel corporation or its subsidiaries. other terms and product names may be trademarks of others. disclaimer: the information in this document is provid ed in connection with atmel products. no license, expre ss or implied, by estoppel or otherwise, to any intellec tual property right is granted by this document or in connection with the sale of atmel prod ucts. except as set forth in the atmel terms and cond itions of sales located on the atmel website, atmel assumes no liability whatsoever and disclaims any express, implied or statutory warranty relating to its produ cts including, but not limited to, the implied warranty of merchantability, fitness for a particul ar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or incidental dama ges (including, without limitation, damages for los s and profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and rese rves the right to make changes to specifications and produc ts descriptions at any time without notice. atmel does not make any commitment to up date the information contained herein. unless specifical ly provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel products are not intende d, authorized, or warranted for use as components in app lications intended to support or sustain life.


▲Up To Search▲   

 
Price & Availability of TS87C51RB2-VIBD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X