Part Number Hot Search : 
20133 M2052 2SK4125 F1145ER GBU10 SMCJ16A SW6502 MMBD7000
Product Description
Full Text Search
 

To Download P4FMAJ170-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rectron semiconductor technical specification features * plastic package has underwriters laboratory * glass passivated chip construction * 400 watt surage capability at 1ms * excellent clamping capability * low zener impedance * fast response time maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. tvs p4fmaj series do-214ac 400 watt peak power 1.0 watt steady state dimensions in inches and (millimeters) maximum ratings (at t a = 25 o c unless otherwise noted) devices for bipolar applications for bidirectional use c or ca suffix for types p4fmaj6.8 thru p4fmaj400 electrical characteristics apply in both direction ratings at 25 o c ambient temperature unless otherwise specified. ratings steady state power dissipation at t l = 75 o c ( note 2 ) peak pulse current with a 10/1000us waveform ( note 1, fig.3 ) maximum instantaneous forward voltage at 25a for symbol i fsm v f volts units unidirectional only ( note 4 ) amps peak power dissipation at t a = 25 o c , t p = 1ms ( note 1 ) minimum 400 40 3.5/6.5 value p ppm watts i ppm amps see table 1 peak forward surge current, 8.3ms single half sine wave- superimposed on rated load ( jedec method ) ( note 3 ) p m ( av ) 1.0 watts surface mount gpp transient voltage suppressor 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.209 ( 5.31 ) 0.185 ( 4.70 ) 0.035 ( 0.89 ) 0.059 ( 1.50 ) 0.067 ( 1.70 ) 0.091 ( 2.31 ) 0.160 ( 4.06 ) 0.180 ( 4.57 ) 0.086 ( 2.18 ) 0.110 ( 2.79 ) 0.067 ( 1.70 ) 0.051 ( 1.29 ) 2003-3 3. measured on 8.3ms single half sine-wave or equivalent wave, duty cycle = 4 pulses per minute maximum. 4. v f = 3.0v max. for devices of v( br ) < 200v and v f = 5.0v max. for devices of v( br ) > 200v. t j , t stg -55 to + 150 0 c operating and storage temperature range notes : 2. mounted on 0.2 x 0.2? (5.0 x 5.0mm) copper pad to each terminal. 1. non-repetitive current pulse, per fig.3 and derated above t a = 25 o c per fig.2. typical thermal resistance 130 0 c/w r ja
rectron rating and characteristic curves ( p4fmaj6.8 thru p4fmaj400ca ) fig. 1 - peak pulse power rating curve p ppm , peak pulse power, kw t p , pulse width, sec non-repetitive pulse waveform shown in fig.3 t a = 25 100 10 1.0 0.1 0.1us 1.0us 10us 100us 1.0ms 10ms fig. 2 - pulse derating curve peak pulse power (ppp) or current t a , ambient temperature,( ) 02550 75 100 125 150 175 20 0 100 75 50 25 0 (i pp ) derating in percentage,% pulse width (td) is defined as the point where the peak current decays to 50% of i ppm 10/1000usec. waveform as defined by r.e.a. peak value ippm tr = 10usec. fig. 3 - pulse waveform i ppm , peak pulse current,% t, time,ms 0 0 1.0 2.0 3.0 4.0 50 100 150 half value - i ppm 2 measured at zero bias measured at devices stand off voltage,vwm f = 1.0 mhz vsig = 50mvp-p t j = 25 fig. 4 - typical junction capacitance c j , capacitance, pf v( br ), breakdown voltace, volts 1.0 10 100 20 0 100000 10000 1000 100 0.2x0.2"(5.0x5.0mm) copper pad areas
rectron i fsm , peak forward surge fig. 6 - maximum non-repetitive forwar d number of cycles at 60 hz 50 40 30 20 10 0 1 10 100 8.3ms single half sine-wave (jeded method) tj = tj max. surge current unidirectional current amperes p m (av), steady state power fig. 5 - steady state power derating curve t l , lead temperature ( ) 1.00 0.75 0.50 0.25 0 0 25 50 75 100 125 150 175 200 60hz resistive or inductive load dissiation, watts rating and characteristic curves ( p4fmaj6.8 thru p4fmaj400ca ) t j = 25 i d , instantaneous reverse leakage chrrent, microamperes fig. 7 -typical reverse leakage v( br ) breakdown voltage, volts 100 10 1 0.1 0.01 0 100 200 300 400 600 measured at devices stand-off voltage, vwm characteristics
rectron transient voltage suppressors 4 00w series tvs diodes / do-214ac ( case 2 ) 400w type breakdown voltage v br ( volts ) min. max. @i t ( ma ) reverse stand off voltage v wm ( volts ) maximum reverse leakage at v wm i d ( ua ) maximum peak pulse current i ppm ( amps ) maximum clamping voltage at i ppm v c ( volts ) 53.2 6.12 7.48 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 1000 37 10.8 10.5 38.1 1000 5.80 7.14 6.45 6.75 8.25 6.05 500 34.2 11.7 7.13 7.88 6.40 500 35.4 11.3 7.38 9.02 6.63 200 32 12.5 7.79 8.61 7.02 200 33.1 12.1 8.19 10.0 7.37 50 29 13.8 8.65 9.55 7.78 50 29.9 13.4 9.00 11.0 8.10 10 26.7 15.0 9.50 10.5 8.55 10 27.6 14.5 9.90 12.1 8.92 5.0 24.7 16.2 10.5 11.6 9.40 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 25.6 15.6 10.8 13.2 9.72 23.1 17.3 11.4 12.6 10.2 24 16.7 11.7 14.3 10.5 21.1 19.0 12.4 13.7 11.1 22 18.2 13.5 16.3 12.1 18.2 22.0 14.3 15.8 12.8 18.9 21.2 14.4 17.6 12.9 17 23.5 15.2 16.8 13.6 17.8 22.5 16.2 19.8 14.5 15.1 26.5 17.1 18.9 15.3 15.9 25.2 18.0 22.0 16.2 13.7 29.1 19.0 21.0 17.1 14.4 27.7 19.8 24.2 17.8 12.5 31.9 20.9 23.1 18.8 13.1 30.6 21.6 26.4 19.4 11.5 34.7 22.8 25.2 20.5 12 33.2 24.3 29.7 21.8 10.2 39.1 25.7 28.4 23.1 10.7 37.5 27.0 33.0 24.3 9.2 43.5 28.5 31.5 25.6 9.7 41.4 29.7 36.3 26.8 8.4 47.7 31.4 34.7 28.2 8.8 45.7 32.4 39.6 29.1 7.7 52.0 34.2 37.8 30.8 8 49.9 35.1 42.9 31.6 7.1 56.4 37.1 41.0 33.3 7.4 38.7 47.3 34.8 6.5 40.9 45.2 36.8 6.7 42.3 51.7 38.1 5.9 44.7 49.4 40.2 6.2 45.9 56.1 41.3 5.4 48.5 53.6 43.6 5.7 50.4 61.6 45.4 47.8 5.0 58.8 5.2 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 p4fmaj6.8 p4fmaj6.8a p4fmaj7.5 p4fmaj7.5a p4fmaj8.2 p4fmaj8.2a p4fmaj9.1 p4fmaj9.1a p4fmaj10 p4fmaj10a p4fmaj11 p4fmaj11a p4fmaj12 p4fmaj12a p4fmaj13 p4fmaj13a p4fmaj15 p4fmaj15a p4fmaj16 p4fmaj16a p4fmaj18 p4fmaj18a p4fmaj20 p4fmaj20a p4fmaj22 p4fmaj22a p4fmaj24 p4fmaj24a p4fmaj27 p4fmaj27a p4fmaj30 p4fmaj30a p4fmaj33 p4fmaj33a p4fmaj36 p4fmaj36a p4fmaj39 p4fmaj39a p4fmaj43 p4fmaj43a p4fmaj47 p4fmaj47a p4fmaj51 p4fmaj51a p4fmaj56 p4fmaj56a
rectron transient voltage suppressors 400w series tvs diodes / do-214ac ( case 2 ) 400w type breakdown voltage v br ( volts ) min. max. @i t ( ma ) reverse stand off voltage v wm ( volts ) maximum reverse leakage at v wm i d ( ua ) maximum peak pulse current i ppm ( amps ) maximum clamping voltage at i ppm v c ( volts ) p4fmaj62 p4fmaj62a p4fmaj68 p4fmaj68a p4fmaj75 p4fmaj75a p4fmaj82 p4fmaj82a p4fmaj91 p4fmaj91a p4fmaj100 p4fmaj100a p4fmaj110 p4fmaj110a p4fmaj120 p4fmaj120a p4fmaj130 p4fmaj130a p4fmaj150 p4fmaj150a p4fmaj160 p4fmaj160a p4fmaj170 p4fmaj170a p4fmaj180 p4fmaj180a p4fmaj200 p4fmaj200a p4fmaj220 p4fmaj220a p4fmaj250 p4fmaj250a p4fmaj300 p4fmaj300a p4fmaj350 p4fmaj350a p4fmaj400 p4fmaj400a 55.8 68.2 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50.2 5.0 4.7 89.0 85.0 5.0 5.0 53.0 65.1 58.9 61.2 74.8 55.1 5.0 4.2 98.0 64.6 71.4 58.1 5.0 4.5 92.0 67.5 82.5 60.7 5.0 3.8 108 71.3 78.8 64.1 5.0 4.0 103 73.8 90.2 66.4 5.0 3.5 118 77.9 86.1 70.1 5.0 3.7 113 81.9 100 73.7 5.0 3.2 131 86.5 95.5 77.8 5.0 3.3 125 90.0 110 81.0 5.0 2.1 144 95.0 105 85.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 1.0 1.0 5.0 5.0 2.2 137 99.0 121 89.2 1.9 158 105 116 94.0 2.0 152 108 132 97.2 1.7 173 114 126 102 1.8 165 117 143 105 1.6 187 124 137 111 1.7 179 135 165 121 1.4 215 143 158 128 1.4 207 144 176 130 1.3 230 152 168 136 1.4 219 153 187 138 1.2 244 162 179 145 1.3 234 162 198 146 1.2 258 171 189 154 1.2 246 180 220 162 1.0 287 190 210 171 1.1 274 198 242 175 0.9 344 209 231 185 0.9 328 225 275 202 0.83 360 237 263 214 0.87 344 270 330 243 0.70 430 285 315 256 0.73 414 315 385 284 0.60 504 332 368 300 0.62 482 360 440 324 0.53 574 380 420 342 0.55 548 notes : 1. v br measured after i t applied for 300ms. i t = square pulse or equivalent. 2. for bidirectional use c or ca suffixs for all types (ex. p4fmaj6.8c,p4fmaj400ca) electrical characteristics apply in both directions. 3. for bidirectional types having v wm of 10 volts and less, the i d iimit is doubled. * * * * * * * * * * * * * * * * * * * * * * * * * * * * 4. mark" * " reverse power rating are 300w .
mounting pad layout rectron dimensions in inches and (millimeters) 0.060 min. (1.52 min.) 0.052 min. (1.32 min.) 0.220 0.094 max. (2.38 max.) (5.58) ref


▲Up To Search▲   

 
Price & Availability of P4FMAJ170-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X