Part Number Hot Search : 
AS179 IRF820A 4C08A C1413 R1004 UT138FE SC3004 TCC110
Product Description
Full Text Search
 

To Download MSRF860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 june, 2008 ? rev. 5 1 publication order number: msr860/d msr860, MSRF860 switchmode  soft recovery power rectifiers plastic to ? 220 package these state ? of ? the ? art devices are designed for use as free wheeling diodes in variable speed motor control applications and switching power supplies. features ? soft recovery with guaranteed low reverse recovery charge (q rr ) and peak reverse recovery current (i rrm ) ? 150 c operating junction temperature ? epoxy meets ul 94 v ? 0 @ 0.125 in ? low forward voltage ? low leakage current ? pb ? free package is available mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 600 v average rectified forward current (rated v r , t c = 125 c) i o 8.0 a peak repetitive forward current (rated v r , square wave, 20 khz, t c = 125 c) i frm 16 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a storage/operating case temperature t stg , t c ? 65 to +150 c operating junction temperature t j ? 65 to +150 c thermal characteristics parameter symbol value unit msr860 thermal resistance, junction ? to ? case thermal resistance, junction ? to ? ambient r  jc r  ja 1.6 72.8 c/w MSRF860 thermal resistance, junction ? to ? case thermal resistance, junction ? to ? ambient r  jc r  ja 4.75 75 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. device package shipping ordering information msr860 to ? 220ac to ? 220ac case 221b style 1 50 units/rail 3 4 1 soft recovery power rectifier 8.0 amperes, 600 volts 1 3 4 http://onsemi.com msr860g to ? 220ac (pb ? free) 50 units/rail marking diagrams a = assembly location y = year ww = work week g = pb ? free package ka = diode polarity ay wwg msr860 ka ay wwg MSRF860 ka MSRF860g to ? 220fp (pb ? free) 50 units/rail to ? 220 fullpak case 221e style 1 3 4 1
msr860, MSRF860 http://onsemi.com 2 electrical characteristics characteristic symbol value unit maximum instantaneous forward voltage (i f = 8.0 a) (note 1) maximum typical v f t j = 25 c t j = 150 c v 1.7 1.4 1.3 1.1 maximum instantaneous reverse current (v r = 600 v) maximum typical i r t j = 25 c t j = 150 c  a 10 2.0 1000 80 maximum reverse recovery time (note 2) (v r = 400 v, i f = 8.0 a, di/dt = 200 a/  s) maximum typical t rr t j = 25 c t j = 125 c ns 120 95 190 125 typical recovery softness factor (v r = 400 v, i f = 8.0 a, di/dt = 200 a/  s) s = t b /t a 2.5 3.0 maximum peak reverse recovery current (v r = 400 v, i f = 8.0 a, di/dt = 200 a/  s) i rrm 5.8 8.3 a maximum reverse recovery charge (v r = 400 v, i f = 8.0 a, di/dt = 200 a/  s) q rr 350 700 nc 1. pulse test: pulse width 380  s, duty cycle 2% 2. t rr measured projecting from 25% of i rrm to zero current typical electrical characteristics figure 1. typical forward voltage i f , instantaneous forward current (amps) v r , reverse voltage (volts) figure 2. typical reverse current v f , forward voltage drop (volts) t c , case temperature ( c) figure 3. current derating, case 100 10 600 400 300 200 100 100 10 1 1.9 1.3 0.9 0.5 1 160 120 40 0 2 4 6 14 0 i r , reverse current ( a) i f(av) , average forward current (amps) 500  0.1 10 8 12 t j = 150 c 100 c 25 c rated v r applied 80 dc square wave 1.7 1.1 0.7 1.5 t j = 150 c 100 c 25 c 125 c
msr860, MSRF860 http://onsemi.com 3 typical electrical characteristics t a , ambient temperature ( c) figure 4. current derating, ambient i f(av) , average forward current (amps) figure 5. power dissipation 160 120 40 0 3.0 2.5 2.0 1.5 1.0 0.5 0 14 8 4 0 16 14 12 10 2 0 i f(av) , average forward current (amps) p f(av) , average power dissipation (watts) 4 6 8 80 rated v r applied dc square wave 6 212 10 t j = 150 c dc square wave t figure 6. typical reverse recovery time figure 7. typical reverse recovery time di f /dt (a/  s) t di f /dt (a/  s) 100 500 160 20 0 , reverse recovery time (ns) rr 100 50 0 100 200 i figure 8. typical peak reverse recovery current figure 9. typical peak reverse recovery current di f /dt (a/  s) i di f /dt (a/  s) 100 200 500 8 4 0 , peak reverse recovery current (amps) rrm 14 2 0 100 140 120 100 80 60 40 200 300 400 300 400 500 150 200 250 200 300 400 500 4 6 8 10 12 300 400 , reverse recovery time (ns) rr i f = 16 a 8 a 4 a t j = 25 c v r = 400 v i f = 16 a 8 a 4 a t j = 125 c v r = 400 v 6 2 , peak reverse recovery current (amps) rrm i f = 16 a 8 a 4 a t j = 25 c v r = 400 v i f = 16 a 8 a 4 a t j = 125 c v r = 400 v
msr860, MSRF860 http://onsemi.com 4 typical electrical characteristics q figure 10. typical reverse recovery charge figure 11. typical reverse recovery charge di f /dt (a/  s) di f /dt (a/  s) 100 300 500 200 100 0 700 200 0 100 200 300 400 500 400 200 300 250 150 350 50 , reverse recovery charge (nc) rr i f = 16 a 8 a 4 a t j = 25 c v r = 400 v i f = 16 a 8 a 4 a t j = 125 c v r = 400 v 400 300 500 100 600 900 800 q , reverse recovery charge (nc) rr e figure 12. typical switching off losses figure 13. typical switching off losses di f /dt (a/  s) dl f /dt (a/  s) 100 90 10 0 100 50 0 100 200 300 400 500 20 30 40 50 60 70 80 , switching off losses ( j)  off 200 300 400 500 i f = 16 a 8 a 4 a t j = 25 c v r = 400 v 200 150 250 i f = 16 a 8 a 4 a t j = 125 c v r = 400 v e , switching off losses ( j)  off figure 14. thermal response (msr860) t, time (ms) 0.1 1.0 0.01 1.0 10 100 1000 0.1 r(t), transient thermal response 0.01 (normalized) z  jc (t) = r(t) r  jc r  jc = 1.6 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z  jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 0.1 0.05 0.01 single pulse
msr860, MSRF860 http://onsemi.com 5 figure 15. thermal response, (MSRF860) junction ? to ? case (r  jc ) t, time (s) 0.1 10 0.001 1.0 10 100 1000 0.1 0.000001 z  jc (t) = r(t) r  jc r  jc = 1.6 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z  jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 0.1 0.05 0.01 single pulse 0.2 0.02 1.0 0.01 0.01 0.001 0.0001 0.00001 r(t), transient thermal response (normalized) ( c/w) figure 16. thermal response, (MSRF860) junction ? to ? ambient (r  ja ) t, time (s) 0.1 100 0.001 1.0 10 100 1000 0.1 0.000001 z  jc (t) = r(t) r  jc r  jc = 1.6 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z  jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 0.1 0.05 0.01 single pulse 0.2 0.02 1.0 0.01 0.01 0.001 0.0001 0.00001 r(t), transient thermal response (normalized) ( c/w) 10
msr860, MSRF860 http://onsemi.com 6 package dimensions to ? 220 two ? lead case 221b ? 04 issue e style 1: pin 1. cathode 2. n/a 3. anode 4. cathode b r j d g l h q t u a k c s 4 13 dim min max min max millimeters inches a 0.595 0.620 15.11 15.75 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.82 d 0.025 0.035 0.64 0.89 f 0.142 0.161 3.61 4.09 g 0.190 0.210 4.83 5.33 h 0.110 0.130 2.79 3.30 j 0.014 0.025 0.36 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.14 1.52 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.14 1.39 t 0.235 0.255 5.97 6.48 u 0.000 0.050 0.000 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. f to ? 220 fullpak, 2 ? lead case 221e ? 01 issue a ? b ? ? y ? seating plane ? t ? r c s u j a f q h k g n l d 2 pl m b m 0.25 (0.010) y notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 0.617 0.633 15.67 16.07 b 0.392 0.408 9.96 10.36 c 0.177 0.193 4.50 4.90 d 0.024 0.039 0.60 1.00 f 0.121 0.129 3.08 3.28 g h 0.117 0.133 2.98 3.38 j 0.018 0.025 0.45 0.64 k 0.499 0.562 12.68 14.27 l 0.045 0.060 1.14 1.52 n q 0.122 0.138 3.10 3.50 r 0.101 0.117 2.56 2.96 s 0.092 0.108 2.34 2.74 u 0.255 0.271 6.48 6.88 style 1: pin 1. cathode 2. n/a 3. anode 1 23 0.100 bsc 0.200 bsc 2.54 bsc 5.08 bsc on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. msr860/d switchmode is a trademark of semiconductor components industries, llc. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MSRF860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X