Part Number Hot Search : 
RSC164I RT7285C M62338P Q2406 EPC1086H CS82C55A NTC10D9 UPD43256
Product Description
Full Text Search
 

To Download MMAD1103-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmad series steering diode array 1 05136.r9 10/07 www.protekdevices.com applications ? high frequency data lines ? rs-232 & rs-422 interface networks ? ethernet - 10/100 base t ? computer i/o ports iec compatibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns ? 61000-4-5 (surge): 12a, 8/20s level 1(line-ground) & level 2(line-line) features ? 500 milliwatt continuous power dissipation ? esd protection > 40 kilovolts ? monolithic design ? provides protection for 7-10 i/o lines ? working voltage > 50 volts ? low leakage current < 0.1a ? ultra low capacitance: 5pf per diode ? rohs compliant mechanical characteristics ? molded jedec so-14 package ? weight 0.15 grams (approximate) ? available in lead-free pure-tin plating(annealed) ? solder reflow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? 16mm tape and reel per eia standard 481 ? marking: logo, part number, date code & pin one defined by dot on top of package 05136 pin configuration so-14 + gnd or (-) i/o port
mmad series 2 05136.r9 10/07 www.protekdevices.com device characteristics continuous forward current (single diode) symbol v alue 700 ma ma 400 units i p i frm parameter repetitive peak forward current @ t p = 5s, f = 50khz continuous power dissipation p pk 500 milliwatts maximum ratings @ 25c unless otherwise specified operating temperature t a -55 to 150 c storage temperature c -55 to 150 t stg note 1: device types include: mmad130, mmad1103, mmad1105, mmad1106, mmad1107 and mmad1109. electrical characteristics apply to all device types. part number repetitive peak reverse voltage @ 10a v rrm volts maximum forward peak pulse current @ 8/20s i fm amps maximum forward voltage @ 100ma v f volts maximum reverse leakage current v rrm @ 40v i r a maximum capacitance (per diode) @ 4v, 1mhz c j pf see note 1 50 12 1.2 0.1 5 electrical characteristics per line @ 25c unless otherwise specified t - time - s 0 5 10 15 20 25 30 0 20 40 60 80 100 120 i pp - peak pulse current - % of i pp test waveform parameters t f = 8s t d = 20s t f peak value i pp e -t t d = t i pp /2 figure 1 pulse wave form
mmad series 3 05136.r9 10/07 www.protekdevices.com          
 dual 10 diode array 10 lines of protection mmad130 2 3 5 7 8 9 11 12 14 mmad1106 8 diode common anode array nc pin 1, 4, 6, 10 & 13 8 lines of protection 2 3 5 7 8 9 11 12 1 14 16 diode array nc pins 4, 6, 10 & 13 8 lines of protection mmad1103 2 311124 5 910 1 8 7 14 mmad1107 dual 8 diode array nc pins 6 & 13 8 lines of protection 7 854321 8 9 10 11 12 13 14 7 isolated diode array (independent) 7 lines of protection mmad1109 2 3 5 7 8 9 11 12 14 8 diode common ca thode array nc pins 1, 4, 6, 10 & 13 8 lines of protection mmad1105 pin configurations
mmad series 4 05136.r9 10/07 www.protekdevices.com so-14 package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the s election or specifications of such products. protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www.protekdevices.com outline & dimensions: rev 2 - 10/07, 06006 notes 1. - t - = seating plane and datum surface. 2. dimensions ?a? and ?b? are datum. 3. dimensions ?a? and ?b? do not include mold protrusions. 4. maximum mold protrusion is 0.015? (0.380 mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold flash and metal burrs. package outline so-14 mounting pad -a- -b- p d- g -t- k c j r x 45o 0o - 10o f 0.010? (0.25 mm) m b m 7 pl 0.010? (0.25 mm) s b m 8 pl t a s 14 8 7 1 0.050? typ 0.030? 0.005? 0.245? min 0.160? 0.005? 0.045? 0.005? a b c d f g j k p r 8.75 4.00 1.75 0.49 1.25 1.27 bsc 0.25 0.25 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.05 bsc 0.008 0.004 0.229 0.010 0.344 0.157 0.068 0.019 0.049 0.05 bsc 0.009 0.009 0.244 0.019 8.55 3.80 1.35 0.35 0.40 1.27 bsc 0.19 0.10 5.80 0.25 dim min max min max millimeters inches package dimensions tape & reel/bulk ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia-481. 2. suffix-t7 = 7 inch reel - 1,000 pieces per 16mm tape, i.e., mmad1 107-t7. 3. suffix-t13 = 13 inch reel - 2,500 pieces per 16mm tape, i.e., mmad1107-t13. 4. suffix - lf = lead-free, pure-tin plating, i.e., mmad1 107-lf-t13. 5. no suffix = product shipped in tubes of 55 pcs per tube.


▲Up To Search▲   

 
Price & Availability of MMAD1103-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X