|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
d a t a sh eet supersedes data of november 2000 2002 feb 01 ferroxcube multilayer suppressors emi-suppression products
2002 feb 01 2 ferroxcube emi-suppression products multilayer suppressors multilayer suppressors are a powerful solution for emi/rfi attenuation for electronic equipment. supplied in seven standard sizes (0402, 0603, 0805, 1206, 1210, 1806 and 1812), they have impedances between 6 and 2 000 ? at 100 mhz. when installed in series with signal and/or pow er circuits, high frequency noise is suppressed. there is no need for ground termination, which makes these devices very suitable for circuits with difficult ground. typical suppression frequencies range fr om 10 mhz to 1 000 mhz and rated currents are between 0.1 and 6 a. multilayer suppressors are specially desi gned to reduce noise in low impedance circuits while keeping the signal free from distortion. this is because at the interfering frequencies these components behave as a resistor. the high frequency noise is converted into heat rather than reflected to the source. this dissipation prevents ringing and parasitic o scillations. these characteristics can be used for many different purposes: ? absorption of generated noise. ? filtering and wave-shape correction of digital signals from high speed clock oscillators. ? prevention of high frequenc y interference entering circuit electronics. features ? monolithic structure for closed magnetic path and highreliability ? standard eia and eiaj sizes: 0402, 0603, 0805, 1206, 1210, 1806 and 1812 ? high impedance per volume which leads to effective high density circuits ? suitable for wave and reflow soldering ? wide range of impedance values ? superior physi cal properties ? available in standard eia and eiaj tape-and-reel ? operating temperature -40c to +125c ? 100% sorting out on impedance main applications areas for multilayer suppressors are: ? computer and peripheral equipment: mother board, notebook, cd-rom, dvd-rom, cd-rw, scanner, hard disc, vga card, sound card, lcd monitor, printer, pc server thumb drive, pcmcia card, graphic card, etc. ? network: lan card, hub, swit cher, router set top box, etc. ? telecom: cell phone, adsl, wired modem, cable modem, isdn, gps satellite receiver, etc. ? consumer: walkman, walkdisc, digital still camera (dsc), sound system, hdtv, projector, dvd player, vcd player, tuner for tv, cable modem, etc. to help designers in the tria l and error process of finding the most suitable suppression component, we offer a sample box with a selection of products. ordering code: samplebox12 multilayer suppressors 2002 feb 01 3 ferroxcube emi-suppression products type number structure type numbers for thes e products consist of the following: ? product type ? size ? impedance. product type mls: multilayer suppressor. mlp: multilayer power beads. mln: multilayer narrow band. size 0402: 1.0 0.5 0.5 mm 0603: 1.6 0.8 0.8 mm 0805: 2.0 1.25 0.9 mm 1206: 3.2 1.6 1.1 mm 1210: 3.2 2.5 1.3 mm 1806: 4.5 1.6 1.6 mm 1812: 4.5 3.2 1.5 mm. impedance value expressed in ohms ( ? ) first two digits ar e significant figures last digit is the number of zeros to follow. e xamples 600: 60 ? 101: 100 ? 121: 120 ? 151: 150 ? 301: 300 ? 102: 1000 ? multilayer suppressor mls0603-4s7-600 multilayer power bead mlp0603-121 multilayer narrow band mln0603-601 standard products are deliver ed taped on reel and have a tolerance on impedance of 25%. type size internal code impedance mls 0603 4s7 60 type size impedance mlp 0603 120 type size impedance mln 0603 600 multilayer suppressors 2002 feb 01 4 ferroxcube emi-suppression products multilayer suppressors a b c d mfw041 fig.0 outline of mls-mlp-mln. product dimensions of multilayer suppressors mls - mlp - mln sizeabcd mass (mg) 0402 1.0 0.15 0.5 0.15 0.5 0.15 0.25 0.15 1 0603 1.6 0.20 0.8 0.15 0.8 0.15 0.4 0.20 5 0805 2.0 0.20 1.25 0.20 0.9 0.20 0.5 0.30 11 1206 3.2 0.20 1.6 0.20 1.1 0.20 0.5 0.30 28 1210 3.2 0.20 2.5 0.20 1.3 0.20 0.5 0.30 50 1806 4.5 0.25 1.6 0.20 1.6 0.20 0.5 0.30 55 1812 4.5 0.25 3.2 0.20 1.5 0.20 0.5 0.30 100 multilayer suppressors 2002 feb 01 5 ferroxcube emi-suppression products mu ltilayer suppressors product specifications multilayer suppressors mls size |z typ | at 100 mhz ( ? ) r dc max. ( ? ) i max. (ma) type number 0402 6 25% 0.05 500 mls0402-4s4-060 10 25% 0.05 500 mls0402-4s4-100 40 25% 0.3 300 mls0402-4s4-400 80 25% 0.4 200 mls0402-4s4-800 120 25% 0.5 200 mls0402-4s4-121 240 25% 0.5 200 mls0402-4s4-241 480 25% 0.8 100 mls0402-4s4-481 0603 11 25% 0.05 500 mls0603-4s4-110 19 25% 0.08 500 mls0603-4s4-190 30 25% 0.1 400 mls0603-4s7-300 40 25% 0.1 400 mls0603-4s7-400 60 25% 0.1 300 mls0603-4s7-600 80 25% 0.15 300 mls0603-4s7-800 100 25% 0.25 250 mls0603-4s7-101 120 25% 0.3 250 mls0603-4s7-121 150 25% 0.3 250 mls0603-4s7-151 220 25% 0.3 200 mls0603-4s7-221 300 25% 0.35 230 mls0603-4s7-301 450 25% 0.5 200 mls0603-4s7-451 600 25% 0.45 210 mls0603-4s7-601 750 25% 0.7 200 mls0603-4s7-751 1000 25% 0.6 190 mls0603-4s7-102 1500 25% 1 50 mls0603-4s4-152 0805 7 25% 0.1 600 mls0805-4s4-070 9 25% 0.1 600 mls0805-4s4-090 11 25% 0.1 600 mls0805-4s4-110 17 25% 0.1 500 mls0805-4s4-170 30 25% 0.1 600 mls0805-4s4-300 60 25% 0.1 600 mls0805-4s4-600 70 25% 0.15 500 mls0805-4s7-700 80 25% 0.15 500 mls0805-4s7-800 120 25% 0.2 400 mls0805-4s7-121 150 25% 0.25 200 mls0805-4s7-151 220 25% 0.3 300 mls0805-4s7-221 300 25% 0.3 200 mls0805-4s7-301 400 25% 0.3 300 mls0805-4s7-401 500 25% 0.4 300 mls0805-4s7-501 600 25% 0.3 200 mls0805-4s7-601 750 25% 0.5 200 mls0805-4s4-751 2002 feb 01 6 ferroxcube emi-suppression products mu ltilayer suppressors note 1. at 50 mhz 2. at 30 mhz rdc: resistance of component for dc current. maximum rated current: measure of current capacity of the component. when the maximum rated current is applied, temperature rise shall not exceed 20c. standard tolerance on impedance is 25%. other tolerances can be provided upon request. operating temperature: -40c to +125c. 0805 1000 25% 0.5 200 mls0805-4s7-102 1500 (1) 25% 0.6 200 mls0805-4s7-152 2000 25% 0.8 100 mls0805-4s4-202 1206 19 25% 0.05 600 mls1206-4s4-190 26 25% 0.05 600 mls1206-4s4-260 30 25% 0.1 600 mls1206-4s4-300 50 25% 0.1 500 mls1206-4s4-500 60 25% 0.1 500 mls1206-4s4-600 70 25% 0.1 600 mls1206-4s4-700 90 25% 0.15 500 mls1206-4s4-900 120 25% 0.15 500 mls1206-4s4-121 150 25% 0.15 500 mls1206-4s4-151 200 25% 0.2 400 mls1206-4s4-201 400 25% 0.2 400 mls1206-4s4-401 500 25% 0.2 400 mls1206-4s4-501 600 25% 0.3 400 mls1206-4s4-601 1000 25% 0.4 200 MLS1206-4S7-102 1200 (1 ) 25% 0.4 200 mls1206-4s7-122 2000 (2) 25% 0.6 200 mls1206-4s7-202 1210 32 25% 0.2 500 mls1210-4s4-320 60 25% 0.2 500 mls1210-4s4-600 90 25% 0.2 500 mls1210-4s4-900 1806 50 25% 0.2 600 mls1806-4s4-500 60 25% 0.2 600 mls1806-4s4-600 80 25% 0.1 600 mls1806-4s4-800 100 25% 0.3 500 mls1806-4s4-101 150 25% 0.2 500 mls1806-4s4-151 170 25% 0.3 500 mls1806-4s4-171 1812 70 25% 0.3 500 mls1812-4s4-700 120 25% 0.3 500 mls1812-4s4-121 size |z typ | at 100 mhz ( ? ) r dc max. ( ? ) i max. (ma) type number 2002 feb 01 7 ferroxcube emi-suppression products mu ltilayer suppressors product specifications multilayer power beads mlp size |z typ | at 100 mhz ( ? ) r dc max. ( ? ) i max. (ma) type number 0603 11 25% 0.02 4000 mlp0603-110 25 25% 0.03 3000 mlp0603-250 40 25% 0.035 3000 mlp0603-400 60 25% 0.04 2500 mlp0603-600 120 25% 0.05 1800 mlp0603-121 300 25% 0.1 2000 mlp0603-301 500 25% 0.15 1500 mlp0603-501 600 25% 0.2 1000 mlp0603-601 1000 25% 0.25 800 mlp0603-102 0805 11 25% 0.01 6000 mlp0805-110 17 25% 0.02 5000 mlp0805-170 30 25% 0.02 4000 mlp0805-300 60 25% 0.03 3000 mlp0805-600 80 25% 0.04 3000 mlp0805-800 120 25% 0.04 3000 mlp0805-121 200 25% 0.05 2500 mlp0805-201 300 25% 0.08 2000 mlp0805-301 600 25% 0.1 2000 mlp0805-601 1000 25% 0.12 1500 mlp0805-102 1206 19 25% 0.015 6000 mlp1206-190 32 25% 0.015 4000 mlp1206-320 50 25% 0.02 4000 mlp1206-500 70 25% 0.025 3000 mlp1206-700 80 25% 0.025 3000 mlp1206-800 100 25% 0.03 2500 mlp1206-101 300 25% 0.06 2000 mlp1206-301 600 25% 0.1 1800 mlp1206-601 1000 (1) 25% 0.15 1500 mlp1206-102 1200 (1) 25% 0.18 1500 mlp1206-122 1500 (1) 25% 0.2 1200 mlp1206-152 1210 60 25% 0.025 4000 mlp1210-600 90 25% 0.025 3000 mlp1210-900 1806 50 25% 0.02 6000 mlp1806-500 60 25% 0.02 5000 mlp1806-600 80 25% 0.025 4000 mlp1806-800 150 25% 0.1 2000 mlp1806-151 1812 70 25% 0.03 6000 mlp1812-700 120 25% 0.03 4000 mlp1812-121 2002 feb 01 8 ferroxcube emi-suppression products mu ltilayer suppressors product specifications multilayer narrow band mln size |z typ | at 100 mhz ( ? ) r dc max. ( ? ) i max. (ma) type number 0603 6 25% 0.05 500 mln0603-060 10 25% 0.07 400 mln0603-100 40 25% 0.30 300 mln0603-400 80 25% 0.40 300 mln0603-800 120 25% 0.40 300 mln0603-121 240 25% 0.40 200 mln0603-241 300 25% 0.50 200 mln0603-301 480 25% 0.60 150 mln0603-481 600 25% 0.60 100 mln0603-601 0805 6 25% 0.07 800 mln0805-060 11 25% 0.10 700 mln0805-110 26 25% 0.20 600 mln0805-260 32 25% 0.20 600 mln0805-320 60 25% 0.30 500 mln0805-600 75 25% 0.30 500 mln0805-750 90 25% 0.30 500 mln0805-900 120 25% 0.40 400 mln0805-121 150 25% 0.40 400 mln0805-151 170 25% 0.50 400 mln0805-171 220 25% 0.50 300 mln0805-221 300 25% 0.50 300 mln0805-301 400 25% 0.50 300 mln0805-401 500 25% 0.50 200 mln0805-501 600 25% 0.50 200 mln0805-601 1000 25% 0.60 100 mln0805-102 1200 25% 0.70 100 mln0805-122 1500 25% 0.70 100 mln0805-152 1206 32 25% 0.20 600 mln1206-320 60 25% 0.30 500 mln1206-600 80 25% 0.30 500 mln1206-800 90 25% 0.30 500 mln1206-900 120 25% 0.40 400 mln1206-121 150 25% 0.40 400 mln1206-151 200 25% 0.50 300 mln1206-201 220 25% 0.50 300 mln1206-221 350 25% 0.60 300 mln1206-351 400 25% 0.60 300 mln1206-401 600 25% 0.80 300 mln1206-601 1200 25% 1.00 200 mln1206-122 2002 feb 01 9 ferroxcube emi-suppression products mounting soldering profiles preheat 100 sec max. soldering 10 sec max. natural cooling 60 sec min. 230 o c 200 o c 150 o c 20 sec max. mfw03 8 fig.1 reflow soldering. typical values (solid line). process limits (dotted lines). preheat 100 sec max. soldering 10 sec max. natural cooling 60 sec min. 250 o c 150 o c mfw037 fig.2 double wave soldering. typical values (solid line). process limits (dotted lines). multilayer suppressors 2002 feb 01 10 ferroxcube emi-suppression products dimensions of solderlands b a c mfw036 fig.3 recommended dimensions of solder lands. for dimensions see table 1. table 1 solder land dimensions for mls, mlp and mln types; see fig.3 size footprint dimensions (mm) abc 0402 1.2 ? 1.4 0.4 0.4 0603 2.4 ? 3.4 0.8 0.6 0805 3.0 ? 4.0 1.2 1.0 1206 4.2 ? 5.2 2.0 1.2 1210 5.5 ? 6.5 2.0 1.8 1806 5.5 ? 6.5 3.0 1.2 1812 5.5 ? 6.5 3.0 2.4 multilayer suppressors 2002 feb 01 11 ferroxcube emi-suppression products blister tape and reel dimensions table 2 dimensions of blister tape for relevant product size code; see fig.4 material blister tape: ? sizes 0402 and 0603: paper ? other sizes: polystyrene material cover film: ? polyethylene dimension product size code 0402 0603 0805 1206 1210 1806 1812 a 0.65 0.975 1.54 1.94 2.80 1.94 3.64 b 1.15 1.8 2.32 3.54 3.42 4.94 4.94 t 0.7 1.05 1.15 1.29 1.64 1.90 1.80 w 8.0 8.0 8.0 8.0 8.0 12 12 p 2.0 4.0 4.0 4.0 4.0 4.0 8.0 f 3.5 3.5 3.5 3.5 3.5 5.5 5.5 k - - 0.2 0.2 0.2 0.3 0.3 tape fig.2211111 fig.1 fig.2 4 0.1 2 0.05 1.75 0.1 k 0.05 t 0.05 t 0.05 p 0.1 a 0.1 w 0.2 f 0.05 b 0.1 carrier tape: polystyrene cover tape: polyethylene 160 min. 330 min. blank part chip mounting part leader blank cover tape mfw061 fig.4 blister tape. for dimensions see table 2. multilayer suppressors 2002 feb 01 12 ferroxcube emi-suppression products table 3 reel dimensions; see fig.5 table 4 packing quantities dimension product size code 0402 0603 0805 1206 1210 1806 1812 a 178 178 178 178 178 178 178 b 60606060606060 c 10101010101414 d 2222222 product size code 0402 0603 0805 1206 1210 1806 1812 pcs./reel 10 000 4 000 4 000 3 000 2 500 2 000 1 000 13 0.5 21 0.8 d 0.5 b 1 a 2 2 0.5 1.0 c 1 mfw039 fig.5 reel. dimensions in mm. for dimensions see table 3. 2002 feb 01 13 ferroxcube emi-suppression products mu ltilayer suppressors data sheet status definitions disclaimer life support applications ? these products are not designed for use in li fe support appliances, devices, or systems where malfunction of these products c an reasonably be expected to result in per sonal injury. ferroxcube customers using or selling these products for use in such applications do so at their ow n risk and agree to full y indemnify ferroxcube for any damages resulting from such application. product status definitions data sheet status product status definitions preliminary specification development this data sheet contains prelim inary data. ferroxcube reserves the right to make changes at any time without not ice in order to improve design and supply the best possible product. product specification production this data sheet contains final specificati ons. ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. status indication definition prototype these are products that have been made as development samples for the purposes of technical evaluation only. the data for thes e types is provisional and is subject to change. design-in these products are recommended for new designs. preferred these products are recommended for use in cu rrent designs and are available via our sales channels. support these products are not recommended for new designs and may not be available through all of our sales channels. customers are advised to chec k for availability. |
Price & Availability of MLS1206-4S7-102 |