Part Number Hot Search : 
E1C47 PA1810 N1A4M 2N4921G B176H 160808 4743A 40007
Product Description
Full Text Search
 

To Download M3391-FREQ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal oscillators hcmos/ttl 3.3v half size d.i.l. h package h1380, h1381, h1382, h1388, h1389 h3390, h3391, h3392, h3398, h3399 full size d.i.l. m package m1380, m1381, m1382, m1388, m1389 m3390, m3391, m3392, m3398, m3399 features frequency from 1 khz to 125 mhz choice of thru-hole packages dil full size (?? half size dil (?? gull wing smd tristate option available very low power when tristated start up time less than 5 ms stability options from ?00 ppm to ?0 ppm guaranteed start-up with ramping dc supply ? 45/55 symmetry is standard internal bypass capacitor delivers superior waveform characteristics output jitter from positive edge to positive edge is 50 ps rms max typical applications any thru-hole pcb that requires a standard hcmos/ttl 3.3v clock, including microprocessors and microcontrollers. description our thru-hole fixed frequency 3.3 volt oscillators embody 25 years of design and manufacturing know-how. they are available in full size and half size pack- age, all hermetically sealed with welded stainless steel cover. these 3.3v oscilla- tors are intended for new designs that take advantage of their low dissipation and reduced temperature rise. they cover 0? to 70? operation and provide frequency selection from 1 khz to 125 mhz and have excellent long-term relia- bility, plus superior startup, loading and waveshape characteristics. connections ?all models pin 1 1 not used floating or 1 : oscillator runs ground or 0 : disable or tristate full half m1380 s size size h1380 s m3390 s, h3390 s tristate pin 7 4 ground and case pin 8 5 output pin 14 8 +3.3v, v dd ??package??package .600 ? .005 .800 ? .005 .018 ? .001 dot denotes pin 1 pin 7 pin 8 pin 1 pin 14 glass insulators (4) .400 .300 ? .005 .060 typ .215 max .200 max .15 min .300 ?. 005 .250 max .150 .008/025 .500 ? .005 .100 ? .005 dot denotes pin 1 .018 .2 max .160 .2 max .300 .52 max square .300 14 85 h package with gull wing m package with gull wing .600 ? .005 .800 ? .005 .018 ? .001 dot denotes pin 1 pin 7 pin 8 pin 1 glass insulators (4) on .48 x .18 ctrs. .270 max .200 max .300 ? . 005 .520 ? .005 pin 14 dot denotes pin 1 .018 .200 max .070 .300 .52 max square .300 4 5 18 +.004 +.004 glass insulators (4) 1 of 2 thru-hole / gull wing commercial: 0?to 70? fixed frequency, 1 khz to 125 mhz tristate, 32.768 khz to 125 mhz inte r national sales: + 1.914-712-2200 ? usa sales: +1.800.331.1236 ? fax: 914.712.2290 ? ww w .mfelect r onics.com ? email:sales@mfelect r onics.com electronics 10 commerce dr ? new rochelle ny 10801
half size d.i.l. h package h1380, h1381, h1382, h1388, h1389 h3390, h3391, h3392, h3398, h3399 full size d.i.l. m package m1380, m1381, m1382, m1388, m1389 m3390, m3391, m3392, m3398, m3399 unless customer-specific terms and conditions are signed by an officer of mf electronics, the sale of this and all mf electronics products are subject to terms and conditions set forth at www.mfelectronics.com/terms crystal oscillators hcmos/ttl 3.3v thru-hole /gull wing commercial: 0?to 70? fixed frequency, 1 khz to 125 mhz tristate, 32.768 khz to 125 mhz electrical specifications frequency range fixed output 1khz to 125 mhz tristate 32.768 khz to 125 mhz frequency stability includes calibration at 25?, operating temperature, change of input voltage, change of load, shock and vibration. min typ max units i nput voltage, v dd 3.0 3.3 3.6 volts input current 1 khz to 10 mhz 8 14 ma 10.1 to 25 mhz 15 20 ma 25.1 to 50 mhz 20 30 ma 50.1 to 75 mhz 25 35 ma 75.1 to 125 mhz 30 40 ma output levels ??level, sinking 16 ma 0.4 volts ??level, sourcing 8 ma v dd -.4 0.5 volts rise and fall times cmos, 15 pf, 20 to 80% (<60 mhz) 3.0 4 ns cmos, 30 pf, 20 to 80% (<60 mhz) 4.0 5 ns cmos, 50 pf, 20 to 80% (<60 mhz) 6.0 8 ns cmos, 15 pf, 20 to 80% (>60 mhz) 2.0 2.5 ns cmos, 30 pf, 20 to 80% (>60 mhz) 3.0 4.5 ns symmetry cmos, @ 50% v dd 48/52 45/55 percent jitter from positive edge to positive edge 50 ps rms aging first year 3 ppm after first year 1 ppm/yr input requirements for pin 1.: ?? on ?pin 1 may float or 2.4v min., sourcing 400 microamp ?? tristate ?pin 1 requires 0.4v, sinking 400 microamp how to order for part number, put package type before model number, and add frequency in mhz, for example: 100% 0.4v 1.4v 50% ? level ? level v dd ?4v t r t f 40-60% cmos 40-60% ttl at 1.4v waveforms 1 (1) (8) (4) (5) 14 7 8 load ma gnd imf 3.3v power supply fet probe 350 mhz scope y-output counter v dd enable disable one or zero to adapt fet probe to receptacle use tektronix part #103-0164-00 to connect output to scope use use tektronix part #131-0258-00 (receptacle) half can connectors shown in ( ). all oscillators have internal bypass capacitors test circuit v dd m is full size dil h is half size dil 1387 is model type m 1387-44.736m 44.736 m frequency in mhz leave blank for straight leads add g for gullwing environmental specifications temperature operating 0 ? to 70 ? c storage -55 ? to +125 ? c shock 1000 gs, 0.35 ms, 1/2 sine wave, 3 shocks in each plane vibration 10-2000 hz of .06" d.a. or 20 gs, whichever is less humidity resistant to 85 ? r.h. at 85 ? c mechanical specifications leak mil std 883, m ethod 1014, condition a1 pins kovar, nickel plated with 60/40 solder coat bend test will withstand two bends of 90 ? from reference header steel, with nickel plate case stainless steel, type 304 marking epoxy ink or laser engraved resistance to solvents mil std 202, method 215 fixed frequency output tristate stability 1380 3390 100 ppm 1381 3391 25 ppm 1382 3392 50 ppm 1388 3398 20 ppm 1389 3399 32 ppm 2 of 2 ss# rev. m1380 a inte r national sales: + 1.914-712-2200 usa sales: +1.800.331.1236 fax: 914.712.2290 ww w .mfelect r onics.com email:sales@mfelect r onics.com electronics 10 commerce dr new rochelle ny 10801


▲Up To Search▲   

 
Price & Availability of M3391-FREQ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X