Part Number Hot Search : 
BT301 IT122 MSAU125 IT122 FDLL923 8NQ11 TN6157 IV1224SA
Product Description
Full Text Search
 

To Download M1MA151KT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 motorola smallsignal transistors, fets and diodes device data     these silicon epitaxial planar diodes are designed for use in ultra high speed switching applications. these devices are housed in the sc59 package which is designed for low power surface mount applications. ? fast t rr , < 3.0 ns ? low c d , < 2.0 pf ? available in 8 mm tape and reel use m1ma151/2kt1 to order the 7 inch/3000 unit reel. use m1ma151/2kt3 to order the 13 inch/10,000 unit reel. maximum ratings (t a = 25 c) rating symbol value unit reverse voltage m1ma151kt1 v r 40 vdc m1ma152kt1 80 peak reverse voltage m1ma151kt1 v rm 40 vdc m1ma152kt1 80 forward current i f 100 madc peak forward current i fm 225 madc peak forward surge current i fsm (1) 500 madc thermal characteristics rating symbol max unit power dissipation p d 200 mw junction temperature t j 150 c storage temperature t stg 55 to + 150 c electrical characteristics (t a = 25 c) characteristic symbol condition min max unit reverse voltage leakage current m1ma151kt1 i r v r = 35 v e 0.1 m adc m1ma152kt1 v r = 75 v e 0.1 forward voltage v f i f = 100 ma e 1.2 vdc reverse breakdown voltage m1ma151kt1 v r i r = 100 m a 40 e vdc m1ma152kt1 80 e diode capacitance c d v r = 0, f = 1.0 mhz e 2.0 pf reverse recovery time t rr (2) i f = 10 ma, v r = 6.0 v, r l = 100 w , i rr = 0.1 i r e 3.0 ns 1. t = 1 sec 2. t rr test circuit thermal clad is a trademark of the bergquist company preferred devices are motorola recommended choices for future use and best overall value. order this document by m1ma151kt1/d


 semiconductor technical data       sc59 package single silicon switching diodes 40/80 v100 ma surface mount motorola preferred devices case 318d03, style 2 sc59 2 1 3 ? motorola, inc. 1996 cathode 3 2 anode 1 no connection rev 3
  2 motorola smallsignal transistors, fets and diodes device data a r l t r t p t 10% 90% v r t p = 2 m s t r = 0.35 ns i f t rr t i rr = 0.1 i r i f = 10 ma v r = 6 v r l = 100 w recovery time equivalent test circuit input pulse output pulse mh x marking symbol type no. 151k 152k symbol mh mi device marking e example the axo represents a smaller alpha digit date code. the date code indicates the actual month in which the part was manufactured.
  3 motorola smallsignal transistors, fets and diodes device data minimum recommended footprint for surface mounted applications surface mount board layout is a critical portion of the total design. the footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. with the correct pad geometry, the packages will self align when subjected to a solder reflow process. mm inches 2.53.0 0.039 1.0 0.094 0.8 0.0980.118 2.4 0.031 0.95 0.037 0.95 0.037 sc59 power dissipation the power dissipation of the sc59 is a function of the pad size. this can vary from the minimum pad size for soldering to the pad size given for maximum power dissipation. power dissipation for a surface mount device is determined by t j(max) , the maximum rated junction temperature of the die, r q ja , the thermal resistance from the device junction to ambient; and the operating temperature, t a . using the values provided on the data sheet, p d can be calculated as follows: p d = t j(max) t a r q ja the values for the equation are found in the maximum ratings table on the data sheet. substituting these values into the equation for an ambient temperature t a of 25 c, one can calculate the power dissipation of the device which in this case is 200 milliwatts. p d = 150 c 25 c 625 c/w = 200 milliwatts the 625 c/w assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 200 milliwatts. another alternative would be to use a ceramic substrate or an aluminum core board such as thermal clad ? . using a board material such as thermal clad, a power dissipation of 400 milliwatts can be achieved using the same footprint. soldering precautions the melting temperature of solder is higher than the rated temperature of the device. when the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. ? always preheat the device. ? the delta temperature between the preheat and soldering should be 100 c or less.* ? when preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. when using infrared heating with the reflow soldering method, the difference should be a maximum of 10 c. ? the soldering temperature and time should not exceed 260 c for more than 10 seconds. ? when shifting from preheating to soldering, the maximum temperature gradient should be 5 c or less. ? after soldering has been completed, the device should be allowed to cool naturally for at least three minutes. gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. ? mechanical stress or shock should not be applied during cooling * soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
  4 motorola smallsignal transistors, fets and diodes device data solder stencil guidelines prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. a solder stencil is required to screen the optimum amount of solder paste onto the footprint. the stencil is made of brass or stainless steel with a typical thickness of 0.008 inches. the stencil opening size for the sc59 package should be the same as the pad size on the printed circuit board, i.e., a 1:1 registration. typical solder heating profile for any given circuit board, there will be a group of control settings that will give the desired heat pattern. the operator must set temperatures for several heating zones, and a figure for belt speed. taken together, these control settings make up a heating aprofileo for that particular circuit board. on machines controlled by a computer, the computer remembers these profiles from one operating session to the next. figure 1 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. this profile will vary among soldering systems but it is a good starting point. factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. this profile shows temperature versus time. the line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. the two profiles are based on a high density and a low density board. the vitronics smd310 convection/infrared reflow soldering system was used to generate this profile. the type of solder used was 62/36/2 tin lead silver with a melting point between 177 189 c. when this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. the components on the board are then heated by conduction. the circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints. step 1 preheat zone 1 arampo step 2 vent asoako step 3 heating zones 2 & 5 arampo step 4 heating zones 3 & 6 asoako step 5 heating zones 4 & 7 aspikeo step 6 vent step 7 cooling 200 c 150 c 100 c 50 c time (3 to 7 minutes total) t max solder is liquid for 40 to 80 seconds (depending on mass of assembly) 205 to 219 c peak at solder joint desired curve for low mass assemblies desired curve for high mass assemblies 100 c 150 c 160 c 170 c 140 c figure 1. typical solder heating profile
  5 motorola smallsignal transistors, fets and diodes device data package dimensions case 318d03 issue e s g h d c b l a 1 3 2 j k dim a min max min max inches 2.70 3.10 0.1063 0.1220 millimeters b 1.30 1.70 0.0512 0.0669 c 1.00 1.30 0.0394 0.0511 d 0.35 0.50 0.0138 0.0196 g 1.70 2.10 0.0670 0.0826 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.65 0.0493 0.0649 s 2.50 3.00 0.0985 0.1181 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. sc59 style 2: pin 1. n.c. 2. anode 3. cathode
  6 motorola smallsignal transistors, fets and diodes device data motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 m1ma151kt1/d   ?
on semiconductor - product catalog page 1 of 2 file:\\roarer\root\data13\imaging\bitting\cpl_mismatch\20000817\08162000_3\onsm\08032000\0,1824,products1_prodsum_base=m1ma151k,00.html 8/19/00 ? ? register ??|?? site index ??|?? contact us ??|?? home ??|?? china site ?? ? press room ? sales & distribution ? about us ? quality ? trade?shows ? investor relations ? employment products ??? product catalog ??? new products ??? on/cherry products ??? documentation ????? selector guide ????? on-line ordering ??? models ??? reliability data ??? pcn ??? samples search ????? order status ??? tech support ? ? product quick links ? associated documents item short desc size data sheet single silicon switching diode 87.2?kb?pdf ? device m1ma151k small signal switching diode ? ? these silicon epitaxial planar diodes are designed for use in ultra high speed switching applications. these devices are housed in the sc-59 package which is designed for low power surface mount applications. ? features: ? fast t rr , < 3.0 ns ? low c d , < 2.0 pf ? available in 8 mm tape and reel use m1ma151/2kt1 to order the 7 inch/3000 unit reel. use m1ma151/2kt3 to order the 13 inch/10,000 unit reel. ? ? orderable parts action orderable part short desc. package desc. pin count case outline status n/a m1ma151kt1 tape and reel sc-59 3 318d-04 active n/a m1ma151kt2 tape sc-59 3 318d-04 active
on semiconductor - product catalog page 2 of 2 file:\\roarer\root\data13\imaging\bitting\cpl_mismatch\20000817\08162000_3\onsm\08032000\0,1824,products1_prodsum_base=m1ma151k,00.html 8/19/00 and reel ? ? register ??|?? site index ??|?? contact us ??|?? home ??|?? china site ?? products ?|? press room ?|? sales ?|? about ?|? investor ?|? employment ? semiconductor components industries, l.l.c., 1999, 2000. all rights reserved. ?? terms of use.


▲Up To Search▲   

 
Price & Availability of M1MA151KT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X