Part Number Hot Search : 
X3241EA MPC9120 ACTR9001 S1021 00LVEL ZS4737A FDU85 12F67
Product Description
Full Text Search
 

To Download LLU1005-B3R3J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  llu1005 series multilayer ferrite chip inductor july 2002 1 ?2002 toko america, inc. all rights reserved printed in usa cf-258-llu1005 r-log0702a description the toko llu1005 series is a multilayer ferrite chip inductor designed for general-purpose signal line applications found in resonance circuitry, lc filter networks, and rf chokes. a proprietary ferrite material and advanced multilayer manufacturing process deliver excellent performance and exceptional reliability over an inductance range of 0.1 to 4.7 h. dimensions features ? eia standard 0402 footprint ? low profile: 0.55mm max. ? inductance range: 0.1 to 4.7 h ? integrated monolithic structure ? magnetically shielded minimizing crosstalk ? operating temperature: -40 c to +85 c ? reflow solderable type l (mm) w (mm) t (mm) a (mm) llu1005 1.0 0.5 0.5 0.05 0.5 0.05 0.25 0.1 temperature characteristics frequency characteristics llu 1005 - a r10 j tolerance (j= 5%, k= 10%) inductance material (ferrite) dimensions (lxw) type name pa rt numbering
llu1005 series multilayer ferrite chip inductor july 2002 2 ? 2002 toko america, inc. all rights reserved printed in usa cf-258-llu1005 r-log0702a electrical specifications type llu1005 toko part number rdc ( ? www.tokoam.com the information furnished by toko, inc. is believed to be accurate and reliable. however, toko reserves the right to make chan ges or improvements in the design, specification or manufacture of its products without further notice. toko does not assume any liability arising from the application or use of any product o r circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. no license is granted by implication or otherw ise under any patent or patent rights of toko, inc. * add tolerance to part number: j = 5%, k = 10%


▲Up To Search▲   

 
Price & Availability of LLU1005-B3R3J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X