Part Number Hot Search : 
SB150 TPS20 SB150 JSCA1 SMBJ5917 12020 SR162 SB150
Product Description
Full Text Search
 

To Download IPW60R099CPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPW60R099CPA coolmos tm power transistor features ? lowest figure-of-merit r on x q g ? ultra low gate charge ? extreme dv/dt rated ? high peak current capability ? automotive aec q101 qualified ? green package (rohs compliant) coolmos cpa is specially designed for: ? dc/dc converters for automotive applications maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c a t c =100 c pulsed drain current 1) i d,pulse t c =25 c avalanche energy, single pulse e as i d =11 a, v dd =50 v 800 mj avalanche energy, repetitive t ar 1),2) e ar i d =11 a, v dd =50 v avalanche current, repetitive t ar 1),2) i ar a mosfet d v /d t ruggedness d v /d t v ds =0...480 v v/ns gate source voltage v gs static v power dissipation p tot t c =25 c w operating temperature t j c storage temperature t stg mounting torque m3 and m3.5 screws 60 ncm value 31 19 93 1.2 11 50 20 -40 ... 150 255 -40 ... 150 v ds 600 v r ds(on),max 0.105 q g,typ 60 nc product summary pg-to247-3 type package marking IPW60R099CPA pg-to247-3 6r099a rev. 2.0 page 1 2010-02-15
IPW60R099CPA maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous diode forward current i s a diode pulse current 1) i s,pulse 93 reverse diode d v /d t 3) d v /d t 15 v/ns parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 0.5 k/w r thja leaded - - 62 soldering temperature, wavesoldering only allowed at leads t sold 1.6 mm (0.063 in.) from case for 10 s - - 260 c electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =250 a 600 - - v gate threshold voltage v gs(th) v ds = v gs , i d =1.2 ma 2.5 3 3.5 zero gate voltage drain current i dss v ds =600 v, v gs =0 v, t j =25 c --5a gate-source leakage current i gss v gs =20 v, v ds =0 v - - 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =18 a, t j =25 c - 0.09 0.105 v gs =10 v, i d =18 a, t j =150 c - 0.24 - gate resistance r g f =1 mhz, open drain - 1.3 - values thermal resistance, junction - ambient value t c =25 c 18 rev. 2.0 page 2 2010-02-15
IPW60R099CPA parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 2800 - pf output capacitance c oss - 130 - effective output capacitance, energy related 4) c o(er) - 130 - effective output capacitance, time related 5) c o(tr) - 340 - turn-on delay time t d(on) -10-ns rise time t r -5- turn-off delay time t d(off) -60- fall time t f -5- gate charge characteristics gate to source charge q gs -14-nc gate to drain charge q gd -20- gate charge total q g -6080 gate plateau voltage v plateau - 5.0 - v reverse diode diode forward voltage v sd v gs =0 v, i f =18 a, t j =25 c - 0.9 1.2 v reverse recovery time t rr - 450 - ns reverse recovery charge q rr -12-c peak reverse recovery current i rrm -70-a 1) pulse width t p limited by t j,max 2) repetitive avalanche causes additional power losses that can be calculated as p av = e ar * f. 3) i sd i d , d i /d t 100a/s, v dclink =400v, v peak < v (br)dss , t j < t jmax , identical low side and high side switch 4) c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss. 5) c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss. v r =400 v, i f = i s , d i f /d t =100 a/s values v gs =0 v, v ds =100 v, f =1 mhz v dd =400 v, v gs =10 v, i d =18 a, r g =3.3 v dd =400 v, i d =18 a, v gs =0 to 10 v v gs =0 v, v ds =0 v to 480 v rev. 2.0 page 3 2010-02-15
IPW60R099CPA 1 power dissipation 2 safe operating area p tot =f( t c ) i d =f( v ds ); t c =25 c; d =0 parameter: t p 3 max. transient thermal impedance 4 typ. output characteristics z thjc =f(t p ) i d =f( v ds ); t j =25 c parameter: d=t p / t parameter: v gs 0 100 200 300 0 40 80 120 160 t c [c] p tot [w] 1 s 10 s 100 s 1 ms 10 ms dc 10 3 10 2 10 1 10 0 10 2 10 1 10 0 10 -1 v ds [v] i d [a] single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 0 10 -1 10 -2 10 -3 t p [s] z thjc [k/w] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 15 30 45 60 75 90 105 120 0 5 10 15 20 v ds [v] i d [a] limited by on-state resistance rev. 2.0 page 4 2010-02-15
IPW60R099CPA 5 typ. output characteristics 6 typ. drain-source on-state resistance i d =f( v ds ); t j =150 c r ds(on) =f( i d ); t j =150 c parameter: v gs parameter: v gs 7 drain-source on-state resistance 8 typ. transfer characteristics r ds(on) =f( t j ); i d =18 a; v gs =10 v i d =f( v gs ); | v ds |>2| i d | r ds(on)max parameter: t j typ 98 % 0 0.05 0.1 0.15 0.2 0.25 0.3 -60 -20 20 60 100 140 180 t j [c] r ds(on) [ ] 25 c 150 c 0 40 80 120 160 0246810 v gs [v] i d [a] 4.5 v 5 v 5.5 v 6 v 7 v 8 v 10 v 20 v 0 10 20 30 40 50 0 5 10 15 20 v ds [v] i d [a] 5 v 5.5 v 6 v 6.5 v 7 v 20 v 0 0.1 0.2 0.3 0.4 0.5 0 1020304050 i d [a] r ds(on) [ ] rev. 2.0 page 5 2010-02-15
IPW60R099CPA 9 typ. gate charge 10 forward characteristics of reverse diode v gs =f( q gate ); i d =18 a pulsed i f =f( v sd ) parameter: v dd parameter: t j 11 avalanche energy 12 drain-source breakdown voltage e as =f( t j ); i d =11 a; v dd =50 v v br(dss) =f( t j ); i d =0.25 ma 25 c 150 c 25 c, 98% 150 c, 98% 10 2 10 1 10 0 10 -1 0 0.5 1 1.5 2 v sd [v] i f [a] 120 v 400 v 0 2 4 6 8 10 12 0 102030405060 q gate [nc] v gs [v] 540 580 620 660 700 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] 0 200 400 600 800 25 75 125 175 t j [c] e as [mj] rev. 2.0 page 6 2010-02-15
IPW60R099CPA 13 typ. capacitances 14 typ. coss stored energy c =f( v ds ); v gs =0 v; f =1 mhz e oss = f (v ds ) 0 4 8 12 16 20 0 100 200 300 400 500 600 v ds [v] e oss [j] ciss coss crss 10 5 10 4 10 3 10 2 10 1 10 0 0 100 200 300 400 500 v ds [v] c [pf] rev. 2.0 page 7 2010-02-15
IPW60R099CPA definition of diode switching characteristics rev. 2.0 page 8 2010-02-15
IPW60R099CPA pg-to247-3: outlines 0.105 rev. 2.0 page 9 2010-02-15
IPW60R099CPA published by infineon technologies ag 81726 munich, germany ? 2010 infineon technologies ag a ll rights reserved. legal disclaimer the information given in this document shall in no event be reg arded as a guarantee of conditions or characteristics (beschaffenheitsgarantie). with respect to any examples or hints given herein, any typical values stated herein and/or any information regardi ng the application of the device, infineon technologies hereby disclaims any and all warranties a nd liabilities of any kind, including without limitation warranties of non?infringement of intellectu al property rights of any third party. information for further information on technology, delivery terms and condi tions and prices please contact your nearest infineon technologies office (www.infineon .com). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon t echnologies office. infineon technologies components may only be used in life-suppo rt devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 2.0 page 10 2010-02-15
notification n 040/10 2010-05-12 page 1 of 1 information on n-channel mosfet products designed for automotive applications products affected: salesname package ipb60r099cpa pg-to263-3-2 ipb60r199cpa pg-to263-3-2 ipb60r299cpa pg-to263-3-2 ipc60r075cpa bare die ipi60r099cpa pg-to262-3-1 ipp60r099cpa pg-to220-3-1 ipw60r045cpa pg-to247-3-41 ipw60r075cpa pg-to247-3-41 IPW60R099CPA pg-to247-3-41 dear customer, the devices listed for this notification are sensitive to hard commutation of the conducting body diode. this operating condition can occur in half- bridge configurations used in zvs phase shift and resonant switching pwm converters. using the device under such conditions may re sult in violation of the dat asheet specification limits and may lead to permanent damage of the device. please take care that in the context of the applicati on described above the datasheet limits are not exceeded. best regards michael paulu if you have any questions, please do not hesitat e to contact your local sales office.


▲Up To Search▲   

 
Price & Availability of IPW60R099CPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X