Part Number Hot Search : 
ES51999V 12D05 74LS15 120FC MPL760PT LT1106CF F256RH RT9819
Product Description
Full Text Search
 

To Download INTERSILCORP-X9241AWSZT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? x9241a quad digital controlled potentionmeters (xdcp?) non-volatile/low power/2-wire/64 taps the x9241a integrates four digitally controlled potentiometers (xdcp) on a monolithic cmos integrated microcircuit. the digitally controlled potentio meter is implemented using 63 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through t he 2-wire bus interface. each potentiometer has associated with it a volatile wiper counter register (wcr) and 4 nonvolatile data registers (dr0:dr3) that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array through the switches. power up recalls the contents of dr0 to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. features ? four potentiometers in one package ? 2-wire serial interface ? register oriented format - direct read/write/transfer of wiper positions - store as many as four positions per potentiometer ? terminal voltages: +5v, -3.0v ? cascade resistor arrays ? low power cmos ? high reliability - endurance?100,000 data changes per bit per register - register data retention?100 years ? 16-bytes of nonvolatile memory ? 3 resistor array values -2k , 10k , 50k or combination - cascadable for values of 4k to 200k ? resolution: 64 taps each pot ? 20 ld plastic dip, 20 ld tssop and 20 ld soic packages ? pb-free available (rohs compliant) block diagram data 8 r1 r0 r3 r2 v h0 /r h0 v l0 /r l0 v w0 /r w0 wiper counter register (wcr) v h1 /r h1 v l1 /r l1 v w1 /r w1 register array pot 1 wiper counter register (wcr) r1 r0 r3 r2 scl sda a0 a1 a2 a3 interface and control circuitry v h2 / v l2 /r l2 v w2 /r w2 v h3 /r h3 v l3 /r l3 v w3 /r w3 register array pot 2 wiper counter register (wcr) r1 r0 r3 r2 register array pot 3 wiper counter register (wcr) r1 r0 r3 r2 v cc v ss r h2 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. xdcp is a trademark of intersil americas inc. copyright intersil americas inc. 2005, 2006, 2007. all rights reserved all other trademarks mentioned are the property of their respective owners. data sheet fn8164.6 august 31, 2007
2 fn8164.6 august 31, 2007 ordering information part number part marking v cc limits (v) potentiometer organization (k) temp range (c) package x9241amp x9241amp 5 10% 2/10/50 pot 0 = 2k pot 1 = 10k pot 2 = 10k pot 3 = 50k 0 to +70 20 ld pdip x9241ampz (note) x9241ampz 0 to +70 20 ld pdip*** (pb-free) x9241ampi x9241ampi -40 to +85 20 ld pdip x9241ampiz (note) x9241ampiz -40 to +85 20 ld pdip*** (pb-free) x9241ams* x9241ams 0 to +70 20 ld soic x9241amsz* (note) x9241ams z 0 to +70 20 ld soic (pb-free) x9241amsi* , ** x9241amsi -40 to +85 20 ld soic x9241amsiz* (note) x9241amsi z -40 to +85 20 ld soic (pb-free) x9241amv x9241am v 0 to +70 20 ld tssop x9241amvz (note) x9241am vz 0 to +70 20 ld tssop (pb-free) x9241amvi* , ** x9241am vi -40 to +85 20 ld tssop x9241amviz* (note) x9241am viz -40 to +85 20 ld tssop (pb-free) x9241awp x9241awp 10 pot 0 = 10k pot 1 = 10k pot 2 = 10k pot 3 = 10k 0 to +70 20 ld pdip x9241awpi x9241awpi -40 to +85 20 ld pdip x9241awpiz (note) x9241awpiz -40 to +85 20 ld pdip*** (pb-free) x9241aws* , ** x9241aws 0 to +70 20 ld soic x9241awsz* (note) x9241aws z 0 to +70 20 ld soic (pb-free) x9241awsi* , ** x9241awsi -40 to +85 20 ld soic x9241awsiz* (note) x9241awsi z -40 to +85 20 ld soic (pb-free) x9241awv* , ** x9241aw v 0 to +70 20 ld tssop x9241awvz* (note) x9241aw vz 0 to +70 20 ld tssop (pb-free) x9241awvi* , ** x9241aw vi -40 to +85 20 ld tssop x9241awviz* (note) x9241aw viz -40 to +85 20 ld tssop (pb-free) x9241ayp x9241ayp 2 pot 0 = 2k pot 1 = 2k pot 2 = 2k pot 3 = 2k 0 to +70 20 ld pdip x9241aypz (note) x9241aypz 0 to +70 20 ld pdip*** (pb-free) x9241ays* x9241ays 0 to +70 20 ld soic x9241aysz* (note) x9241ays z 0 to +70 20 ld soic (pb-free) x9241aysi* x9241aysi -40 to +85 20 ld soic x9241aysiz* (note) x9241aysi z -40 to +85 20 ld soic (pb-free) x9241ayv x9241ay v 0 to +70 20 ld tssop x9241ayvz (note) x9241ay vz 0 to +70 20 ld tssop (pb-free) x9241ayvi* , ** x9241ay vi -40 to +85 20 ld tssop x9241ayviz* (note) x9241ay viz -40 to +85 20 ld tssop (pb-free) x9241a
3 fn8164.6 august 31, 2007 pin descriptions host interface pins serial clock (scl) the scl input is used to clock data into and out of the x9241a. serial data (sda) sda is a bidirectional pin used to transfer data into and out of the device. it is an open drain output and may be wire- ored with any number of open drain or open collector outputs. an open drain output requires the use of a pull-up resistor. for selecting typical va lues, refer to the guidelines for calculating typical values on the bus pull-up resistors graph. address the address inputs are used to set the least significant 4-bits of the 8-bit slave a ddress. a match in the slave address serial data stream must be made with the address input in order to initiate communication with the x9241a. potentiometer pins v h /r h (v h0 /r h0 to v h3 /r h3 ), v l /r l (v l0 /r l0 to v l3 /r l3 ) the r h and r l inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. v w /r w (v w0 /r w0 to v w3 /r w3 ) the wiper outputs are equivalent to the wiper output of a mechanical potentiometer. pinout x9241a (20 ld dip, soic, tssop) top view x9241aup x9241aup 5 10% 50 pot 0 = 50k pot 1 = 50k pot 2 = 50k pot 3 = 50k 0 to +70 20 ld pdip x9241aupz (note) x9241aupz 0 to +70 20 ld pdip*** (pb-free) x9241aupi x9241aupi -40 to +85 20 ld pdip x9241aupiz (note) x9241aupiz - 40 to +85 20 ld pdip*** (pb-free) x9241aus x9241aus 0 to +70 20 ld soic x9241ausz* (note) x9241aus z 0 to +70 20 ld soic (pb-free) x9241ausi* , ** x9241ausi -40 to +85 20 ld soic x9241ausiz* (note) x9241ausi z -40 to +85 20 ld soic (pb-free) x9241auv* x9241au v 0 to +70 20 ld tssop x9241auvz* (note) x9241au vz 0 to +70 20 ld tssop (pb-free) x9241auvi* , ** x9241au vi -40 to +85 20 ld tssop x9241auviz* (note) x9241au viz -40 to +85 20 ld tssop (pb-free) *add "t1" suffix for tape and reel. **add ?t2? suffix for tape and reel. ***pb-free pdips can be used for through hole wave solder processi ng only. they are not intended for use in reflow solder proce ssing applications. note: these intersil pb-free plastic packaged pr oducts employ special pb-free material se ts; molding compounds/die attach materi als and 100% matte tin plate plus anneal - e3 termination finish, which is rohs compliant and compatible with both snpb and pb-free solderin g operations. intersil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements o f ipc/jedec j std-020. ordering information (continued) part number part marking v cc limits (v) potentiometer organization (k) temp range (c) package pin names symbol description scl serial clock sda serial data a0 to a3 address v h0 /r h0 to v h3 /r h3 , v l0 /r l0 to v l3 /r l3 potentiometer pins (terminal equivalent) v w0 /r w0 to v w3 /r w3 potentiometer pins (wiper equivalent) v w0 /r w0 a0 a2 v h1 /r h1 sda v ss 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 v cc a1 a3 scl x9241a v l0 /r l0 v h0 /r h0 v w1 /r w1 v l1 /r l1 v w3 /r w3 v l3 /r l3 v h3 /r h3 v w2 /r w2 v l2 /r l2 v h2 /r h2 x9241a
4 fn8164.6 august 31, 2007 principles of operation the x9241a is a highly integrated microcircuit incorporating four resistor arrays, their associated registers and counters and the serial interface logic providing direct communication between the host and the xdcp potentiometers. serial interface the x9241a supports a bidirect ional bus oriented protocol. the protocol defines any devic e that sends data onto the bus as a transmitter and the receiving device as the receiver. the device controlling the transfer is a master and the device being controlled is the slave. the master will always initiate data transfers and provide the clock for both transmit and receive operations. therefore, the x9241a will be considered a slave device in all applications. clock and data conventions data states on the sda line can change only during scl low periods (t low ). sda state changes during scl high are reserved for indicating start and stop conditions. start condition all commands to the x9241a are preceded by the start condition, which is a high to low transition of sda while scl is high (t high ). the x9241a continuously monitors the sda and scl lines for the start condition and will not respond to any command until this condition is met. stop condition all communications must be terminated by a stop condition, which is a low to high transition of sda while scl is high. acknowledge acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. the transmitting device, either t he master or the slave, will release the sda bus after transmitting 8-bits. the master generates a ninth clock cycle and during this period the receiver pulls the sda line lo w to acknowledge that it successfully received the 8-bits of data. see figure 7. the x9241a will respond with an acknowledge after recognition of a start condition and its slave address and once again after successful receipt of the command byte. if the command is followed by a data byte the x9241a will respond with a final acknowledge. array description the x9241a is comprised of four resistor arrays. each array contains 63 discrete resistive segments that are connected in series. the physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (v h /r h and v l /r l inputs). at both ends of each array and between each resistor segment is a fet switch connected to the wiper (v w /r w ) output. within each individual array only one switch may be turned on at a time. these switches are controlled by the wiper counter register (wcr). th e 6 least significant bits of the wcr are decoded to select, and enable, 1 of 64 switches. the wcr may be written directly, or it can be changed by transferring the contents of one of four associated data registers into the wcr. these data registers and the wcr can be read and wri tten by the host system. device addressing following a start condition t he master must output the address of the slave it is a ccessing. the most significant 4-bits of the slave address are the device type identifier (refer to figure 1). for the x9241a, this is fixed as 0101[b]. the next 4-bits of the slave address are the device address. the physical device address is de fined by the state of the a0 to a3 inputs. the x9241a compares the serial data stream with the address input state; a successful compare of all 4 address bits is required for the x9241a to respond with an acknowledge. acknowledge polling the disabling of the inputs, during the internal nonvolatile write operation, can be used to take advantage of the typical 5ms eeprom write cycle time. once the stop condition is issued to indicate the end of the nonvolatile wr ite command, the x9241a initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the device slave address. if the x9241a is still busy with the write operation, no ack will be returned. if the x9241a has co mpleted the write operation, an ack will be returned and the master can then proceed with the next operation. 1 0 0 a3 a2 a1 a0 device type identifier device address 1 figure 1. slave address x9241a
5 fn8164.6 august 31, 2007 flow 1. ack polling sequence instruction structure the next byte sent to the x9241a contains the instruction and register pointer information. the 4 most significant bits are the instruction. the next 4- bits point to one of four pots and when applicable they point to one of four associated registers. the format is in figure 2. the 4 high order bits define the instruction. the next 2-bits (p1 and p0) select which one of the four potentiometers is to be affected by the instruction. the last 2-bits (r1 and r0) select one of the four regist ers that are to be acted upon when a register oriented instruction is issued. four of the nine instructions end with the transmission of the instruction byte. the basic sequence is illustrated in figure 3. these two-byte instructions exchange data between the wcr and one of the data registers. a transfer from a data register to a wcr is essentially a write to a static ram. the response of the wiper to this action will be delayed t stpwv . a transfer from wcr current wiper position to a data register is a write to nonvolatile memory and takes a minimum of t wr to complete. the transfer can occur between one of the four potentiometers and one of its associated registers; or it may occur globally, wherein the transfe r occurs between all four of the potentiometers and one of their associated registers. four instructions require a three-byte sequence to complete. these instructions transfer data between the host and the x9241a; either between the host and one of the data registers or directly between the host and the wcr. these instructions are: read wcr, read the current wiper position of the selected pot; write wcr, change current wiper position of the selected pot; read data register, read the contents of the selected nonvo latile register; write data register, write a new value to the selected data register. the sequence of operations is shown in figure 4. the increment/decrement comm and is different from the other commands. once the command is issued and the x9241a has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a fine tuning capability to the host. for each scl clock pulse (t high ) while sda is high, the selected wiper will move one resistor segment towards the v h /r h terminal. similarly, for ea ch scl clock pulse while sda is low, the selected wiper will move one resistor segment towards the v l /r l terminal. a detailed illustration of the sequence and timing for this operation is shown in figures 5 and 6 respectively. nonvolatile write command completed enter ack polling issue start issue slave address ack returned? further operation? issue instruction proceed issue stop no yes yes proceed issue stop no i1 i2 i3 i0 p1 p0 r1 r0 potentiometer select register select instructions figure 2. instruction byte format s t a r t 0101a3a2a1a0 a i3 i2 i1 i0 p1 p0 r1 r0 scl sda s t o p c k a c k figure 3. two-byte instruction sequence x9241a
6 fn8164.6 august 31, 2007 s t a r t 0 1 0 1 a3 a2 a1 a0 a i3 i2 i1 i0 p1 p0 r1 r0 scl sda s t o p cm dw d5 d4 d3 d2 d1 d0 c k a c k a c k figure 4. three-byte instruction sequence s t a r t 0 1 0 1 a3a2a1a0 i3 i2 i1 i0 p1 p0 r1 r0 scl sda s t o p x x i n c 1 i n c 2 i n c n d e c 1 d e c n a c k a c k figure 5. increment/decrement instruction sequence scl sda v w /r w inc/dec cmd issued voltage out t clwv figure 6. increment/decrement timing limits table 1. instruction set instruction instruction format operation i 3 i 2 i 1 i 0 p 1 p 0 r 1 r 0 read wcr 1 0 0 1 1/0 (note 1) 1/0 x (note 2) x read the contents of the wiper counter register pointed to by p 1 to p 0 write wcr 1 0 1 0 1/0 1/0 x x write new value to the wiper counter register pointed to by p 1 to p 0 read data register 1 0 1 1 1/0 1/0 1/0 1/0 read the contents of the register pointed to by p 1 to p 0 and r 1 to r 0 write data register 1 1 0 0 1/0 1/0 1/0 1/0 write new value to the register pointed to by p 1 to p 0 and r 1 to r 0 x9241a
7 fn8164.6 august 31, 2007 notes: 1. 1/0 = data is one or zero 2. x = not applicable or don?t care; that is, a data register is not involved in the operation and need not be addressed (typica l). xfr data register to wcr 1 1 0 1 1/0 1/0 1/0 1/0 transfer the contents of the register pointed to by p 1 to p 0 and r 1 to r 0 to its associated wcr xfr wcr to data register 1 1 1 0 1/0 1/0 1/0 1/0 transfer the contents of the wcr pointed to by p 1 to p 0 to the register pointed to by r 1 to r 0 global xfr data register to wcr 0 0 0 1 x x 1/0 1/0 transfer the contents of the data registers pointed to by r 1 to r 0 of all four pots to their respective wcr global xfr wcr to data register 1 0 0 0 x x 1/0 1/0 transfer the contents of all w crs to their respective data registers pointed to by r 1 to r 0 of all four pots increment/ decrement wiper 0 0 1 0 1/0 1/0 x x enable increment/decrement of the wcr pointed to by p 1 to p 0 table 1. instruction set (continued) instruction instruction format operation i 3 i 2 i 1 i 0 p 1 p 0 r 1 r 0 scl from data output from transmitter 1 89 star t acknowledge master data output from receiver figure 7. acknowledge response from receiver x9241a
8 fn8164.6 august 31, 2007 detailed operation all four xdcp potentiometers share the serial interface and share a common architecture. each potentiometer is comprised of a resistor array, a wiper counter register and four data registers. a detail ed discussion of the register organization and array operation follows. wiper counter register the x9241a contains four volatile wiper counter registers (wcr), one for each xdcp potentiometer. the wcr can be envisioned as a 6-bit parallel and serial load counter with its outputs decoded to select one of sixty-four switches along its resistor array. the contents of the wcr can be altered in four ways: it may be written directly by the host via the write wcr instruction (serial load); it may be written indirectly by transferring the contents of on e of four associated data registers via the xfr data register instruction (parallel load); it can be modified one step at a time by the increment/decrement instruction; finally, it is loaded with the contents of its data register zero (dr0) upon power-up. the wcr is a volatile register; that is, its contents are lost when the x9241a is powered-down. although the register is automatically loaded with the value in dr0 upon power-up, it should be noted this may be different from the value present at power-down. data registers each potentiometer has four nonvolatile data registers. these can be read or written directly by the host and data can be transferred between any of the four data registers and the wcr. it should be noted all operations changing data in one of these registers is a nonvolatile operation and will take a maximum of 10ms. if the application does not r equire storage of multiple settings for the potentiometer, these registers can be used as regular memory locations that could possibly store system parameters or user preference data. serial data path from interface circuitry register 0 register 1 register 2 register 3 serial bus input parallel bus input wiper counter register inc/dec logic up/dn clk modified scl up/dn v h /r h if wcr = 00[h] then v w /r w = v l /r l if wcr = 3f[h] then v w /r w = v h /r h 8 6 c d e o u n t e r e c o d cascade dw cm control logic 2 v l /r l v w /r w figure 8. detailed pote ntiometer block diagram x9241a
9 fn8164.6 august 31, 2007 cascade mode the x9241a provides a mechanism for cascading the arrays. that is, the sixty-three resistor elements of one array may be cascaded (linked) with the resistor elements of an adjacent array. the v l /r l of the higher order array must be connected to the v h /r h of the lower order array (see figure 9). cascade control bits the data byte, for the three-byte commands, contains 6-bits (lsbs) for defining the wiper position plus 2 high order bits, cm (cascade mode) and dw (disable wiper, normal operation). the state of the cm bit (bit 7 of wcr) enables or disables cascade mode. when the cm bit of the wcr is set to ?0? the potentiometer is in the normal operation mode. when the cm bit of the wcr is set to ?1? the potentiometer is cascaded with its adjacent higher order potentiometer. for example; if bit 7 of wcr2 is se t to ?1?, pot 2 will be cascaded to pot 3. the state of dw enables or disables the wiper. when the dw bit (bit 6 of the wcr) is set to ?0? the wiper is enabled; when set to ?1? the wiper is disabled. if the wiper is disabled, the wiper terminal will be electrically isolated and float. when operating in cascade mode v h /r h , v l /r l and the wiper terminals of the cascaded arrays must be electrically connected externally. all but one of the wipers must be disabled. the user can alter t he wiper position by writing directly to the wcr or indirectly by transferring the contents of the data registers to the wcr or by using the increment/decrement command. when using the increment/decrement command the wiper position will automatically transition between arrays. the current position of the wiper can be determined by reading the wcr registers; if the dw bit is ?0?, the wiper in that array is active. if the current wiper position is to be maintained on power-down a global xfr wcr to data register command must be issued to store the position in nv memory before power-down. it is possible to connect three or all four potentiometers in cascade mode. it is also possi ble to connect pot 3 to pot 0 as a cascade. the requirements for external connections of v l /r l , v h /r h and the wipers are the same in these cases. v h0 /r h0 v l0 /r l0 v w0 /r w0 v l1 /r l1 v h1 /r h1 v w1 /r w1 v l2 /r l2 v h2 /r h2 v w2 /r w2 v l3 /r l3 v h3 /r h3 v w3 /r w3 pot 0 wcr0 pot 1 wcr1 pot 2 wcr2 pot 3 wcr3 external connection = figure 9. cascading arrays x9241a
10 fn8164.6 august 31, 2007 absolute maximum rati ngs thermal information supply voltage (v cc ) limits x9241a. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5v 10% max wiper current for 2k r total . . . . . . . . . . . . . . . . . . . . . . 4ma max wiper current for 10k and 50k r total . . . . . . . . . . . . . . 3ma voltage on sck, scl or any address input with respect to v ss . . . . . . . . . . . . . . . . . . . . . . . -1v to +7v voltage on any v h /r h , v w /r w or v l /r l referenced to v ss . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6v/-4v v = |v h /r h - v l /r l | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10v i w (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6ma power rating (each pot) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50mw temperature under bias. . . . . . . . . . . . . . . . . . . . . . . . -65 to +135c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150c pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/pb-freereflow.asp recommended operating conditions temperature (commercial) . . . . . . . . . . . . . . . . . . . . . 0c to +70c temperature (industrial). . . . . . . . . . . . . . . . . . . . . . .-40c to +85c caution: do not operate at or near the maximum ratings listed fo r extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. analog specifications (over recommended operating conditi ons unless otherwise stated). symbol parameter test condition limits unit min (note 11) typ max (note 11) r total end to end resistance -20 +20 % r w wiper resistance wiper current = (v h - v l )/r total 40 130 v term voltage on any v h /r h , v w /r w or v l /r l pin -3.0 +5 v noise ref: 1khz (note 7) 120 dbv resolution (note 7) 1.6 % absolute linearity (note 3) r w(n)(actual) - r w(n)(expected) 1 mi (note 5) relative linearity (note 4) r w(n + 1) - [r w(n) + mi ] 0.2 mi (note 5) temperature coefficient of r total (note 7) 300 ppm/c ratiometric temperature coefficient (note 7) 20 ppm/c c h /c l /c w potentiometer capacitances see circuit #3 and (note 7) 15/15/25 pf l al r h , r i , r w leakage current v in = v term . device is in stand-by mode. 0.1 1 a dc electrical specifications (over recommended operating conditions unless otherwise stated.) symbol parameter test condition limits unit min (note 11) typ max (note 11) l cc supply current (active) f scl = 100khz, write/read to wcr, other inputs = v ss 3ma i sb v cc current (standby) scl = sda = v cc , addr. = v ss 200 500 a i li input leakage current v in = v ss to v cc 10 a i lo output leakage current v out = v ss to v cc 10 a v ih input high voltage 2 v v il input low voltage 0.8 v v ol output low voltage i ol = 3ma 0.4 v notes: 3. absolute linearity is utilized to determi ne actual wiper voltage versus expected vo ltage as determined by wiper position when used as a potentiometer. 4. relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. it is a measure of the error in step size. 5. mi = rtot/63 or (r h ? r l )/63, single pot 6. max = all four arrays cascaded together , typical = individual array resolutions. x9241a
11 fn8164.6 august 31, 2007 power-up requirements (power up sequencing can affect correct recall of the wiper registers) the preferred power-on sequence is as follows: first v cc , then the potentiometer pins. it is suggested that vcc reach 90% of its final value before power is applied to the potentiometer pins. the v cc ramp rate specification shoul d be met, and any glitches or slope changes in the v cc line should be held to <100mv if possible. also, v cc should not reverse polarity by more than 0.5v. notes: 7. limits should be considered typi cal and are not production tested. 8. limits established by characteri zation and are not production tested. 9. maximum wiper current is derated over temperature. see the wiper current derating curve. 10. t i value denotes the maximum noise glitch pulse width that the devic e will ignore on either scl or sda pins. any noise glitch pul se width that is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure to the device. 11. parts are 100% tested at either +70c or +85c. over temp erature limits established by characterization and are not producti on tested. symbol table endurance and data retention parameter min unit minimum endurance 100,000 data changes per bit per register data retention 100 years capacitance symbol parameter test condition typ unit c i/o (note 7) input/output capacitance (sda) v i/o = 0v 19 pf c in (note 7) input capacitance (a0, a1, a2, a3 and scl) v in = 0v 12 pf power-up timing symbol parameter min (note 11) typ max (note 11) unit t pur (note 8) power-up to initiation of read operation 1 ms t puw (note 8) power-up to initiation of write operation 5 ms t r v cc v cc power up ramp rate 0.2 50 v/ms ac conditions of test input pulse levels v cc x 0.1 to v cc x 0.9 input rise and fall times 10ns input and output timing levels v cc x 0.5 input pulse levels v cc x 0.1 to v cc x 0.9 waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don?t care: changes allowed changing: state not known n/a center line is high impedance x9241a
12 fn8164.6 august 31, 2007 equivalent ac test circuit circuit #3 spice macro model guidelines for calculating typical values of bus pull-up resistors dcp wiper current de-rating curve 5v 1533 100pf sda output r h c h 15pf c w r l c l r w r total 25pf 15pf macro model 120 100 80 40 60 20 20 40 60 80 100 120 0 0 bus capacitance (pf) min. resistance maximum resistance r max = c bus t r r min = i ol min v cc max =1.8k resistance (k ) 7 6 5 3 4 1 20 40 60 70 80 90 0 0 ambient temperature (c) maximum dcp wiper current 2 50 10 30 ac electrical specifications (over recommended operating conditions unless otherwise stated). symbol parameter limits unit reference figure number(s) min (note 11) max (note 11) f scl scl clock frequency 0 100 khz 10 t low clock low period 4700 ns 10 t high clock high period 4000 ns 10 t r scl and sda rise time 1000 ns 10 t f scl and sda fall time 300 ns 10 t i , (note 11) noise suppression time constant (glitch filter) 20 ns 10 t su:sta start condition setup time (for a repeated start condition) 4000 ns 10 and 12 t hd:sta start condition hold time 4000 ns 10 and 12 t high t su:sta t hd:sta t hd:dat t su:dat t low t f t su:sto t r t buf scl sda (data in) figure 10. input bus timing x9241a
13 fn8164.6 august 31, 2007 t su:dat data in setup time 250 ns 10 t hd:dat data in hold time 0 ns 10 t aa scl low to sda data out valid 3500 ns 11 t dh data out hold time 30 ns 11 t su:sto stop condition setup time 4000 ns 10 and 12 t buf bus free time prior to new transmission 4700 ns 10 t wr write cycle time (nonvolatile write operation) 10 ms 13 t stpwv wiper response time from stop generation 500 s 13 t clwv wiper response from scl low 1000 s 6 ac electrical specifications (over recommended operating conditions unless otherwise stated). (continued) symbol parameter limits unit reference figure number(s) min (note 11) max (note 11) t aa t dh scl sda sda out (ack) sda out sda out figure 11. output bus timing t su:sto scl sda t hd:sta t su:sta stop condition start condition (data in) figure 12. start stop timing scl sda wiper output clock 8 sda in clock 9 ack stop t wr t stpwv start figure 13. write cycle and wiper response timing x9241a
14 fn8164.6 august 31, 2007 x9241a thin shrink small outline package family (tssop) n (n/2)+1 (n/2) top view a d 0.20 c 2x b a n/2 lead tips b e1 e 0.25 cab m 1 h pin #1 i.d. 0.05 e c 0.10 c n leads side view 0.10 cab m b c see detail ?x? end view detail x a2 0 - 8 gauge plane 0.25 l a1 a l1 seating plane mdp0044 thin shrink small outline package family symbol millimeters tolerance 14 ld 16 ld 20 ld 24 ld 28 ld a 1.20 1.20 1.20 1.20 1.20 max a1 0.10 0.10 0.10 0.10 0.10 0.05 a2 0.90 0.90 0.90 0.90 0.90 0.05 b 0.25 0.25 0.25 0.25 0.25 +0.05/-0.06 c 0.15 0.15 0.15 0.15 0.15 +0.05/-0.06 d 5.00 5.00 6.50 7.80 9.70 0.10 e 6.40 6.40 6.40 6.40 6.40 basic e1 4.40 4.40 4.40 4.40 4.40 0.10 e 0.65 0.65 0.65 0.65 0.65 basic l 0.60 0.60 0.60 0.60 0.60 0.15 l1 1.00 1.00 1.00 1.00 1.00 reference rev. f 2/07 notes: 1. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15mm per side. 2. dimension ?e1? does not include interlead flash or protrusions. interlead flash and protrusi ons shall not exceed 0.25mm per side. 3. dimensions ?d? and ?e1? are measured at datum plane h. 4. dimensioning and tolerancing per asme y14.5m - 1994.
15 fn8164.6 august 31, 2007 x9241a small outline package family (so) gauge plane a2 a1 l l1 detail x 4 4 seating plane e h b c 0.010 b m ca 0.004 c 0.010 b m ca b d (n/2) 1 e1 e n n (n/2)+1 a pin #1 i.d. mark h x 45 a see detail ?x? c 0.010 mdp0027 small outline package family (so) symbol inches tolerance notes so-8 so-14 so16 (0.150?) so16 (0.300?) (sol-16) so20 (sol-20) so24 (sol-24) so28 (sol-28) a 0.068 0.068 0.068 0.104 0.104 0.104 0.104 max - a1 0.006 0.006 0.006 0.007 0.007 0.007 0.007 0.003 - a2 0.057 0.057 0.057 0.092 0.092 0.092 0.092 0.002 - b 0.017 0.017 0.017 0.017 0.017 0.017 0.017 0.003 - c 0.009 0.009 0.009 0.011 0.011 0.011 0.011 0.001 - d 0.193 0.341 0.390 0.406 0.504 0.606 0.704 0.004 1, 3 e 0.236 0.236 0.236 0.406 0.406 0.406 0.406 0.008 - e1 0.154 0.154 0.154 0.295 0.295 0.295 0.295 0.004 2, 3 e 0.050 0.050 0.050 0.050 0.050 0.050 0.050 basic - l 0.025 0.025 0.025 0.030 0.030 0.030 0.030 0.009 - l1 0.041 0.041 0.041 0.056 0.056 0.056 0.056 basic - h 0.013 0.013 0.013 0.020 0.020 0.020 0.020 reference - n 8 14 16 16 20 24 28 reference - rev. m 2/07 notes: 1. plastic or metal protrusions of 0.006? maximum per side are not included. 2. plastic interlead protrusions of 0.010? maximum per side are not included. 3. dimensions ?d? and ?e1? are measured at datum plane ?h?. 4. dimensioning and tolerancing per asme y14.5m - 1994
16 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn8164.6 august 31, 2007 x9241a plastic dual-in-line packages (pdip) mdp0031 plastic dual-in-line package symbol inches tolerance notes pdip8 pdip14 pdip16 pdip18 pdip20 a 0.210 0.210 0.210 0.210 0.210 max a1 0.015 0.015 0.015 0.015 0.015 min a2 0.130 0.130 0.130 0.130 0.130 0.005 b 0.018 0.018 0.018 0.018 0.018 0.002 b2 0.060 0.060 0.060 0.060 0.060 +0.010/-0.015 c 0.010 0.010 0.010 0.010 0.010 +0.004/-0.002 d 0.375 0.750 0.750 0.890 1.020 0.010 1 e 0.310 0.310 0.310 0.310 0.310 +0.015/-0.010 e1 0.250 0.250 0.250 0.250 0.250 0.005 2 e 0.100 0.100 0.100 0.100 0.100 basic ea 0.300 0.300 0.300 0.300 0.300 basic eb 0.345 0.345 0.345 0.345 0.345 0.025 l 0.125 0.125 0.125 0.125 0.125 0.010 n 8 14 16 18 20 reference rev. c 2/07 notes: 1. plastic or metal protrusions of 0.010? maximum per side are not included. 2. plastic interlead protrusions of 0.010? maximum per side are not included. 3. dimensions e and ea are measured with the leads constrained perpendicular to the seating plane. 4. dimension eb is measured wi th the lead tips unconstrained. 5. 8 and 16 lead packages have half end-leads as shown. d l a e b a1 note 5 a2 seating plane l n pin #1 index e1 12 n/2 b2 e eb ea c
x9241a printer friendly version quad digital controlled potentionmeters (xdcp?), non-volatile/low power/2-wire/64 taps datasheets, related docs & simulations description key features parametric data related devices ordering information part no. design-in status temp. package msl price us $ x9241amp active comm 20 ld pdip n/a 3.71 x9241ampi active ind 20 ld pdip n/a 4.63 x9241ampiz active ind 20 ld pdip n/a 4.63 x9241ampz active comm 20 ld pdip n/a 3.71 x9241ams active comm 20 ld soic 1 3.71 x9241amsi active ind 20 ld soic 1 5.94 x9241amsit1 active ind 20 ld soic t+r 1 5.94 x9241amsit1c7168 active ind 20 ld soic 1 5.94 x9241amsit2 active ind 20 ld soic t+r 1 5.94 x9241amsiz active ind 20 ld soic 3 5.94 x9241amsizt1 active ind 20 ld soic t+r 3 5.94 x9241amst1 active ind 20 ld soic t+r 1 3.71 x9241amsz active comm 20 ld soic 3 3.71 x9241amszt1 active comm 20 ld soic t+r 3 3.71 x9241amv active comm 20 ld tssop 1 4.37 x9241amvi active ind 20 ld tssop 1 5.46 x9241amvic7975 active ind 20 ld tssop 1 x9241amvit1 active ind 20 ld tssop t+r 1 5.46 x9241amvit1c7975 active ind 20 ld tssop 1 5.46 x9241amvit2 active ind 20 ld tssop t+r 1 5.46 x9241amviz active comm 20 ld tssop 3 5.45 x9241amvizt1 active ind 20 ld tssop t+r 3 5.46 x9241amvt1 active ind 20 ld tssop t+r 1 4.37 x9241amvz active comm 20 ld tssop 3 4.37 x9241amvzt1 active comm 20 ld tssop t+r 3 4.37 x9241aup active comm 20 ld pdip n/a 3.71 x9241aupi active ind 20 ld pdip n/a 4.63 x9241aupiz active ind 20 ld pdip n/a 4.63 x9241aupz active comm 20 ld pdip n/a 3.71 x9241aus active comm 20 ld soic 1 3.71
x9241ausi active ind 20 ld soic 1 4.63 x9241ausit1 active ind 20 ld soic t+r 1 4.63 x9241ausit2 active ind 20 ld soic t+r 1 4.63 x9241ausiz active ind 20 ld soic 3 4.63 x9241ausizt1 active ind 20 ld soic t+r 3 4.63 x9241aust1 active ind 20 ld soic 1 3.71 x9241aust2 active ind 20 ld soic t+r 1 3.76 x9241ausz active comm 20 ld soic 3 3.71 x9241auszt1 active comm 20 ld soic t+r 3 3.71 x9241auv active comm 20 ld tssop 1 4.37 x9241auvi active ind 20 ld tssop 1 5.46 x9241auvit1 active ind 20 ld tssop t+r 1 5.46 x9241auvit1c7975 active ind 20 ld tssop 1 5.46 x9241auvit2 active ind 20 ld tssop t+r 1 5.46 x9241auviz active ind 20 ld tssop 3 5.45 x9241auvizt1 active ind 20 ld tssop t+r 3 5.46 x9241auvt1 active comm 20 ld tssop t+r 1 4.37 x9241auvz active comm 20 ld tssop 3 4.37 x9241auvzt1 active comm 20 ld tssop t+r 3 4.37 x9241awp active comm 20 ld pdip n/a 3.71 x9241awpi active ind 20 ld pdip n/a 4.63 x9241awpic7975 active ind 20 ld pdip n/a x9241awpiz active ind 20 ld pdip n/a 4.63 x9241aws active comm 20 ld soic 1 3.71 x9241awsi active ind 20 ld soic 1 4.63 x9241awsit1 active ind 20 ld soic t+r 1 4.63 x9241awsit2 active ind 20 ld soic t+r 1 4.63 x9241awsiz active ind 20 ld soic 3 4.63 x9241awsizt1 active ind 20 ld soic t+r 3 4.63 x9241awst1 active comm 20 ld soic t+r 1 3.71 x9241awst2 active comm 20 ld soic t+r 1 3.71 x9241awst2c7846 active comm 20 ld soic 1 3.71 x9241awsz active comm 20 ld soic 3 3.71 x9241awszt1 active comm 20 ld soic t+r 3 3.71 x9241awv active comm 20 ld tssop 1 4.37 x9241awvi active ind 20 ld tssop 1 5.46 x9241awvic7971 active ind 20 ld tssop 1 5.46 x9241awvit1 active ind 20 ld tssop t+r 1 5.46 x9241awvit2 active ind 20 ld tssop t+r 1 5.46 x9241awviz active ind 20 ld tssop 3 5.46
x9241awvizt1 active ind 20 ld tssop t+r 3 5.46 x9241awvt1 active comm 20 ld tssop t+r 1 4.37 x9241awvt2 active comm 20 ld tssop t+r 1 4.37 x9241awvz active comm 20 ld tssop 3 4.37 x9241awvzt1 active comm 20 ld tssop t+r 3 4.37 x9241ayp active comm 20 ld pdip n/a 3.71 x9241aypi active ind 20 ld pdip n/a 4.63 x9241aypiz active ind 20 ld pdip n/a 4.63 x9241aypz active comm 20 ld pdip n/a 3.71 x9241ays active comm 20 ld soic 1 3.71 x9241aysi active ind 20 ld soic 1 4.63 x9241aysit1 active ind 20 ld soic t+r 1 4.63 x9241aysit1c7975 active ind 20 ld soic t+r 1 4.63 x9241aysiz active ind 20 ld soic 3 4.63 x9241aysizt1 active ind 20 ld soic t+r 3 4.63 x9241ayst1 active comm 20 ld soic t+r 1 3.71 x9241aysz active comm 20 ld soic 3 3.71 x9241ayszt1 active comm 20 ld soic t+r 3 3.71 x9241ayv active comm 20 ld tssop 1 4.37 x9241ayvi active ind 20 ld tssop 1 5.46 x9241ayvit1 active ind 20 ld tssop t+r 1 5.46 x9241ayvit2 active ind 20 ld tssop t+r 1 5.46 x9241ayviz active ind 20 ld tssop 3 5.46 x9241ayvizt1 active ind 20 ld tssop t+r 3 5.46 x9241ayvt1 active comm 20 ld tssop t+r 1 4.37 x9241ayvt2 active comm 20 ld tssop t+r 1 4.37 x9241ayvz active comm 20 ld tssop 3 4.37 x9241ayvzt1 active comm 20 ld tssop t+r 3 4.37 xlabview01 active n/a 91.77 xlabview01z active eval board n/a 91.77 x9241amvizt2 coming soon ind 20 ld tssop t+r 3 x9241awszt2 coming soon comm 20 ld soic t+r 3 x9241awvizt2 coming soon ind 20 ld tssop t+r 3 x9241amsizt2 inactive comm 20 ld soic t+r 3 x9241ausizt2 inactive ind 20 ld tssop t+r 3 x9241auszt2 inactive comm 20 ld tssop t+r 3
x9241auvizt2 inactive ind 20 ld tssop t+r 3 x9241auvt2 inactive comm 20 ld tssop t+r 1 4.37 x9241auvzt2 inactive comm 20 ld tssop 3 x9241awsizt2 inactive ind 20 ld soic t+r 3 5.18 x9241awvic7892 inactive ind 20 ld tssop 1 x9241awvzt2 inactive comm 20 ld tssop t+r 3 x9241aypm inactive comm 20 ld pdip n/a x9241ayvizt2 inactive comm 20 ld tssop t+r 3 x9241ayvzt2 inactive comm 20 ld tssop t+r 3 x9241awvit2c7971 to be discontinued ind 20 ld tssop 1 5.46 the price listed is the manufacturer's suggested retail price for quantities between 100 and 999 units. however, prices in today's market are fluid and may change without notice. msl = moisture sensitivity level - per ipc/jedec j-std-020 smd = standard microcircuit drawing description the x9241a integrates four digitally controlled potentiometers (xdcp) on a monolithic cmos integrated microcircuit. the digitally controlled potentiometer is implemented using 63 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through the 2-wire bus interface. each potentiometer has associated with it a volatile wiper counter register (wcr) and 4 nonvolatile data registers (dr0:dr3) that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array through the switches. power up recalls the contents of dr0 to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. key f eatures four potentiometers in one package 2-wire serial interface register oriented format direct read/write/transfer of wiper positions store as many as four positions per potentiometer terminal voltages: +5v, -3.0v cascade resistor arrays low power cmos high reliability endurance?100,000 data changes per bit per register register data retention?100 years 16-bytes of nonvolatile memory 3 resistor array values 2k , 10k , 50k or combination cascadable for values of 4k to 200k resolution: 64 taps each pot 20 ld plastic dip, 20 ld tssop and 20 ld soic packages pb-free available (rohs compliant) related documentation
application note(s): a compendium of application circuits for intersil?s digitally-controlled (xdcp) potentiometers a primer on digitally-controlled potentiometers application of intersil digitally controlled potentiometers (xdcp?) as hybrid analog/digital feedback system control elements dc/dc module trim with digital potentiometers designing power supplies using intersil?s xdcp mixed signal products designing with intersil digitally controlled potentiometers (xdcps) interfacing the x9241 e 2 pot digital potentiometer to 8051 microcontrollers op amp gain and offset trim using intersil digitally controlled potentiotiometers (xdcps) power supply and dc to dc converter control using intersil digitally controlled potentiontiometers (xdcps) putting analog on the bus shaft encoder drives multiple intersil digitally controlled potentiontiometers (xdcps) tone, balance, and volume control using a quad xdcp datasheet(s): quad digital controlled potentionmeters (xdcp?), non-volatile/low power/2-wire/64 taps technical brief(s): converting a fixed pwm to an adjustable pwm evaluation board(s): intersil_xdcp_test_utility_manual_rev_3.2.3.pdf labview_xdcp_software.zip labview_xdcp_upgrade_3.2.3.zip readme_xicorlabview_v3.2.3.txt xdcp_vref evaluation board kit documentation and software accesshw.zip technical homepage: digitally controlled potentiometers (dcps) and capacitors (dccs) precision analog homepage parametric data number of dcps quad number of taps 64 memory type non-volatile bus interface type 2-wire resistance options (k ) 2, 10, 50 v cc range (v) 4.5 to 5.5 dcp differential terminal voltage (v) -3.0 to +5.5 terminal voltage range v l to v h (v) -3.0 to v cc resistance taper linear wiper current (ma) 1 wiper resistance ( ) 130 standby current i sb ( a) 500 related devices parametric table x9400 quad digitally controlled potentiometers (xdcp?) x9401 qual digitally controlled potentiometer (xdcp?) x9408 quad digitally controlled (xdcp?) potentiometers x9409 quad digitally controlled potentiometers (xdcp?) about us | careers | contact us | investors | legal | privacy | site map | subscribe | intranet ?2007. all rights reserved.


▲Up To Search▲   

 
Price & Availability of INTERSILCORP-X9241AWSZT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X