Part Number Hot Search : 
BUL216 20301 9010A 20CTR DTQ14U C2328 OP265C BCR16HM
Product Description
Full Text Search
 

To Download HSMD-C670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount chip leds technical data hsmx-c650 hsmx-c670 features ? small size ? industry standard footprint ? low profile ? tinted, diffused optics ? compatible with ir solder process ? five colors available ? available in 8 mm tape on 7" (178 mm) diameter reels applications ? push-button backlighting ? lcd backlighting ? symbol backlighting ? front panel indicator description these leds are designed in an industry standard package for ease of handling and use. five different led colors are avail- able in two compact, low profile packages. the 3.2 x 1.6 mm is an excellent all around package, and the small 2.0 x 1.25 mm package is designed for applica- tions where space is limited. the leds have tinted diffused optics. the small size, low 1.1 mm profile and wide viewing angle make these leds excellent for backlighting applications and front panel illumination. they are compatible with ir reflow soldering processes. device selection guide dh high footprint (mm) algaas red efficiency red orange yellow green 3.20 x 1.60 hsmh-c650 hsms-c650 hsmd-c650 hsmy-c650 hsmg-c650 2.00 x 1.25 hsmh-c670 hsms-c670 HSMD-C670 hsmy-c670 hsmg-c670
2 hsmx-c650 series [1206] hsmx-c670 series [805] 3.20 (0.126) 1.10 (0.043) 0.50 (0.020) 0.50 (0.020) 1.60 (0.063) 2.00 (0.079) polarity cathode mark 2.00 (0.079) 1.10 (0.043) 0.50 (0.020) 0.40 (0.016) 1.25 (0.049) 1.40 (0.055) polarity cathode mark
3 optical characteristics at t a = 25 c luminous color, viewing intensity peak dominant angle i v (mcd) wavelength wavelength 2 q 1 / 2 part @ i f 20 ma [1] l peak (nm) l d [2] (nm) degrees [3] number color min. typ. typ. typ. typ. hsmh-c650 dh algaas red 6.3 16.0 650 639 155 hsmh-c670 hsms-c650 high efficiency 1.6 5.0 639 626 155 hsms-c670 red hsmd-c650 orange 1.6 4.0 606 604 155 HSMD-C670 hsmy-c650 yellow 1.6 5.0 584 586 155 hsmy-c670 hsmg-c650 green 4.0 9.0 570 572 155 hsmg-c670 notes : 1. the luminous intensity, i v , is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the lamp package. 2. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the perceived color of the device. 3. q 1 / 2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity. 4. chip leds are supplied in 8 mm embossed tape on 178 mm (7 in.) diameter reels, with 3000 devices per reel. minimum order quantity and order incremenets are in quantity of reels only. absolute maximum ratings at t a = 25 c parameter hsmx-c650 hsmx-c670 units dc forward current [1] 25 20 ma power dissipation 65 50 mw reverse voltage (i r = 100 m a) 5 5 v led junction temperature 95 95 c operating temperature range -25 to +80 -25 to +80 c storage temperature range -30 to +85 -30 to +85 c soldering temperature see smt reflow soldering profile, figure 6 notes : 1. derate linearly as shown in figure 4 for temperatures above 25 c.
4 electrical characteristics at t a = 25 c forward reverse capacitance voltage breakdown c (pf) v f (volts) v r (volts) v f = 0, thermal part @ i f = 20 ma @ i r = 100 m a f = 1 mhz resistance number color typ. max. min. typ. r q j-pin ( c/w) hsmh-c650 dh algaas 1.8 2.2 5 46 460 hsmh-c670 red 300 hsms-c650 high efficiency 1.9 2.6 5 4.0 400 hsms-c670 red 250 hsmd-c650 orange 2.1 2.6 5 4.0 400 HSMD-C670 250 hsmy-c650 yellow 2.1 2.6 5 3.0 400 hsmy-c670 250 hsmg-c650 green 2.2 2.6 5 8.0 400 hsmg-c670 250 green color bins [1] dom. wavelength (nm) bin id min. max. a 561.5 564.5 b 564.5 567.5 c 567.5 570.5 d 570.5 573.5 e 573.5 576.5 orange color bins [1] dom. wavelength (nm) bin id min. max. a 597.0 600.0 b 600.0 603.0 c 603.0 606.0 d 606.0 609.0 e 609.0 612.0 f 612.0 615.0 yellow/amber color bins [1] dom. wavelength (nm) bin id min. max. a 582.0 584.5 b 584.5 587.0 c 587.0 589.5 d 589.5 592.0 e 592.0 594.5 f 594.5 597.0 note: 1. bin categories are established for classification of products. products may not be available in all bin categories. please contact your agilent representative for information on currently available bins. tolerance: 0.5 nm. tolerance: 1 nm. tolerance: 0.5 nm.
5 figure 1. relative intensity vs. wavelength. wavelength ?nm orange algaas red high efficiency red green relative intensity 1.0 0.5 0 500 550 600 650 700 750 yellow note: 1. bin categories are established for classification of products. products may not be available in all bin categories. please contact your agilent representative for information on currently available bins. light intensity (iv) bin limits [1] intensity (mcd) intensity (mcd) bin id min. max. bin id min. max. a 0.11 0.18 n 28.50 45.00 b 0.18 0.29 p 45.00 71.50 c 0.29 0.45 q 71.50 112.50 d 0.45 0.72 r 112.50 180.00 e 0.72 1.10 s 180.00 285.00 f 1.10 1.80 t 285.00 450.00 g 1.80 2.80 u 450.00 715.00 h 2.80 4.50 v 715.00 1125.00 j 4.50 7.20 w 1125.00 1800.00 k 7.20 11.20 x 1800.00 2850.00 l 11.20 18.00 y 2850.00 4500.00 m 18.00 28.50 tolerance: 15%.
6 figure 2. forward current vs. forward voltage. figure 3. relative luminous intensity vs. dc forward current. figure 4. maximum dc current vs. ambient temperature. figure 5. intensity vs. angle. 30 20 10 0 1.0 1.5 2.0 2.5 3.0 v f ?forward voltage ?v i e ?forward current ?ma 25 15 5 her orange yellow green algaas red 0 5 10 15 20 25 i dc ?dc forward current ?ma 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 relative luminous intensity (normalized at 20 ma) 0 25 0 20 60 80 100 20 5 i f ?forward current ?ma t a ?ambient temperature ?? 40 40 10 15 30 35 10 100 40 70 20 60 80 30 50 90 normalized intensity angle 0 10 20 30 40 50 60 70 80 90 1.0 .6 .8 .2 .4
7 figure 6. recommended smt reflow soldering profile. figure 7. recommended solder patterns. figure 8. reeling orientation. figure 9. reel dimensions. note: all dimensions in millimeters (inches). 230? max. 10 sec. max. 4?/sec. max. over 2 min. time temperature 4?/sec. max. 140-160? 3?/sec. max. cathode side printed label user feed direction 2.0 (0.08) 21.0 (0.83) 13.0 (0.51) 11.4 (0.45) 9.0 (0.35) 60 60 180 (7.08) 60.0 (2.36) label note: all dimensions in millimeters (inches). 0.9 (0.035) 1.2 (0.047) hsmx-c670 series 1.5 (0.059) 2.0 (0.079) 1.5 (0.059) 1.50 (0.059) hsmx-c650 series 1.2 (0.047) 1.2 (0.047)
8.00 ?0.30 (0.315 ?0.012) user feed direction dim. a (see table 1) 3.50 ?0.05 (0.138 ?0.002) 1.75 ?0.10 (0.069 ?0.004) 1.30 ?0.10 (0.051 ?0.004) 0.20 ?0.05 (0.008 ?0.002) carrier tape cover tape dim. b (see table 1) 4.00 ?0.10 (0.157 ?0.004) 2.00 ?0.05 (0.079 ?0.002) 4.00 ?0.10 (0.157 ?0.004) 1.50 + 0.10 0 (0.059 + 0.004) 0 hsmx-c650 series 3.75 (0.148) 2.10 (0.083) table 1 dimensions in millimeters (inches) cathode dim. a ?0.10 (0.004) dim. b ?0.10 (0.004) part number hsmx-c670 series 2.40 (0.094) 1.60 (0.064) figure 10. tape dimensions. figure 11. tape leader and trailer dimensions. end start there shall be a minimum of 40 mm (1.57 inch) of empty component pockets sealed with cover tape. mounted with components there shall be a minimum of 40 mm (1.57 inch) of empty component pockets sealed with cover tape. 150 mm-360 mm (5.9 - 14.2 inch) may consist of carrier and/or cover tape. storage condition: 5 to 30? c @ 60% rh max. baking is required under the condition: a) the blue silica gel indicator becoming white/transparent color b) the pack has been opened for more than 1 week baking recommended condition: 60 5?c for 20 hours. www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6271 2451 india, australia, new zealand: (+65) 6271 2394 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 6271 2194 malaysia, singapore: (+65) 6271 2054 taiwan: (+65) 6271 2654 data subject to change. copyright ? 2002 agilent technologies, inc. obsoletes 5988-2709en july 10, 2002 5988-7312en


▲Up To Search▲   

 
Price & Availability of HSMD-C670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X