Part Number Hot Search : 
H8SX1663 C74VH LC25ETCA D74LVC HV6008DJ NCP152 MG100 AD1886
Product Description
Full Text Search
 

To Download HSMD-C660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent hsmx-c660 right angle surface mount chip leds data sheet description the hsmx-c660 series of chip-type leds are designed to illuminate at a right angle to the direction of mounting. when mounted on a pc board, these devices will emit light in a direction parallel to the board. the small 3.0 x 2.0 mm footprint of the hsmx-c660 is designed for applications where space is limited. these devices are available in five colors and use untinted, non- diffused optics. the hsmx-c660 series of parts are compatible with ir reflow soldering process only. features ? right angle mounting ? compatible with ir reflow soldering process ? available in a wide variety of colors ? available in 8 mm tape on 178 mm (7") diameter reels applications ? lcd backlighting ? keypad side/backlighting ? light piping ? right angle indicator footprint parts dh as high (mm) per reel algaas efficiency red orange yellow green 3.0 x 2.0 x 1.0 3000 hsmh-c660 hsms-c660 HSMD-C660 hsmy-c660 hsmg-c660 package dimensions polarity mark to reinforce soldering (non-pin connection) anode 3.0 1.0 0.3 0.3 1.0 2.0 0.88 0.25 0.25 r 0.45 cathode 2.0 anode cathode
2 absolute maximum ratings at t a = 25 c parameter hsmx-c660 units dc forward current [1] 25 ma power dissipation 65 mw reverse voltage (i r = 100 m a) 5 v operating temperature range C30 to +85 c storage temperature range [2] C40 to +100 c notes: 1. derate linearly as shown on figure 4. 2. maximum temperature for the tape and reel packaging is 60 c. optical characteristics at t a = 25 c luminous color viewing luminous intensity i v peak dominant angle efficacy (mcd) @ wavelength wavelength 2 q 1 / 2 h v i f = 20 ma l peak (nm) l d [1] (nm) (degrees) [2] (lm/w) part no. color min. typ. typ. typ. typ. hsmh-c660 dh algaas 6.3 16.0 650 639 155 80 red hsms-c660 high efficiency 1.6 5.0 639 626 155 145 red HSMD-C660 orange 1.6 5.0 606 604 155 380 hsmy-c660 yellow 1.6 5.0 589 586 155 500 hsmg-c660 green 4.0 9.0 570 572 155 595 notes: 1. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the perceived color of the device. 2. q 1 / 2 is the off-axis angle where the luminous intensity is 1 / 2 the peak intensity. electrical characteristics at t a = 25 c forward reverse voltage v f breakdown capacitance c thermal (volts) @ v r (volts) @ (pf) v f = 0, resistance i f = 20 ma i r = 100 m a f = 1 mhz r q j-pin ( c/w) part no. color typ. max. min. typ. hsmh-c660 dh algaas 1.8 2.2 5 4.5 300 red hsms-c660 high efficiency 1.9 2.6 5 4.0 300 red HSMD-C660 orange 2.0 2.6 5 4.0 300 hsmy-c660 yellow 2.1 2.6 5 3.0 300 hsmg-c660 green 2.2 2.6 5 8.0 300
3 color bin limits [1] green color bins [1] dom. wavelength [nm] bin id min. max. a 561 565 b 564 568 c 567 571 d 570 574 e 573 577 orange color bins [1] dom. wavelength [nm] bin id min. max. a 596.0 601.0 b 599.0 604.0 c 602.0 607.0 d 605.0 610.0 e 608.0 613.0 f 611.0 616.0 j 594.0 597.5 yellow/amber color bins [1] dom. wavelength [nm] bin id min. max. a 581.5 585.0 b 584.0 587.5 c 586.5 590.0 d 589.0 592.5 h 591.5 595.0 j 594.0 597.5 for hsmc, hsmh, hsms, hsmz (red color) no color binning available. note: 1. bin categories are established for classification of products. products may not be available in all categories. please contact your agilent representative for information on currently available bins. light intensity (iv) bin limits [1] intensity (mcd) bin id min. max. a 0.10 0.20 b 0.16 0.32 c 0.25 0.50 d 0.40 0.80 e 0.63 1.25 f 1.00 2.00 g 1.60 3.20 h 2.50 5.00 j 4.00 8.00 k 6.30 12.50 l 10.00 20.00 m 16.00 32.00 n 25.00 50.00 p 40.00 80.00 q 63.00 125.00 r 100.00 200.00 s 160.00 320.00 t 250.00 500.00 note: 1. bin categories are established for classification of products. products may not be available in all categories. please contact your agilent representative for information on currently available bins.
4 figure 5. hsmx-c660 intensity vs. angle, vertical axis. 1.0 10 100 40 70 20 60 80 30 50 90 0.6 0.8 0.2 0.4 normalized intensity angular displacement ?degrees 0 10 20 30 40 50 60 70 80 90 figure 2. forward current vs. forward voltage. figure 4. maximum dc current vs. ambient temperature. figure 3. relative luminous intensity vs. dc forward current. 30 20 10 0 1.0 1.5 2.0 2.5 3.0 v f ?forward voltage ?v i e ?forward current ?ma 25 15 5 her orange yellow green algaas red 0 5 10 15 20 25 i dc ?dc forward current ?ma 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 relative luminous intensity (normalized at 20 ma) 0 25 0 20 60 80 100 20 5 i f ?forward current ?ma t a ?ambient temperature ?? 40 30 10 hsmx-c650 series 15 figure 1. relative intensity vs. wavelength. wavelength ?nm orange algaas red high efficiency red green relative intensity 1.0 0.5 0 500 550 600 650 700 750 yellow
5 figure 6. recommended reflow soldering profile. 235? max. 10 sec. max. time temperature pre-heat 125-145? 3?/sec. max. 90 sec. max. above 183? 3?/sec. max. figure 8. reeling orientation for the hsmx-c660. cathode side printed label user feed direction figure 7. recommended solder patterns. 0.9 2.0 5.0 1.5 0.9 0.2 mounting example for hsmx-c660 series emitted direction hsmx-c660 series rws center
6 figure 10. tape dimensions. dim. a dim. b part number 0.10 (0.004) 0.10 (0.004) hsmx-c660 3.35 2.30 8.00 ?0.30 (0.315 ?0.012) user feed direction dim. a (see table) 3.50 ?0.05 (0.138 ?0.002) 1.75 ?0.10 (0.069 ?0.004) 1.20 0.20 dim. b (see table) 4.00 ?0.10 (0.157 ?0.004) 2.00 ?0.05 (0.079 ?0.002) 4.00 ?0.10 (0.157 ?0.004) 1.50 + 0.10 0 (0.059 + 0.004) 0 cathode 1.1 figure 9. reel dimensions. 10.50 ?1.0 (0.413 ?0.039) 59.60 ?1.00 (2.346 ?0.039) 20.20 min. ( 0.795 min.) 6 ps 178.40 ?1.00 (7.024 ?0.039) 3.0 ?0.5 (0.118 ?0.020) 4.0 ?0.5 (0.157 ?0.020) 5.0 ?0.5 (0.197 ?0.020) 13.1 ?0.5 ( 0.516 ?0.020) 8.0 ?1.0 (0.315 ?0.039)
7 figure 11. tape leader and trailer dimensions. end start there shall be a minimum of 40 mm (1.57 inch) of empty component pockets sealed with cover tape. mounted with components there shall be a minimum of 40 mm (1.57 inch) of empty component pockets sealed with cover tape. 150 mm-360 mm (5.9 - 14.2 inch) may consist of carrier and/or cover tape. storage condition: 5 to 30 c @ 60% rh max. baking is required under the condition: a) the blue silica gel indicator becoming white/transparent color b) the pack has been opened for more than 1 week baking recommended condition: 60 +/C 5 c for 20 hours.
www.semiconductor.agilent.com data subject to change. copyright ? 2000 agilent technologies, inc. april 19, 2001 obsoletes 5980-2106e (9/00) 5988-0364en


▲Up To Search▲   

 
Price & Availability of HSMD-C660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X