Part Number Hot Search : 
AK8856VN SCL4060B KIA7427 03929 01900 AD776 JMF616 G4PC50UP
Product Description
Full Text Search
 

To Download HGL34B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 maximum ratixgs and electrical characteristics hg l34 a th ru h gl 34m features mechanical data u n i t s 0 c 0 c - 6 5 t o + 1 5 0 - 6 5 t o + 1 5 0 p f n s symbol v o l t s v o l t s v o l t s a m p s a m p s v o l t s v rrm v rms v dc i (av) i fsm v f i r c j 0.5 10 1.25 1.35 1.5 t j t rr t stg 5.0 100 15 50 12 75 a hgl 34a 50 35 50 hgl 34b 100 70 100 hgl 34d 200 140 200 hgl 34g 400 280 400 hgl 34j 600 420 600 hgl 34k 800 560 800 hgl 34m 1000 700 1000 surface mount glass p assivated high efficiency rectifier surface mount glass p assivated high efficiency rectifier ldeal for surface mounted applications easy pick and place low leakage current glass passivated chips fast switching metallurgically bonded construction high temperature soldering guaranteed o 250 c/10 seconds/.375 , (9.5mm) lead lengths case molded plastic use ul94v-0 recoqnized flame retardant epoxy t erminals plated terminals, solderable per mil-std-202, method208 polarity red color band on body denotes cathode mounting position any weight 0.036gram o ratings at 25 c ambient temp. unless otherwise specified single phase, half sine wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% maximum current peak reverse voltage maximum rms voltage maximum dc blocking voltage 0 maximum average forward rectified current t t =60 c peak forward surge current single sine-w ave on rated load(jedec method) maximum instantaneous forward voltage drop at 0.5a dc 0 maximum dc reverse current t a =25 c 0 at rated dc blocking voltage t a =125 c maximum reverse recovery time typical junction capacitance operating junction temperature range storage temperature range notes 1. reverse recovery test conditions i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts d .c solderable ends 0 .0 2 2 (0 .5 5 9 ) 0 .0 1 6 (0 .4 0 6 ) 0 .1 4 5 (3 .6 8 3 ) 0 .0 6 6 (1 .6 7 6 ) + 0 -0 .0 0 8 (0 .2 0 ) c a t h o d e b a n d d 1 = d 2 = d 1 0 .1 3 1 (3 .3 2 7 ) 0 .0 6 0 (1 .5 2 4 ) d 2 dimension in inches (millimeters ) d o - 2 1 3 a a / m i n i m e l f www.paceleader.tw
2 rating and characteristics curves hgl34a thru hgl34m hg l34 a th ru h gl 34m surface mount glass p assivated high efficiency rectifier surface mount glass p assivated high efficiency rectifier a v e r a g e f o r w a r d c u r r e n t ( a ) 1.50 0 0 25 50 75 100 125 150 175 1.26 1.00 0.75 0.50 0.25 16 13 10 7 4 0 1 2 4 6 8 10 20 40 60 80 100 p e a k f o r w a r d s u r g e c u r e n t . ( a ) o t j =25 c 100 100 10 10 1 1 reverse voltage. (v) j u n c t i o n c a p a c i t a n c e . ( p f ) 10 1.0 0.1 .01 i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) forward volt age.(v) .4 .6 .8 1.0 1.2 1.4 1.6 o t j =25 c pulse width=300 s 1% duty cycle fig. 1 - maximum forward current derating cur ve fig. 2 - maximum non - repetitive peak forward surge current single phase half wave 60hz resistive or inouctive load 0.375"(9.5mm) lead length single phase half wave 60hz resistive or inouctive load 0.375"(9.5mm) lead length o t j =25 c 8.3ms single half sine wave jedec method number of cycles at 60hz fig. 4 - typical forw ard characteristics o ambient temperature ( c) set time base for 5/ 10ns/cm 1cm -1.0a -0.25a 0 +0.5a t rr 1 non indu ctiv e no tes : 1 . r ise tim e= 7ns ma x. inp ut imp eda nce = 1 m ego hm . 22 pf 2. ris e t ime =1 0ns ma x. so urc e i mp eda nce = 50 oh ms . 10 no nin du ct ive os cil lo sc op e (no te 1) pu ls e ge ne ra to r (no te 2) 50 no nin du ct ive du t 50vd c (appr ox) (+) (+) () () fig. 5 - reverse recovery time characteristic and test circuit diagram www.paceleader.tw fig. 3 - typical junction cap acitance


▲Up To Search▲   

 
Price & Availability of HGL34B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X