Part Number Hot Search : 
60A163C BZX84 MSD318C PSD6407 LT5571 SPED53F RFPT400 24223
Product Description
Full Text Search
 

To Download GSM293-7C35A6-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d thomas & betts 1555 lynnfield road memphis, tn 38119 (901) 682-8221 fax (901) 537-8805 d12 quality & innovation from the product group gsm series surface mount lif sockets features: augat's surface mount pga sockets offers unique features. ? "butt style" terminals with augat's patented floating feature assures compliancy to the printed circuit board surface. ? the socket includes the augat superlif ? low insertion force 37 grams (1.3 oz.) contact. ? high temperature insulators allow the sockets to be soldered with vaporphase and infrared reflow soldering process. material specifications: insulator ........................ glass epoxy, ul rated 94v-0 sleeve ............................ machined brass/formed copper contact .......................... beryllium copper sleeve plating ................ see table 2 contact plating .............. see table 2 performance specifications: mechanical vibration ........................ passed mil-std-1344, method 2005, condition v, d, 11.6 gs (rms) shock .............................. passed mil-std-1344, method 2004, condition c, 100 gs durability ...................... passed mil-std-1344, method 2016, 50 cycles solderability .................. passed mil-std-202f, method 208 insertion force .............. above 150 pins - 37 grams (1.3 oz.) average with superlif ? a .018" (0,46) dia. polished steel pin insertion force .............. below 150 pins - 50 grams (1.7 oz.) average with lif a .018" (0,46) dia. polished steel pin withdrawal force .......... above 150 pins - 15 grams (.52 oz.) average with superlif ? a .018" (0,46) dia. polished steel pin withdrawal force .......... below 150 pins - 20 grams (.70 oz.) average with lif a .018" (0,46) dia. polished steel pin electrical contact resistance ........ 10 milliohms contact rating .............. 3 amps capacitance .................... 1.0 pf per mil-std-202, method 305 (contact to contact) insulation resistance .... 5,000 megohms min. @ 500 vac per mil-std-1344, method 3003.1 dielectric withstanding voltage ...................... 1,000 volts rms per mil-std-1344, method 3001.1 environmental humidity ........................ passed mil-std-1344, method 1002, type ii operation temperature .. gold inner contact -55 c to +125 c tin/lead inner contact -55 c to +105 c gsm169-1f1708-v
d thomas & betts 1555 lynnfield road memphis, tn 38119 (901) 682-8221 fax (901) 537-8805 need more technical information? consult your thomas & betts sales office listed on the back cover d13 intel 80286 gsm068-1f1132-v 80386 gsm132-1f1414-v 80486 gsm168-1f1715-v 80486sx gsm169-1f1708-v pentium #3 gsm237-1f1925-v pentium #2 gsm238-1f1916-v pentium #5 gsm320-1c37a7-v surface mount lif sockets gsm series plating designation contact plating sleeve plating 1 gold tin/lead 3 tin/lead tin/lead 7 low gold tin/lead number of contacts grid size sleeve type (table 1) plating options (table 2) footprint options (page d23) g s m table 2 - plating finishes table 1 - sleeve types part number example: gsm169-1f1708-v how to order v butt style floating sleeves popular pin grid array footprints / ordering information ? terminal detail .218 (5,54) .165 (4,19) ??sq. ? polarization marking or notch (optional) .100 (2,54) .100 (2,54) motorola mc68000 gsm068-1f1006-v mc68010 gsm068-1f1006-v mc68020 gsm114-1f1345-v mc68030 gsm128-1f1359-v mc68040 gsm179-1f1818-v mc68440 gsm068-1f1006-v mc68450 gsm068-1f1006-v mc6850 gsm068-1f1006-v mc68451 gsm068-1f1006-v motorola mc68461 gsm149-1f1517-v mc68012 gsm084-1f1003-v mc68605 gsm084-1f1002-v mc68824 gsm084-1f1002-v mc68851 gsm132-1f1357-v mc68881 gsm068-1f1006-v mc68882 gsm068-1f1006-v mcal200ecl gsm072-1f1123-v insulator dimensions insulator size 9 x 9 10 x 10 11 x 11 12 x 12 13 x 13 14 x 14 15 x 15 16 x 16 17 x 17 pitch .100 (2,54) 050 x .100 (1,27 x 2,54) a .029 (0,736) .025 (0,635) designation f c pga ipga low force, six finger contact a .950 (24,13) 1.050 (26,67) 1.150 (29,21) 1.250 (31,75) 1.350 (34,29) 1.450 (36,83) 1.550 (39,37) 1.650 (41,91) 1.750 (44,45) b .800 (20,32) .900 (22,86) 1.000 (25,40) 1.100 (27,94) 1.200 (30,48) 1.300 (33,02) 1.400 (35,56) 1.500 (38,10) 1.600 (40,64) dimensions listed are nominal insulator size 18 x 18 19 x 19 20 x 20 21 x 21 22 x 22 23 x 23 24 x 24 25 x 25 a 1.850 (46,99) 1.950 (49,53) 2.050 (52,07) 2.150 (54,61) 2.250 (57,15) 2.350 (59,69) 2.450 (62,23) 2.550 (64,77) b 1.700 (43,18) 1.800 (45,72) 1.900 (48,26) 2.000 (50,80) 2.100 (53,34) 2.200 (55,88) 2.300 (58,42) 2.400 (60,96)


▲Up To Search▲   

 
Price & Availability of GSM293-7C35A6-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X