Part Number Hot Search : 
74HC7 MC74ACT NJM2172 EH5Z1 AL5DA024 DS323 C1608 T520AE
Product Description
Full Text Search
 

To Download GS72116AGP-10I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gs72116atp/u 128k x 16 2mb asynchronous sram 7, 8, 10, 12 ns 3.3 v v dd center v dd and v ss tsop, fp-bga commercial temp industrial temp rev: 1.10 3/2010 1/14 ? 2001, gsi technology specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. features ? fast access time: 7, 8, 10, 12 ns ? cmos low power operation: 145/125/100/85 ma at minimum cycle time ? single 3.3 v power supply ? all inputs and outputs are ttl-compatible ? byte control ? fully static operation ? industrial temperature option: ? 40 to 85c ? package line up tp: 400 mil, 44-pin tsop type ii package gp: rohs-compliant 400 mil, 44-pin tsop type ii package u: 6 mm x 8 mm fine pitch ball grid array package gu: rohs-compliant 6 mm x 8 mm fine pitch ball grid array package description the gs72116a is a high speed cmos static ram organized as 131,072 words by 16 bits. stat ic design eliminates the need for external clocks or timing strobes. the gs operates on a single 3.3 v power supply and all inputs and outputs are ttl- compatible. the gs72116a is available in a 6 mm x 8 mm fine pitch bga and 400 mil tsop type-ii packages. pin descriptions symbol description a 0 ? a 16 address input dq 1 ? dq 16 data input/output ce chip enable input lb lower byte enable input (dq1 to dq8) ub upper byte enable input (dq9 to dq16) we write enable input oe output enable input v dd +3.3 v power supply v ss ground nc no connect 1 2 3 4 5 6 a lb oe a 0 a 1 a 2 nc b dq 16 ub a 3 a 4 ce dq 1 c dq 14 dq 15 a 5 a 6 dq 2 dq 3 d v ss dq 13 nc a 7 dq 4 v dd e v dd dq 12 nc a 16 dq 5 v ss f dq 11 dq 10 a 8 a 9 dq 7 dq 6 g dq 9 nc a 10 a 11 we dq 8 h nc a 12 a 13 a 14 a 15 nc fine pitch bga 128k x 16-bump configuration 6 mm x 8 mm, 0.75 mm bump pitch top view package u 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 a 4 a 3 a 2 a 1 a 0 ce dq 1 dq 2 dq 3 dq 4 v dd v ss dq 5 dq 6 dq 7 dq 8 we a 15 a14 a 13 a 5 a 6 a 7 oe ub lb dq 16 dq 15 dq 14 dq 13 v ss v dd dq 12 dq 11 dq 10 dq 9 nc a 8 a 9 a 10 top view 21 22 24 23 a 12 a 11 44-pin tsop ii nc a 16 tsop-ii 128k x 16-pin configuration package tp
memory array row decoder column decoder address input buffer control i/o buffer a 0 ce we oe dq 1 a 16 dq 16 ub _____ gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 2/14 ? 2001, gsi technology block diagra m truth table ce oe we lb ub dq 1 to dq 8 dq 9 to dq 16 v dd current h x x x x not selected not selected isb 1 , isb 2 l l h l l read read i dd l h read high z h l high z read l x l l l write write l h write not write, high z h l not write, high z write l h h x x high z high z l x x h h high z high z note: x: ?h? or ?l?
absolute maximum ratings parameter symbol rating unit supply voltage v dd ? 0.5 to +4.6 v input voltage v in ? 0.5 to v dd +0.5 ( 4.6 v max.) v output voltage v out ? 0.5 to v dd +0.5 ( 4.6 v max.) v allowable power dissipation pd 0.7 w storage temperature t stg ? 55 to 150 o c gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 3/14 ? 2001, gsi technology note: permanent device damage may occur if absolute maximum ratings ar e exceeded. functional operation shall be restricted to recommended operating conditions. exposure to higher than recommended voltages for extended peri ods of time could affect device reliability . recommended oper ating conditions parameter symbol min typ max unit supply voltage for -7/-8/-10/12 v dd 3.0 3.3 3.6 v input high voltage v ih 2.0 ? v dd +0.3 v input low voltage v il ? 0.3 ? 0.8 v ambient temperature, commercial range t ac 0 ? 70 o c ambient temperature, industrial range t a i ? 40 ? 85 o c notes: 1. input overshoot voltage should be less than v dd +2 v and not exceed 20 ns. 2. input undershoot voltage should be greater than ? 2 v and not exceed 20 ns. capacitance parameter symbol test condition max unit input capacitance c in v = 0 v 5 pf output capacitance c out v = 0 v 7 pf notes: 1. tested at t a = 25c, f = 1 mhz 2. these parameters are sampled and are not 100% tested. in out
dc i/o pin characteristics parameter symbol test conditions min max input leakage current i il v in = 0 to v dd ? 1 ua 1 ua output leakage current i lo output high z v out = 0 to v dd ? 1 ua 1 ua output high voltage v oh i = ? 4ma 2.4 ? output low voltage v ol i = +4ma ? 0.4 v power supply currents parameter symbol test conditions 0 to 70c ? 40 to 85c 7 ns 8 ns 10 ns 12 ns 7 ns 8 ns 10 ns 12 ns operating supply current idd (max) ce vil all other inputs vi h or vil min. cycle time iout = 0 ma 145 ma 125 ma 100 ma 85 ma 150 ma 130 ma 105 ma 90 ma standby current isb1 (max) ce vih all other inputs vih or vil min. cycle time 25 ma 20 ma 20 ma 15 ma 30 ma 25 ma 25 ma 20 ma standby current isb2 (max) ce v dd ? 0.2 v all other inputs v dd ? 0.2 v or 0.2 v 5 ma 10 ma gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 4/14 ? 2001, gsi technology oh lo
dq vt = 1.4 v 50 30pf 1 dq 3.3 v output load 1 output load 2 589 434 5pf 1 notes: 1. include scope and jig capacitance. 2. test conditions as specified with output loading as shown in fig. 1 unless otherwise noted. 3. output load 2 for t lz , t hz , t olz and t ohz parameter conditions input high level v ih = 2.4 v input low level v il = 0.4 v input rise time tr = 1 v/ns input fall time tf = 1 v/ns input reference level 1.4 v output reference level 1.4 v output load fig. 1& 2 gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 5/14 ? 2001, gsi technology ac test conditions
gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 6/14 ? 2001, gsi technology ac characteristics read cycle parameter symbol -7 -8 -10 -12 unit min max min max min max min max read cycle time t rc 7 ? 8 ? 10 ? 12 ? ns address access time t aa ? 7 ? 8 ? 10 ? 12 ns chip enable access time ( ce ) t ac ? 7 ? 8 ? 10 ? 12 ns byte enable access time ( ub , lb ) t ab ? 3 ? 3.5 ? 4 ? 5 ns output enable to output valid ( oe ) t oe ? 3 ? 3.5 ? 4 ? 5 ns output hold from address change t oh 3 ? 3 ? 3 ? 3 ? ns chip enable to output in low z ( ce ) t * 3 ? 3 ? 3 ? 3 ? ns output enable to output in low z ( oe ) t * 0 ? 0 ? 0 ? 0 ? ns byte enable to output in low z ( ub , lb ) t * 0 ? 0 ? 0 ? 0 ? ns chip disable to output in high z ( ce ) t * ? 3.5 ? 4 ? 5 ? 6 ns output disable to output in high z ( oe ) t * ? 3 ? 3.5 ? 4 ? 5 ns byte disable to output in high z ( ub , lb ) t * ? 3 ? 3.5 ? 4 ? 5 ns * these parameters are sampled and are not 100% tested. t aa t oh t rc address data out previous data data valid read cycle 1: ce = oe = v il , we = v ih , ub and, or lb = v il lz olz blz hz ohz bhz
taa trc address tac tlz tab tblz toe tolz ce ub , lb oe data out thz tbhz tohz data valid high impedance gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 7/14 ? 2001, gsi technology read cycle 2: we = v ih write cycle parameter symbol -7 -8 -10 -12 unit min max min max min max min max write cycle time twc 7 ? 8 ? 10 ? 12 ? ns address valid to end of write taw 5 ? 5.5 ? 7 ? 8 ? ns chip enable to end of write tcw 5 ? 5.5 ? 7 ? 8 ? ns byte enable to end of write tbw 5 ? 5.5 ? 7 ? 8 ? ns data set up time tdw 3.5 ? 4 ? 5 ? 6 ? ns data hold time tdh 0 ? 0 ? 0 ? 0 ? ns write pulse width twp 5 ? 5.5 ? 7 ? 8 ? ns address set up time tas 0 ? 0 ? 0 ? 0 ? ns write recovery time ( we ) twr 0 ? 0 ? 0 ? 0 ? ns write recovery time ( ce ) twr1 0 ? 0 ? 0 ? 0 ? ns output low z from end of write twlz * 3 ? 3 ? 3 ? 3 ? ns write to output in high z twhz * ? 3 ? 3.5 ? 4 ? 5 ns * these parameters are sampled and are not 100% tested.
twc address ce ub , lb we data in oe data out taw tcw tbw tas twp twr tdw tdh twlz twhz data valid high impedance gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 8/14 ? 2001, gsi technology write cycle 1: we control twc address ce ub , lb we data in oe data out taw twp tas tcw twr1 tdw tdh data valid high impedance tbw write cycle 2: ce control
twc address ce ub , lb we data in oe data out taw twp tas tcw twr1 tdw tdh data valid high impedance tbw gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 9/14 ? 2001, gsi technology write cycle 3: ub , lb control
d 122 23 44 e b q a a1 a2 y c detail a e h e l l1 a notes: 1. dimension d& e do not include interlead flash. 2. dimension b does not include dambar protrusion/intrusion. 3. controlling dimension: mm symbol dimension in inch dimension in mm min nom max min nom max a ?? 0.047 ?? 1.20 a1 0.002 ?? 0.05 ?? a2 0.037 0.039 0.041 0.95 1.00 1.05 b 0.01 0.014 0.018 0.25 0.35 0.45 c ? 0.006 ?? 0.15 ? d 0.721 0.725 0.729 18.31 18.41 18.51 e 0.396 0.400 0.404 10.06 10.16 10.26 e ? 0.031 ?? 0.80 ? h e 0.455 0.463 0.471 11.56 11.76 11.96 l 0.016 0.020 0.024 0.40 0.50 0.60 l1 ? 0.031 ?? 0.80 ? y ?? 0.004 ?? 0.10 q 0 o ? 5 o 0 o ? 5 o gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 10/14 ? 2001, gsi technology 44-pin, 400 mil tsop-ii
c 5.25 0.75(typ). 3.75 pin a1 index 654321 a b d e f g h 0.22 0.05 1.20(max) 0.36(typ) ball dia. 0.35 pitch 0.75 d 0.10 pin a1 index bottom view top view 6.00 0.10 8.00 0.10 units: mm gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 11/14 ? 2001, gsi technology 6 mm x 8 mm fine pitch bg
gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 12/14 ? 2001, gsi technology ordering information part number * package access time temp. range gs72116atp-7 400 mil tsop-ii 7 ns commercial gs72116atp-8 400 mil tsop-ii 8 ns commercial gs72116atp-10 400 mil tsop-ii 10 ns commercial gs72116atp-12 400 mil tsop-ii 12 ns commercial gs72116atp-7i 400 mil tsop-ii 7 ns industrial gs72116atp-8i 400 mil tsop-ii 8 ns industrial gs72116atp-10i 400 mil tsop-ii 10 ns industrial gs72116atp-12i 400 mil tsop-ii 12 ns industrial gs72116agp-7 rohs-compliant 400 mil tsop-ii 7 ns commercial gs72116agp-8 rohs-compliant 400 mil tsop-ii 8 ns commercial gs72116agp-10 rohs-compliant 400 mil tsop-ii 10 ns commercial gs72116agp-12 rohs-compliant 400 mil tsop-ii 12 ns commercial gs72116agp-7i rohs-compliant 400 mil tsop-ii 7 ns industrial gs72116agp-8i rohs-compliant 400 mil tsop-ii 8 ns industrial GS72116AGP-10I rohs-compliant 400 mil tsop-ii 10 ns industrial gs72116agp-12i rohs-compliant 400 mil tsop-ii 12 ns industrial gs72116au-7 6 mm x 8 mm fine pitch bga 7 ns commercial gs72116au-8 6 mm x 8 mm fine pitch bga 8 ns commercial gs72116au-10 6 mm x 8 mm fine pitch bga 10 ns commercial gs72116au-12 6 mm x 8 mm fine pitch bga 12 ns commercial gs72116au-7i 6 mm x 8 mm fine pitch bga 7 ns industrial gs72116au-8i 6 mm x 8 mm fine pitch bga 8 ns industrial gs72116au-10i 6 mm x 8 mm fine pitch bga 10 ns industrial gs72116au-12i 6 mm x 8 mm fine pitch bga 12 ns industrial notes: 1. customers requiring delivery in tape and reel should add the character ?t? to t he end of the part number. for example: gs 72116 tp-8t.
gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 13/14 ? 2001, gsi technology gs72116agu-7 rohs-compliant 6 mm x 8 mm fine pitch bga 7 ns commercial gs72116agu-8 rohs-compliant 6 mm x 8 mm fine pitch bga 8 ns commercial gs72116agu-10 rohs-compliant 6 mm x 8 mm fine pitch bga 10 ns commercial gs72116agu-12 rohs-compliant 6 mm x 8 mm fine pitch bga 12 ns commercial gs72116agu-7i rohs-compliant 6 mm x 8 mm fine pitch bga 7 ns industrial gs72116agu-8i rohs-compliant 6 mm x 8 mm fine pitch bga 8 ns industrial gs72116agu-10i rohs-compliant 6 mm x 8 mm fine pitch bga 10 ns industrial gs72116agu-12i rohs-compliant 6 mm x 8 mm fine pitch bga 12 ns industrial ordering information part number * package access time temp. range notes: 1. customers requiring delivery in tape and reel should add the character ?t? to t he end of the part number. for example: gs 72116 tp-8t.
2mb asynchronous datash eet revision history rev. code: old; new types of changes format or content revisions 72116a_r1 ? creation of new datasheet 72116a_r1; 72116a_r1_01 content ? added 6 ns speed bin to entire document 72116a_r1_01; 72116a_r1_02 content ? updated all power numbers ? changed 6 mm x 10 mm fp_bga package designator from u to x 72116a_r1_02; 72116a_r1_03 content ? updated recommended operating conditions table on page 5 ? removed 15 ns bin ? changed fpbga package from 6 x 10 to 6 x 8 (package u) 72116a_r1_03; 72116a_r1_04 content ? removed 6 ns speed bin from entire document ? added 7 ns speed bin to entire document 72116a_r1_04; 72116a_r1_05 content ? corrected title of 6 x 8 fpbga mechanical drawing 72116a_r1_05; 72116a_r1_06 content/format ? updated format ? added rohs-compliant information for tsop-ii package 72116a_r1_06; 72116a_r1_07 content ? added rohs-compliant information for tqfp and fp-bga packages 72116a_r1_07; 72116a_r1_08 content ? added rohs-compliant 400 mil soj 72116a_r1_08; 72116a_r1_09 content ? updated to mp in ordering information table ? removed status column from or dering information table, removed re ferences to soj 72116a_r1_09; 72116a_r1_10 content ? removed tqfp refereneces (part is eol) gs72116atp/t/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2010 14/14 ? 2001, gsi technology


▲Up To Search▲   

 
Price & Availability of GS72116AGP-10I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X