Part Number Hot Search : 
CMO5TD HJ350 LA7775M CM1843 E000916 2SC1318 BP5326 MAX673
Product Description
Full Text Search
 

To Download GS71108AGP-10I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gs71108atp/u 128k x 8 1mb asynchronous sram 7, 8, 10, 12 ns 3.3 v v dd center v dd and v ss tsop, fp-bga commercial temp industrial temp rev: 1.10 3/2009 1/13 ? 2001, gsi technology specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. features ? fast access time: 7, 8, 10, 12 ns ? cmos low power operation: 140/120/95/80 ma at minimum cycle time ? single 3.3 v power supply ? all inputs and outputs are ttl-compatible ? fully static operation ? industrial temperature option: ? 40 to 85c ? package line up tp: 400 mil, 32-pin tsop type ii package gp: rohs-compliant 400 mil, 32-pin tsop type ii package u: 6 mm x 8 mm fine pitch ball grid array package gu: rohs-compliant 6 mm x 8 mm fine pitch ball grid array package description the gs71108a is a high speed cmos static ram organized as 131,072 words by 8 bits. static design eliminates the need for external clocks or timing strobes. the gs 71108 operates on a single 3.3 v power supply and all inputs and outputs are ttl-compatible. the gs71108a is available in the 6 mm x 8 mm fine pitch bga package and 400 mil tsop type-ii packages. tsop-ii 128k x 8- pin configuration package tp fine pitch bga 128k x 8-bump configuration package u 6 mm x 8 mm, 0.75 mm bump pitch top view pin descriptions symbol description a 0 ? a 16 address input dq 1 ? dq 8 data input/output ce chip enable input we write enable input oe output enable input v dd +3.3 v power supply v ss ground nc no connect 1 2 3 4 5 6 a nc oe a 2 a 6 a 7 nc b dq 1 nc a 1 a 5 ce dq 8 c dq 2 nc a 0 a 4 nc dq 7 d v ss nc nc a 3 nc v dd e v dd nc nc nc nc v ss f dq 3 nc a 14 a 11 dq 5 dq 6 g dq 4 nc a 15 a 12 we a 8 h nc a 10 a 16 a 13 a 9 nc 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 a 3 a 2 a 1 a 0 ce dq 1 dq 2 v dd v ss dq 3 dq 4 we a 16 a 15 a 14 a 13 a 4 a5 a6 a 7 oe dq 8 dq 7 v ss v dd dq6 dq 5 a 8 a 9 a 10 a 11 a 12 400 mil tsop ii
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 2/13 ? 2001, gsi technology block diagram note: x: ?h? or ?l? truth table ce oe we dq 1 to dq 8 v dd current h x x not selected isb 1 , isb 2 l l h read i dd l x l write l h h high z memory array row decoder column decoder address input buffer control i/o buffer a 0 ce we oe dq 1 a 16 dq 8
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 3/13 ? 2001, gsi technology note: permanent device damage may occur if absolute maximum ratings ar e exceeded. functional operation shall be restricted to recomme nded operating conditions. exposure to higher than recommended voltages for extended peri ods of time could affect device reliability . notes: 1. input overshoot voltage should be less than v dd +2 v and not exceed 20 ns. 2. input undershoot voltage should be greater than ? 2 v and not exceed 20 ns. absolute maximum ratings parameter symbol rating unit supply voltage v dd ? 0.5 to +4.6 v input voltage v in ? 0.5 to v dd +0.5 ( ?? 4.6 v max.) v output voltage v out ? 0.5 to v dd +0.5 ( ?? 4.6 v max.) v allowable power dissipation pd 0.7 w storage temperature t stg ? 55 to 150 o c recommended oper ating conditions parameter symbol min typ max unit supply voltage for -7/-8/-10/-12 v dd 3.0 3.3 3.6 v input high voltage v ih 2.0 ? v dd +0.3 v input low voltage v il ? 0.3 ? 0.8 v ambient temperature, commercial range t ac 0 ? 70 o c ambient temperature, industrial range t a i ? 40 ? 85 o c
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 4/13 ? 2001, gsi technology notes: 1. tested at t a = 25c, f = 1 mhz 2. these parameters are sampled and are not 100% tested. capacitance parameter symbol test condition max unit input capacitance c in v in = 0 v 5 pf output capacitance c out v out = 0 v 7 pf dc i/o pin characteristics parameter symbol test conditions min max input leakage current i il v in = 0 to v dd ? 1 ua 1 ua output leakage current i lo output high z v out = 0 to v dd ? 1 ua 1 ua output high voltage v oh i oh = ? 4 ma 2.4 ? output low voltage v ol i lo = +4 ma ? 0.4 v power supply currents parameter symbol test conditions 0 to 70c ?40 to 85c 7 ns 8 ns 10 ns 12 ns 7 ns 8 ns 10 ns 12 ns operating supply current i dd ce ?? v il all other inputs ?? v ih or ?? v il min. cycle time i out = 0 ma 140 ma 120 ma 95 ma 80 ma 145 ma 125 ma 100 ma 85 ma standby current i sb1 ce ?? v ih all other inputs ? v ih or ? v il min. cycle time 25 ma 20 ma 20 ma 15 ma 30 ma 25 ma 25 ma 20 ma standby current i sb2 ce ?? v dd ? 0.2 v all other inputs ? v dd ? 0.2 v or ?? 0.2 v 2 ma 5 ma
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 5/13 ? 2001, gsi technology ac test conditions ac characteristics * these parameters are sampled and are not 100% tested read cycle parameter symbol -7 -8 -10 -12 unit min max min max min max min max read cycle time t rc 7 ? 8 ? 10 ? 12 ? ns address access time t aa ? 7 ? 8 ? 10 ? 12 ns chip enable access time ( ce ) t ac ? 7 ? 8 ? 10 ? 12 ns output enable to output valid ( oe ) t oe ? 3 ? 3.5 ? 4 ? 5 ns output hold from address change t oh 3 ? 3 ? 3 ? 3 ? ns chip enable to output in low z ( ce ) t lz * 3 ? 3 ? 3 ? 3 ? ns output enable to output in low z ( oe ) t olz * 0 ? 0 ? 0 ? 0 ? ns chip disable to output in high z ( ce ) t hz * ? 3.5 ? 4 ? 5 ? 6 ns output disable to output in high z ( oe ) t ohz * ? 3 ? 3.5 ? 4 ? 5 ns dq vt = 1.4 v 50 ? 30pf 1 dq 3.3 v output load 1 output load 2 589 ? 434 ? 5pf 1 notes: 1. include scope and jig capacitance. 2. test conditions as specified with output loading as shown in fig. 1 unless otherwise noted. 3. output load 2 for t lz , t hz , t olz and t ohz parameter conditions input high level v ih = 2.4 v input low level v il = 0.4 v input rise time tr = 1 v/ns input fall time tf = 1 v/ns input reference level 1.4 v output reference level 1.4 v output load fig. 1& 2
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 6/13 ? 2001, gsi technology read cycle 1: ce = oe = v il , we = v ih read cycle 2: we = v ih t aa t oh t rc address data out previous data data valid t aa t rc address t ac t lz t oe t olz ce oe data out t hz t ohz d ata valid high impedance
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 7/13 ? 2001, gsi technology * these parameters are sampled and are not 100% tested write cycle 1: we control write cycle parameter symbol -7 -8 -10 -12 unit min max min max min max min max write cycle time twc 7 ? 8 ? 10 ? 12 ? ns address valid to end of write taw 5 ? 5.5 ? 7 ? 8 ? ns chip enable to end of write tcw 5 ? 5.5 ? 7 ? 8 ? ns data set up time tdw 3 ? 4 ? 5 ? 6 ? ns data hold time tdh 0 ? 0 ? 0 ? 0 ? ns write pulse width twp 5 ? 5.5 ? 7 ? 8 ? ns address set up time tas 0 ? 0 ? 0 ? 0 ? ns write recovery time ( we ) twr 0 ? 0 ? 0 ? 0 ? ns write recovery time ( ce ) twr1 0 ? 0 ? 0 ? 0 ? ns output low z from end of write twlz * 3 ? 3 ? 3 ? 3 ? ns write to output in high z twhz * ? 3 ? 3.5 ? 4 ? 5 ns t wc address ce we data in oe data out t aw t cw t as t wp t wr t dw t dh t wlz t whz d ata valid h igh impedance
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 8/13 ? 2001, gsi technology write cycle 2: ce control t wc address ce we data in oe data out t aw t wp t as t cw t wr1 t dw t dh d ata valid h igh impedance
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 9/13 ? 2001, gsi technology 32-pin tsop-ii, 400mil d 1 32 e b q a a1 a2 y c detail a e1 e l a zd l1 notes: 1. dimension d includes mold flas h, protrusions or gate burrs. 2. dimension e does not include interlead flash 3. controlling dimension: mm symbol dimension in inch dimension in mm min nom max min nom max a 0.039 ? 0.05 ? ? 1.27 a1 0.002 ? 0.006 0.01 ? 0.15 a2 0.037 0.040 0.045 0.90 1.02 1.14 b 0.012 0.016 0.018 0.30 0.40 0.45 c 0.0047 0.0051 0.0062 0.12 0.13 0.16 d 0.820 0.825 0.830 20.82 20.95 21.08 zd ? 0.037 ? ? 0.95 ? e 0.455 0.463 0.471 11.56 11.76 11.96 e1 0.395 0.400 0.405 10.03 10.16 10.29 e ? 0.05 ? ? 1.27 ? l 0.017 0.020 0.023 0.40 0.50 0.60 l1 0.024 0.031 0.039 0.60 0.80 1.00 y 0.00 ? 0.003 0.00 ? 0.76 q 0 o ? 5 o 0 o ? 5 o
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 10/13 ? 2001, gsi technology 6 mm x 8 mm fine pitch bga c 5.25 0.75(typ). 3.75 pin a1 index 654321 a b d e f g h 0.22 0.05 1.20(max) 0.36(typ) ball dia. 0.35 pitch 0.75 d 0.10 pin a1 index bottom view top view 6.00 0.10 8.00 0.10 units: mm
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 11/13 ? 2001, gsi technology ordering information part number * package access time temp. range gs71108atp-7 400 mil tsop-ii 7 ns commercial gs71108atp-8 400 mil tsop-ii 8 ns commercial gs71108atp-10 400 mil tsop-ii 10 ns commercial gs71108atp-12 400 mil tsop-ii 12 ns commercial gs71108atp-7i 400 mil tsop-ii 7 ns industrial gs71108atp-8i 400 mil tsop-ii 8 ns industrial gs71108atp-10i 400 mil tsop-ii 10 ns industrial gs71108atp-12i 400 mil tsop-ii 12 ns industrial gs71108agp-7 rohs-compliant 400 mil tsop-ii 7 ns commercial gs71108agp-8 rohs-compliant 400 mil tsop-ii 8 ns commercial gs71108agp-10 rohs-compliant 400 mil tsop-ii 10 ns commercial gs71108agp-12 rohs-compliant 400 mil tsop-ii 12 ns commercial gs71108agp-7i rohs-compliant 400 mil tsop-ii 7 ns industrial gs71108agp-8i rohs-compliant 400 mil tsop-ii 8 ns industrial GS71108AGP-10I rohs-compliant 400 mil tsop-ii 10 ns industrial gs71108agp-12i rohs-compliant 400 mil tsop-ii 12 ns industrial gs71108au-7 6 mm x 8 mm fine pitch bga 7 ns commercial gs71108au-8 6 mm x 8 mm fine pitch bga 8 ns commercial gs71108au-10 6 mm x 8 mm fine pitch bga 10 ns commercial gs71108au-12 6 mm x 8 mm fine pitch bga 12 ns commercial gs71108au-7i 6 mm x 8 mm fine pitch bga 7 ns industrial gs71108au-8i 6 mm x 8 mm fine pitch bga 8 ns industrial gs71108au-10i 6 mm x 8 mm fine pitch bga 10 ns industrial gs71108au-12i 6 mm x 8 mm fine pitch bga 12 ns industrial note: customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. for example: gs71108a tp-8t.
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 12/13 ? 2001, gsi technology gs71108agu-7 rohs-compliant 6 mm x 8 mm fine pitch bga 7 ns commercial gs71108agu-8 rohs-compliant 6 mm x 8 mm fine pitch bga 8 ns commercial gs71108agu-10 rohs-compliant 6 mm x 8 mm fine pitch bga 10 ns commercial gs71108agu-12 rohs-compliant 6 mm x 8 mm fine pitch bga 12 ns commercial gs71108agu-7i rohs-compliant 6 mm x 8 mm fine pitch bga 7 ns industrial gs71108agu-8i rohs-compliant 6 mm x 8 mm fine pitch bga 8 ns industrial gs71108agu-10i rohs-compliant 6 mm x 8 mm fine pitch bga 10 ns industrial gs71108agu-12i rohs-compliant 6 mm x 8 mm fine pitch bga 12 ns industrial ordering information part number * package access time temp. range note: customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. for example: gs71108a tp-8t.
gs71108atp/u specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.10 3/2009 13/13 ? 2001, gsi technology 1mb asynchronous datash eet revision history rev. code: old; new types of changes format or content page #/revisions/reason 71108a_r1 ? creation of new datasheet 71108a_r1; 71108a_r1_01 content ? added 6 ns speed bin to entire document 71108a_r1_01; 71108a _r1_02 content ? updated all power numbers ? changed 6 mm x 10 mm package designator from u to x 71108a_r1_02; 71108a _r1_03 content ? updated recommended operating conditions table on page 3 ? updated power supply currents table ? changed fpbga package from 6 x 10 to 6 x 8 (package u) 71108a_r1_03; 71108a _r1_04 content ? removed 6 ns speed bin from entire document ? added 7 ns speed bin to entire document 71108a_r1_04; 71108a _r1_05 content ? added missing 300 mil soj mechanical drawing 71108a_r1_05; 71108a _r1_06 content ? updated format ? added rohs-compliant information for tsop-ii package 71108a_r1_06; 71108a _r1_07 content ? added rohs-compliant information for fp-bga package 71108a_r1_07; 71108a _r1_08 content ? added rohs-compliant 400 mil, 32-pin soj 71108a_r1_08; 71108a _r1_09 content ? updated to mp in ordering information table 71108a_r1_09; 71108a _r1_10 content ? removed status column from ordering information table ? removed soj package reference from entire document


▲Up To Search▲   

 
Price & Availability of GS71108AGP-10I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X