Part Number Hot Search : 
LTC3436 MBR3015 20800SAE LC14A F3T5G PE430608 68701 17P06
Product Description
Full Text Search
 

To Download GP1S24J0000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gp1s24 gp1s24 n outline dimensions ( unit : mm ) n features n absolute maximum ratings ( ta = 25?c ) n applications 1. compact package 2. pwb mounting type 4. gap between light emitter and detector ( 3mm ) 5. with a positioning boss 6.0 3.0 1.5 ( 1.0 ) 3.5 4.2 ( c0.8 ) ( 0.3 ) slit width 5.2 h 2.5 4 - 0.5 h 5.0 ( c0.3 ) internal connection diagram 1 anode 2 collector 3 emitter 4 cathode 4 1 3 2 center of light path 1 2 3 4 0.8 2.5 soldering area 1mm or more * the dimensions indicated by h refer to those measured from the lead base. * burr's dimensions : 0.15 max. subminiature photointerrupter 3. high sensing accuracy ( silt width : 0.3mm ) parameter symbol rating unit input forward current i f 50 ma v r 6v power dissipation p 75 mw output collector-emitter voltage v ceo 35 v emitter-collector voltage v eco 6v collector current i c 20 ma collector power dissipation p c 75 mw total power dissipation operating temperature p tot t opr 100 - 25 to + 85 mw ?c storage temperature t stg - 40 to + 100 ?c t sol 260 ?c *1 soldering temperature c0.2 * unspecified tolerance : 0.2 * ( ) : reference dimensions *1 for 5 seconds reverse voltage 1. floppy disk drives 2. laser disc players data books, etc. contact sharp in order to obtain the latest version of the device specification sheets before using any sharp 's device. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that occur in equi pment using any of sharp's devices, shown in catalogs, 4 - 0.15 + 0.2 - 0.1 4.0 min. f 1.4 + 0 - 0.1 f 1.0 + 0 - 0.1
gp1s24 parameter symbol min. typ. max. unit. forward voltage v f i f = 20ma - 1.2 1.4 v reverse current i r v r =3v - - 10 m a i ceo v ce = 20v - - 100 na collector current i c v ce = 5v, i f = 5ma 40 - 400 m a collector-emitter saturation voltage v ce ( sat ) i f = 10ma, i c = 40 m a - - 0.4 v response time rise time v ce = 5v, i c = 100 m a r l - 50 150 m s fall time - 50 150 m s input ( ta = 25?c ) transfer characte- ristics - 25 0 25 50 75 100 0 10 20 30 40 50 60 - 25 0 25 50 75 100 0 20 40 60 power dissipation p ( mw ) 80 85 100 120 85 ambient temperature t a ( ?c ) fig. 1 forward current vs. ambient temperature forward current i f ( ma ) ambient temperature t a ( ?c ) fig. 2 power dissipation vs. ambient temperature n electro-optical characteristics output collector dark current t r t f 0 0.5 1 1.5 2 1 2 10 20 100 200 2.5 3 5 50 500 25?c 0?c - 25?c 50?c fig. 3 forward current vs. forward voltage forward current i f ( ma ) forward voltage v f ( v ) 1.0 0.8 0.6 0.4 0.2 0 01020 fig. 4 collector current vs. forward current conditions = 1 000 w p tot collector current i c ( ma ) v ce =5v t a = 25?c t a = 75?c p, p c forward current i f ( ma )
gp1s24 3.6 2.8 0.4 2.0 1.2 4.0 3.2 2.4 1.6 0.8 0 0246810 collector current i c ( ma ) collector-emiter voltage 025507585 ambient temperature 0.14 0.12 0.13 0.11 0.09 0.10 - 25 0 25 50 75 85 vs. ambient temperature 2 5 2 5 2 5 2 5 25 50 75 100 0 fig. 8 collector dark current vs. ambient temperature 40ma 30ma 20ma 10ma 5ma fig. 5 collector current vs. fig. 6 collector current vs. fig. 7 collector-emitter saturation voltage ambient temperature t a ( ?c ) 10 100 1000 1 10 100 fig. 9 response time vs. 10 % test circuit for response time output input 90 % input output r d v cc r l t d t r t s t f t r t f t d t s -25 200 150 100 50 0 i f = 50ma t a = 25?c collector-emitter voltage v ce ( v ) i f = 10ma i c =40 m a collector-emitter saturation voltage v ce ( sat ) ( v ) collector current i c ( a ) v ce = 20v collector dark current i ceo ( a ) 10 -10 10 -9 10 -8 10 -7 10 -6 response time ( m s ) v ce =5v t a = 25?c ambient temperature t a ( ?c ) ambient temperature t a ( ?c ) load resistance load resistance r l ( k w ) i c = 100 m a m
gp1s24 gp1s24 2 13 20 40 60 80 100 10 30 50 70 90 l l= 0 fig.10 relative collector current vs. gp1s24 l 90 70 50 30 10 100 80 60 40 20 fig.11 relative collector current vs. 0.5 1 1.5 2 2.5 l= 0 i f = 4ma v ce =5v shield i f = 5ma v ce =5v shield relative collector current ( % ) shield distance l ( mm ) shield distance ( 1 ) shield distance l ( mm ) relative collector current ( % ) shield distance ( 2 ) l please refer to the chapter precautions for use.
115 application circuits notice l the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp's devices. l contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufacturing locations are also subject to change without notice. l observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii)measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: --- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii)sharp devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment --- medical and other life support equipment (e.g., scuba). l contact a sharp representative in advance when intending to use sharp devices for any "specific" applications other than those recommended by sharp or when it is unclear which category mentioned above controls the intended use. l if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade control law of japan, it is necessary to obtain approval to export such sharp devices. l this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. l contact and consult with a sharp representative if there are any questions about the contents of this publication.


▲Up To Search▲   

 
Price & Availability of GP1S24J0000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X