Part Number Hot Search : 
063XW10 TMP220 XCZU2EG LT049 BLF041S 12C110DF 2SD904 A2010
Product Description
Full Text Search
 

To Download GLENAIRINC-803-013-AA6ZNU14-12PN-72 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01-january-2010 01-january-2010 f series 803 dimensions in inches (millimeters) and are subject to change without notice. ? 2010 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com f-15 e-mail: sales@glenair.com 01-january-2010 series 803 mighty mouse ? turn bayonet coupling overmolded asap cordset ordering information 803-009 overmolded cordset series 803 harsh environment shielded cordsets these overmolded cordsets withstand abrasion and chemical exposure. low smoke zero halogen jacket reduces the amount of toxic and corrosive gasses emitted during combustion. cable construction features silver coated stranded conductors with tfe insulation, tinned copper braid shield and extruded polyurethane jacket. choose single-ended pigtails or double-ended "back- to-back" versions. braid shield is attached directly to connector with band-it ? straps. semi-rigid polyamide overmold provides strain relief and environmental sealing. series 801 cordsets are now available with size #20hd, #16 and #12 contacts. ordering information is found on the following pages. abrasion-resistant polyurethane jacket provides cold temperature fexibility and high strength. low smoke/zero halogen material meets requirements for low toxicity. 90% tinned copper braid is terminated directly to connector with stainless steel band-it ? strap. watertight overmold provides strain relief and protection. harsh environment cordset specifications cable jacket material thermoplastic polyurethane, black, low-smoke, zero-halogen cable shield tin-coated copper braid, 90% minimum coverage conductors silver coated stranded wire, tfe insulated, per m22759/11 band-it ? shield termination band stainless steel current rating #23 5 amps, #20hd 7.5 amps, #16 13 amps, #12 23 amps test voltage (dielectric withstanding voltage) #23 500 vac, #20hd 700 vac, #16 and #12 1800 vac sea level insulation resistance 200 megohms minimum operating temperature -30 c. to +105 c. solvent resistance, polyamide overmold excellent resistance to most solvents, fuels, and oils; poor resistance to strong acids and bipolar solvents (alcohol) shielding effectiveness 50 db minimum from 100mhz to 1000mhz. cable jacket flammability and toxicity toxicity index 3.9 per nes 713 oxygen index 28% per astm d-2863 smoke index 24 per nes 711
a b f g j k l m series 803 dimensions in inches (millimeters) and are subject to change without notice. ? 2010 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com f-16 e-mail: sales@glenair.com 01-january-2010 01-january-2010 01-january-2010 series 803 mighty mouse ? turn bayonet coupling overmolded asap cordset dimensions 803-009, 803-016 series 803 cordsets with size #23 contacts sample part number 803-009 -a c 2 m 9-19 p n -72 series end a connector end b connector wire size shell material / finish insert arr. protective cover shell key pos. length 803-009 overmolded cordset, shielded, with low smoke/ zero halogen polyurethane jacket, size #23 contacts - a plug, with male pin contacts - b plug, with female socket contacts - c receptacle, with male pin contacts - d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single-ended) 2 #22 awg 4 #24 awg m aluminum / electroless nickel nf a luminum / cadmium with olive drab chromate znu | aluminum / zinc-nickel with black chromate mt aluminum / nickel-ptfe z1 stainless steel / passivated 5-3 6-4 6-6 6-7 7-10 8-13 9-19 10-26 12-37 14-55 p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min . series 803 cordsets with size #20hd contacts sample part number 803-016 -a c 2 m 7-25 p n -72 series end a connector end b connector wire size shell material / finish insert arr. protective cover shell key pos. length 803-016 overmolded cordset, shielded, with low smoke/ zero halogen polyurethane jacket, size #20hd contacts - a plug, with male pin contacts - b plug, with female socket contacts - c receptacle, with male pin contacts - d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single-ended) 0 #20 awg 2 #22 awg m aluminum / electroless nickel nf a luminum / cadmium with olive drab chromate znu | aluminum / zinc-nickel with black chromate mt aluminum / nickel-ptfe z1 stainless steel / passivated 6-23 7-25 8-28 9-210 12-220 14-235 p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min .
01-january-2010 01-january-2010 f series 803 dimensions in inches (millimeters) and are subject to change without notice. ? 2010 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com f-17 e-mail: sales@glenair.com 01-january-2010 series 803 mighty mouse ? turn bayonet coupling overmolded asap cordset dimensions 803-013, 803-014 series 803 cordsets with size #16 contacts sample part number 803-013 -a c 6 m 9-4 p n -72 series end a connector end b connector wire size shell material / finish insert arr. protective cover shell key pos. length 803-013 overmolded cordset, shielded, with low smoke/ zero halogen polyurethane jacket, size #16 contacts - a plug, with male pin contacts - b plug, with female socket contacts - c receptacle, with male pin contacts - d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single-ended) 6 #16 awg 8 #18 awg m aluminum / electroless nickel nf a luminum / cadmium with olive drab chromate znu | aluminum / zinc-nickel with black chromate mt aluminum / nickel-ptfe z1 stainless steel / passivated 6-1 8-2 9-4 10-5 12-7 14-12 p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min . series 803 cordsets with size #12 contacts sample part number 803-014 -a c 2 m 10-2 n n -72 series end a connector end b connector wire size shell material / finish insert arr. protective cover shell key pos. length 803-014 overmolded cordset, shielded, with low smoke/ zero halogen polyurethane jacket, size #12 contacts - a plug, with male pin contacts - b plug, with female socket contacts - c receptacle, with male pin contacts - d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single-ended) 2 #12 awg 4 #14 awg m aluminum / electroless nickel nf a luminum / cadmium with olive drab chromate znu | aluminum / zinc-nickel with black chromate mt aluminum / nickel-ptfe z1 stainless steel / passivated 7-1 10-2 12-2 12-3 14-5 p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min .
a b f g j k l m series 803 dimensions in inches (millimeters) and are subject to change without notice. ? 2010 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com f-18 e-mail: sales@glenair.com 01-january-2010 01-january-2010 01-january-2010 right angle cordsets how to order right angle cordsets insert the letter r after the end a or end b connector letter designator. example straight cable 803-009-ac4m6-4pn-72 right angle 803-009-ar c r 4m6-4pn-72 series 803 mighty mouse ? turn bayonet coupling overmolded asap cordset dimensions 803-009, 803-013, 803-014, 803-016 length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. a max. b max. series 803 receptacle optional protective cover with polyurethane wire rope polyamide overmolded strain relief shielded jacketed cable master key located 180 from cable exit length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. c max. e max. d max. dimensions shell size a max. b max. c max. d max. e max. in. mm. in. mm. in. mm. in. mm. in. mm. 5 2.15 54.61 0.6 15.24 1.5 38.1 0.6 15.24 1.85 46.99 6 2.15 54.61 0.6 15.24 1.5 38.1 0.6 15.24 1.85 46.99 7 2.15 54.61 0.7 17.78 1.5 38.1 0.7 17.78 2.05 52.07 8 2.25 57.15 0.8 19.05 1.6 40.64 0.8 19.05 2.15 54.61 9 2.55 64.77 0.9 21.59 1.9 48.26 0.9 21.59 2.35 59.69 10 2.55 64.77 0.9 21.59 1.9 48.26 0.9 21.59 2.35 59.69 12 2.85 72.39 1.1 27.94 2.2 55.88 1.1 27.94 2.85 72.39 14 3.15 80.01 1.3 33.02 2.5 63.5 1.3 33.02 3.25 82.55


▲Up To Search▲   

 
Price & Availability of GLENAIRINC-803-013-AA6ZNU14-12PN-72

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X