Part Number Hot Search : 
MBR1545 TIP122 CH168 W83977 78H12A 78H12A KBL410 3DD10
Product Description
Full Text Search
 

To Download FSS52BCLR-10625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed rev. 12/9/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fss52 series page 1 of 3 output (pin 3) active active high z ? en a bl e / di sa bl e fun c ti o n inh (pin 1) open 2 '1' level v ih 70% v dd '0' level v il 30% v dd 13.000 ~ 160.000 mhz -55oc ~ +125oc 100 ppm 1 2.5v 5% 20ma 25ma 30ma 5ns 4ns 3ns 5ns 4ns 3ns 40% ~ 60% 10% v dd 90% v dd min 8ma min -8ma min 15pf 10a 10ms 100ns 2ms 10ms 0.25% ~ 2.0% -0.5% ~ -4.0% 3 ppm/year 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) frequency stability (demodulated frequency) supply voltage (v dd ) input current (i dd ) 13.000000 ~ 79.999999 mhz 80.000000 ~ 99.999999 mhz 100.000000 ~ 160.000000 mhz rise time (10% ~ 90% v dd ) (t r ) 13.000000 ~ 49.999999 mhz 50.000000 ~ 79.999999 mhz 80.000000 ~ 160.000000 mhz fall time (90% ~ 10% v dd ) (t f ) 13.000000 ~ 49.999999 mhz 50.000000 ~ 79.999999 mhz 80.000000 ~ 160.000000 mhz output symmetry (50% v dd ) output voltage (hcmos) output low (v ol ) output high (v oh ) output current (i ol ) (i oh ) output load standby current (fss53s) startup time disable time enable time fss52b (tristate) fss52s (standby) spread spectrum function (see model selection guide, page 2) center spread down spread aging maximum soldering temp / time moisture sensitivity level (msl) termination finish ? e l ec t r i ca l charac t er i s ti cs max (unless otherwise noted) 1 inclusive of initial frequency tolerance and operating temperature range. (other stabilities to 20 ppm available.) 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. the above specifcations, having been carefully prepared and checked, are believed to be acurate at the time of publication; however, no responsibility is assumed by fox electronics for inaccuracies. all specifcations subject to change without notice. all dimensions are in millimeters. 5 . 2 m a x 1 . 3 m a x solder pad layout recommended 3 . 4 m a x 1 . 2 pin connections # 1 e /d # 2 g n d # 3 o u tp u t # 4 v d d 1.0 2.2 1.6 2 .54 1.4 # 1 # 2 # 4 # 3 # 1 # 2 # 3 # 4 1 .20.2 2 .54 0.2 top view dot denotes pin 1 bottom view hcmos 5x3.2mm 2.5v smd oscillator spread spectrum fox electronics spread spectrum oscillators use industry-leading, proven, analog technologies which allows them to be used in a wide range of high-performance applications. these products offer various down-spread and center-spread options, enabling the customer to optimize the emi reduction for their application requirements.
 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed rev. 12/9/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fss52 series page 2 of 3 hcmos 5x3.2mm 2.5v smd oscillator spread spectrum
fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed hcmos 5x3.2mm 2.5v smd oscillator rev. 12/9/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fss52 series page 3 of 3 ? t ape spec i f i ca ti o n s (millimeters) mode l fss52 series a ? 1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.4 std reel qty 1,000 ? ree l spec i f i ca ti o n s (millimeters) g 2.0 h ? 13 i ? 21 j ? 62 k ? 180 l 12.2 m 1.6 mode l fss52 series spread spectrum


▲Up To Search▲   

 
Price & Availability of FSS52BCLR-10625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X