Part Number Hot Search : 
EL6270C 8TRPB MKT368 MIC2297 255L050 N4800LS MAX322 MSP34X1G
Product Description
Full Text Search
 

To Download FR206GP-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fr201gp thru fr207gp 2 amp glass passivated fast recovery rectifier 50 to 1000 volts features high current capability fast switching speed for high efficiency maximum ratings operating temperature: -5 5 c to +15 0 c storage temperature: -5 5 c to +15 0 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage fr201gp fr201gp 50v 35v 50v fr202gp 100v 70v 100v fr203gp 200v 140v 200v fr204gp 400v 280v 400v fr205gp 600v 420v 600v fr206gp 800v 560v 800v fr207gp 1000v 700v 1000v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 2 a t a = 55 c peak forward surge current i fsm 60a 8.3ms, half sine maximum instantaneous forward voltage v f 1.3v i fm = 2.0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 100 m a t a = 25 c t a = 100 c maximum reverse recovery time fr201gp-204gp fr205gp fr206gp-207gp t rr 150ns 250ns 500ns i f =0.5a, i r =1.0a, i r r =0.25a typical junction capacitance c j 40pf measured at 1.0mhz, v r =4.0v do-15 dimensions inches mm dim min max min max note a .230 .300 5.80 7.60 b .104 .140 2.60 3.60 c .026 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark         
 omp onents 2 0736 marilla street chatsworth               !  " #   $
%        !   " #    mcc revision: a 2011/01/01 tm micro commercial components fr202gp fr203gp fr204gp fr205gp fr206gp fr207gp www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7.
fr201gp thru fr207gp average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 .5 1.0 1.5 single phase, half wave 60hz resistive or inductive load amps c 150 2.0 2.5 3.0 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 12 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 2 5 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =2 5 c mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 4
fr201gp thru fr207gp t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 5 0 w 1 0 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 5 reverse recovery time characteristic and test circuit diagram 1 100 4 0 15 30 45 8 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 60 75 90 mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc www.mccsemi .com revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 3 device packing part number-tp tape&reel: 4kpcs/reel part number-bp bulk: 25kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of FR206GP-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X