Part Number Hot Search : 
UDZS30B NTE583 95250 C2458Y SP232E NTE7000 200D1 34S112K
Product Description
Full Text Search
 

To Download ECQU2A474 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic plastic film capacitors design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please in form us immediately for technical consultation without fail. metallized polyester film capacitor type ecqul class 2 [class y2/x2] in accordance with ul/csa and european safety regulation class x2 or class y2/x2 features compact flame-retardant plastic case and non-combustible resin rohs directive compliant recommended applications interference suppressors explanation of part numbers applicable standard ul 1414 across-the-line capacitors antenna-coupling and line-by-pass components (0.0010 ? to 1.0 ? ) ul ul 1283 electromagnetic interference filters (1.2 ? to 3.3 f) class y2/x2 (0.0010 ? to 0.0068f) can/csa e60384-14 class x2 (0.0082 ? to 3.3 f) csa csa c22.2 no.8-m 1986 electromagnetic interference (emi) filters (1.2 ? to 3.3 f) iec60384-14 class y2/x2 (0.0010 ? to 0.0068 f) vde en132400 class x2 (0.0082 ? to 2.2 f) when applying this capacitor to european and american safety standards, please use type designation and rating such as ecqul 0.1 f. approval number (file no.) of safety regulations are subjec t to revision without notice. ask factory for a copy of the latest file no this capacitor is recognized for european standards by vd e only. but, there are no problems using this capacitor in a device which will get approvals from certification bodies in europe, semko, demko, nemko, fimko and sev etc. except vde. specifications category temp. range 40 to 100 (85 max. on ul/csa c22.2 no.8 spec.) rated voltage 275 vac (iec60384-14, can/csa e60384-14) 250 vac (ul/csa c22.2 no.8) capacitance range 0.0010 to 3.3 f capacitance tolerance 10 (k) 20 (m) dissipation factor (tan ) tan ?Q 1.0 .(20 1 khz) withstand voltage between terminals: 575 vac 1768 vdc 60 s 0.0082 f to 3.3 f between terminals: 1500 vac 2121 vdc 60 s 0.0010 f to 0.0068 f between terminals to enclosure: 2050 vac 60 s insulation resistance (ir) c Q 0.33 f : ir R 15000 m (20 , 100 vdc, 60 s) c 0.33 f : ir R 5000 m ? f. 20 , 100 vdc, 60 s ir R 2000 m . 20 , 500 vdc, 60 s use of this capacitor is limited to ac voltage (50hz or 60hz sine wave). 12 suffix blank a straight cut lead
panasonic plastic film capacitors design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please in form us immediately for technical consultation without fail. dimensions in mm (not to scale) rating & dimensions capacitance tolerance : 10 (k) 20 (m) dimensions(mm) part no. cap. ( f) ? q min. order q?ty ecqu2a102l( ) 0.0010 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a122l( ) 0.0012 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a152l( ) 0.0015 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a182l( ) 0.0018 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a222l( ) 0.0022 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a272l( ) 0.0027 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a332l( ) 0.0033 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a392l( ) 0.0039 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a472l( ) 0.0047 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a562l( ) 0.0056 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a682l( ) 0.0068 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a822l( ) 0.0082 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a103l( ) 0.010 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a123l( ) 0.012 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a153l( ) 0.015 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a183l( ) 0.018 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a223l( ) 0.022 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a273l( ) 0.027 15.0 5. 0 11.5 12.5 0.60 00.5 1.3 ecqu2a333l( ) 0.033 15.0 6. 0 13.0 12.5 0.60 00.5 1.3 ecqu2a393l( ) 0.039 15.0 6. 0 13.0 12.5 0.60 00.5 1.3 ecqu2a473l( ) 0.047 15.0 6. 0 13.0 12.5 0.60 00.5 1.3 ecqu2a563l( ) 0.056 17.5 4. 5 11.5 15.0 0.60 00.5 1.3 ecqu2a683l( ) 0.068 17.5 4. 5 11.5 15.0 0.60 00.5 1.3 ecqu2a823l( ) 0.082 17.5 5. 5 12.0 15.0 0.60 00.5 1.3 ecqu2a104l( ) 0.10 17.5 5. 5 12.0 15.0 0.60 00.5 1.3 ecqu2a124l( ) 0.12 17.5 6. 5 14.5 15.0 0.60 00.5 1.3 ecqu2a154l( ) 0.15 17.5 6. 5 14.5 15.0 0.60 00.5 1.3 ecqu2a184l( ) 0.18 17.5 8. 0 16.0 15.0 0.60 00.5 1.3 ecqu2a224l( ) 0.22 17.5 8. 0 16.0 15.0 0.60 00.5 1.3 ecqu2a274l( ) 0.27 17.5 9. 5 17.5 15.0 0.80 00.5 1.3 ecqu2a334l( ) 0.33 17.5 9. 5 17.5 15.0 0.80 00.5 1.3 ecqu2a394l( ) 0.39 25.5 8. 5 17.5 22.5 0.80 00.75 1.5 ECQU2A474l( ) 0.47 25.5 8. 5 17.5 22.5 0.80 00.75 1.5 ecqu2a564l( ) 0.56 25.5 10. 5 19.5 22.5 0.80 00.75 1.5 ecqu2a684l( ) 0.68 25.5 10. 5 19.5 22.5 0.80 00.75 1.5 ecqu2a824l( ) 0.82 25.5 12. 0 22.0 22.5 0.80 00.75 1.5 ecqu2a105l( ) 1.0 25.5 12. 0 22.0 22.5 0.80 00.75 1.5 ecqu2a125l( ) 1.2 30.5 16. 5 26.0 27.5 0.80 00.75 1.5 ecqu2a155l( ) 1.5 30.5 16. 5 26.0 27.5 0.80 00.75 1.5 ecqu2a185l( ) 1.8 30.5 19. 0 29.5 27.5 0.80 00.75 1.5 ecqu2a225l( ) 2.2 30.5 19. 0 29.5 27.5 0.80 00.75 1.5 ecqu2a335l( ) 3.3 30.5 23. 0 34.0 27.5 0.80 00.75 1.5 500 marking example note : only 10 % as cap. tol. be marked as ?k?. note data code. R1.2f 1.0 cap. tol. code solder-plated copper-clad steel wire p (lead location limits from center) 3.3


▲Up To Search▲   

 
Price & Availability of ECQU2A474

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X