Part Number Hot Search : 
4LS32 MV5026A MRF650 RF1319 BDX67 10DRA20 23C315 SP233
Product Description
Full Text Search
 

To Download CFI06B1H473MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emi suppression filter samwha capacitor co., ltd. features i the noise-rejection band can be requested by selecting the capacitors capacitance as required. i these filters serve as an excellent countermeasure against noise since they provide high attenuation over a wide band of frequency from 10 to 1,000mhz. i epoxy powder exteriors provide solid strength and stable lead pitches to assure optimum suitability for automatic inserting operation. i compact size allows high density pcb mounting for 2.5mm steps. applications i computers and peripheral equipment, word processors, facsimiles. i digital controlled equipment and electronic type writer, program controllers. i automotive engine control units, car electronics. i tvs, vcrs, electronic music instruments, video games etc. lc filter cfi 06 b 1h 101 m f ht hu hv hw hx hy hz how to order (product identification) ht 5zqf hu 1iztjdbm%jnfotjpot type of emi suppression filter 06 : component hv 5fnqfsbuvsf$ibsbdufsjtujdt hw 3bufe7bmubhf b(y5p) : ih c :  15 _ 15%(  55 ?_ 125 ? ) 1h : 50v dc 2h : 100v dc hx /psnjobm$bqbdjubodf ?
hy $bqbdjubodf5pmfsbodf the first two digits indicate significants digits, the third digits indicate the number of zero following ex) 470 i 47 ?  271 i 270 ?  222 i 2200 ? code tolerance k ? 10% m ? 20% z  20  80% code b f packing bulk packing taping type of flat pack(ammo-pack) hz 1bdljoh4uzmf specifications typical insertion loss characteristics k, m m m, z part no. capacitance frequency range .~
?
-15db -25db cfi 06 b 1h 220m 22 ? 20% 500~800 700~800 cfi 06 b 1h 330m 33 ? 20% 400~800 650~800 cfi 06 b 1h 470m 47 ? 20% 350~800 550~700 cfi 06 b 1h 680m 68 ? 20% 250~800 450~600 cfi 06 b 1h 101m 100 ? 20% 200~800 350~500 cfi 06 b 1h 151m 150 ? 20% 150~800 300~400 cfi 06 b 1h 221m 220 ? 20% 100~800 200~350 cfi 06 b 1h 271m 270 ? 20% 80~800 200~300 cfi 06 b 1h 331m 330 ? 20% 70~800 150~300 cfi 06 b 1h 471m 470 ? 20% 50~800 120~300 cfi 06 b 1h 681m 680 ? 20% 40~800 90~300 cfi 06 b 1h 102m 1000 ? 20% 30~800 70~200 cfi 06 b 1h 152m 1500 ? 20% 25~800 60~200 cfi 06 b 1h 222m 2200 ? 20% 20~800 45~200 cfi 06 b 1h 332m 3300 ? 20% 15~800 35~200 cfi 06 b 1h 472m 4700 ? 20% 10~800 25~200 cfi 06 b 1h 682m 6800 ? 20% 8~800 20~200 cfi 06 b 1h 103m 10000 ? 20% 6~800 15~200 cfi 06 b 1h 153m 15000 ? 20% 5~800 10~200 cfi 06 b 1h 223m 22000 ? 20% 4~800 9~200 cfi 06 b 1h 333m 33000 ? 20% 3~800 7~200 cfi 06 b 1h 473m 47000 ? 20% 2~800 3~200 cfi 06 b 1h 104m 100000 ? 20% 1~800 3~200 xxxtbnxibdpn emi suppression filter lc filter tolerance
emi suppression filter samwha capacitor co., ltd. schematic and characteristics electrical characteristics item specification rated voltage 50vdc rated current between terminals y and ? 1a withstanding test voltage between 125v dc terminals y and t or t and ? insulation resistance at 50v dc for 1 minute 10,000 .? min. dc resistance between terminals y and ? 50m ? max. operating temperature range  25 ? ~ 85 ? item specification item specification operating temperature b :  55 ?_ 125 ? temperature characteristic b : ? 15% rated voltage 50v/100v dc testing voltage 125v/250v dc insulation resistance 10,000 .? min. tan  b : 3.0% max. rated current 1a max. dc resistance 50m ? max. shape & dimensions  + item code dimensions x
component width d 1 8.0 max. component height d 2 6.2 max. component thickness t 2.8 max. pitch of component p 12.7 ? 1.0 pitch of sprocket hole p 0 12.7 ? 0.3 length from hole center to p 1 6.35 ? 1.3 component center lead spacing f 2.5  0.1, 0.4 deviation along tape, left of righ t  s 1.0 max. deviation across type  h 2.0 max. item code dimensions x
carrier type width w 18.0 ? 0.5 hole down type width w 0 5.0 min. position of sprocket hole w 1 9.0 ? 0.5 hole down type position w 2 1.5 ? 1.5 height of component from hole center h 19.0 ? 1.0 diameter of sprocket hole ? d 0 4.0 ? 0.2 total tape thickness t 1 0.5 ? 0.2 total thickness, tape and lead wire t 2 1.5 max. lead diameter ? o 0.6 ? 0.05 ? s 0.5 ? 0.05 features i available in various configurations to conform to the wiring materials in use the characteristics as required. i absorbs noise effectively because of the impedance over 30 ? in high frequency band. i automatic insertion type of taping is available. i an invention patented article korea, japan, u.s.a, u.k, taiwan, germany, sweden, italy. applications i computers and peripheral equipment, word processors, facsimiles. i digital controlled equipment and electronic type writer, program controllers. i automotive engine control units, car electronics. i tvs, vcrs, electronic music instruments, video games etc. bead filter bf s 3550 r 2 f ht hu hv hw hx hy how to order (product identification) ht 5zqf hu #fbet4ibqf$pef bead filter sdw r single bead double bead wide bead ferrite core hv 1iztjdbm%jnfotjpot single & double type wide type ferrite core type code size o.d ? l code size o.d ? l code size o.d ? l code size o.d ? l ? i.d 2070 2.0 ? 7.0 3565 3.5 ? 6.5 7555 7.5 ? 5.5 601009 6.0 ? 10 ? 0.9 2550 2.5 ? 5.0 3580 3.5 ? 8.0 3550 3.5 ? 5.0 3510 3.5 ? 10.0 3557 3.5 ? 5.7 3512 3.5 ? 12.0 3560 3.5 ? 6.0 3514 3.5 ? 14.0 unit : mm [ o.d : out diameter, l : length, w : width, i.d : inner diameter ] xxxtbnxibdpn emi suppression filter bead filter


▲Up To Search▲   

 
Price & Availability of CFI06B1H473MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X