Part Number Hot Search : 
1N966 1N966 50N60 17256EPC C68HC71 A103M IC0805 MCP170
Product Description
Full Text Search
 

To Download AISC-1812H-391K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | aisc-1812h standard specifications: applications: features: 4 . 5 x 3 . 2 x 2 . 6m m pb rohs compliant p arameters abracon p/n: aisc-1812h-xxx series operating temperature : -25c to + 85c storage temperature : -25c to + 85c, 70% rh max. abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-8001 | ww w .abra c on. c om revised: 11.25.08 visit www.abracon.com for terms & conditions of sale ? excellent solderbility and resistance ? suitable for flow and reflow soldering ? packed in embossed carrier tape and can be used by automatic mounting machines ? excellent for power line dc/dc conversion application ? used in hard disk, notebook computer and other electronic equipment options & part identification: (left blank if standard) aisc - 1812h - - - please refer to the table e d o c e c n a t c u d n i t tape & reel g n i g a k c a p ir: rated current that will cause initial inductance value approximately 10% rolloff or temperature rise approximate 40o c without core loss, whichever is lower. % 0 3 n k 10 % tolerance code unshielded smd power inductor test dc srf ir conditio n resistance (mhz) (a) (v/hz) ? max. min max 1.0 / 1.0m 1. 0 0.0 8 12 0 1.08 1.0 / 1.0m 1. 5 0.0 9 8 5 1.00 1.0 / 1.0m 1. 8 0.1 0 4 5 0.96 1.0 / 1.0m 2. 2 0.1 1 6 2 0.90 1.0 / 1.0m 2. 7 0.1 2 5 3 0.87 1.0 / 1.0m 3. 3 0.1 3 4 7 0.80 1.0 / 1.0m 3. 9 0.1 5 4 1 0.78 1.0 / 1.0m 4. 7 0.2 0 3 8 0.75 1.0 / 1.0m 5. 6 0.2 3 3 3 0.73 1.0 / 1.0m 6. 8 0.2 5 3 1 0.72 1.0 / 1.0m 8. 2 0.2 7 2 7 0.68 1.0 / 1.0m 1 0 0.3 5 2 3 0.65 1.0 / 1.0m 1 2 0.4 7 2 1 0.62 1.0 / 1.0m 1 5 0.5 4 1 9 0.57 1.0 / 1.0m 1 8 0.5 6 1 7 0.48 1.0 / 1.0m 2 2 0.6 4 1 5 0.42 1.0 / 100k 2 7 0.7 5 1 4 0.37 1.0 / 100k 3 3 0.8 6 1 2 0.31 1.0 / 100k 3 9 1.1 8 1 1 0.30 1.0 / 100k 4 7 1.3 8 1 0 0.28 1.0 / 100k 5 6 1.5 6 9. 3 0.25 1.0 / 100k 6 8 1.9 2 8. 4 0.22 1.0 / 100k 8 2 2.0 8 7. 5 0.20 1.0 / 100k 10 0 2.9 6 6. 8 0.19 1.0 / 100k 12 0 3.2 0 6. 2 0.17 1.0 / 100k 15 0 3.7 2 5. 5 0.13 1.0 / 100k 18 0 5.1 6 5 0.12 1.0 / 100k 22 0 5.9 0 4. 5 0.11 1.0 / 100k 27 0 6.5 5 4 0.11 1.0 / 100k 33 0 7.7 5 3. 6 0.10 1.0 / 100k 39 0 8.0 6 3. 3 0.10 1.0 / 1.0 k 47 0 12.5 0 3 0.09 1.0 / 1.0 k 56 0 13.0 0 2. 7 0.07 1.0 / 1.0 k 68 0 14.6 0 2. 5 0.07 1.0 / 1.0 k 82 0 16.8 0 2. 2 0.06 1.0 / 1.0 k 100 0 26.4 0 2 0.05 1.0 / 1.0 k 120 0 48.0 0 1. 8 0.05 1.0 / 1.0 k 150 0 52.2 0 1. 6 0.04 1.0 / 1.0 k 180 0 58.8 0 1. 5 0.04 1.0 / 1.0 k 220 0 65.0 0 1. 3 0.03 aisc-1812h-6r8n aisc-1812h-8r2n aisc-1812h-4r7n aisc-1812h-2r2n aisc-1812h-2r7n aisc-1812h-3r3n aisc-1812h-3r9n aisc-1812h-1r0n aisc-1812h-5r6n aisc-1812h-1r8n part number aisc-1812h-1r5n l (h) aisc-1812h-100k aisc-1812h-120k aisc-1812h-150k aisc-1812h-180k aisc-1812h-220k aisc-1812h-270k aisc-1812h-330k aisc-1812h-390k aisc-1812h-470k aisc-1812h-560k aisc-1812h-680k aisc-1812h-820k aisc-1812h-101k aisc-1812h-121k aisc-1812h-151k aisc-1812h-181k aisc-1812h-221k aisc-1812h-271k aisc-1812h-331k AISC-1812H-391K aisc-1812h-471k aisc-1812h-561k aisc-1812h-681k aisc-1812h-821k aisc-1812h-102k aisc-1812h-122k aisc-1812h-152k aisc-1812h-182k aisc-1812h-222k ( )
unshielded smd power inductor | | | | | | | | | | | | | | | aisc-1812h 4.5 x 3.2 x 2.6m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r a c on.co m revised: 11.25.08 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 500 pcs/reel z a c series a b c d(ref ) a(ref ) b(ref ) c(ref) 0.1770.01 2 0.1260.01 2 0.1020.012 0.07 9 0.03 9 0.11 8 0.039 (4.5 0.3 ) (3.2 0.3 ) (2.6 0.3) (2.0 ) (3.0 ) (1.6 ) (1.0) aisc-1812h dimensions: mm dimensions: inches (mm) dimensions of tape dimensions of reel a c z 178.02. 0 12. 4 601.0 series aspi-1812h a (mm ) b (mm ) k (mm ) p (mm ) t (mm ) w (mm ) pcs/reel 3.8 0. 1 4.8 0. 1 2.95 0. 1 8.0 0. 1 0.35 0.0 5 12.0 0. 3 500 abracon p/n aisc-1812h


▲Up To Search▲   

 
Price & Availability of AISC-1812H-391K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X