Part Number Hot Search : 
KTLP160G SPD9105W SN74LS 3120A KTLP160G FRS244H 00005 DTA123
Product Description
Full Text Search
 

To Download AISC-0805-121-J-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abracon is abracon is iso 9001 / qs 9000 iso 9001 / qs 9000 certified certified abracon is iso 9001 / qs 9000 certified aisc-0805-xxx ||||||||||||||| 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 10.10.07 visit www.abracon.com for terms & conditions of sale smd ceramic wire-wound chip inductors 2.3 x 1.27 x 1.55mm features: applications: ? ceramic construction assures the utmost thermal stablity & high srf ? exceptionally high q compared to non-wirewound inductors, especially at high frequencies ? inductance options from 2.2nh to 1000nh electrical specifications: ? widely applied in vco, saw circuit for gsm, & cdma communications ? used in hard disk, notebook computers & other electronic equipment parameters abracon p/n: aisc-0805-xxx series operating temperature: -25c to + 125c storage temperature: -25c to + 85c, 70% rh max. options & part identification: (left blank if standard) t tape & reel j 5% k 10% m20% tolerance code aisc - 0805 - - - please refer to the table above. g n i g a k c a p e d o c e c n a t c u d n i g2% part srf r dc i dc numbe x a m x a m n i m e c n a r e l o t aisc-0805 (%) (mhz) () (ma) 2r2 0 0 6 1 . 0 0 0 0 6 > 0 2 , 0 1 3r3 0 0 6 8 0 . 0 0 0 0 6 > 0 2 , 0 1 , 5 6r8 0 0 6 1 1 . 0 0 0 0 5 0 2 , 0 1 , 5 8r2 0 0 6 9 1 . 0 0 0 8 4 0 2 , 0 1 , 5 120 0 0 6 5 1 . 0 0 0 1 4 0 2 , 0 1 , 5 , 2 150 0 0 6 7 1 . 0 0 0 9 2 0 2 , 0 1 , 5 180 0 0 6 2 . 0 0 0 3 3 0 2 , 0 1 , 5 , 2 220 0 0 5 2 2 . 0 0 0 6 2 0 2 , 0 1 , 5 , 2 270 0 0 5 5 2 . 0 0 0 5 2 0 2 , 0 1 , 5 , 2 330 0 0 5 7 2 . 0 0 0 2 2 0 2 , 0 1 , 5 , 2 390 0 0 5 9 2 . 0 0 0 1 2 0 2 , 0 1 , 5 , 2 470 0 0 5 1 3 . 0 0 5 7 1 0 2 , 0 1 , 5 , 2 560 0 0 5 2 3 . 0 0 5 6 1 0 2 , 0 1 , 5 , 2 680 0 0 5 8 3 . 0 0 0 5 1 0 2 , 0 1 , 5 , 2 820 0 0 4 2 4 . 0 0 0 4 1 0 2 , 0 1 , 5 , 2 101 0 0 4 6 4 . 0 0 0 2 1 0 2 , 0 1 , 5 , 2 121 0 0 4 1 5 . 0 0 0 2 1 0 2 , 0 1 , 5 , 2 151 0 0 4 6 5 . 0 0 0 0 1 0 2 , 0 1 , 5 , 2 181 0 0 4 4 6 . 0 0 5 9 0 2 , 0 1 , 5 , 2 221 0 0 4 7 . 0 0 5 8 0 2 , 0 1 , 5 , 2 271 0 5 3 1 0 8 6 0 2 , 0 1 , 5 , 2 331 0 1 3 4 . 1 0 6 6 0 2 , 0 1 , 5 , 2 391 0 9 2 5 . 1 0 6 5 0 2 , 0 1 , 5 , 2 471 0 5 2 2 7 . 1 0 3 4 0 2 , 0 1 , 5 561 0 3 2 9 . 1 0 5 3 0 2 , 0 1 , 5 621 0 0 2 5 9 . 1 0 3 3 0 2 , 0 1 , 5 681 0 9 1 5 0 . 2 0 0 3 0 2 , 0 1 , 5 751 0 8 1 1 . 2 0 8 2 0 2 , 0 1 , 5 821 0 8 1 3 . 2 0 5 2 0 2 , 0 1 , 5 911 0 6 1 4 . 2 0 3 2 0 2 , 0 1 , 5 102 0 5 1 5 . 2 0 0 2 0 2 , 0 1 , 5 50 @ 500 mhz l(nh) @test freq. 15 @ 250 mhz 18 @ 250 mhz @test freq. q, min 40 @ 1500 mhz 30 @ 1500 mhz 50 @ 1000 mhz 50 @ 1000 mhz 50 @ 500 mhz 50 @ 500 mhz 23 @ 50 mhz 23 @ 50 mhz 22 @ 50 mhz 20 @ 50 mhz 33 @ 100 mhz 23 @ 50 mhz 23 @ 50 mhz 23 @ 50 mhz 45 @ 250 mhz 40 @ 250 mhz 40 @ 250 mhz 35 @ 250 mhz 60 @ 500mhz 50 @ 250 mhz 50 @ 250 mhz 50 @ 250 mhz 60 @ 500mhz 60 @ 500mhz 60 @ 500mhz 60 @ 500mhz 55 @ 500 mhz 60 @ 500 mhz 60 @ 500mhz 60 @ 500mhz 1000 @ 25 mhz 680 @ 25 mhz 750 @ 25 mhz 820 @ 25 mhz 910 @ 25 mhz 390 @ 100 mhz 470 @ 50 mhz 560 @ 25 mhz 620 @ 25 mhz 180 @ 100 mhz 220 @ 100 mhz 270 @ 100 mhz 330 @ 100 mhz 33 @ 250 mhz 39 @ 250 mhz 47 @ 200 mhz 56 @ 200 mhz 68 @ 200 mhz 82 @ 150 mhz 100 @ 150 mhz 120 @ 150 mhz 2.2 @ 250 mhz 3.3 @ 250 mhz 6.8 @ 250 mhz 8.2 @ 250 mhz 12 @ 250 mhz 22 @ 250 mhz 27 @ 250 mhz 150 @ 100 mhz
abracon is abracon is iso 9001 / qs 9000 iso 9001 / qs 9000 certified certified abracon is iso 9001 / qs 9000 certified aisc-0805-xxx ||||||||||||||| 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 10.10.07 visit www.abracon.com for terms & conditions of sale smd ceramic wire-wound chip inductors 2.3 x 1.27 x 1.55mm outline drawing: tape & reel: dimensions: mm acz 1782.0 8.4+1.5 601.0 series aisc-0805-xxx z a c 0.03 0.76 0.07 1.78 0.04 1.02 a (mm) b (mm) k (mm) p (mm) w (mm) pcs/ree l 1.8 2.5 1.45 4 8 2,000 abracon p/n aisc-0805


▲Up To Search▲   

 
Price & Availability of AISC-0805-121-J-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X