Part Number Hot Search : 
1N414 HMC1105 43020 43020 A1512 HAT2099H 48000 00BGXI
Product Description
Full Text Search
 

To Download 803-43-005-62-001000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interconnects solderless press-fit double ro w w w w . m i l l - m a x . c o m ? 5 1 6 - 9 2 2 - 6 0 0 0 84 series 802, 803 or dering inf ormation 802-xx-0 _ _-61-001000 802-xx-0 _ _-62-001000 fig. 1 fig. 2 specify # of pins 02-64 specify # of pins 02-64 803-xx-_ _ _-61-001000 803-xx-_ _ _-62-001000 fig. 3 fig. 4 specify # of pins 002-100 specify # of pins 002-100 compliant t ail pin header f or 1,52 - 2,54 thic k boar ds compliant t ail pin header f or 2,29 - 3,3 thic k boar ds compliant t a il soc ket f or 1,52 - 2,54 thic k boar ds compliant t a il soc ket f or 2,29 - 3,3 thic k boar ds fig. 1 fig. 2 fig. 3 fig. 4 pin plating spe c i f y p l a t i n g c o d e x x = 1 0 ? 9 0 4 0 ? sp e c i f y p l a t i n g c o d e x x = 1 3 ? 9 1 9 3 9 9 4 1 ? 4 3 ? 4 4 ? slee v e (pin) contact (clip ) 200? sn / p 200? sn 10? a u 10? a u 0,25m au 0,76m au 0,76m au 0,76m au 5,08m sn/pb 5,08m sn/pb 5,08m sn 5,08m sn 5,08m sn 5,08m sn/pb 0,25m au 5,08m sn/pb 5,08m sn 5,08 2,54 0,76 1,14 0,89 0,46 2,64 2,79 4,85 2,54 2,54 5,08 2,54 0,76 1,14 0,89 0,46 3,63 2,79 4,85 2,54 2,54 0,64 0,94 0,64 0,64 5,08 2,54 2,24 6,1 7,01 1,14 1,02 2,64 2,54 2,54 0,46 0,64 0,94 0,64 0,64 5,08 2,54 2,24 6,1 7,01 1,14 1,02 3,63 2,54 2,54 0,46 ? the unique compliant tail pins con f o r m to 1,02 + 0,76 finished hole without stressing inner l a y er s . p atent n o . 4,799,904 ? se r ies 802 pin headers are of f ered in t w o tail lengths f or 1,52 - 2,54 (mm #5601) and 2,29 - 3,3 (mm #5602) thi c k panel s . see page 178 f or detail s . ? se r ies 803 so ck ets mm #4614 or #4615 use hi-rel, 6-finger becu #47 contacts r ated at 4.5 amp s . receptacles accept 0,76 diameter pins & 0,64 square pin s . see page 211 f or detail s . ? insulators are high tem p . the r moplastic. xx= plating code see bel o w for rohs compliance select plating cod e . xx= plating code see bel o w for rohs compliance select plating cod e .


▲Up To Search▲   

 
Price & Availability of 803-43-005-62-001000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X