Part Number Hot Search : 
10ELT ACS244D 114YE EML10ZCA 262YAP 1SS401 V07E420 H8S2673
Product Description
Full Text Search
 

To Download 515-13-400-20-000003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin grid array sockets standard, long solder tail & low profile www.mill-max.com   516-922-6000 98 series 510, 511, 515 ? series 510, 511, & 515 pga sockets are available in three solder tail lengths: standard, long and low profile. ? choice of three low force clips to cover all applications. ? hi-temp pct polyester insulator material suitable for all forms of soldering. ordering information 1. select pin type for pga socket at left (standard, long, or low profile) to determine series number. 2. specify 2-digit plating code from chart at bottom of page 3. locate footprint pattern from pages 107 to 111, the middle 8 digits of the part number will be located under the pattern. 4. determine the last 2 digits of part number from the contact chart below. 5 1 0 - --- determined from footprint pattern pages 107 to 111 no. of pins grid size pattern # window clip type example of complete part number: 510-43-068-11-061001 this is a 68 pin (11x11 grid) insulator with a .6? square window and fitted with standard solder tail socket pins. pins are tin plated, inner contacts are mill-max #32 and are plated 30 ? gold. clip type contact (clip) chart 01 02 03 mill-max #32 clip, standard low force, recommended for devices with less than 150 pins. see page 208 for details. mill-max #43 clip, ?ultra lite?, recommended for devices with more than 250 pins. see page 209 for details. mill-max #35 clip, ultra low force, recommended for devices with more than 150 pins, but less than 250 pins. see page209 for details. standard solder tail series 510 long solder tail series 511 low profile solder tail series 515 series plating code specify plating code xx= 13   91 93 99 41   43   44   sleeve (pin) contact (clip) 10? au 200? sn/pb 200? sn/pb 200? sn/pb 200?sn 200?sn 200?sn 30? au 10? au 30? au 200? sn/pb 10? au 30? au 200?sn 2o(3 %#


▲Up To Search▲   

 
Price & Availability of 515-13-400-20-000003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X