Part Number Hot Search : 
E39CA BC847BW TM162 08L35PF ISR2050C 2SK1215 0805H STD4N25
Product Description
Full Text Search
 

To Download 396U20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  socket board for direct mating, with and without mount- ed pair of flanges f/fl 3,96 r(...): with solder pins 3,96 u(...): with solder eyes 1. temperature range -25 c/+100 c 2. materials insulating body ppo flange pc contact spring cusn, nickeled and tinned 3. mechanical data mating with printed circuit board 1.5 0.14 mm 4. electrical data contact resistance 3 m rated current 5 a rated voltage 1 250 v ac test voltage 2.5 kv eff. 1 according to din en 60664/iec 60664 rglette prises femelles pour enfichage direct, avec et sans collets f/fl attachs 3,96 r(...): avec plots souder 3,96 u(...): avec cosses souder 1. temprature dutilisation -25 c/+100 c 2. matriaux corps isolant ppo collet pc ressort de contact cusn, nickel et tam 3. caractristiques mcaniques raccordement avec carte imprime 1,5 0,14 mm 4. caractristiques lectriques rsistance de contact 3 m courant assign 5 a tension assigne 1 250 v ac tension dessai 2,5 kv eff. 1 suivant din en 60664/cei 60664 buchsenleiste fr direktes stecken, mit und ohne vormon- tiertem flanschpaar f/fl 3,96 r(...): mit l?tstiften 3,96 u(...): mit l?t?sen 1. temperaturbereich -25 c/+100 c 2. werkstoffe kontakttr?ger ppo flansch pc kontaktfeder cusn, vernickelt und verzinnt 3. mechanische daten kontaktierung mit leiterplatte 1,5 0,14 mm 4. elektrische daten durchgangswiderstand 3 m bemessungsstrom 5 a bemessungsspannung 1 250 v ac prfspannung 2,5 kv eff. 1 nach din en 60664/iec 60664 bestellbezeichnung polzahl verpackungseinheit designation poles package unit dsignation p?les unit demballage 3,96 r 3C42 200 3,96 u 3C42 200 3,96 rf 3C40 200 3,96 uf 3C40 200 3,96 rfl 3C40 200 3,96 ufl 3C40 200 3,96 r 3,96 rf 3,96 rfl 3,96 r 3,96 rf 3,96 rfl 3,96 u 3,96 uf 3,96 ufl 3,96 r 3,96 rf 3,96 rfl 3,96 u 3,96 uf 3,96 ufl 3,96 r 3,96 rf 3,96 rfl 3,96 u 3,96 uf 3,96 ufl verpackung: lose im karton packaging: in bulk, in a cardboard box emballage: en vrac, dans un carton 3,96 r 3,96 u www.lumberg.com 11/2009 leiterplatten-direktsteckverbinder, raster 3,96 mm direct connectors for printed circuit boards, pitch 3.96 mm connecteurs directs our cartes imprimes, pas 3,96 mm


▲Up To Search▲   

 
Price & Availability of 396U20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X