Part Number Hot Search : 
WP711 936818 SBR10 TLC154P NTE127 UAA3500 35507 33100
Product Description
Full Text Search
 

To Download 332700P01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nC n thumbwheel & pushwheel c&k 3 series thumbwheel switches dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com features/benefits ? most complete product offering in the industry ? spacers available to fit most panel cutouts ? front or rear mounting options t ypical applications ? test & measurement equipment ? industrial equipment ? computer devices specifications contact rating: carry: 1 amp continuous. switch: 100 ma max. operating voltage: 50 mv to 28 v dc or 120 v ac. electrical life: 100,000 actuations. contact resistance: below 100 m typ. initial @ 2-4 v dc, 100 ma. insulation resistance: 10 9 min. dielectric strength: 500 vrms min. @ sea level between common terminal and any output. operating temperature: -10o to 65?o materials housing: abs plastic. thumbwheel: abs plastic. rotor contacts: precious metal on copper alloy. stator contacts: hard gold over nickel over copper on epoxy fiberglass. note: specifications and materials listed above ar e for switches with standard options for information on specific and custom switches, consult customer service center. * note: all models listed are rohs compliant. see technical data section of this catalog for rohs compliant and compatible definitions and specifications. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages nC thru n?C. for additional options not shown in catalog, consult customer service center . consult factory for illumination availability. series 3 thumbwheel s witch number of sections 0 switch section 1 1 switch section 2 2 switch sections 3 3 switch sections 4 4 switch sections 5 5 switch sections 6 6 switch sections 7 7 switch sections 8 8 switch sections 9 more than 8 s witch sections seal 0 no seal 1 sealed contacts 2 dust lens 3 sealed contacts & dust lens function code 11 decimal, sp , 10 position 14 resistor decade 21 bcd, 10 position 23 complement of bcd, 10 position 27 bcd, 10 position 31 bcd, 10 position 71 bch, 16 position terminations 0 type 0 1 type 1, extended type 0 n solder pins with .100 spacing** p solder pins with .156 spacing** 9 an y combina tion color/marking/stops 0 matte black body, gloss black wheel,white marking mounting style 00 sna p-in, front mount 09 snap-in, front mount* 10 rear mount 19 rear mount* 20 rear mount 29 rear mount* *x9 mounting styles must be or der ed with ?umber of sections. ** note: termination option n (rohs compliant) replaced termination option 3 (non-rohs compliant). termination option p (rohs compliant) replaced termination option b (non-rohs compliant).
c&k 3 series thumbwheel switches series number of sections function code n thumbwheel & pushwheel available terminations: 0, 1, n see fig. 1, page n-12. available terminations: 1 see fig. 1, page n-12. see fig. 1, page n-12. available terminations: 0, 1, n 21 bcd 1-2-4-8; 10 position 14 resistor decade; 1-2-2-2-2 code (resistors not supplied) 11 decimalC pole; 10 position 9 more than 8 switch sections, specify on configuration form, page nC5 and consult customer service center. 1-8 number of switch sections in assembly, includes endplates. 0 switch section only, no assembly. blank bodies are considered sections; endplates are not sections. must be ordered with 09 or 19 mounting style options, see pages nC0 and n?C. 3 thumbwheel switches note: endplates and blank sections available separately, see pages nC3 and n?C. note: for terminal location diagram, see page n-12. nC dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com
nC0 n thumbwheel & pushwheel c&k 3 series thumbwheel switches function code mounting style available terminations: 0, 1, n see fig. 1, page n-12. available terminations: p see fig. 2, page n-12. see fig. 1, page n-12. available terminations: 0, 1, n available terminations: 0, 1, n see fig. 1, page n-12. n = number of sections. panel mo unting 09 switch section onlyCnassembled without endplates or spacers (must be or der ed with number of sections option ?see page n?.C 00 switch assembly w/ endplatesC315 (8,00) section pitch type 0 snap-in front mount 23 complement of bcd 1-2-4-8; 10 position 71 binary coded hexadecimal, 16 position 31 bcd 1-2-4-8; 10 position 27 bcd 1-2-4-8; 10 position note: for terminal location diagram, see page nC2. note: endplates, blank sections, spacers and assembly hardware available separately, see pages nC3 and n?C. (.315 x n) + .326 (8,00 x n) + (8,28) 00 dim. mounting style n = number of sections. recommended panel thickness: 0.46-.125 (1,16-3,18) dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com
c&k 3 series thumbwheel switches mounting style n thumbwheel & pushwheel n = number of sections. panel mo unting mtg. holes n = number of sections. (.350 x n) + .560 (8,89 x n) + (14,22) (.350 x n) + .340 (8,89 x n) + (8,64) 10 dim. dim. mounting style n = number of sections. recommended panel thickness: 0.46-.125 (1,16-3,18) 20 switch assembly w/ endplatesC350 (8,89) section pitch 29 switch section onl yCnassembled without endpla tes or sp acers (must be or der ed with number of sections option ?see page n?.C 19 switch section onlyCnassembled without endplates or spacers (must be or der ed with number of sections option ?see page n?.C 10 switch assembly w/ endplatesC350 (8,89) section pitch type 1 rear mount t ype 2 rear mount note: endplates, blank sections, spacers and assembly hardware available separately, see pages nC3 and n?C. nC1 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com
nC2 n thumbwheel & pushwheel color/marking/stops seal signal traces cut e xcept for common(s). fig. 1 fig. 2 9 any combination of termination configurations or special terminations. p solder pins with .156spacing n solder pins with .100spacing 1 type 1, extended type 0 0 type 0 3 sealed switching contacts and dust lens 2 dust lens. (pr otects the character face of the wheel fr om abrasion and dirt). 1 sealed switching cont acts. (sealing is by means of an o-ring r otary seal and a cur ed-in-place elastomer gasket. switching contact area is protected from moisture, oil, and airborne contaminants.) 0 unsealed switching cont acts. 0 matte black housing (gloss black wheel with white characters; no stops.) pc board 1/32" (0,79) thick. note: see function codes, pages nC and n?C, for signal locations. note: stop pins ar e available separately, see page nC4. dust lens note: all terminal holes shown may not be present for all function codes, consult customer service center. t erminal connector available for termination options 0 & 1, see page nC4. specify on configuration form, page nC5 and consult customer service center. t erminal location numbers c&k 3 series thumbwheel switches terminations dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com note: t ermination option n (rohs compliant) r eplaced termination option 3 (non-rohs compliant). t ermination option p (rohs compliant) replaced termination option b (non-rohs compliant).
c&k 3 series thumbwheel switches available hardware n thumbwheel & pushwheel blank sections, type 0, .315 thk. part no. 413602000 w/rib-black 400502000 w/rib & w/out springs-black blank sections, front mount, type 0, .315 thk. part no. 413502000 plain-black 400702000 plain & w/out springs-black part no. 400602000 w/rib-black 400802000 plain-black blank sections, rear mount, type 1, .350 thk. blank sections, rear mount, t ype 2, .350 thk. part no. 473402000 w/rib-black 473302000 plain-black end plates, fr ont mount, type 0 part no. 413402000 black part no. 400402000 black end plates, rear mount, t ype 1 end plates, rear mount, type 2 stop pins part no. 473202000 black part no. 410802000 black part no. 402900000 spacers, front mount, type 0 & 3, .078 thk. (makes section pitch 10mm) two required for complete assembly. two required for complete assembly. 4734 4733 4006 4008 two required for complete assembly. nC3 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com
nC4 n thumbwheel & pushwheel c&k 3 series thumbwheel switches available hardware part no. 605a00000 pc 605a02000 solder lug fits 0 & 1 terminations only. terminal connector part no. 403500000 nut two nuts required per assembly and screws. screws for field assembly of thumbwheel switches (2 screws needed per assembly + 403500000 nuts) 605a00000 605a02000 part no. 406100652 nut driver (for 403500000 nut) 1C 1C 3C 3 5C 4C 412700000 412701000 412702000 number of sections in assembly front mounting rear mounting mtg. style C00 mtg. style C10 screw part number (0-80 unf thd. size) dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com
c&k 3 series thumbwheel switches n thumbwheel & pushwheel qua lity control instr uctions production appro val date c&k part number rev. initials date 3 catalog part no. comp any name customer print revision: address tel.# customer cont act date originated by sales rep. details: q.c. appro val date configuration fo rm gray shaded areas to be filled in by customer service. sheet _____ of _____ c&k p a r t number 10 11 1 2 34 5 67 8 9 thumbwheel sections describe in ap propr iate row special instructions or specifications: 3 C function code C terminations C color/marking/stops/seal C illumination for switches with mo re than 11 se ctions, co ntinue on additional sh eets. enter option codes in appropriate box es. function codes include blank sections (see pages m-9 & m-10). no. of sec. C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C nC5 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 332700P01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X