Part Number Hot Search : 
KSZ8995X AD104 2SB1589 ELM842B MC56F ADUC8 UFT40150 MMBTH10
Product Description
Full Text Search
 

To Download 240-033-5-15PPNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro-d connectors d -10 glenair, inc . ? 1211 air wa y ? glendale, ca 91201-249 7 ? 818-247-600 0 ? fax 818-500-9912 ? 2006 glenair, inc. printed in u.s.a. cage codes 06324 www.glenair.com e-mail: sales@glenair.com 240-033 micro-d filter connectors pin-socket in-line filter adapters avoid costly re d esign with micro-d filter adapters. upgrade your existing cables and boxes to meet emi requirements. these pin-socket adapters can be plugged into any standard m83513 connectors. simply unplug your existing cable, install the ? lter adapter, and plug the cable into the adapter. in-line filter adapters feature gold plated twistpin contacts, machined aluminum shells, and either pi or c ? lter elements. these environmentally sealed adapters are designed to meet the requirements of mil-dtl-83513. series shell finish (see table i ) number of contacts 9,15,21,25,31,37 contact type p/s - pin/socket filter type c = c filter p = pi filter 24 0 - 0 3 3 - 2 - 2 5 ps c d p filter class a, b, c, d, e, f, or g (see table iii) hardware n = no hardware p = combination jackscrew and jackpost (see photograph on this page) 240-033-2-25pscdp glenair 06324 0608 socket pi n a b c j d k e #2-56 unc thds f h g
micro-d connectors d -11 glenair, inc . ? 1211 air wa y ? glendale, ca 91201-249 7 ? 818-247-600 0 ? fax 818-500-9912 ? 2006 glenair, inc. printed in u.s.a. cage codes 06324 www.glenair.com e-mail: sales@glenair.com micro-d in-line filter adapter contact arrangements 9 1 2 3 4 5 6 7 8 9 15 1 2 3 4 5 6 7 9 1 0 1 1 12 13 14 15 8 21 1 2 3 4 5 6 7 8 9 1 0 12 13 14 15 16 17 18 19 20 21 11 25 12 13 14 15 16 17 18 19 20 21 22 23 24 25 1 2 3 4 5 6 7 8 9 10 11 31 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 1 2 3 4 5 6 7 8 9 1 0 1 1 3 7 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 12 13 14 15 16 17 18 19 1 2 3 4 5 6 7 8 9 1 0 1 1 mating face view of pin connector. socket connectors have reversed cavity numbers. 240-033 micro-d filter connectors pin-socket in-line filter adapters micro-d filter inline dimensions layout a max. b c max. d max. e max. f g max. h j max. k max. in. mm. in. .00 3 mm. 0. 08 in. mm. in. mm. in. mm. in. .00 4 mm. 0. 10 in. mm. in. .00 4 mm. 0. 10 in. mm. in. mm. 9ps .785 19 .94 . 565 14.35 . 333 8.46 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 . 333 8.46 .184 4.67 15ps .935 23.75 .715 18.16 .483 12.27 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 .483 12.27 .184 4.67 21ps 1.085 27.56 .865 21.97 .633 16.08 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 .633 16.08 .184 4.67 25 ps 1.185 30.01 .965 24.51 .733 18.62 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 .733 18.62 .184 4.67 31ps 1.335 33.91 1.115 28.32 .883 22.43 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 .883 22.43 .184 4.67 37ps 1.485 37.72 1.265 32.13 1.033 26.24 .250 6.35 .310 7.87 .195 4.95 1.400 35.56 .183 4.65 1.033 26.24 .184 4.67 table i: shell finish sym material finish description 1 aluminum cadmium 2 aluminum nickel 3 stainless steel passivated 4 aluminum black anodize 5 aluminum gold 6 aluminum chem film table lll: capacitor array code capacitance range* class pi - section (pf) c - section (pf) a 38,000 - 56,000 19,000 - 28,000 b 32,000 - 45,000 16,000 - 22,500 c 18,000 - 33,000 9,000 - 16,500 d 8,000 - 12,000 4,000 - 6,000 e 3,300 - 5,000 1,650 - 2,500 f 800 - 1,300 400 - 650 g 400 - 600 200 - 300


▲Up To Search▲   

 
Price & Availability of 240-033-5-15PPNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X