Part Number Hot Search : 
LV4924VH 02M48RT KCU20A30 CHIPS LB11990W 476M0 5ETP12 220MC
Product Description
Full Text Search
 

To Download 1712250000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, crimp connection, pitch 5.00/5.08 | blc 5.08 | blc 5.08br - 1 - general ordering data order no. 1712250000 part designation blc 5.08/16br sw version pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 16, 180, box ean 4008190935269 qty. 50 pc(s). system parameters conductor connection system crimp connection outgoing direction of conductor 180 pitch 5.08 mm pitch in inch 0.2 inch no. of poles 16 no. of rows 1 stripping length 5 mm l1 in mm 76.2 mm l1 in inch 3 inch electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt gf colour black
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, crimp connection, pitch 5.00/5.08 | blc 5.08 | blc 5.08br - 2 - material data colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.22 mm2 clamping range, max. 2.5 mm2 awg, min. 24 awg, max. 14 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 2.5 mm2 din iec rating data rated current, min. no. pins (tu=20c) 21 a rated current, max. no. pins (tu=20c) 14.5 a rated current, min. no. pins(tu=40c) 18 a rated current, max. no. pins (tu=40c) 12.5 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26 awg conductor (field wiring), max. 14 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 14
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, crimp connection, pitch 5.00/5.08 | blc 5.08 | blc 5.08br - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1649370000 blc 5.08/2br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 180, box 1712110000 blc 5.08/2br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 2, 180, box 1649380000 blc 5.08/3br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 180, box 1712120000 blc 5.08/3br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 3, 180, box 1649390000 blc 5.08/4br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 180, box 1712130000 blc 5.08/4br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 4, 180, box 1649400000 blc 5.08/5br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, crimp connection, pitch 5.00/5.08 | blc 5.08 | blc 5.08br - 4 - 1712140000 blc 5.08/5br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 5, 180, box 1649410000 blc 5.08/6br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 180, box 1712150000 blc 5.08/6br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 6, 180, box 1649420000 blc 5.08/7br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 180, box 1712160000 blc 5.08/7br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 7, 180, box 1649430000 blc 5.08/8br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 180, box 1712170000 blc 5.08/8br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 8, 180, box 1649440000 blc 5.08/9br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 180, box 1712180000 blc 5.08/9br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 9, 180, box 1649450000 blc 5.08/10br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 180, box 1712190000 blc 5.08/10br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 10, 180, box 1649460000 blc 5.08/11br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 180, box 1712200000 blc 5.08/11br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 11, 180, box 1649470000 blc 5.08/12br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 180, box 1712210000 blc 5.08/12br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 12, 180, box 1649480000 blc 5.08/13br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 13, 180, box 1712220000 blc 5.08/13br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 13, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | socket connectors, crimp connection, pitch 5.00/5.08 | blc 5.08 | blc 5.08br - 5 - 1649490000 blc 5.08/14br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 14, 180, box 1712230000 blc 5.08/14br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 14, 180, box 1649500000 blc 5.08/15br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 15, 180, box 1712240000 blc 5.08/15br sw pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 15, 180, box 1649510000 blc 5.08/16br or pcb plug-in connector, female connectors, crimp connection, clamping range, max.: 2.5 mm2, pitch: 5.08 mm, no. of poles: 16, 180, box


▲Up To Search▲   

 
Price & Availability of 1712250000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X