Part Number Hot Search : 
TSX631 R68FF 67013 OP400 MJE1660 DP418C MAX69 MAX3188E
Product Description
Full Text Search
 

To Download 0676730001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/05/2009 please check www.molex.com for latest part information part number: 0676730001 status: active description: 0.80mm (.031") pitch i/o receptacle, surface mount, right angle, 14 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family i/o connectors series 67673 application wire-to-board component type receptacle product name n/a type n/a physical boot color n/a circuits (loaded) 14 circuits (maximum) 14 gender receptacle lock to mating part none material - plating mating gold material - plating termination tin-lead number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.047 in pcb thickness recommended (mm) 1.20 mm packaging type embossed tape on reel panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm plating min: mating (in) 10 plating min: mating (m) 0.25 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style surface mount waterproof / dustproof no electrical current - maximum 1.5a shield type full shield shielded yes voltage - maximum 200v ac (rms) material info reference - drawing numbers sales drawing sd-67673-001 series image - reference only eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 67673 series mates with 67674
this document was generated on 11/05/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0676730001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X