Part Number Hot Search : 
1122I 5TRPBF RF2161 06780 T1637 N60A4D 08212 2SC5706
Product Description
Full Text Search
 

To Download 024735 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a a index date information: scale designation tolerances consider protection memo from din 34 054919 tmc-s 9 bis 50-tl-3.0 bis 6.0 tmc-s 9 to 50-tl-3.0 to 6.0 2:1 tmcs b 23.04.2001 i all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated. m:00020985.szn #-40 or ( min. 2.5 ) (5.9) lp 1.5 / pcb 1.5 l = 5.6 / 6.3 / 8.0 #-40 or ( min. 2.5 ) (5.9) lp 2.4 / pcb 2.4 refer to table on page 2 straight soldering 6.0 mm 7 refer to table on page 2 207=0.8mm (30 m in) au contact, tin/lead terminal erni refer to table on page 2 refer to table on page 2 m3 oder / 3 min. 6,4 l 3,5 m3 oder / 3 min. 6,4 6,3 4,3 l 5,5 g f a 0,6 b c d e h a j schnitt a-a / cross section a-a a : anschlussl?nge beliebig von 3 bis 6 mm; toleranz 0.3 a : terminal length from 3 to 6 mm; tolerance 0.3 zubeh?r / accessories : gewindebolzen / threaded bolt gewindeh?lse / threaded sleeve f?r gewindebolzen siehe zeichnung 114303 for threaded bolt see drawing 114303 schichtaufbau im metallisierten loch metal plating of plated-through hole ident-nr. / polzahl / anschlu?rt / anschlu??nge / bauart / anforderungsstufe / aufdruck / zubeh?r / sonderausf?hrung / part no. : no. of contacts : terminal type : terminal length : type : class : logo : accessory : special : all dimensions in mm elektroapparate gmbh d-73099 adelberg a b c d e f g h j l 0.3 -0.2 0.2 -0.2 0.3 0.2 -0.3 0.3 0.2 0.1 9 30.8 16.4 25.0 8.0 12.5 11.0 6.3 19.3 10.8 0.8 15 39.1 24.7 33.3 8.0 12.5 11.0 6.3 27.5 10.8 0.8 25 53.0 38.5 47.0 8.0 12.5 11.0 6.3 41.3 10.8 0.8 37 69.3 54.9 63.5 8.0 12.5 11.0 6.3 57.7 10.8 0.8 50 67.0 52.5 61.1 10.8 15.4 11.0 6.3 55.3 13.6 0.8 polzahl/ no. of contacts fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen / missing information and dimensions according to din 41652 additional indications please see the production documentation
d-sub connector solder vertical female assembly height 6.3 mm 9 15 25 37 number of pins accessory mating side: threaded sleeve m3 accessory termination side: retaining clip accessory mating side: threaded sleeve #4-40 accessory termination side: retaining clip 024735 024736 024737 024738 053051 053052 043091 063556 ordering information 50 043799 053055 www.erni.com
erni | products | tmc solder vertical female assembly height 6.3 mm connectors | tmc | solder vertical female assembly height 6.3 mm or 6-digit part number: available pin-configurations: 9 | 15 | 25 | 37 | 50 | image does not represent actual part number. erni produces a solder d-sub connector with vertical or right angle termination. the connectors are available in 9, 15, 25, 37 and 50 pin configurations, and are designed according to din 41652 and iec 807- 3 specifications. available with a metal shell and pre-installed metal hardware, erni?s solder d-sub connector offers excellent low resistance grounding. part number 003634 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 003634 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 053051 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053051 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (1 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm class: 2 part number 003633 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 003633 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024735 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024735 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 003635 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 003635 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (2 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 003636 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 003636 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013032 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 013032 gender: female pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013052 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 013052 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (3 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 053052 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053052 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013551 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 013551 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024736 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024736 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (4 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 013550 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 013550 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013549 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 013549 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013033 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 013033 gender: female pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (5 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 003625 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 003625 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 043091 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 043091 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 003626 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 003626 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (6 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 024737 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024737 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 003628 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 003628 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 003627 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 003627 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (7 of 12) [12/11/02 10:24:00 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 013029 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 013029 gender: female pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013702 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 013702 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 063556 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 063556 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (8 of 12) [12/11/02 10:24:01 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 013701 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 013701 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024738 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024738 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013700 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 013700 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (9 of 12) [12/11/02 10:24:01 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 013699 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 013699 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013034 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 013034 gender: female pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013897 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 013897 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (10 of 12) [12/11/02 10:24:01 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 053055 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053055 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013898 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 013898 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 043799 drawings: jpg (view) n.a. dxf n.a. pdf (40 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 043799 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (11 of 12) [12/11/02 10:24:01 am]
erni | products | tmc solder vertical female assembly height 6.3 mm part number 013892 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 013892 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 013893 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 013893 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 003641 drawings: jpg (view) n.a. dxf n.a. pdf (69 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 003641 gender: female pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054919_054861.htm (12 of 12) [12/11/02 10:24:01 am]


▲Up To Search▲   

 
Price & Availability of 024735

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X