Part Number Hot Search : 
CS485XX 1410517 20M10 NCS6433 FQT1N80 FH427NF0 74HC4075 KE220
Product Description
Full Text Search
 

To Download 024733 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  or #4-40 a : anschlu??nge beliebig von 3 bis 6 mm; toleranz 0.3 a : terminal length from 3 to 6 mm; tolerance 0.3 zubeh?r: gewindebolzen/h?lse accessories: threaded bolt/sleeve / cross section a-a a a index date information: scale designation tolerances consider protection memo from din 34 054948 tmc-p 9 bis 50-tl-3.0 bis 6.0 tmc-p 9 bis 50-tl-3.0 to 6.0 2:1 tmcp b 05.09.2000 i all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated. m:00022919.szn refer to table on page 2 straight soldering 6.0 mm 7 refer to table on page 2 207=0.8mm (30 m in) au contact, tin/lead terminal erni refer to table on page 2 refer to table on page 2 3 m oder/ 6,4 6,3 -0,3 6,4 6,3 -0,3 3 m #4-40 6,4 6,3 -0,3 #4-40 3,3 +0,2 5,2 0,2 3 m 6,4 6,8 -0,3 h a j e g f 5,5 a l d b c ident-nr. / polzahl / anschlu?rt / anschlu??nge / bauart / anforderungsstufe / aufdruck / zubeh?r / sonderausf?hrung / part no. : no. of contacts : terminal type : terminal length : type : class : logo : accessory : special : schnitt a-a all dimensions in mm elektroapparate gmbh d-73099 adelberg a b c d e f g h j l 0.3 +0.2 0.2 +0.2 0.3 0.2 +0.3 0.3 0.2 0.1 9 30.8 16.8 25.0 8.3 12.5 10.8 5.8 19.3 10.8 0.8 15 39.1 25.1 33.3 8.3 12.5 10.8 5.8 27.5 10.8 0.8 25 53.0 38.9 47.0 8.3 12.5 10.8 5.8 41.3 10.8 0.8 37 69.3 55.3 63.5 8.3 12.5 10.8 5.8 57.7 10.8 0.8 50 67.0 52.7 61.1 11.0 15.4 10.8 5.8 55.3 13.6 0.9 polzahl/ no. of contacts fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen / missing information and dimensions according to din 41652 additional indications please see the production documentation
d-sub connector solder vertical male assembly height 6.3 mm 9 15 25 37 number of pins accessory mating side: sleeve accessory termination side: threaded bolt m3 accessory mating side: sleeve accessory termination side: threaded bolt #4-40 023151 023152 023153 023154 023146 023147 023148 023149 accessory mating side: sleeve accessory termination side: threaded bolt m3 / #4-40 023156 023157 023158 023159 ordering information 50 023155 023150 023160 www.erni.com
erni | products | tmc solder vertical male assembly height 6.3 mm connectors | tmc | solder vertical male assembly height 6.3 mm or 6-digit part number: available pin-configurations: 9 | 15 | 25 | 37 | 50 | image does not represent actual part number. erni produces a solder d-sub connector with vertical or right angle termination. the connectors are available in 9, 15, 25, 37 and 50 pin configurations, and are designed according to din 41652 and iec 807- 3 specifications. available with a metal shell and pre-installed metal hardware, erni?s solder d-sub connector offers excellent low resistance grounding. part number 023136 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 023136 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023141 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 023141 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (1 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm class: 2 part number 023146 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 023146 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023151 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 023151 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023156 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 023156 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (2 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 024730 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024730 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 053041 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053041 gender: male pins: 9 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023137 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 023137 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (3 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023142 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 023142 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023147 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 023147 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023152 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 023152 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (4 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023157 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 023157 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024731 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024731 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 034916 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 034916 gender: male pins: 15 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (5 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023138 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 023138 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023143 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 023143 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023148 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 023148 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (6 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023153 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 023153 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023158 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 023158 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024732 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024732 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (7 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 053043 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053043 gender: male pins: 25 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023139 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 023139 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023144 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 023144 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (8 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023149 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 023149 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023154 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 023154 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023159 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 accessory mating side: sleeve 023159 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (9 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 024733 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024733 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 053044 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053044 gender: male pins: 37 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023140 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut m3 023140 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (10 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023145 drawings: jpg (view) n.a. dxf n.a. pdf (51 kb) catalog: pdf n.a. request: information accessory terminal side: rivet nut #4-40 023145 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023150 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 accessory mating side: sleeve 023150 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 023155 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt #4-40 accessory mating side: sleeve 023155 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (11 of 12) [12/11/02 10:25:53 am]
erni | products | tmc solder vertical male assembly height 6.3 mm part number 023160 drawings: jpg (view) n.a. dxf n.a. pdf (54 kb) catalog: pdf n.a. request: information accessory terminal side: threaded bolt m3 / #4-40 023160 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 024734 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve #4-40 024734 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 part number 053045 drawings: jpg (view) n.a. dxf n.a. pdf (43 kb) catalog: pdf n.a. request: information accessory terminal side: retaining clip accessory mating side: threaded sleeve m3 053045 gender: male pins: 50 termination: solder terminal length: 6 mm assembly height: 6.3 mm class: 2 file:///h|/imaging/bitting/html_club/20021210_1/12052002/erni/12052002/054917_48_60.htm (12 of 12) [12/11/02 10:25:53 am]


▲Up To Search▲   

 
Price & Availability of 024733

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X