Part Number Hot Search : 
G240C WPPXXXX P4KA13A SK301 28000 M5207 16107FP SY171
Product Description
Full Text Search
 

To Download 01-107-305-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l material conforms to ul94 v -o flammability ratings l low current versions available l reverse polarity options available l customised lead lengths available l product illustrated 01-107-314-04 l t ypically available ex stock pcb mounting leds - ? 3mm ordering information & t ypical t echnical characteristics (t a = 25c) mean t ime between failure up to = 100,000 hours. luminous intensity figures refer to the unmodified discrete led. fea tures specifica tions 107 series p ack quantity = 100 pieces p ar t number colour lens vol t age current luminous w a ve opera ting st orage dc dc intensity length temp temp v opr lopr lv@20ma l p t opr t stg 01-107-305-04 red colour dif fused 2.0* 20 40 627 -40 ~ +85^ -40 ~ +85 y es 01-107-314-04 green colour dif fused 2.2* 20 40 565 -40 ~ +85^ -40 ~ +85 y es units vdc ma mcd nm 0 c 0 c st andard intensity ? marl interna tional l td 2008 : ds 019/08 issue 2 page 1 of 3 the information cont ained in this dat asheet does not constitute p art of any order or contract and should not be regarded as a represent ation relating to either product s or service. w e reserve the right to alter without notice the specification or any conditions of supply for product s or service. * = v olt age dc for 20ma product is vf@20ma, not v opr ^ = product s must be derated according to the derating information. each derating graph refers to specific leds. refer to p age 3. bs en iso 9001:2000 approved manufacturer
107 series dimensions in mm (t ypical) not to scale housing material polycarbonatethis material of fers ul94 v -0 flame ret ardancy* and a high imp act strength. this material has a melt point of xxc and is suit able for use in the majority of automatic soldering processes.*material test thickness 1.6mm leds led polarity anode identification is shown in the dimensional diagram. the long lead of a non-cropped unit can also be used to help identify the anode. for the 2 pin bi-colour unit s the st andard colour configuration is red anode to the ?+? sign. reverse polarity this is of fered on all pcb unit s, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity connections. multiple unit s can also be supplied in reverse polarity but not with mixed polarities. the 2 pin and 3 pin bi-colours can be supplied in reverse colour configuration.bi-colour 2 pin operationt o acheive the second colour for a 2 pin bi-colour unit the supply must be reversed, st andard colour configuration for these unit s is red anode to the ?+? sign. electro-st atic discharge (esd) build up of electrost atic discharge occurs in many situations involving people moving and handling product s. the range of possible situations is very diverse but volt age levels as high as several thousand volt s can and do arise in many individual situations. when an operator charged up to these levels handles a ?st atic sensitive device?, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are t aken at all st ages during manufacture and assembly of these product s. although leds were never considered to be st atic sensitive devices, changes in manufacturing technology and materials used to produce higher intensityproduct s over a large range of the wavelength spectrum have changed this. marl has an approved system of esd control from goods in, through production and into final p acking and desp atch. w e recommend all users of led based product s follow the guidelines of bs 100015. note: all luminous intensity figures refer to the unmodified discrete led. anode(red bi-colour) 17.5 4.4 2.5 3.6 6.7 5.0 9.3 5.0 2.54 0.5 sq ? marl interna tional l td 2008 : ds 019/08 issue 2 page 2 of 3 the information cont ained in this dat asheet does not constitute p art of any order or contract and should not be regarded as a represent ation relating to either product s or service. w e reserve the right to alter without notice the specification or any conditions of supply for product s or service. bs en iso 9001:2000 approved manufacturer
dera ting informa tion also a v ailable p ar t no. colour vol t age dc 01-107-305-01 red 2ma 01-107-314-01 green 2ma units part numbers also available in the 107 series: the product s listed above illustrate all of the options available to order . these product s may have custom modifications that alter their operation beyond the generic information cont ained within this dat asheet. 305 314 ? marl interna tional l td 2008 : ds 019/08 issue 2 page 3 of 3 the information cont ained in this dat asheet does not constitute p art of any order or contract and should not be regarded as a represent ation relating to either product s or service. w e reserve the right to alter without notice the specification or any conditions of supply for product s or service. bs en iso 9001:2000 approved manufacturer


▲Up To Search▲   

 
Price & Availability of 01-107-305-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X