Part Number Hot Search : 
W79E803A 2SB920L 2SB920L UV230ACL 10011 TC40H375 LM317 DLZ22D
Product Description
Full Text Search
 

To Download STB15K135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designer's data sheet solid state devices, inc. features: note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: t00004d sta15k7.9 thru sta15k100 15,000 watts peak pulse power 7.9 - 100 volts unidirectional transient voltage suppressor ? 7.90-100 volt unidirectional ? smaller than 704-15k36 and 704-15k36t types ? hermetically sealed ? meets all environmental requirements of mil-prf-19500 ? custom configurations available ? tx and txv screening available 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ?protection of voltage sensitive components ?protection against power interuption ?lightning protection steady state power dissipation stand off voltage 5.6-75 v v rwm 60 w p d note: ssdi transient suppressors offer standard breakdown voltage tolerances of + 10% (a) and + 5% (b). for other voltage and voltage tolerances, contact ssdi's marketing department peak pulse power @ 1.0 msec p pp 15,000 applications: peak pulse power and steady state power derating peak pulse power and pulse width peak pulse power and pulse width w see graph see graph -65 c to + 175 c package shown is standard configuration. ssdi can custom design your module with terminals that meet your unique design criteria. additionally, ssdi can package these devices with an irregular footprint or offset mounting positions. this data sheet is meant to serve as an example of ssdi's transient protection module capabilities. for custom configurations, please contact ssdi's marketing department. ambient temperature ( c) peak pulse power vs. tempera ture dera ting cur ve peak pulse power (% rated 25 c power) m maximum ratings .43 max .670.030 .335.030 2.00 max 1.370 1.330 2x ? .135 .115 .330 .300
solid state devices, inc. electrical characteristics part number sta15k7.9 thru sta15k100 sta15k7.9 sta15k8.9 sta15k9.8 sta15k10.7 sta15k11.0 sta15k12.7 sta15k13.5 sta15k15.0 sta15k16.7 sta15k18.0 sta15k20.2 sta15k22.6 sta15k24.5 sta15k27.9 sta15k30.5 sta15k34 sta15k36 sta15k39 sta15k45 sta15k49 sta15k51 sta15k57 sta15k62 sta15k68 sta15k75 sta15k82 sta15k91 sta15k100 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 a 1.75 1.50 1.50 1.25 1.25 1.00 1.00 0.75 0.75 0.65 0.65 0.50 0.50 0.50 0.40 0.40 0.30 0.30 0.30 0.25 0.25 0.20 0.20 0.20 0.20 0.15 0.15 0.15 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 11.7 12.5 13.8 15.0 16.2 17.3 19.0 22.0 23.5 26.5 29.0 31.9 34.7 38.5 42.9 46.9 50.0 55.6 60.0 65.2 71.4 78.9 88.2 93.7 107.1 115.4 125.0 136.4 .03 .03 .03 .05 .05 .05 .05 .05 .06 .06 .06 .06 .06 .06 .06 .06 .06 .06 .06 .07 .07 .07 .07 .08 .08 .08 .08 .09 16.500 13.200 00.440 00.220 00.165 00.110 00.044 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 00.022 1280 1200 1090 1000 930 870 790 680 640 570 520 470 430 390 350 320 300 270 250 230 210 190 170 160 140 130 120 110 notes: 1. all voltages are measured with automated test set using 35 msec test time. longer or shorter test times will have a correspo nding effect on the measured value due to heating effects. 2. ratings based on 25 c case temperature. 3. pulse width (tp) is delined as the time from rated peak pulse current ipp to the point where peak pulse current decayed to 50 % of rated ipp. volts % / c 7.9 8.9 9.8 10.7 11.0 12.7 13.5 15.0 16.7 18.0 20.2 22.6 24.5 27.9 30.5 34.0 36.0 39.0 45.0 49.0 51.0 57.0 62.0 68.0 75.0 82.0 91.0 100.0 12.5 11.5 10.2 9.5 8.6 7.7 7.0 6.0 5.5 5.0 4.4 3.9 3.6 3.1 2.8 2.6 2.4 2.1 1.8 1.75 1.7 1.6 1.5 1.3 1.2 1.1 1.0 .09 for optional high reliability screening or higher zener voltages, consult ssdi marketing department. ma volts a volts for 5% voltage tolerance specify "b" in place of a v br @i rbt v rwm v c i pp i rm tc i r @ v rwm nominal voltage test current voltage reverse leakage current voltage (max) @ current tp=1ms (note 4) maximum continuous current (note 3) maximum temperature coefficient break down (note 1) max reverse stand off peak pulse clamping a peak pulse power (kw ) peak pulse power vs. pulse width pulse width current pulse w a veform steady st a te power dera ting % peak value steady state power (% of 25 oc rated power) case temperature ( c)


▲Up To Search▲   

 
Price & Availability of STB15K135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X