Part Number Hot Search : 
922320VS UPC2807A M37100M8 NCP16 2SA1429 2SB873 D1025 KK431
Product Description
Full Text Search
 

To Download SLT1440-H885A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 1 of 8 technical specification of 1. 27m~1.61m mqw-dfb laser diode with aspherical lens cap of short focal distance type for cwdm slt1440-xnnnx series rohs compliant
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 2 of 8 1. general slt1440-xnnnx series are 1.27m~1.61m ingaasp/inp mqw-dfb laser diodes fabricated by omvpe entirely. these diodes have low threshold curr ent and high performance at high temperature. a laser diode is mounted into a coaxial package integrated with an lngaas monitor pd and an aspherical lens cap of 7.5mm focal distance. 2. package dimension and pin assignment (see attached appendix.) 3. absolute maximum ratings parameter symbol ratings unit storage temperature tstg -40~+100 c operating case temperature top 0~+70 c peak optical output power po 20 mw forward current (ld) ifl 150 ma reverse voltage (ld) vrl 2 v reverse voltage (pd) vrp 15 v reverse current (pd) irp 2 ma soldering temperature (<10s) stemp 260 c
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 3 of 8 4. electrical and optical characteristics (po=5mw, tc=+25c, unless otherwise noted.) parameter symbol condition min. typ. max. unit cw ? 10 15 threshold current ith cw, tc=0~+70c ? ? 50 ma cw, if=ith+20ma 3.0 4.0 ? optical output power po cw, if=ith+20ma, tc=0~+70c 2.0 ? ? mw operating voltage vf cw, tc=0~+70c ? ? 1.6 v cw 0.15 0.2 ? slope efficiency se cw, tc=0~+70c 0.1 ? ? mw/ma peak wavelength p cw (*1) nm wavelength temperature coefficiency ? cw, tc=0~+70c 0.07 0.1 0.12 nm/c side-mode suppression ratio ssr cw, tc=0~+70c 30 ? ? db spectral width ? cw, 20db down, tc=0~+70c ? ? 1 nm rise time tr lb=lth, 20-80%, tc=0~+70c ? ? 0.10 ns fall time tf ib=ith, 80-20%, tc=0~+70c ? ? 0.15 ns monitor current im cw, vrp=5v, tc=0~+70c 80 500 ? a vrp=5v ? ? 10 monitor dark current ld vrp=5v, tc=0~+70c ? ? 100 na monitor capacitance c vrp=5v, f=1mhz ? ? 10 pf note: *1. detail of peak wavelength specification rank a rank b channel no. min. typ. max. unit channel no. min. typ. max. unit -k605a 1268 1270 1272 -k605b 1267 1270 1273 -k240a 1288 1290 1292 -k240b 1287 1290 1293 -j885a 1308 1310 1312 -j885b 1307 1310 1313 -j540a 1328 1330 1332 -j540b 1327 1330 1333 -j205a 1348 1350 1352 -j205b 1347 1350 1353 -h885a 1368 1370 1372 -h885b 1367 1370 1373 -h570a 1388 1390 1392 -h570b 1387 1390 1393 -h260a 1408 1410 1412 -h260b 1407 1410 1413 -g965a 1428 1430 1432 -g965b 1427 1430 1433 -g675a 1448 1450 1452 -g675b 1447 1450 1453 -g390a 1468 1470 1472 -g390b 1467 1470 1473 -g120a 1488 1490 1492 -g120b 1487 1490 1493 -f850a 1508 1510 1512 -f850b 1507 1510 1513 -f590a 1528 1530 1532 -f590b 1527 1530 1533 -f340a 1548 1550 1552 -f340b 1547 1550 1553 -f095a 1568 1570 1572 -f095b 1567 1570 1573 -e855a 1588 1590 1592 -e855b 1587 1590 1593 -e620a 1608 1610 1612 nm -e620b 1607 1610 1613 nm
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 4 of 8 5. ordering information part number pin assignment number of pin pin length slt1440-xnnnx type a 4 13.50.5mm slt1446-xnnnx type c 4 13.50.5mm channel (-xnnnx) p@25c range status -k605a 2nm in production -k605b 1270nm 3nm -k240a 2nm -k240b 1290nm 3nm -j885a 2nm -j885b 1310nm 3nm -j540a 2nm -j540b 1330nm 3nm -j205a 2nm -j205b 1350nm 3nm -h885a 2nm -h885b 1370nm 3nm -h570a 2nm -h570b 1390nm 3nm -h260a 2nm -h260b 1410nm 3nm -g965a 2nm -g965b 1430nm 3nm -g675a 2nm -g675b 1450nm 3nm -g390a 2nm -g390b 1470nm 3nm -g120a 2nm -g120b 1490nm 3nm -f850a 2nm -f850b 1510nm 3nm -f590a 2nm -f590b 1530nm 3nm -f340a 2nm -f340b 1550nm 3nm -f095a 2nm -f095b 1570nm 3nm -e855a 2nm -e855b 1590nm 3nm -e620a 2nm -e620b 1610nm 3nm
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 5 of 8 6. precaution (1) radiation emitted by laser devices can be danger ous to the eyes. avoid eye or skin exposure to direct or scattered radiation. (2) the modules should be handled in the same manner as ordinary semiconductor devices to prevent the electro-static damages. for safe keeping and carrying, the modules should be packaged with esd proof material. to assemble the modules on pcb, the workbench, the soldering iron and the human body should be grounded. (3) please pay special attention to the atmo sphere condition because the dew on the module may cause some electrical damages. (4) under such a strong vibration environment as in automobile, the performance and reliability are not guaranteed. 7. rohs compliancy on january 27, 2003, the european parliament and the council of the european union issued the directive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs). member states shall ensure that, from july 1, 2006, new electrical and electronic equipment put on the market does not contain lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb) or polybrominated diphenyl ethers (pbde). applications listed in the annex are exempted. this product is compliant with rohs 6/6 directive with exemptions ?lead in glass of cathode ray tubes, electronic components and fluorescent tubes? and ?lead as an alloying element in steel containing up to 0.35 % lead by weight, aluminium containing up to 0.4 % lead by weight and as a copper alloy containing up to 4 % lead by weight?.
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 6 of 8 1 2 3 4 p.c.d. 2.00.15 13.50.5 1.20.1 4.00.1 4- 0.450.03 5.60.1 3.750.1 4.30.1 unit: mm (5.2) (1.25) 71 focal point (customize code) pin assignment appendix part no.: slt144 / - ? ??? ????? code wavelength range a 2nm b 3nm code pin assignment pin length (l1) 0 type a 13.50.5 6 type c 13.50.5 pin no. pin function for typec 1 (case) 2 ld cathode 3 pd anode 4 ld anode/pd cathode pin no. pin function for typea 1 ld anode (case) 2 ld cathode 3 pd cathode 4 pd anode channel wavelength @25deg. -k605 1270nm -k240 1290nm -j885 1310nm -j540 1330nm -j205 1350nm -h885 1370nm -h570 1390nm -h260 1410nm -g965 1430nm -g675 1450nm -g390 1470nm -g120 1490nm -f850 1510nm -f590 1530nm -f340 1550nm -f095 1570nm -e855 1590nm -e620 1610nm ?
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 7 of 8 8. for more information u.s.a. excelight communications inc. 4021 stirrup creek drive, suite 200, durham nc, 27703 u.s.a. tel. (919) 361-1600 fax. (919) 361-1619 e-mail: info@excelight.com url: http://www.excelight.com europe sumitomo electric europe ltd. 220 centennial park, centennial avenue, elstree, herts, wd6 3sl united kingdom tel. (020) 8953-8118 fax. (020) 8207-5950 url: http://www.sumielectric.com japan sumitomo electric industries, ltd. (opto-electronic products sales dept.) 3-12, moto-akasaka 1-chome, minato-ku tokyo, 107-8468 japan tel. (03) 3423-5031 fax. (03) 3423-5247 e-mail: product_info@ppd.sei.co.jp url: http://www.sei.co.jp/electro-optic/index_e.html
sumitomo electric industries, ltd. part no.: slt1440-xnnnx series document no.: huw0224035-01f data of issue: may 9, 2008 page 8 of 8 revision record document no. date of issue descriptio n incorporated by checked by approved by huw0224035-01a jul./03/02 initial issue. y. yamasaki t. nakanishi m. yoshimura huw0224035-01b aug./01/02 added the spec of ? ; revised tr from max.: 0.25ns to max.: 0.10ns; revised tf from max.: 0.30ns to max.: 0.15ns. y. yamasaki n. kushida m. yoshimura huw0224035-01c jan./09/03 added channels of 1270nm, 1290nm, 1310nm, 1330nm, 1350nm, 1370nm, 1430nm and 1450nm. revised wavelength temperature coefficiency from 0.08 nm/c to 0.07nm/c. t. kounosu h. koseki m. yoshimura huw0224035-01d mar./14/03 added channels of 1390nm and 1410nm. y. yamasaki h. koseki m. yoshimura huw0224035-01e oct./13/04 changed typical value of focal distance from 7.0 to 7.5 mm. h.kobayashi y.yamasaki m.yoshimura huw0224035-01f may/09/08 added rohs compliancy. changed status of short wavelength side devices in section 5 from preliminary to in production. h.kobayashi n. fukushima h. michikoshi


▲Up To Search▲   

 
Price & Availability of SLT1440-H885A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X