Part Number Hot Search : 
2SC4139 4224911A UF3006 MB3883PV ICS85301 KBP203G 80050 REL30006
Product Description
Full Text Search
 

To Download S16-32000MHZ-J-1-7-FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number guide options t ....tape & reel r ...rohs compliant tolerance/stability vs. temp j ? production specified (see table below) mode of operation f ........fundamental operating temperature 1 .... 0 o c to +70 o c 5 ....customer specified load capacitance 7 ....10 pf x ...customer specified s16 - 20.000mhz - j - 1 - 7 - f - t 4.0 x 2.5mm smd crystal s16 series www.calcrystal.com frequency range 12.000 mhz ~ 40.000 mhz standard frequencies 13.000mhz, 16.000mhz, 26.000mhz & 32.000mhz mode fundamental, at cut frequency tolerance 10ppm min ~ 30ppm max (15ppm typical) @ 25 o c temperature tolerance 10 ~ 30ppm (-10 o c to +70 o c ref. to 25 o c) storage temperature -40 o c ~ +85 o c esr 12.0mhz ~ 19.999mhz > 80 ? max 20.0mhz ~ 25.999mhz > 70 ? max 26.0mhz ~ 40.0mhz > 50 ? max shunt capacitance 3pf max. load capacitance 8pf min to 12pf max drive level 10 w ~ 300 w , 100 w typical aging 2ppm max. (25 o c 3 o c)/ (1 st year) e-mail: sales@calcrystal.com unit : mm 15302 bolsa chica street, huntington beach, ca 92649 ph: 714-991-1580 / 800-333-9825 fax: 714-491-9825 land pattern 1.6 1.3 1.3 0.3 1.2 1.2 electrical specifications features of the s16 series crystal: ? rohs compliant (pb free) ? small package (4.0 x 2.5 x 0.75mm) ? performance optimized for mobile phones & bluetooth applications 4.00 0.15 2.50 0.15 0.75 0.15 0.90 1.00 2.00 1 2 3 4 mechanical specifications package s16 smd frequency customer specified ver. 2.2 0906 rohs compliant


▲Up To Search▲   

 
Price & Availability of S16-32000MHZ-J-1-7-FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X