Part Number Hot Search : 
COM200 MT90882 C62PH 74ACT240 R48H05 HMT351 Y7C10 74LVCH
Product Description
Full Text Search
 

To Download R1131N121A-TR-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1131x series low voltage 300ma ldo no.ek-116-100119 cmos ldo regulator the r1131x series are cmos-based ldo regulators featuring 300ma output. the input voltage (v in ) is as low as min. 1.4v and the output voltage can be set from 0.8v. the ce pin can switch the regulator into standby mode. ceramic capacitors can be used. (v out > = 1.0v) features ? supply current (i ss ) typ. 80 a (v in =set v out +1v, v out < 1.8v) typ. 60 a (same as above, v out > = 1.8v) ? standby current (i standby ) typ. 0.1 a (same as above, in standby) ? dropout voltage (v dif ) typ. 0.23v (i out =300ma, v out =2.8v) ? ripple rejection (rr) typ. 65db (f=1khz) ? input voltage range (v in ) 1.4v to 6.0v ? output voltage range (v out ) 0.8v to 3.3v (internally fixed) ? output voltage accuracy 2% ? temp. coeff. of output voltage typ. 100ppm/ c ? line regulationtyp. 0.01%/v ? fold-back protection circuitcurrent limit typ. 50ma ? auto-discharge function d version ? packages son-6, sot-23-5, hson-6 ? ceramic capacitors can be used. 1 f or more (v out > = 1.0v) block diagrams r1131xxxxa ( ce pin "l" active) v out gnd v dd ce vref current limit + - r1131xxxxb (ce pin "h" active) v out gnd v dd ce vref current limit + - r1131xxxxd (with auto-discharge function) v out gnd v dd ce vref current limit + - selection guides package quantity per reel part no. son-6 3,000 pcs r1131d . xx . 1 . ? -tr-f sot-23-5 3,000 pcs r1131n . xx . 1 . ? -tr-f hson-6 3,000 pcs r1131d . xx . 2 . ? -tr-f . xx . : specify the output voltage within the range 0.8v ( . 08 . ) to 3.3v ( . 33 . ) in 0.1v steps. . ? . : select the polarity of the ce pin from ( . a . ) "l" active, ( . b . ) "h" active or ( . d . ) "h" active with auto-discharge function . packages (top view) t ypical characteristic son-6 sot-23-5 hson-6 6 5 4 1 2 3 ? 1 3 5 4 2 1 3 6 4 2 5 ? 1 v dd 2 nc 3 v out 4 nc 5 gnd 6 ce or ce 1 v dd 2 gnd 3 ce or ce 4 nc 5 v out 1 v dd 2 nc 3 v out 4 nc 5 gnd 6 ce or ce r1131x33xx dropout voltage vs. output current 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c ? ) the tab and tab suspension leads on back side are substrate level (gnd). applications ? power source for hand-held communication equipment, cameras, and vcrs ? power source for home appliances ? power source for battery-powered equipment


▲Up To Search▲   

 
Price & Availability of R1131N121A-TR-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X