Part Number Hot Search : 
04N60 LPC2124 16M186 IF1330 BZX2C9V1 2SC2740 44S025 11KFE05
Product Description
Full Text Search
 

To Download R1114Q301B-TR-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1114x/r1124n series 150ma ldo no.ek-099-091101 cmos ldo regulator the r1114x/r1124n series are cmos-based ldo regulators featuring 150ma output. high ripple rejection and excellent load transient response of the series make the product ideally suited for use in power source for hand-held communication equipment. the polarity of the ce pin can be selected. the auto-discharge function is also available (see selection guide). two different pin layout as r1114n and r1124n are available. ceramic capacitors can be used. features ? supply current (i ss ) typ. 75 a (v in =set v out +1v) ? standby current (i standby ) typ. 0.1 a (same as above, in standby) ? dropout voltage (v dif ) typ. 0.22v (i out =150ma, v out =2.8v) ? ripple rejection (rr) typ. 70db (f=1khz), typ. 60db (f=10khz) ? input voltage range (v in ) 2.0v to 6.0v ? output voltage range (v out ) 1.5v to 4.0v (internally fixed) ? output voltage accuracy 2% ? temp. coeff. of output voltage typ. 100ppm/ c ? line regulation typ. 0.02%/v ? fold-back protection circuit current limit typ. 40ma ? auto-discharge function d version ? packages son1612-6, sc-82ab, sot-23-5 (r1124n is sot-23-5 only) ? ceramic capacitors can be used c in =1 f or more c out =1 f or more (1.5v < = < 2.5v), c out =0.47 f or more (v out > = 2.5v) block diagrams r1114xxx1a r1124nxx1a ( ce pin "l" active) v out gnd v dd ce vref current limit + - r1114xxx1b r1124nxx1b (ce pin "h" active) v out gnd v dd ce vref current limit + - r1114xxx1d r1124nxx1d (with auto-discharge function) v out gnd v dd ce vref current limit + - selection guides package quantity per reel part no. son1612-6 4,000 pcs r1114d . xx . 1 . ? -tr-f sc-82ab 3,000 pcs r1114q . xx . 1 . ? -tr-f r1114n . xx . 1 . ? -tr-f sot-23-5 3,000 pcs r1124n . xx . 1 . ? -tr-f . xx . : specify the output voltage within the range 1.5v ( . 15 . ) to 4.0v ( . 40 . ) in 0.1v steps. . ? : select the polarity of the ce pin from ( . a . ) "l" active, ( . b . ) "h" active or ( . d . ) "h" active with auto-discharge function. packages (top view) t ypical characteristic son1612-6 sc-82ab sot-23-5 13 54 2 1 2 3 6 5 4 1 2 4 3 r1114n r1124n 1 v dd 2 gnd 3 v out 4 nc 5 gnd 6 ce or ce 1 ce or ce 2 gnd 3 v out 4 v dd 1 v dd 2 gnd 3 ce or ce 4 nc 5 v out 1v out 2 gnd 3v dd 4 ce or ce 5 nc r1114x281x r1124n281x dropout voltage vs. output current applications ? power source for hand-held communication equipment, cameras, and vcrs ? power source for home appliances ? power source for battery-powered equipment 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 output current i out (ma) dropout voltage v dif (v) 50 25 0 150 125 100 75 85 c 25 c -40 c
3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?4ijo:plpibnbp$?df *oufsobujpobm4bmft
 4ijo:plpibnb ,piplvlv :plpibnb$juz ,bobhbxb +bqbo 1ipof 'by  3*$0)&6301& /&5)&3-"/%4
#7 ?4fnjdpoevdups4vqqpsu$fousf 1spg8),fftpnmbbo %-"ntufmwffo 5if/fuifsmboet 10#py "$"ntufmwffo 1ipof 'by  3*$0)&-&$530/*$%&7*$&4,03&"$p -ue qpps )bftvohcvjmejoh  %bfdijepoh (bohobnhv 4fpvm ,psfb 1ipof 'by  3*$0)&-&$530/*$%&7*$&44)"/()"*$p -ue 3ppn /p#vjmejoh #j#p3pbe 1v%poh/fxejtusjdu 4ibohibj  1fpqmft3fqvcmjdpg$ijob 1ipof 'by  3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?5bjqfjp$?df 3ppn ' /p )fohzboh3e 5bjqfj$juz 5bjxbo 30$
1ipof 'by  iuuqxxxsjdpidpn-4* 5ifqspevdutboeuifqspevdutqfdjpdbujpoteftdsjcfejouijtepdvnfoubsftvckfduupdibohfps ejtdpoujovbujpopgqspevdujpoxjuipvuopujdfgpssfbtpot tvdibtjnqspwfnfou5ifsfgpsf cfgpsf efdjejohupvtfuifqspevdut qmfbtfsfgfsup3jdpitbmftsfqsf tfoubujwftgpsuifmbuftu jogpsnbujpouifsfpo 5ifnbufsjbmtjouijtepdvnfounbzopucfdpqjfepspuifsxjtfsfqspevdfejoxipmfpsjoqbsu xjuipvuqsjpsxsjuufodpotfoupg3jdpi 1mfbtfcftvsfupublfbozofdfttbszgpsnbmjujftvoefssfmfwboumbxtpssfhvmbujpotcfgpsf fyqpsujohpspuifsxjtfubljohpvupgzpvsdpvouszuifqspevdut psuifufdiojdbmjogpsnbujpo eftdsjcfeifsfjo 5ifufdiojdbmjogpsnbujpoeftdsjcfejouijtepdvnfoutipxtuzqjdbmdibsbdufsjtujdtpgboe fybnqmfbqqmjdbujpodjsdvjutgpsuifqspevdut5ifsfmfbtfpgt vdijogpsnbujpojtopuupcf dpotusvfebtbxbssbouzpgpsbhsboupgmjdfotfvoefs3jdpit psbozuijseqbsuztjoufmmfduvbm qspqfsuzsjhiutpsbozpuifssjhiut  5ifqspevdutmjtufejouijtepdvnfoubsfjoufoefeboeeftjhofe gpsvtfbthfofsbmfmfduspojd dpnqpofoutjotuboebsebqqmjdbujpot p$?dffrvjqnfou ufmfdpnnvo jdbujpofrvjqnfou  nfbtvsjohjotusvnfout dpotvnfsfmfduspojdqspevdut bnvtfnfou frvjqnfoufud
5iptf dvtupnfstjoufoejohupvtf bqspevdujobobqqmjdbujposfrvjsjohfyusfnfrvbmjuzboesfmjb cjmjuz  gpsfybnqmf jobijhimztqfdjpdbqqmjdbujpoxifsfuifgbjmvsf psnjtpqfsbujpopguifqspevdu dpvmesftvmujoivnbojokvszpsefbui bjsdsbgu tqbdfwfijdmf ovdmfbssfbdupsdpouspmtztufn  usb$?ddpouspmtztufn bvupnpujwfboe usbotqpsubujpofrvjqnfou dpncvtujpofrvjqnfou tbgfuz efwjdft mjgftvqqpsutztufnfud
tipvmepstudpoubduvt 8fbsfnbljohpvsdpoujovpvtf$?psuupjnqspwfuifrvbmjuzboesfmjbcjmjuzpgpvsqspevdut cvu tfnjdpoevdupsqspevdutbsfmjlfmzupgbjmxjuidfsubjoqspcbcjm juz*opsefsupqsfwfoubozjokvszup qfstpotpsebnbhftupqspqfsuzsftvmujohgspntvdigbjmvsf dvt upnfsttipvmecfdbsfgvmfopvhi upjodpsqpsbuftbgfuznfbtvsftjouifjseftjho tvdibtsfevoeb odzgfbuvsf psfdpoubjonfou gfbuvsfboegbjmtbgfgfbuvsf8fepopubttvnfbozmjbcjmjuz pssftqpotjcjmjuzgpsbozmpttps ebnbhfbsjtjohgspnnjtvtfpsjobqqspqsjbufvtfpguifqspevdut  "oujsbejbujpoeftjhojtopujnqmfnfoufejouifqspevduteftdsjcfejouijtepdvnfou  1mfbtfdpoubdu3jdpitbmftsfqsftfoubujwfttipvmezpvibwfboz rvftujpotpsdpnnfout dpodfsojohuifqspevdutpsuifufdiojdbmjogpsnbujpo 3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz  ricoh presented with the japan management quality award for 1999 . ricoh continually strives to promote customer satisfaction, and shares the achievements of its management quality improvement program with people and society.  ricoh awarded iso 14001 certification. the ricoh group was awarded iso 14001 certification, which is an international standard for environmental management systems, at both its domestic and overseas production facilities. our current aim is to obtain iso 14001 certification for all of our business offices. ricoh completed the organization of the lead-free production for all of our products. after apr. 1, 2006, we will ship out the lead free products only. thus, all products that will be shipped from now on comply with rohs directive.


▲Up To Search▲   

 
Price & Availability of R1114Q301B-TR-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X