Part Number Hot Search : 
N4750A 2000861 SF10JG LB1881V N4750A 40128 ZD4710 RN4906FE
Product Description
Full Text Search
 

To Download MH88612BV-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 zarlink semiconductor inc. zarlink, zl and the zarlink semiconductor logo are trademarks of zarlink semiconductor inc. copyright 2002-2006, zarlink semiconductor inc. all rights reserved. features ? 600 ? line impedance ? transformerless 2-wire to 4-wire conversion ? battery and ring ing feed to line ? off-hook and dial pulse detection. ? ring ground over-current protection ? adjustable constant current feed. ? relay driver ? power denial ? wide operating range applications line interface for: ?pabx ? intercoms ? key telephone systems ? control systems description the slic provides a complete interface between a switching system and a s ubscriber loop. functions provided include battery f eed and ringing feed to the subscriber line, 2-wire to 4-wire hybrid interfacing, constant current feed and dial pulse detection. the device is fabricated using thick film hybrid technology in a 20-pin single in-line package. august 2006 ordering information MH88612BV-21 20 pin sil* boxed *pb free matte tin 0 c to 70 c mh88612b subscriber line interface circuit (slic) data sheet figure 1 - functional block diagram current and voltage sensing relay drive circuit constant current feed over current protection 2-wire to 4-wire conversion loop supervision power management tf tip ring rf rv vrly rc rd cd lpgnd vbat pd vcc vee agnd vr vx cap shk vref
mh88612b data sheet 2 zarlink semiconductor inc. figure 2 - pin connections pin description pin # name description 1tf tip feed. connects to external diode for protection 2lpgnd loop ground . is the system ground reference with respect to v bat. normally connected to agnd. 3vr voice receive (input) is the 4 wire analog signal to the device. 4vref voltage reference (input) constant current feed can be adjusted by the input voltage on v ref . this pin can also be grounded for normal 25 ma loop current. 5vee negative power supply voltage (-5 v). 6 agnd analog ground (0v). 7pd power denial (input) . a logic high will isolate the battery voltage to tip/ring. 8vx voice transmit (output) is the 4-wire analog signal from the device. 9 tip connects to the ?tip? lead of the telephone line. 10 ring connects to the ?ring? lead of the telephone line. 11 rf ring feed (input) is normally connected to ring relay for negative battery feed voltage and ringing voltage input. 12 vcc positive power supply voltage (+5 v). 13 rc relay control (input) . active high. 14 rd open collector sinks current when rc is at logic high. 15 rv ring feed voltage connects to pin 11 (rf) thro ugh a normally closed relay. 16 vrly relay voltage supply (+5 v). 17 cd clamping diode . connects to agnd 18 vbat negative battery feed su pply voltage (-48 v). 19 cap connects external capacitor to ground for ring trip. 20 shk switch hook detect (output). active high. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 tf lpgnd vr vref vee agnd pd vx tip ring rf vcc rc rd rv vrly cd vbat cap shk
mh88612b data sheet 3 zarlink semiconductor inc. functional description the slic performs a transformerless 2- wire to 4-wire conversion of the ana log signal. the 2-wire circuit is the balanced line going to the subscriber loop, while the 4-wi re circuit is the audio signal going to and from devices such as the voice codec or switching circuit. the slic al so provides a switch hook (shk) status output which goes high when the telephone is set off-hook. constant current feed the slic employs a complex feedback circuit to supply a cons tant feed current to the line. this is done by sensing the sum of the voltages across the internal feed resist ors and comparing it to an input reference voltage (v ref ) that determines the constant feed current. if v ref (pin 4) is externally grounded, the constant current is set at 25 ma. for a constant current setting between 18 ma and 30 ma, v ref can be set between 8.75 vdc and -6.35 vdc. the relationship is defined by the equation: switch hook detection when the dc current exceeds an internal threshold level, the switch hook (shk) will go high. if the loop resistance is so high that v bat can no longer supply the required amount of lo op current as determined by constant current supply circuit, the output of t he switch hook (shk) will go low to indicate that the loop resistance is too high and the line is on hook. ringing and ring trip detection in figure 3 a ringing signal (e.g., 90 vrms and -48vdc) is ap plied to the line by disconnecting pin 15 (rv) from pin 11(rf), and connecting the ringing voltage at pin 11 (rf) by use of the relay k1. the slic can detect an off-hook conditi on during ringing but there is a large ac component which must be filtered out to give a true off-hook condition at shk. a 1.0 f capacitor connected from pin 19 (cap) to gro und will provide adequate attenuation when ringing is applied. once an off-hook condition has been detected a logic low should be applied to pin 13 (rc) which will deactivate the relay (k1) to disconnect the ringing voltage fr om pin 11 and reconnect to pin 15. at that time the slic will revert to constant current feed operation. for applications requiring dial pulse detection the capacitor connection to ground should be controlled such that the capacitor is only connected during ringing. during off-hook conditions (closed loop), the capacitor should be switched out. this can be performed using a transistor, relay or system drive output of a codec. applying agnd to the ring trip filter control pin as shown in figure 4 will switch in the filter, whil st removing agnd, (with the switch in a tri-state condition), will switch out the filter. for applications using dtmf si gnalling, the capacitor can be permanently connected to ground. iloop = v bat -v ref ma ( + 2 ma) 1.89 1.25 ( (
mh88612b data sheet 4 zarlink semiconductor inc. current limit the tip or ring of the tele phone line may accidentally be shorted to ground. in such a case, current will only flow through the feed resistor . this high current will be s ensed and reduced by the cu rrent limit circuit to a lower value to protect the internal circuitry. power denial the power denial function is a feature of the mh88612b wh ich allows for powering down of the subscriber loop. a logic high voltage applied to the power denial input effe ctively removes the battery voltage from the loop driver circuitry. the resulting i loop is negligible and power consumption is mini mized. the power denial function is useful for disabling a loop which may have a ground fault.
mh88612b data sheet 5 zarlink semiconductor inc. figure 3 - application circuit vr vx shk pd cap agnd vee vcc vbat cd rd rc vrly ring tip tf lpgnd rv rf vbat 3 8 20 7 19 c1 6 5 12 18 -5v +5v -48v 17 14 16 13 10 9 1 2 15 11 d3 d1 d2 d4 tip ring +5v k1 r1 + - mh88612b k1 r2 ~ 90 vrms - + 48v protection circuit c2 c3 q1 r3 rc (pin 13) r4 components list r1 200 ? 10%, 1/4w r2 470k ? 5%, 1/4w r3, r4 10k ? 5%, 1/4w c1 1.0 f, 10%, 25v electrolytic capacitor c2, c3 0.1 f 20%, 50v ceramic de-coupling capacitors d1, d2, d3, d4 diode rectifier 200v, 1a, in4003 q1 general purpose switching transistor k1 relay e/m, 5v or 6v 1form c protection circuit - depending on the application the protection circuit may need to provide over-voltage and/or over-current protection. in certain ci rcumstances no protection will be required.
mh88612b data sheet 6 zarlink semiconductor inc. * exceeding these values may cause permanent damage. func tional operation under these conditions is not implied. ? typical figures are at 25c with nominal supply voltages and are for design aid only absolute maximum ratings* parameter symbol min. max. units 1 dc supply voltage lpgnd = agnd v cc v ee v bat v rly v ref -0.3 -15 -80 -0.3 -60 +15 +0.3 +0.3 +40 +15 v v v v v 2 storage temperature t s -40 100 c 3 package power dissipation pd 2 w recommended operating conditions characteristics sym. min. typ. ? max. units test conditions 1 operating supply voltage v cc v ee v ref v bat v rly 4.75 -5.25 -60 5.0 -5.0 0 -48 5 5.25 -4.75 -27 v v v v v adjustable 2 storage temperature t s -40 100 c 2 storage temperature 3 t o 070 c
mh88612b data sheet 7 zarlink semiconductor inc. ? dc electrical characteristi cs are over recommended operating supply voltages. ? typical figures are at 25c with nominal 5v supplies and are for design aid only. dc electrical characteristics ? - voltages are with respect to gnda unless otherwise stated. characteristics sym. min. typ. ? max. units test conditions 1 supply current v cc v ee v bat i cc i ee i bat 6.6 -3.8 150 2 500 ma ma a ma pd = logic high pd = logic low, idle 2 power consumption p c 160 1600 mw mw standby v bat = -48v active (off hook) 3 constant current line feed i loop 23 25 27 ma v ref = agnd, v bat = -48v 4 adjustable loop current range i loop 18 30 ma adjustable with ext. v ref input, v bat = -48v 5 operating loop resistance r loop 1200 ? v bat = -48v @ i loop = 18ma, r loop includes telephone set 6 ring ground over-current protection 40 50 ma ma i loop = 25ma v bat = 48v i loop = 30ma v bat = 48v 7 off-hook detect output low voltage (on-hook) output high voltage (off-hook) v ol v oh 2.7 0.4 v v active high logic 8 off-hook detect output low current (on-hook) output high current. (off-hook) i ol i oh 8 -200 ma a 9 rc, pd control input input low volt (no activation) input high volt (activation) v il v ih 2.0 0.7 v v active high logic lsttl compatible 10 rc, pd control input input low current (no activation) input high current (activation) i il i ih 50 0.5 a ma 11 pd control input input low current input high current i il i ih 0.5 0.3 ma ma
mh88612b data sheet 8 zarlink semiconductor inc. ? typical figures are at 25c with nominal 5v supplies and are for design aid only. ac electrical characteristics characteristics sym. min. typ. ? max. units test conditions 1 ringing voltage (rms) v ring 17 90 25 v rms hz superimposed on v bat = -48v 2 ringer equivalence number ren 3 3 ring trip detect time 200 ms cap = 1uf 4 input ac impedance 2-wire zin 600 ? 5 input impedance at v r 100 k ? 6 output impedance at vx 10 ? 7gain 2-wire to vx gain relative to gain @ 1khz -1.3 -0.15 -1.0 -0.7 +0.15 db input 3dbm, 1khz across tip and ring 300-3400 hz 8 gain vr to 2-wire gain relative to gain @ 1khz -1.3 -0.15 -1.0 -0.7 +0.15 db db input 1.0 vrms 1khz at v r z load = 600 ? 300 - 3400 hz 9 2-wire return loss over 300-3400hz rl 20 30 db input 0.5 vrms , 1khz across tip and ring, z load = 600 ? 10 transhybrid loss thl 20 30 db input 0.5 vrms , 1khz at v r z load = 600 ? 11 longitudinal to metallic balance over 300-3400 hz 50 55 db input 0.5 vrms 12 total harmonic distortion at vx at tip and ring thd 0.1 0.1 1.0 1.0 % % input 3dbm, 1 khz across tip and ring, input 1.0 vrms 1khz at v r 13 common mode rejection ratio 2-wire to vx cmrr 40 50 db input 0.5vrms, 1khz 14 idle channel noise nc 14 dbrnc c @ & vx message 15 power supply rejection ratio v cc v ee v bat psrr 26 26 26 db db db 1 v pp ripple, 1khz on vcc/v ee /v bat ,measure at vx and across tip & ring
mh88612b data sheet 9 zarlink semiconductor inc. figure 4 - mechanical data 1 0.6 max (15.24 max) 0.020 + 0.005 (0.5 + 0.13) 0.100 + 0.010 (1.25 + 0.51) 0.05 + 0.02 0.180 + 0.020 (4.57 + 0.51) (2.54 + 0.25) * * 0.12 max (3.05 max) 0.010 + 0.002 (0.25 + 0.05) 0.08 max (2.03 max) 2.120 max (53.85 max) notes: 1) not to scale 2) dimensions in inches. (dimensions in millimetres) * dimensions to centre of pin. 3) pin tolerances are non-accumulative. 4) recommended soldering conditions: wave soldering max. temp: 260c for 10 secs.
www.zarlink.com information relating to products and services furnished herein by zarlink semiconductor inc. or its subsidiaries (collectively ?zarlink?) is believed to be reliable. however, zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from t he application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of prod uct or service conveys any license, either express or implied, u nder patents or other intellectual property rights owned by zarlink or licensed from third parties by zarlink, whatsoever. purchasers of products are also hereby notified that the use of product in certain ways or in combination with zarlink, or non-zarlink furnished goods or services may infringe patents or other intellect ual property rights owned by zarlink. this publication is issued to provide information only and (unless agreed by zarlink in writing) may not be used, applied or re produced for any pu rpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, t heir specifications, services and other information appearing in this publication are subject to change by zarlink without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. it is the user?s responsibility t o fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not b een superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to pe rform may result in significant injury or death to the user. all products and materials are sold and services provided subject to zarlink?s conditi ons of sale which are available on request. purchase of zarlink?s i 2 c components conveys a licence under the philips i 2 c patent rights to use these components in and i 2 c system, provided that the system conforms to the i 2 c standard specification as defined by philips. zarlink, zl, the zarlink semiconductor logo and the legerity logo and combinations thereof, voiceedge, voiceport, slac, islic, islac and voicepath are trademarks of zarlink semiconductor inc. technical documentation - not for resale for more information ab out all zarlink products visit our web site at


▲Up To Search▲   

 
Price & Availability of MH88612BV-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X