Part Number Hot Search : 
AN820 BAS7002V P4SMA EC28N 1N5520 HSM122 C331M N54LS
Product Description
Full Text Search
 

To Download M61S-H247-01-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  171 north and south america: methode electronics, inc. connector products 1700 hicks road ? rolling meadows, il 60008 usa 847-392-3500 ? toll free: 800-323-6864 ? fax: 847-392-9404 email: info@methode.com ? web: www.methode.com/connector/index.html europe: methode electronics ireland, ltd. 11 annacotty business park ? limerick, ireland 353 61 330013 ? fax: 353 61 330803 email: info@methode.ie ? web: ireland.methode.com/main.html far east: methode electronics far east, pte. ltd. 1 tuas lane, jurong town ? singapore 638610 65-68615444 ? fax: 65-68614777 email: sales@methode.com.sg ? web: www.methode.com/mefe/index.html specifications: insulator: liquid crystal polymer (lcp), glass reinforced thermoplastic, rated ul 94v-0 contacts: phosphor bronze plating: s = 5 in gold nom. (optional 30 in [8]) to mil-g-45204, type ii, grade c over 50 in nickel underplate to qq-n-290, class 2, grade c t = 5 in gold nom. (optional 30 in [8]) on mating length to mil-g-45204, type ii, grade c, 100 in. tin-lead to mil-p-81728 on solder-tails o = 100 in tin-lead to mil-p-81728, type 1 over 50 in cop per underplate to mil-c-14550 electrical: operating voltage: 250 vac max current rating: 1.0 amps max contact resistance: 20 m max insulation resistance: 500 m min @ 650 vdc between adjacent contacts (75f and 50% r.h.) dielectric withstanding voltage: 500 vdc min rms (sea level) mechanical: pin pushout force: 1 lb. min mating durability: 20 cycles min soldering processes: wave, vapor-phase or ir reflow environmental: operating temperature: -65c to +125c processing temperature: 230c for 60 sec. mating options: receptacles: m61x-r2xx-xx (0.8mm) m62x-r2xx-xx (1mm) packaging: anti-static plastic bags or trays available 0.8 mm headers .031" (.08) centerline - m61 series 1 mm headers .039" (1.00) centerline - m62 series 0.8 mm headers part number legend m61x-h2xx-xx-01 tail style 01 = through hole 02 = surface mount positions 04 through 80 plating s = 5 in overall gold nominal 8 = 30 in select gold nominal t = 5 in select gold nominal o = tin/lead 1.0 mm headers part number legend m62x-h2xx-xx-01 tail style 01 = through hole 02 = surface mount positions 04 through 80 plating s = 5 in overall gold nominal 8 = 30 in select gold nominal t = 5 in select gold nominal o = tin/lead
172 north and south america: methode electronics, inc. connector products 1700 hicks road ? rolling meadows, il 60008 usa 847-392-3500 ? toll free: 800-323-6864 ? fax: 847-392-9404 email: info@methode.com ? web: www.methode.com/connector/index.html europe: methode electronics ireland, ltd. 11 annacotty business park ? limerick, ireland 353 61 330013 ? fax: 353 61 330803 email: info@methode.ie ? web: ireland.methode.com/main.html far east: methode electronics far east, pte. ltd. 1 tuas lane, jurong town ? singapore 638610 65-68615444 ? fax: 65-68614777 email: sales@methode.com.sg ? web: www.methode.com/mefe/index.html 1mm through hole header - m62x-h2xx-01-01 1mm surface mount header - m62x-h2xx-02-01 0.8mm through hole header - m61x-h2xx-01-01 0.8mm surface mount - m61x-h2xx-02-01 0.8mm headers 1mm headers a = .039 [1.00] x no. of positions per row + .017 [0.43] a = .031 [.80] x no. of positions per row b = .031 [.80] x no. of spaces 0.8 mm headers .031" (.08) centerline - m61 series 1 mm headers .039" (1.00) centerline - m62 series


▲Up To Search▲   

 
Price & Availability of M61S-H247-01-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X