Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download M31326AMLAN-500000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mtronpti corporate headquarters 100 douglas avenue po box 630 yankton, sd 57078-0630 1-800-762-8800 www.mtronpti.com features: ? multiple output frequencies (2, 3, or 4) - selectable ? superior jitter performance (less than 0.25 ps rms, 12 khz - 20 mhz) ? frequencies from 50 mhz to 1.4 ghz (lvds/lvpecl/cml) , and 10 mhz to 150 mhz (hcmos) applications: ? where more than one selectable frequency is required for differ - ent global regions, fec (forward error correction) or selectable funcionality are required. ? telecommunications such as sonet / sdh / dwdm / fec / serdes / oc-3 thru oc-192 ? wireless base stations / wlan / gigabit ethernet ? avionic fight controls and military communications introduces m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo featuring qik chip tm technology
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 2 applications note: the m31x series is ideally suited for a wide range of applications, specifcally applications where extremely tight jitter performance is needed with a wide range of fexibility in the frequencies available. in video ap - plications where line-rate timing-jitter is crucial, the qik chip m31x is a critical component of success for the circuit design. jitter performance and phase noise performance well exceed the required smpte standards established for video applications. in addition, the qik chip m31x product series provides multiple output frequencies from a single, highly stable crystal. using a standard 5x7mm package provides access to up to 4 arbitrary output frequencies from the same oscillator, simplifying the performance-sensitive design testing and validation that requires frequency margining. industry leading jitter and phase noise performance, reduction in testing costs, increased fexibility in reducing pcb real estate for multiple output frequency demands, and an order to delivery time of less than 2 weeks, provides engineering and production advantages that have not been available in a small 5x7mm package in the past. the m31x produces outputs from 10mhz to 1.4ghz with unlimited margining increments. these independent frequencies can be a few parts per million or hundreds of mhz apart.
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 3 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm product features product description product applications product ordering information multiple output frequencies (2, 3, or 4) - selectable ? qik chip ? tm technology superior jitter performance (less than 0.25 ps rms, 12 khz - 20 mhz) ? apr from 50 to ? 300 ppm over industrial temperature range saw replacement - better performance ? frequencies from 50 mhz - 1.4 ghz (lvds/lvpecl/cml) ? frequencies from 10 mhz to 150 mhz (hcmos) ? m3120sxxx, m3121sxxx, m3122sxxx m3130sxxx, m3131sxxx, m3132sxxx m3140sxxx, m3141sxxx, m3142sxxx contact factory for datasheets. global/regional selection ? forward error correction (fec) / selectable functionality applications ? telecommunications such as sonet / sdh / dwdm / fec / serdes ? / oc-3 thru oc-192 1-2-4-10 gigabit fibre channel ? wireless base stations / wlan / gigabit ethernet ? xdsl, network communications ? avionic fight controls ? military communications ? clock and data recovery ? low jitter clock generation ? frequency margining ? the multiple frequency vcxo utilizes mtronptis qik chip tm technology to provide a very low jitter clock for all output frequencies. the m31x is available with up to 4 different frequency outputs from 10mhz through 1.4 ghz. unlike traditional vcxos where multiple crystals are required for each frequency, the m31x utilizes a rock solid fundamental 3rd overtone crystal and the qik chip tm ic to provide the wide range of output frequen - cies. using this design approach, the m31x provides exceptional performance in frequency stability, jitter, phase noise and long term reliability.
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 4 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm performance characteristics
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 5 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm phase noise plot output waveform output waveform: lvds / cml / lvpecl
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 6 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm product dimension & pinout information denotes pin 1
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 7 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm handling information quality parameters part marking guide although protection circuitry has been designed into the m31x oscillator, proper precautions should be taken to avoid exposure to electrostatic discharge (esd) during handling and mounting. mtronpti utilizes a human-body model (hbm) and a charged-device model (cdm) for esd-susceptibility testing and protection design evaluation. esd voltage thresholds are dependent on the circuit parameters used to defne the mode. although no industry- wide standard has been adopted for the cdm, a standard hbm (resistance = 1500 ? , capacitance = 100 pf) is widely used and therefore can be used for comparison purposes. the hbm esd threshold presented here was obtained using these circuit parameters. line 1: model number line 2: frequency line 3: date code line 4: pin 1 indicator / mtronpti
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 8 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm maximum soldering conditions tape & reel specifcations (all measurements are in mm) a b c d e f g h i j k l m31x 6.51 9.29 1.5 7.5 2.8 4 8/12 16 180-330 13 21 60-100 standard tape and reel: 1000 parts per reel solder conditions note: exceeding these limits may damage the device.
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 9 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm for custom products or additional specifcations contact our sales team at 800.762.8800 (toll free) or 605.665.9321 for more information on this product visit the mtronpti website at www.mtronpti.com typical test circuit & load circuit diagrams product revision table date revision pcn number details of revision 7/20/07 a 10118 ic revision to improve phase noise and electrical performance
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 10 m31x series multiple frequency lvpecl/lvds/cml/hcmos vcxo C 3.3/2.5/1.8 volt C 5x7 mm orlando 2525 shader rd orlando, fl 32804 usa phone: 407-298-2000 fax: 407-293-2979 email: salesorl@mtronpti.com yankton po box 630 yankton, sd 57078-0630 usa phone: 605-665-9321 toll free: 800-762-8800 fax: 605-665-1709 email: salesykt@mtronpti.com europe the netherlands phone: 31-40-368-6818 fax: 011-31-40-368-3501 email: saleseu@mtronpti.com asia pacifc 1104 shanghai industrial investment building 48-62 hennessy road wanchai, hong kong, china phone: 852-2866-8023 fax: 852-2529-1822 email: saleshk@mtronpti.com connecticut 755 main street suite 2b, building 2 monroe, ct 06470 usa phone: 800.762.8800 fax: 203.452.9435 email: milsales@mtronpti.com santa clara 1495 franklin street santa clara, ca 95050 usa phone: 408.395.0700 fax: 408.395.8074 email: salesca@mtronpti.com


▲Up To Search▲   

 
Price & Availability of M31326AMLAN-500000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X