Part Number Hot Search : 
ISL6353 PSOT0312 ECL86 HER203G 80020 2SD388 31ACD XN01111
Product Description
Full Text Search
 

To Download JMB353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  version 1.0.0 2008/02/26 ? jmicron technology corp. 2007. all rights reserved. page 1 copying prohibited. jmicron/JMB353 JMB353 voltage regular usb2.0 phy 1394a phy sata phy 1394a mac sata mac usb mac sram 16kx8 + mbist sram 768x32 + mbist via rom 64kx8 + rbist 8051 usb20 1394a sata 1394a nvram: vendor information . usb descriptor . 1394 config rom/guid . vendor rom code spi JMB353 1394a + usb20 to sata host adapter description the JMB353 is single chip solution to bridge between usb 2.0 h ost or 1394 host and sata device. the highly integrated usb 2.0, 1394a and sata phys tech nology provides a cost-effective solution to apply usb to sata device or 1394 to sata device enclosure . the usb adheres to the mass storage class bulk-only transport specification. the embedded com mand parser supports both ata and atapi command set with lba48 bit addressing capability. t he 1394 adheres to sbp-2 specification. and sbp-2 acceleration hardware is embedded to off-load cpu and easy firmware control. features  complies with gen1i/gen1m of serial ata ii electri cal specification 2.5  supports sata ii asynchronous signal recovery (hot plug) feature  complies with usb 2.0 specification  complies with usb mass storage class, bulk-only tr ansport specification  supports usb high-speed and full-speed operation  complies with ieee std 1394-1995 and ieee 1394a-20 00 specifications  supports asynchronous transfers at 100/200 and 400 mb/s for 1394a  supports 1394a sbp-2 acceleration feature to optim ize performance  provides two 1394a ports for cascade topology appl ication  supports 1394a power saving mode when usb is activ e  supports ata/atapi packet command set  supports ata/atapi lba48 addressing mode  supports single 12mhz external crystal  supports external nvram for vender specific vid/pi d of usb/1394 device controller  embedded 3.3v to 1.8v voltage regulator  single power 3.3v power supply  0.18um cmos technology  64 lqfp package  15 gpios function block diagram www.datasheet.co.kr datasheet pdf - http://www..net/
version 1.0.0 2008/02/26 ? jmicron technology corp. 2007. all rights reserved. page 2 copying prohibited. jmicron/JMB353 applications adapt to sata disk. adapt to ide disk. raid application deliverables  data sheet  design guide  application evb board contact information sales: sales@jmicron.com technical support: fae@jmicron.com www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of JMB353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X