Part Number Hot Search : 
LBN04405 R5F2136C M1117 APT30 PCA4933 DT70V RFM10N15 ZNBG3000
Product Description
Full Text Search
 

To Download JANS1N4970D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voidless-hermetically-sealed 5 watt glass zener diodes microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 1 copyright ? 2010 3-29-2010 rev g; sa5-37.pdf www. microsemi . com scottsdale division 1n4954 thru 1n4996, 1n5968 thru 1n5969, and 1n6632 thru 1n6637 1n4954 thru 1n4996 1n5968 thru 1n5969 1n6632 thru 1n6637 description appearance t his zener voltage regulator series is military qualified to mil-prf- 19500/356 and is ideal for high-reliability applications where a failure cannot be tolerated. these industry-recognized 5 watt zener voltage regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. it includes zener selections from 3.3 to 390 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. they are also available in surface-mount packages (see separat e data sheet for 1n4954us thru 1n4996us, 1n5968us thru 1n5969us, and 1n6632us thru 1n6637us). microsemi also offers numerous other zener products to meet higher and lower power ratings in both thru-hole and surface mount packages. important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? popular jedec registered series ? voidless hermetically sealed glass package ? extremely robust construction ? triple-layer passivation ? internal ? category i? metallurgical bonds for 1n4954 thru 1n4996, and ? category iii? for 1n6632 thru 1n6637 as well as 1n5968 thru 1n5959 ? jan, jantx, jantxv, and jans available per mil- prf-19500/356 ? surface mount equivalents also available in a square end-cap melf configuration with ?us? suffix (see separate data sheet for 1n4954us thru 1n4996us, 1n6632us thru 1n6637us and 1n5968us thru 1n5969us ? regulates voltage over a broad operating current and temperature range ? extensive selection from 3.3 to 390 v ? standard voltage tolerances are plus/minus 5% with no suffix ? tight tolerances available in plus or minus 2% or 1% with c or d suffix respectively ? flexible axial-lead mounting terminals ? nonsensitive to esd per mil-std-750 method 1020 ? inherently radiation hard as described in microsemi micronote 050 maximum ratings mechanical and packaging ? operating (t j ) temperature: -65 o c to +175 o c. ? storage temperature: -65 o c to +175 o c. ? power dissipation: 5 watts @ t l = 65 o c at 3/8 inch (10 mm) from body for 1n4954 thru 1n4996; and t l = 25 o c for 1n6632 thru 1n6637, 1n5968 thru 1n5969. derate linearly above these temperatures to zero at 175 o c. ? thermal resistance: 22 o c/w junction to lead at 3/8 inch (10 mm) from body fo r 1n4954 thru 1n4996 and 30 o c/w for 1n6632 thru 1n6637, 1n5968 thru 1n5969 ? thermal impedance at 10 ms: 1.8 o c/w for 1n4954 thru 1n4996, and 3.0 o c/w for both the 1n6632 thru 1n6637 & 1n5968 thru 1n5969 ? forward voltage: 1.50 v at 1.0 a ? case: hermetically sealed voidless hard glass with tungsten slugs ? terminations: axial-leads are copper with tin/lead (sn/pb) finish. note: previous inventory had solid silver (ag) axial-leads and no finish. ? marking: body painted and part number, etc. ? polarity: cathode indicated by band ? tape & reel option: standard per eia-296 ? weight: 750 mg ?e? package
voidless-hermetically-sealed 5 watt glass zener diodes www. microsemi . com scottsdale division 1n4954 thru 1n4996, 1n5968 thru 1n5969, and 1n6632 thru 1n6637 1n4954 thru 1n4996 1n5968 thru 1n5969 1n6632 thru 1n6637 electrical characteristics @ 25 o c maximum zener impedance maximum reverse leakage current voltage nominal zener voltage v z @ i zt test current i zt z z @ i zt z zk * @ i zk =1ma voltage regulation (note 1) v z i r v r maximum temperature coeff. vz @ i zt maximum continuous current i zm surge current @ 8.3 ms sq. wave i zsm type* volts ma ohms ohms volts a volts %/ o c ma amps 1n6632 1n6633 1n6634 1n6635 1n6636 1n6637 3.3 3.6 3.9 4.3 4.7 5.1 380 350 320 290 260 240 3.0 2.5 2.0 2.0 2.0 1.5 500 500 500 500 450 400 0.90 0.80 0.75 0.70 0.60 0.50 300 250 175 25 20 5 1.0 1.0 1.0 1.0 1.0 1.0 -.075 -.070 -.060 -.050 +/-.025 +/-.030 1440 1320 1220 1100 1010 930 20.0 18.7 17.6 16.4 15.3 14.4 1n5968 1n5969 1n4954 1n4955 1n4956 5.6 6.2 6.8 7.5 8.2 220 220 175 175 150 1.0 1.0 1.0 1.5 1.5 400 1000 1000 800 600 0.4 0.5 0.7 0.7 0.7 5000 1000 150 100 50 4.28 4.74 5.2 5.7 6.2 .04 .04 .05 .06 .06 865 765 700 630 580 20 20 29.3 26.4 24 1n4957 1n4958 1n4959 1n4960 1n4961 9.1 10.0 11 12 13 150 125 125 100 100 2.0 2.0 2.5 2.5 3.0 400 125 130 140 145 0.7 0.8 0.8 0.8 0.9 25 25 10 10 10 6.9 7.6 8.4 9.1 9.9 .06 .07 .07 .07 .08 520 475 430 395 365 22 20 19 18 16 1n4962 1n4963 1n4964 1n4965 1n4966 15 16 18 20 22 75 75 65 65 50 3.5 3.5 4.0 4.5 5.0 150 155 160 165 170 1.0 1.1 1.2 1.5 1.8 5 5 5 2 2 11.4 12.2 13.7 15.2 16.7 .08 .08 .085 .085 .085 315 294 264 237 216 12 10 9.0 8.0 7.0 1n4967 1n4968 1n4969 1n4970 1n4971 24 27 30 33 36 50 50 40 40 30 5.0 6.0 8 10 11 175 180 190 200 220 2.0 2.0 2.5 2.8 3.0 2 2 2 2 2 18.2 20.6 22.8 25.1 27.4 .090 .090 .090 .095 .095 198 176 158 144 132 6.5 6.0 5.5 5.0 4.5 1n4972 1n4973 1n4974 1n4975 1n4976 39 43 47 51 56 30 30 25 25 20 14 20 25 27 35 230 240 250 270 320 3.0 3.3 3.5 4.0 4.4 2 2 2 2 2 29.7 32.7 35.8 38.8 42.6 .095 .095 .095 .095 .095 122 110 100 92 84 4.0 3.5 3.2 3.0 2.8 1n4977 1n4978 1n4979 1n4980 1n4981 62 68 75 82 91 20 20 20 15 15 42 50 55 80 90 400 500 620 720 760 5.0 5.5 6.0 6.6 7.5 2 2 2 2 2 47.1 51.7 56.0 62.2 69.2 .100 .100 .100 .100 .100 76 70 63.0 58.0 52.5 2.5 2.2 2.0 1.8 1.6 1n4982 1n4983 1n4984 1n4985 1n4986 100 110 120 130 150 12 12 10 10 8 110 125 170 190 330 800 1000 1150 1250 1500 8.0 9.0 10 11 13 2 2 2 2 2 76.0 83.6 91.2 98.8 114.0 .100 .100 .100 .105 .105 47.5 43.0 39.5 36.6 31.6 1.4 1.2 1.00 0.80 0.75 1n4987 1n4988 1n4989 1n4990 1n4991 160 180 200 220 240 8 5 5 5 5 350 450 500 550 650 1650 1750 1850 2000 2050 14 16 18 19 22 2 2 2 2 2 121.6 136.8 152 167 182 .105 .110 .110 .115 .115 29.4 26.4 23.6 21.6 19.8 0.70 0.60 0.50 0.50 0.40 1n4992 1n4993 1n4994 1n4995 1n4996 270 300 330 360 390 5 4 4 3 3 800 950 1175 1400 1800 2100 2150 2200 2300 2500 25 28 32 35 40 2 2 2 2 2 206 228 251 274 297 .120 .120 .120 .120 .120 17.5 15.6 14.4 13.0 12.0 0.35 0.30 0.25 0.22 0.20 *i zk = 5 ma for 1n5968 note 1: maximum voltage change v z between 10% of i zm and 50% of i zm microsemi scottsdale division page 2 copyright ? 2010 3-29-2010 rev g; sa5-37.pdf 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
voidless-hermetically-sealed 5 watt glass zener diodes www. microsemi . com scottsdale division 1n4954 thru 1n4996, 1n5968 thru 1n5969, and 1n6632 thru 1n6637 1n4954 thru 1n4996 1n5968 thru 1n5969 1n6632 thru 1n6637 symbols & definitions symbol definition v z zener voltage: the zener voltage the devi ce will exhibit at a specified current (i z ) in its breakdown region. i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), or near breakdown knee (i zk ). z zt or z zk dynamic impedance: the small signal impedance of t he diode when biased to operate in its breakdown region at a specified rms current m odulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. v f maximum forward voltage: the maximum forward volt age the device will exhibit at a specified current. i r maximum reverse current: the maximum reverse (leakage) current that will flow at the specified voltage and temperature. i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rating. i zsm maximum zener surge current: the nonrepetitive peak value of zener surge current at a specified wave form. graphs figure 1 figure 2 power dissipation vs. lead surge power vs. temperature derating curve surge duration figure 3 typical zener impedance vs. zener current microsemi scottsdale division page 3 copyright ? 2010 3-29-2010 rev g; sa5-37.pdf 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
voidless-hermetically-sealed 5 watt glass zener diodes microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 4 www. microsemi . com scottsdale division 1n4954 thru 1n4996, 1n5968 thru 1n5969, and 1n6632 thru 1n6637 1n4954 thru 1n4996 1n5968 thru 1n5969 1n6632 thru 1n6637 package dimensions lead tolerance = + .002 -.003 in *includes sections of the lead or fillet over which the lead diameter is uncontrolled. copyright ? 2010 3-29-2010 rev g; sa5-37.pdf


▲Up To Search▲   

 
Price & Availability of JANS1N4970D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X