Part Number Hot Search : 
BDT29DF 015020 F5L60 TA8260AH MX29LV DCPC1460 FAN5405 B20P03
Product Description
Full Text Search
 

To Download HPWT-TL00C4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  selection guide total flux f v (mlm) total included angle part number led color @ 70 ma [1] min. q 0.90 v (degrees) [2] typ. hpwt-th00-00000 ts alingap red-orange 3000 120 hpwt-fh00-00000 70 hpwt-tl00-00000 ts alingap amber 1500 120 hpwt-fl00-00000 70 snapled 70 leds technical data hp sunpower series benefits ? fewer leds required ? lower system cost ? 3-dimensional array design features ? high flux output ? designed for high current operation ? low thermal resistance ? low profile ? solderless mounting technique ? mounted on formable substrate ? meets sae/ece/jis automotive color requirements applications ? automotive lighting C rear combination lamps C front turn signal lamps C high mount stop lamps C indirect lighting ? solid state lighting and signaling description using hewlett-packards patented solderless clinch technology, snapled 70 emitters are assembled onto a formable metal substrate which offers both styling flexibility and thermal conductivity unmatched by any other led assembly. the packages efficient optical design, high brightness material, and high current capability drastically reduce the number of leds required for lighting functions C thereby lowering the total cost.
2 absolute maximum ratings at t a = 25 c parameter hpwt-tx00/fx00 units dc forward current [1,2] 70 ma power dissipation 221 mw reverse voltage (i r = 100 m a) 10 v operating temperature range -40 to +100 c storage temperature range -55 to +100 c high temperature chamber 125 c, 2 hrs. led junction temperature 125 c notes: 1. operation at currents below 10 ma is not recommended. 2. derate linearly as shown in figure 3. outline drawing notes: 1. dimensions are in millimeters (inches). 2. dimensions without tolerances are nominal. 3. cathode lead is indicated with a "c" and anode lead is indicated with an "a." 4. special characteristics are designated with a triangle. 5. clinch joint locations shown in dashed lines on top view of part (11.50 mm spacing). 2.50 ?0.50 (0.098 ?0.004) 0.51 ?0.10 (0.020 ?0.004) 7.60 ?0.30 (0.299 ?0.012) 7.60 ?0.30 (0.299 ?0.012) 5.00 ?0.20 (0.197 ?0.008) cfer 1.30 x 1.30 (0.051 x 0.051) c ? a 6.00 ?0.20 (0.236 ?0.008) 11.50 (0.453) 15.30 ?0.50 (0.602 ?0.020) 90??2?typ. 5.00 ?0.30 (0.197 ?0.012) 4.10 (0.161) 2.50 (0.098) tx00 3.30 (0.130) fx00 2?typ. 4.7
3 optical characteristics at t a = 25 c, i f = 70 ma, r q j-a = 200?c/w color, total ratio of luminous viewing peak dominant included intensity to angle total flux wavelength wavelength angle q 0.90 v total flux 2 q 1/2 f v (mlm) [1] l peak (nm) l d (nm) [2] (degrees) [3] i v (mcd)/ f v (mlm) (degrees) device type min. typ. typ. typ. typ. typ. hpwt-th00 3000 630 621 120 0.6 85 hpwt-fh00 70 2.0 30 hpwt-tl00 1500 596 594 120 0.6 85 hpwt-fl00 70 2.0 30 notes: 1. f v is the total luminous flux output as measured with an integrating sphere after the device has stabilized. 2. the dominant wavelength is derived from the cie chromaticity diagram and represents the perceived color of the device. 3. q 0.90 v is the included angle at which 90% of the total luminous flux is captured. see figure 5. electrical characteristics at t a = 25 c forward reverse capacitance voltage breakdown c (pf) thermal speed of v f (volts) v r (volts) v f = 0, resistance response @ i f = 70 ma @i r = 100 m a f = 1 mhz r q j-pin ( c/w) t s (ns) [1] device type min. typ. max. min. typ. typ. typ. typ. hpwt-xh00 2.15 2.50 3.03 10 20 40 80 20 hpwt-xl00 2.15 2.60 3.15 10 20 40 100 20 note: 1. t s is the time constant, e -t/ t s . figure 2. forward current vs. forward voltage. figure 1. relative intensity vs. wavelength. projected availability by luminous flux category [1] total flux f v (mlm) part number led color @ 70 ma [2] min. 1999 2000 2001 2002 2003 2004 2005 hpwt-xh00-f4000 ts alingap 3000 33 33 3 3 hpwt-xh00-g4000 red-orange 3500 33333 hpwt-xh00-h4000 4000 33333 hpwt-xh00-j4000 5000 3333 hpwt-xl00-c4000 ts alingap 1500 3333 3 3 hpwt-xl00-d4000 amber 2000 33333 notes: 1. leds will be available at the beginning of indicated years. 2. f v is the total luminous flux output as measured with an integrating sphere after the device has stabilized (r q j-a = 200?c/w, t a = 25?c). forward current (ma) 3.1 70 0 forward voltage (v) 1.5 1.9 2.1 2.3 50 40 10 1.7 2.5 2.7 2.9 hpwt-xl00 60 20 30 hpwt-xh00 wavelength (nm) relative intensity 550 600 650 700 1.0 0.5 0 hpwt-xh00 hpwt-xl00 amber red-orange
www.hp.com/go/led for technical assistance or the location of your nearest hewlett-packard sales office, distributor or representative call: americas/canada: 1-800-235-0312 or 408-654-8675 far east/australasia: call your local hp sales office. japan: (81 3) 3335-8152 europe: call your local hp sales office. data subject to change. copyright ? 1999 hewlett-packard co. 5968-6845e (7/99) for additional information, please refer to the hp an 1149 series. figure 3. hpwt-xx00 maximum dc forward current vs. ambient temperature. figure 6a. hpwt-tx00 relative intensity vs. off axis angle. figure 5. hpwt-xx00 percent total luminous flux vs. total included angle. figure 6b. hpwt-fx00 relative intensity vs. off axis angle. figure 4. hpwt-xx00 relative luminous flux vs. forward current. relative luminous intensity 1.0 0 off axis angle (degrees) 0.8 0.6 0.5 0.7 0.2 -90 0.1 0.3 0.4 -70 -50 -30 -10 10 30 50 70 90 0.9 relative luminous intensity 1.0 0 off axis angle (degrees) 0.8 0.6 0.5 0.7 0.2 -90 0.1 0.3 0.4 -70 -50 -30 -10 10 30 50 70 90 0.9 maximum dc current (ma) 70 0 ambient temperature (?) 60 20 10 r q j-a = 600?c/w 30 r q j-a = 400?c/w r q j-a = 300?c/w r q j-a = 500?c/w 120 0 20 60 100 40 50 40 80 relative luminous flux 70 1.0 0 forward current (ma) 03040 0.7 0.6 0.4 0.3 0.1 10 20 60 0.9 0.8 0.5 0.2 50 200?c/w 300?c/w 400?c/w 500?c/w 600?c/w % total luminous flux 0 0 total included angle (degrees) 180 40 30 20 20 100 40 60 100 10 80 50 60 70 80 90 hpwt-tx00 120 140 160 hpwt-fx00


▲Up To Search▲   

 
Price & Availability of HPWT-TL00C4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X