Part Number Hot Search : 
02800 L6259 MIC24420 SMA13CA 03800 1084104 MAC12SMG ONSEMI
Product Description
Full Text Search
 

To Download GC49WW11011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apem www.apem.com e-9 e g series slide switches - telecom grade distinctive features and specifications materials ?case : pes ?actuator : polyamide, glass filled ?cover : stainless steel ?contacts 0 : brass, gold plated 1 : silver 2 : silver, gold plated 5 : special contact, lower rating, minimum quantity : consult factory ?terminal seal : epoxy electrical specifications ?max. current/voltage rating with resistive load : - silver contacts (codes 1 or 2) : 2a 250vac - 4a 125vac - 3a 30vdc - gold plated brass contacts (code 0) : 0,4va 20vac or dc max. ?initial contact resistance : 10 m ? ?insulation resistance : 1.000 m ? min. ?dielectric strength : 1.000 vrms 50 hz min. ?electrical life with resistive load : - silver contacts (codes 1 or 2) : 2 positions : 40.000 cycles 3 positions : 20.000 cycles - gold plated brass contacts (code 0) : 60.000 cycles (0,4va max.) general specifications ?travel : 2,20 mm (.086) ?operating temperature : -30? to +85? ?recommended soldering : 300? 5 sec. max. ? panel and pc mount models ? 6 actuator lengths ? wide variety of contact materials
e-10 apem www.apem.com e g series slide switches - telecom grade overview g series actuators c 3,50 mm (.137) h 5,10 mm (.200) standard l 6,40 mm (.251) b 7,65 mm (.301) e 9,10 mm (.358) n 9,50 mm (.374) ty pes l, b and e for single pole models only. electrical functions 6 on - on 9 on off on te r minals s0 solder lugs p0 straight pc w0 right angle, horizontal ww right angle, vertical y0 straight pc with short bracket y4 straight pc with tall bracket about this series on the following pages, you will find successively : - model structure of switches - options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketted numbers. packaging unit : 100 pieces for sp solder lug (s0) and straight terminal (p0) models. 50 pieces for other models. special options 2 00 no epoxy sea l 01 epoxy sealed terminals 10 extended terminals 11 same as 10, with epoxy seal contact and terminal materials 0 brass, gold plated 1 silver 2 silver, gold plated 5 special contact, lower rating 8 contacts brass, gold plated + tin plated terminals (for pc terminals only) special options 1 00 standard model 10 switch without ground plate 11 10,35 mm (.407) pc terminals 12 same as 11, without ground plate number of poles 3 single pole 4 double pole notice : please note that not all combinations of above numbers are available. refer to the following pages for further information.
apem www.apem.com e-11 g series slide switches - telecom grade e right angle terminals - horizontal solder lug terminals model structure single pole double pole gh36s0 gh46s0 on - on gh39s0 gh49s0 on off on straight pc terminals single pole double pole gh36p0 gh46p0 on - on gh39p0 gh49p0 on off on single pole double pole gh36w0 gh46w0 on - on gh39w0 gh49w0 on off on ? solder lug, straight pc or right angle terminals ?single and double pole configurations shown with standard actuator (type h) 1 23 (.070) (.043) (.165) (.074) 4.20 1.90 1.80 1.10 (.232) (.157) 5.90 4.00 (.043) 1.10 19.50 (.767) 17.53 (.690) 3.85 (.151) 11.40 (.448) 5.10 (.200) 0.30 (.011) 3.85 (.151) 10.55 (.415) 7.60 (.299) 4.40 (.173) 4.70 (.185) 0.30 6.65 2.40 6.10 5.10 4.20 6.35 19.50 17.53 3.85 0.80 0.50 12.70 3.85 5.80 (.228) (.500) (.151) (.011) (.200) (.019) (.031) (.165) (.250) (.151) (.767) (.690) (.261) (.094) (.240) (.240) (.094) 6.10 2.40 (.031) (.019) (.500) 12.70 0.50 0.80 (.185) 4.70 (.261) (.151) 3.85 6.65 (.043) (.062 dia) (.185) 1.10 4.70 1.60 (.157) (.324) 8.25 4.00 4.70 (.185) 1.60 (.062 dia) 1.10 (.043) 3.85 (.151) 3.85 (.151) 0.80 (.031) 4.70 (.185) 0.50 (.019) 12.70 (.500) 4.75 (.187) 4.00 (.157) 9.50 (.374) 5.10 (.200) 11.40 (.448) 4.70 (.185) (.185) 4.70 (.019) 0.50 (.185) 4.70 (.031) 0.80 (.500) 12.70 (.151) 3.85 (.200) 5.10 (.151) (.046) (.051) (.019) (.031) (.151) (.185) (.375) (.185) (.519) (.062 dia) (.535) (.169) (.185) 4.70 1.17 1.30 1.60 9.53 4.70 13.20 0.80 0.50 4.70 3.85 13.60 3.85 4.30 9.53 (.375) (.129) 3.30 0.50 0.80 (.031) (.019) 13.60 3.85 (.535) (.151) 4.70 (.185) 13.20 (.519) (.185) 4.70 1.60 (.062 dia) 12.70 (.500) (.150) 3.81 (.500) 12.70 3.85 (.151) 5.70 (.224) 3.10 (.122) order with epoxy sealed terminals (option 01).
e-12 apem www.apem.com g series slide switches - telecom grade e p anel cut - out solder lug model straight pc terminals - tall bracket : y4 straight pc terminals - short bracket : y0 right angle terminals - vertical single pole double pole gh36ww gh46ww on - on gh39ww gh49ww on off on single pole double pole gh36y0 gh46y0 on - on gh39y0 gh49y0 on off on single pole double pole gh36y4 gh46y4 on - on gh39y4 gh49y4 on off on pcb mounting (.295) (.151) (.151) (.537) (.185) (.125) (.185) (.019) (.031) (.620) (.185) (.125) 3.85 3.85 3.18 0.50 0.80 15.75 4.70 7.50 13.65 4.70 4.70 3.18 (.062 dia) 1.60 (.015) 0.40 3.85 (.151) 4.70 (.185) (.015) 15.75 0.80 0.50 (.620) (.031) (.019) 0.40 11.40 3.85 (.151) (.448) 7.50 (.295) 4.75 (.187) 15.75 (.620) (.125) 3.18 (.620) 15.75 4.70 (.185) 4.70 (.185) 14.90 (.586) 1.60 (.062 dia) (.295) (.151) (.151) (.362) (.185) (.125) (.185) (.019) (.031) (.620) (.185) (.125) 3.85 3.85 3.18 0.50 0.80 15.75 4.70 7.50 9.20 4.70 4.70 3.18 (.062 dia) 1.60 (.015) 0.40 3.85 (.151) 4.70 (.185) (.015) 15.75 0.80 0.50 (.620) (.031) (.019) 0.40 11.40 3.85 (.151) (.448) 7.50 (.295) 4.75 (.187) 15.75 (.620) (.125) 3.18 (.620) 15.75 4.70 (.185) 4.70 (.185) 10.46 (.411) 1.60 (.062 dia) (.151) (.043) (.261) (.500) (.151) (.400) (.185) (.150) (.175) (.400) (.110) 1.10 3.85 12.70 2.80 3.85 10.16 3.81 6.65 4.70 10.16 4.45 (.062 dia) 1.60 6.35 (.250) 3.85 (.151) 12.70 (.500) (.250) 6.35 4.70 (.185) 3.85 (.151) (.187) 4.75 (.187) 4.75 (.150) 3.81 (.500) 12.70 (.448) 11.40 (.500) 12.70 (.110) 2.80 1.60 (.062 dia) (.324) 8.25 9.50 (.374) (.129) 3.30 5.70 (.224) (.500) 12.70 6.35 (.250) (.362) 9.20 10.46 (.411) (.537) 13.65 14.90 (.586) 6.65 (.261) 11.40 (.448) (.165) (.255) (.690) (.094 dia) 6.50 17.53 2.40 4.20
apem www.apem.com e-13 g series slide switches - telecom grade e contact and terminal materials 0 brass, gold plated 1 silver 2 silver, gold plated 5 special contact, lower rating, minimum quantity : consult factory 8 contacts brass, gold plated + tin plated terminals (for pc terminals only) actuators g h . . . . dimensions below are for solder lug (s0) and straight terminals (p0) models. for other models (wo - ww - y0 - y4), height is less 0,4 mm (.015). replace second digit (h) of basic model number with one of the codes below. h e l n b c standard for single pole only for single pole only for single pole only (.137) 3.50 (.301) 7.65 (.358) 9.10 9.50 (.374) (.200) 5.10 (.251) 6.40
e-14 apem www.apem.com g series slide switches - telecom grade e special options 1 00 standard switch as presented under "model structure" 10 switch without ground plate for right angle only (w0 and ww models) 11 10,35 mm (.407) long pc terminals 12 10,35 mm (.407) long pc terminals without ground plate 10 11 12 special options 2 00 no epoxy seal 01 epoxy sealed terminals (compulsory on solder lug models) 10 extended terminals for vertical right angle (ww models) 11 extended terminals as above, with epoxy seal 10 11 10.35 (.407) (.850) 21.60 epoxy (.407) 10.35


▲Up To Search▲   

 
Price & Availability of GC49WW11011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X