Part Number Hot Search : 
CMC313M 10234 L9822E RC10S06 IV1205SA ISPGDX K40H603 TDA1910
Product Description
Full Text Search
 

To Download FAR-F6CP-1G4890-D208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds04-23122-4e fujitsu media device data sheet assp mobile communication systems piezoelectric saw bpf (700 to 1700mhz) f5cp/f6cp series (d2 type) n n n n description the f5cp/f6cp series of saw band pass filters have 2.5 mm 2.0 mm 0.9 mm (h) of ultra small package, which are available in the 700 to 2000 mhz frequency range. they exhibit high stability by using single crystal, lithium tantalate (litao 3 ) with a large electro-mechanical coefficient. typical applications for the f5cp/f6cp series include rf interstage filtering in mobile communications systems. standard devices are available for amps, gsm, egsm, pdc800, pdc1.5g. n n n n features ? ultra compact and light package (2.5 mm 2.0 mm 0.9 mm (h) *) *: 1.0 mm height maximum ? excellent stop band attenuation ? external matching are not required (50 w i/o) ? standard devices are available for mobile communication standards n n n n pac k ag e
f5cp/f6cp series 2 n n n n pin assignment n n n n pin description pin no. symbol descriptions 1 in input pin 2 gnd ground pin 3 out output pin 4 gnd ground pin (bottom view) 1 4 2 3
f5cp/f6cp series 3 n n n n absolute maximum ratings warning: piezoelectric devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. n n n n recommended operating conditions warning: the recommended operating conditions are required in order to ensure the normal operation of the piezoelectric device. all of the devices electrical characteristics are warranted when the device is operated within these ranges. always use piezoelectric devices within their recommended operating conditionranges. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representatives beforehand. n n n n standard devices parameter symbol rating unit min. max. ambient operating temperature ta - 30 + 85 c storage temperature tstg - 40 + 100 c input power f5cp series pin ?+ 15 dbm f6cp series ?+ 10 dbm input dc voltage ?- 5 + 5v parameter symbol value unit min. max. operating temperature ta - 30 + 85 c system center frequency (mhz) band width (mhz) part symbol part number re- marks pdc800 t x 950.0 20 9 far-f5cp-950m00-d209 r x 820.0 20 2 far-f5cp-820m00-d202 amps/cdma/ tdma t x 836.5 25 3 far-f5cp-836m50-d203 r x 881.5 25 4 far-f5cp-881m50-d204 gsm t x 902.5 25 5 far-f5cp-902m50-d205 r x 947.5 25 6 far-f5cp-947m50-d206 egsm r x 942.5 35 1 far-f5cp-942m50-d201 pdc1.5g t x 1441.0 24 7 far-f6cp-1g4410-d207 r far-f6cp-1g4410-d20r r x 1489.0 24 8 FAR-F6CP-1G4890-D208
f5cp/f6cp series 4 n n n n electrical characteristics and typical frequency response 1. system : pdc800-tx part number : far-f5cp-950m00-d209 parameter conditions value unit remarks min. typ. max. insertion loss 940 to 960 mhz ? 3.1 3.5 db in-band ripple 940 to 960 mhz ? 0.8 1.2 db absolute attenuation dc to 830 mhz 45 52 ? db 1015 to 1106 mhz 35 42 ? db 1106 to 1700 mhz 45 55 ? db 1700 to 2000 mhz 40 48 ? db in-band vswr (return loss) 940 to 960 mhz ? (8.1) 2.1 (9.0) 2.3 ( ? ) ? (db) 2 1 s 11 1u fs 1 : 51.404 w- 11.736 w s 21 log mag 10 db/ ref 0 db center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : - 2.8224 db 940 mhz s 22 1u fs 1 : 48.162 w- 11.197 w s 11 swr 1 / ref 1 center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 1.2627 940 mhz 3 4 3 3 4 4 2 1 3 4 1 1 2 14.426 pf 940 mhz 2 : 65.227 w - 15.25 w 960 mhz 3 : 3.3965 w - 52.201 w 830 mhz 4 : 13.656 w - 85.102 w 1.015 ghz 2 : - 2.672 db 960 mhz 3 : - 55.793 db 830 mhz 4 : - 43.18 db 1.015 ghz 2 : 1.4555 960 mhz 3 : 30.774 830 mhz 4 : 14.488 1.015 ghz 15.121 pf 940 mhz 2 : 62.332 w - 11.52 w 960 mhz 3 : 3.3203 w - 51.557 w 830 mhz 4 : 14.066 w - 83.52 w 1.015 ghz 2
f5cp/f6cp series 5 2. pdc800-r x part number : far-f5cp-820m00-d202 parameter conditions value unit remarks min. typ. max. insertion loss 810 to 830 mhz ? 2.6 3.3 db in-band ripple 810 to 830 mhz ? 0.8 1.5 db absolute attenuation dc to 760 mhz 45 52 ? db 855 to 875 mhz 28 30 ? db 875 to 920 mhz 35 38 ? db 920 to 1200 mhz 45 55 ? db 1200 to 2000 mhz 40 47 ? db in-band vswr (return loss) 810 to 830 mhz ? (8.5) 2.0 (9.5) 2.2 ( ? ) ? (db) 2 1 s 11 1u fs 1 : 50.861 w- 8.7852 w s 21 log mag 10 db/ ref 0 db center 820 mhz span 300 mhz center 820 mhz span 300 mhz 1 : - 2.4056 db 810 mhz s 22 1u fs 1 : 51.545 w- 8.2246 w 23.89 pf 810 mhz 2 : 86.727 w 6.6094 w 830 mhz 3 : 4.5059 w - 47.348 w 760 mhz 4 : 22.906 w - 119.41 w 855 mhz s 11 swr 1 / ref 1 center 820 mhz span 300 mhz center 820 mhz span 300 mhz 1 : 1.1966 810 mhz 3 4 3 3 4 4 3 4 22.366 pf 810 mhz 2 : 88.93 w 5.2227 w 830 mhz 3 : 4.5723 w - 48.232 w 760 mhz 4 : 22.301 w - 121.53 w 855 mhz 1 2 2 1 1 2 2 : - 2.5113 db 830 mhz 3 : - 56.9 db 760 mhz 4 : - 31.782 db 855 mhz 2 : 1.7897 830 mhz 3 : 21.137 760 mhz 4 : 15.897 855 mhz
f5cp/f6cp series 6 3. system : amps-tx part number : far-f5cp-836m50-d203 parameter conditions value unit remarks min. typ. max. insertion loss 824 to 849 mhz ? 3.0 3.5 db in-band ripple 824 to 849 mhz ? 1.1 1.6 db absolute attenuation dc to 800 mhz 45 50 ? db 869 to 1049 mhz 29 35 ? db 1049 to 2000 mhz 45 50 ? db in-band vswr (return loss) 824 to 849 mhz ? (8.5) 1.9 (10.2) 2.2 ( ? ) ? (db) 2 1 s 11 1u fs 1 : 38.709 w 0.1641 w s 21 log mag 10 db/ ref 0 db center 835 mhz span 300 mhz center 835 mhz span 300 mhz 1 : - 2.8742 db 824 mhz s 22 1u fs 1 : 38.223 w 1.1992 w 231.63 ph 824 mhz 2 : 70.09 w - 9.5508 w 849 mhz 3 : 2.4951 w - 30.189 w 800 mhz 4 : 13.344 w - 140.89 w 869 mhz s 11 swr 1 / ref 1 center 835 mhz span 300 mhz center 835 mhz span 300 mhz 1 : 1.2937 824 mhz 3 4 3 3 4 4 3 4 1 2 31.689 ph 824 mhz 2 : 70.559 w - 11.789 w 849 mhz 3 : 2.6631 w - 30.007 w 800 mhz 4 : 13.117 w - 138.59 w 869 mhz 1 2 1 2 2 : - 2.7828 db 849 mhz 3 : - 51.439 db 800 mhz 4 : - 34.045 db 869 mhz 2 : 1.4867 849 mhz 3 : 25.566 800 mhz 4 : 33.367 869 mhz
f5cp/f6cp series 7 4. system : amps-rx part number : far-f5cp-881m50-d204 parameter conditions value unit remarks min. typ. max. insertion loss 869 to 894 mhz ? 2.9 3.5 db in-band ripple 869 to 894 mhz ? 1.0 1.6 db absolute attenuation dc to 779 mhz 45 50 ? db 779 to 849 mhz 40 47 ? db 914 to 970 mhz 28 33 ? db 970 to 1049 mhz 50 60 ? db 1049 to 2000 mhz 40 50 ? db in-band vswr (return loss) 869 to 894 mhz ? (8.5) 1.9 (10.2) 2.2 ( ? ) ? (db) 2 1 s 11 1u fs 1 : 52.887 w- 4.0195 w s 21 log mag 10 db/ ref 0 db center 880 mhz span 300 mhz center 880 mhz span 300 mhz 1 : - 2.8617 db 869 mhz s 22 1u fs 1 : 54.602 w 1.627 w 297.97 ph 869 mhz 2 : 80.621 w - 8.7813 w 894 mhz 3 : 2.5654 w - 22.138 w 849 mhz 4 : 15.594 w - 156.26 w 914 mhz s 11 swr 1 / ref 1 center 880 mhz span 300 mhz center 880 mhz span 300 mhz 1 : 1.1015 869 mhz 3 4 3 3 4 4 2 1 3 4 45.564 pf 869 mhz 2 : 80.242 w - 14.598 w 894 mhz 3 : 2.4668 w - 22.392 w 849 mhz 4 : 12.961 w - 142.84 w 914 mhz 2 : - 3.0293 db 894 mhz 3 : - 56.249 db 849 mhz 4 : - 33.517 db 914 mhz 2 : 1.6896 894 mhz 3 : 24.367 849 mhz 4 : 35.586 914 mhz 1 2 1 2
f5cp/f6cp series 8 5. system : gsm-tx part number : far-f5cp-902m50-d205 parameter conditions value unit remarks min. typ. max. insertion loss 890 to 915 mhz ? 3.0 3.5 db in-band ripple 890 to 915 mhz ? 1.1 1.6 db absolute attenuation dc to 845 mhz 45 50 ? db 845 to 870 mhz 30 46 ? db 925 to 935 mhz 7 16 ? db 935 to 980 mhz 28 33 ? db 980 to 1200 mhz 50 60 ? db 1200 to 3000 mhz 30 40 ? db in-band vswr (return loss) 890 to 915 mhz ? (9.0) 1.7 (11.7) 2.1 ( ? ) ? (db) 2 s 11 1u fs 1 : 41.604 w- 1.2832 w s 21 log mag 10 db/ ref 0 db center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : - 2.7524 db 890 mhz s 22 1u fs 1 : 40.996 w- 1.9941 w 89.676 pf 890 mhz 2 : 77.371 w - 7.6758 w 915 mhz 3 : 3.0254 w - 25.578 w 870 mhz 4 : 502.38 w 264.7 w 925 mhz 5 : 17.695 w - 150.65 w 935 mhz s 11 swr 1 / ref 1 center 900 mhz span 300 mhz center 900 mhz span 300 mhz 1 : 1.2064 890 mhz 3 5 5 3 5 2 3 1 2 3 4 5 139.36 pf 890 mhz 2 : 77.059 w - 9.8828 w 915 mhz 3 : 2.9404 w - 26.104 w 870 mhz 4 : 446.91 w 298.7 w 925 mhz 5 : 18.18 w - 155.7 w 935 mhz 2 : - 2.6529 db 915 mhz 3 : - 55.923 db 870 mhz 4 : - 14.643 db 925 mhz 5 : - 32.307 db 935 mhz 2 : 1.584 915 mhz 3 : 21.644 870 mhz 4 : 13.206 925 mhz 5 : 29.787 935 mhz 4 1 1 4 1 4 2
f5cp/f6cp series 9 6. system : gsm-rx part number : far-f5cp-947m50-d206 parameter conditions value unit remarks min. typ. max. insertion loss 935 to 960 mhz ? 3.1 3.5 db in-band ripple 935 to 960 mhz ? 1.3 1.5 db absolute attenuation dc to 871 mhz 45 50 ? db 890 to 915 mhz 30 45 ? db 980 to 1025 mhz 25 30 ? db 1025 to 2000 mhz 45 48 ? db 2000 to 3000 mhz 30 33 ? db in-band vswr (return loss) 935 to 960 mhz ? (8.1) 2.1 (9.0) 2.3 ( ? ) ? (db) s 11 1u fs 1 : 46.617 w- 4.2656 w s 21 log mag 10 db/ ref 0 db center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : - 2.9325 db 935 mhz s 22 1u fs 1 : 47.164 w- 1.9922 w 85.443 pf 935 mhz 2 : 72.879 w - 7.1406 w 960 mhz 3 : 3.4033 w - 19.452 w 915 mhz 4 : 20.859 w - 170.99 w 980 mhz s 11 swr 1 / ref 1 center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 1.1193 935 mhz 3 3 4 4 2 1 3 4 39.905 pf 935 mhz 2 : 72.273 w - 12.234 w 960 mhz 3 : 3.1875 w - 19.772 w 915 mhz 4 : 18.07 w - 157.97 w 980 mhz 2 : - 2.8297 db 960 mhz 3 : - 45.716 db 915 mhz 4 : - 30.562 db 980 mhz 2 : 1.5219 960 mhz 3 : 18.194 915 mhz 4 : 30.704 980 mhz 2 1 3 4 1 2 1 2
f5cp/f6cp series 10 7. system : egsm-rx part number : far-f5cp-942m50-d201 parameter conditions value unit remarks min. typ. max. insertion loss 925 to 960 mhz ? 3.9 4.8 db in-band ripple 925 to 960 mhz ? 2.0 2.9 db absolute attenuation dc to 871 mhz 45 53 ? db 890 to 915 mhz 15 20 ? db 980 to 1025 mhz 25 29 ? db 1025 to 2000 mhz 40 50 ? db 2000 to 3000 mhz 25 36 ? db in-band vswr (return loss) 925 to 960 mhz ? (6.0) 2.4 (7.7) 3.0 ( ? ) ? (db) 2 s 11 1u fs 1 : 24.956 w- 11.556 w s 21 log mag 10 db/ ref 0 db center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : - 3.8751 db 925 mhz s 22 1u fs 1 : 25.901 w- 15.088 w 11.404 pf 925 mhz 2 : 56.229 w - 7.6113 w 960 mhz 3 : 8.3276 w - 8.667 w 915 mhz 4 : 13.266 w - 131.7 w 980 mhz s 11 swr 1 / ref 1 center 950 mhz span 300 mhz center 950 mhz span 300 mhz 1 : 2.1506 925 mhz 3 2 3 1 2 3 4 14.89 pf 925 mhz 2 : 59.1 w - 2.7793 w 960 mhz 3 : 7.0146 w - 10.637 w 915 mhz 4 : 15.141 w - 142.4 w 980 mhz 2 : - 2.9443 db 960 mhz 3 : - 33.524 db 915 mhz 4 : - 32.697 db 980 mhz 2 : 1.1932 960 mhz 3 : 7.4697 915 mhz 4 : 30.348 980 mhz 4 1 1 4 1 4 2 3
f5cp/f6cp series 11 8. system : pdc1.5g-tx part number : far-f6cp-1g4410-d207 parameter conditions value unit remarks min. typ. max. insertion loss 1429 to 1453 mhz ? 3.5 3.8 db in-band ripple 1429 to 1453 mhz ? 1.3 1.6 db absolute attenuation dc to 1380 mhz 40 45 ? db 1477 to 1501 mhz 25 28 ? db 1501 to 1607 mhz 28 30 ? db 1607 to 1900 mhz 45 55 ? db 1900 to 3000 mhz 30 33 ? db in-band vswr (return loss) 1429 to 1453 mhz ? (7.0) 2.4 (7.7) 2.6 ( ? ) ? (db) s 11 1u fs 1 : 39.924 w 0.0859 w s 21 log mag 10 db/ ref 0 db center 1 450 mhz span 400 mhz center 1 450 mhz span 400 mhz 1 : - 2.6466 db 1.429 ghz s 22 1u fs 1 : 39.836 w 0.4395 w 48.944 ph 1.429 ghz 2 : 67.617 w - 12.059 w 1.453 ghz 3 : 4.1484 w - 25.398 w 1.38 ghz 4 : 23.188 w - 166.48 w 1.477 ghz 5 : 8.541 w - 61.674 w 1.607 ghz s 11 swr 1 / ref 1 center 1 450 mhz span 400 mhz center 1 450 mhz span 400 mhz 4 5 3 3 4 5 4 5 2 1 3 4 9.5712 ph 1.429 ghz 2 : 66.582 w - 14.813 w 1.453 ghz 3 : 3.9805 w - 24.466 w 1.38 ghz 4 : 15.57 w - 133.34 w 1.477 ghz 5 : 7.3418 w - 55.936 w 1.607 ghz 2 : - 2.8931 db 1.453 ghz 3 : - 48.237 db 1.38 ghz 4 : - 30.021 db 1.477 ghz 5 : - 61.614 db 1.607 ghz 3 2 1 5 2 : 1.4666 1.453 ghz 3 : 15.581 1.38 ghz 4 : 26.309 1.477 ghz 5 : 15.408 1.607 ghz 1 : 1.2523 1.429 ghz 1 2 2 1
f5cp/f6cp series 12 9. system : pdc1.5g-tx part number : far-f6cp-1g4410-d20r parameter conditions value unit remarks min. typ. max. insertion loss 1429 to 1453 mhz ? 2.5 3.0 db in-band ripple 1429 to 1453 mhz ? 0.8 1.4 db absolute attenuation dc to 1380 mhz 40 45 ? db 1477 to 1501 mhz 20 32 ? db 1501 to 1607 mhz 28 32 ? db 1607 to 1900 mhz 45 51 ? db 1900 to 3000 mhz 30 45 ? db in-band vswr (return loss) 1429 to 1453 mhz ? (7.4) 1.7 (11.7) 2.5 ( ? ) ? (db) s 11 1u fs 1 : 3.01006 w- 30.558 w s 21 log mag 10 db/ ref 0 db center 1 450 mhz span 400 mhz center 1 450 mhz span 400 mhz 1 : - 49.815 db 1.38 ghz s 22 1u fs 1 : 3.1895 w- 31.245 w 3.6911 pf 1.38 ghz 2 : 39.359 w - 3.7520 w 1.429 ghz 3 : 62.402 w - 5.4785 w 1.453 ghz 4 : 17.336 w - 161.48 w 1.477 ghz 5 : 16.094 w - 84.156 w 1.501 ghz s 11 swr 1 / ref 1 center 1 450 mhz span 400 mhz center 1 450 mhz span 400 mhz 4 5 3 3 4 5 4 5 2 1 3 4 5 3.7742 pf 1.38 ghz 2 : 39.143 w - 3.5684 w 1.429 ghz 3 : 60.367 w - 10.139 w 1.453 ghz 4 : 16.492 w - 154.35 w 1.477 ghz 5 : 14.699 w - 81.426 w 1.501 ghz 2 : - 2.4229 db 1.429 ghz 3 : - 2.5064 db 1.453 ghz 4 : - 32.603 db 1.477 ghz 5 : - 33.819 db 1.501 ghz 3 2 1 2 : 1.2938 1.429 ghz 3 : 1.3010 1.453 ghz 4 : 32.211 1.477 ghz 5 : 12.634 1.501 ghz 1 : 22.149 1.38 ghz 1 2 2 1 ch1 markers
f5cp/f6cp series 13 10. system : pdc1.5g-rx part number : FAR-F6CP-1G4890-D208 parameter conditions value unit remarks min. typ. max. insertion loss 1477 to 1501 mhz ? 3.6 4.0 db in-band ripple 1477 to 1501 mhz ? 1.3 1.7 db absolute attenuation dc to 1370 mhz 45 50 ? db 1370 to 1429 mhz 40 45 ? db 1429 to 1453 mhz 15 30 ? db 1542 to 1566 mhz 28 30 ? db 1566 to 1607 mhz 28 30 ? db 1607 to 1900 mhz 40 45 ? db 1900 to 3000 mhz 30 35 ? db in-band vswr (return loss) 1477 to 1501 mhz ? (6.8) 2.5 (7.4) 2.7 ( ? ) ? (db) s 11 1u fs 1 : 39.094 w- 17.623 w s 21 log mag 10 db/ ref 0 db center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz 1 : - 3.367 db 1.477 ghz s 22 1u fs 1 : 42.766 w- 19.346 w 5.57 pf 1.477 ghz 2 : 54.113 w - 28.582 w 1.501 ghz 3 : 7.5981 w - 7.1064 w 1.453 ghz 4 : 12.152 w - 125.3 w 1.542 ghz 5 : 8.4102 w - 73.254 w 1.607 ghz s 11 swr 1 / ref 1 center 1 500 mhz span 400 mhz center 1 500 mhz span 400 mhz 1 : 1.5913 1.477 ghz 3 4 4 5 4 5 2 1 4 5 6.1145 pf 1.477 ghz 2 : 52.408 w - 29.346 w 1.501 ghz 3 : 7.6753 w - 6.7566 w 1.453 ghz 4 : 10.273 w - 111.5 w 1.542 ghz 5 : 7.4102 w - 67.687 w 1.607 ghz 2 : - 3.1358 db 1.501 ghz 3 : - 44.243 db 1.453 ghz 4 : - 35.072 db 1.542 ghz 5 : - 64.128 db 1.607 ghz 2 : 1.7639 1.501 ghz 3 : 6.6353 1.453 ghz 4 : 29.248 1.542 ghz 5 : 19.199 1.607 ghz 2 1 3 2 1 3 3 1 2 5
f5cp/f6cp series 14 n n n n measurement circuit n n n n part number designation [designation example] n n n n marking (1) frequency range 5 : 700 to 1000 mhz 6 : 1000 to 1700 mhz (2) package size p : 2.5 mm 2.0 mm 0.9 mm (3) frequency this specifies the nominal center frequency using six alphanumeric. m (for mhz) or g (for ghz) indicates the decimal point. [example] 836.5 mhz ? 836m50 1.441 ghz ? 1g4410 (4) part symbol numbers specified by fujitsu refer to standard devices (5) packing (reeled tape) k : 1000 pcs / reel j : 5000 pcs / reel 1 to 4 : pin numbers 50 w 50 w network analyzer network analyzer 13 filter 2, 4 (2) far-f5cp- -d2 - (1) (3) (4) (5) production date (eiaj) lot code part symbol index
f5cp/f6cp series 15 n n n n package dimensions n n n n recommended foot pattern on pcb 2.5 0.10 0.9 0.10 0.88 0.10 0.63 0.10 4 - r0.18 2.0 0.10 0.5 min. 0.5 min. (c 030) index 3 2 4 1 dimensions in mm. 0.88 0.5 0.88 0.5 1.2 0.8 1.2 0.5 dimensions in mm.
f5cp/f6cp series 16 n n n n packing (1) reel dimensions (2) packing style 1.5 min. f 12.8 min. f 20.2 min. f 80.0 f 250.0 r0.58 9.5 0.5 13.8 max. type volume k 1000 pcs. j 5000 pcs. dimensions in mm. #1 pin pulling side reel side pulling side
f5cp/f6cp series 17 (3) tape dimensions (4) peel strength of top cover tape f 1.5 f 1.0 min. 4.0 0.1 2.0 0.05 4.0 0.1 0.3 0.05 1.0 3.5 0.05 1.75 0.1 8.0 0.2 2.8 0.1 2.3 0.1 + 0.1 - 0.0 + 0.1 - 0.0 dimensions in mm. 165 to 180 direction of pulling speed 300 mm/min embossment carrier type tape peel off by the force of 0.1 n to 1.0 n under the condition at the right . (conforms to eia)
f5cp/f6cp series 18 n n n n recommended reflow profile n n n n note mass-produced product order is accepted by a unit of 1000. 240 210 150 pre-heating 10 s 60 s 60 ~ 90 s time (s) temperature ( c) heating rate 1 to 4 c/s air cooling
f5cp/f6cp series fujitsu media devices limited for further information please contact: japan fujitsu media device limited international sales & marketing dept. shin-yokohama square bldg.,14f, shin-yokohama 2-3-12, kohoku-ku, yokohama, kanagawa 222-0033, japan tel: +81-45-471-0061 fax: +81-45-471-0076 http://edevice.fujitsu.com/fmd/ north and south america fujitsu media devices of america, inc. 1731 technology drive,suite 800, san jose, ca 95110 u.s.a. tel: (1)-408-437-8900 fax: (1)-408-437-0700 http://www.fujitsumedia.com/ europe fujitsu microelectronics europe gmbh am siebenstein 6-10, d-63303 dreieich-buchschlag, germany tel: +49-6103-690-0 fax: +49-6103-690-122 http://www.fujitsu-fme.com/ asia pacific fujitsu microelectronics asia pte. ltd. #05-08, 151 lorong chuan, new tech park, singapore 556741 tel: +65-281-0770 fax: +65-281-0220 http://www.fmap.com.sg/ f0104 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu media devices sales representatives before ordering. the information and circuit diagrams in this document are presented as examples of device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu media devices is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. the products described in this document are designed, and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). please note that fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. any electronic devices have inherently a certain rate of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade control law of japan, the prior authorization by japanese government should be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of FAR-F6CP-1G4890-D208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X