Part Number Hot Search : 
EST7502B KBP306 MC414MS8 PEB2060 DD128F ADP1173 FGA30N60 BR5200
Product Description
Full Text Search
 

To Download DU5162ETR-FAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document is a general product descripti on and is subject to change without notice. hynix semiconductor does not assume any responsibility for use of circuits described. no pat ent licenses are implied. rev. 1.0 / nov. 2009 1 512mb ddr sdram h5du5182etr h5du5162etr
rev. 1.0 / nov. 2009 2 1 h5du5182etr h5du5162etr revision history revision no. history draft date remark 0.1 preliminary sep. 2009 1.0 release nov. 2009
rev. 1.0 / nov. 2009 3 1 h5du5182etr h5du5162etr description the h5du5182etr and h5du5162etr are a 536,870,912-bit cm os double data rate(ddr) synchronous dram, ide- ally suited for the main memory applications which requires large memory density and high bandwidth. this hynix 512mb ddr sdrams offer fully synchronous operatio ns referenced to both rising and falling edges of the clock. while all addresses and control inputs are latched on th e rising edges of the ck (falling edges of the /ck), data, data strobes and write data masks inputs are sampled on both rising and falling edges of it. the data paths are inter- nally pipelined and 2-bit prefetched to ac hieve very high bandwidth. all input an d output voltage levels are compatible with sstl_2. features ?v dd , v ddq = 2.5v +/- 0.2v ? all inputs and outputs are compatible with sstl_2 interface ? fully differential clock inputs (ck, /ck) operation ? double data rate interface ? source synchronous - data transaction aligned to bidirectional data strobe (dqs) ? x16 device has two bytewide data strobes (udqs, ldqs) per each x8 i/o ? data outputs on dqs edges when read (edged dq) data inputs on dqs centers when write (centered dq) ? on chip dll align dq and dqs transition with ck transition ? dm mask write data-in at the both rising and falling edges of the data strobe ? all addresses and control inputs except data, data strobes and data masks latched on the rising edges of the clock ? programmable cas latency 2/2.5 (ddr200, 266, 333), 3 (ddr400) and 4 (ddr500) supported ? programmable burst length 2/4/8 with both sequen- tial and interleave mode ? internal four bank operations with single pulsed /ras ? auto refresh and self refresh supported ?t ras lock out function supported ? 8192 refresh cycles/64ms ? jedec standard 400mil 66pin tsop-ii with 0.65mm pin pitch ? this product is in compliance with the direc- tive pertaining of rohs. ordering information *x means speed grade *rohs (restriction of hazardous substance) part no. configuration power consumption operation temp package h5du5182etr-xxc 64mx8 normal consumption commercial 400mil 66pin tsop-ii h5du5162etr-xxc 32mx16 normal consumption h5du5162etr-xxl 32mx16 low power consumption
rev. 1.0 / nov. 2009 4 1 h5du5182etr h5du5162etr operating frequency * higher speed part is compatib le with the lower speed part. grade clock rate remark (cl-trcd-trp) - fa 250mhz@cl4 ddr500 (4-4-4) - e3 200mhz@cl3, 166mhz@cl2.5, 133mhz@cl2 ddr400 (3-3-3), ddr333 (2.5-3-3), ddr266a (2-3-3), ddr266b (2.5-3-3) - j3 166mhz@cl2.5, 133mhz@cl2 ddr333 (2.5-3-3), ddr266a (2-3-3), ddr266b (2.5-3-3) - k2 133mhz@cl2, 133mhz@cl2.5 ddr266a (2-3-3), ddr266b (2.5-3-3) - k3 133mhz@cl2.5, 100mhz@cl2 ddr266b (2.5-3-3) - l2 100mhz@cl2 ddr200 (2-2-2)
rev. 1.0 / nov. 2009 5 1 h5du5182etr h5du5162etr pin configuration 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 vdd dq0 vddq dq1 dq2 vssq dq3 dq4 vddq dq5 dq6 vssq dq7 nc vddq ldqs nc vdd nc ldm /we /cas /ras /cs nc ba0 ba1 a10/ap a0 a1 a2 a3 vdd vss dq15 vssq dq14 dq13 vddq dq12 dq11 vssq dq10 dq9 vddq dq8 nc vssq udqs nc vref vss udm /ck ck cke nc a12 a11 a9 a8 a7 a6 a5 a4 vss vdd dq0 vddq nc dq1 vssq nc dq2 vddq nc dq3 vssq nc nc vddq nc nc vdd nc nc /we /cas /ras /cs nc ba0 ba1 a10/ap a0 a1 a2 a3 vdd vss dq7 vssq nc dq6 vddq nc dq5 vssq nc dq4 vddq nc nc vssq dqs nc vref vss dm /ck ck cke nc a12 a11 a9 a8 a7 a6 a5 a4 vss x16 x8 x8 x16 400mil x 875mil 66pin tsop -ii 0.65mm pin pitch (lead free) row and column address table items 64mx8 32mx16 organization 16m x 8 x 4banks 8m x 16 x 4banks row address a0 - a12 a0 - a12 column address a0-a9, a11 a0-a9 bank address ba0, ba1 ba0, ba1 auto precharge flag a10 a10 refresh 8k 8k
rev. 1.0 / nov. 2009 6 1 h5du5182etr h5du5162etr pin description pin type description ck, /ck input clock: ck and /ck are differential cloc k inputs. all address and control input signals are sampled on the crossing of the positive edge of ck and negative edge of /ck. output (read) data is referenced to the crossings of ck and /ck (both directions of crossing). cke input clock enable: cke high activates, and cke low deactivates internal clock sig - nals, and device input buffers and output drivers. taking cke low provides precharge power down and self refresh operation (all banks idle), or active power down (row active in any bank). cke is synchronous for power down entry and exit, and for se lf refresh entry. cke is asynchro - nous for self refresh exit, and for output disable. cke must be maintained high throughout read and write accesse s. input buffers, excluding ck, /ck and cke are disabled during power do wn. input buffers, excluding cke are disabled during self refresh. cke is an sstl_2 input, but will detect an lvc - mos low level after vdd is applied. /cs input chip select: enables or disables all in puts except ck, /ck, cke, dqs and dm. all commands are masked when cs is regi stered high. cs provides for external bank selection on systems with multiple banks. cs is considered part of the command code. ba0, ba1 input bank address inputs: ba0 and ba1 define to which bank an active, read, write or precharge command is being applied. a0 ~ a12 input address inputs: provide the row address for active commands, and the col - umn address and auto precharge bit for read/write commands, to select one location out of the memory array in the respective bank. a10 is sampled during a precharge command to determ ine whether the precharge applies to one bank (a10 low) or all banks (a10 high). if only one bank is to be pre - charged, the bank is selected by ba0, ba1. the address inputs also provide the op code during a mode register set command. ba0 and ba1 define which mode register is loaded during the mode register set command (mrs or emrs). /ras, /cas, / we input command inputs: /ras, /cas and /we (a long with /cs) define the command being entered. d m (ldm,udm) input input data mask: dm is an input mask signal for write data. input data is masked when dm is sampled high along with that input data during a write access. dm is sampled on both edges of dqs. although dm pins are input only, the dm loading matches the dq and dq s loading. for the x16, ldm corre - sponds to the data on dq0-q7; udm corresponds to the data on dq8-q15. dqs (ldqs,udqs) i/o data strobe: output with read data, in put with write data. edge aligned with read data, centered in write data. used to capture write data. for the x16, ldqs corresponds to the data on dq0- q7; udqs corresponds to the data on dq8-q15. dq i/o data input / output pin: data bus vdd/vss supply power supply for internal circuits and input buffers. vddq/vssq supply power supply for output buffers for noise immunity. vref supply reference voltage for inputs for sstl interface. nc nc no connection.
rev. 1.0 / nov. 2009 7 1 h5du5182etr h5du5162etr functional block diagram (64mx8) 4banks x 16mbit x 8 i/o double data rate synchronous dram sense amp sense amp sense amp mode register command decoder clk /clk cke /cs /ras /cas /we dm bank control mode register row decoder 16mx8 bank 0 16mx8 bank 1 16mx8 bank 2 16mx8 bank 3 memory cell array sense amp column decoder address buffer a0 a1 a max ba0 ba1 column address counter 8 output buffer dq0 dq7 input buffer ds 16 2-bit prefetch unit write data register 2-bit prefetch unit 8 16 data strobe transmitter data strobe receiver dqs ds dll block clk, /clk clk_dll mode register
rev. 1.0 / nov. 2009 8 1 h5du5182etr h5du5162etr functional block diagram (32mx16) 4banks x 8mbit x 16 i/o double data rate synchronous dram sense amp sense amp sense amp mode register command decoder clk /clk cke /cs /ras /cas /we udqm bank control mode register row decoder 8mx16 bank 0 8mx16 bank 1 8mx16 bank 2 8mx16 bank 3 memory cell array sense amp column decoder address buffer a0 a1 a max ba0 ba1 column address counter 16 output buffer dq0 dq15 input buffer ds 32 2-bit prefetch unit write data register 2-bit prefetch unit 16 32 data strobe transmitter data strobe receiver udqs, ldqs udqs, ldqs dll block clk, /clk clk_dll mode register ldqm
rev. 1.0 / nov. 2009 9 1 h5du5182etr h5du5162etr simplified command truth table command cken-1 cken cs ras cas we addr a10 /ap ba note extended mode register set h x llll op code 1,2 mode register set h x llll op code 1,2 device deselect hx hxxx x1 no operation lhhh bank active h x l l h h ra v 1 read h x lhlhca l v 1 read with autoprecharge h 1,3 write hxlhllca l v 1 write with autoprecharge h 1,4 precharge all banks hxllhlx hx1,5 precharge selected bank lv1 read burst stop h x l h h l x 1 auto refresh h hlllh x 1 self refresh entryh l lllh x 1 exit l h hxxx 1 lhhh precharge power down mode entry h l hxxx x 1 lhhh 1 exit l h hxxx 1 lhhh 1 active power down mode entry h l hxxx x 1 lvvv 1 exit l h x 1 ( h=logic high level, l=logic low level, x=don?t care, v=va lid data input, op code=operand code, nop=no operation )
rev. 1.0 / nov. 2009 10 1 h5du5182etr h5du5162etr write mask truth table function cken-1 cken /cs, /ras, /cas, /we dm addr a10/ ap ba note data write h x x l x 1,2 data-in mask h x x h x 1,2 note : 1. write mask command masks burst write data with reference to ld qs/udqs(data strobes) and it is not related with read data. in case of x16 data i/o, ldm and udm control lowe r byte(dq0~7) and upper by te(dq8~15) respectively. 2. in here, don?t care means logical value only, it doesn?t mean ?don?t care for dc level of each signals?. dc level should be out of v ihmin ~ v ilmax note : 1. udm, ldm states are don?t care. refer to below write mask truth table.(note 6) 2. op code(operand code) consists of a0~a12 and ba0~ba1 used for mode register setting during extended mrs or mrs. before entering mode register set mode, all banks must be in a precharge state and mrs command can be issued after trp period from prechagre command. 3. if a read with auto-precharge command is detected by memo ry component in ck(n), then there will be no command presented to activate bank until ck(n+bl/2+trp). 4. if a write with auto-precharge command is detected by memory component in ck(n ), then there will be no command presented to activate bank until ck(n+bl/2+1+tdpl+trp). last data-in to prechage delay(tdpl) which is also called write recovery time(twr) is needed to guarantee that the last data have been completely written. 5. if a10/ap is high when precharge co mmand being issued, ba0/ba1 are ignored and all banks are selected to be precharged. 6. in here, don?t care means logical value only, it doesn?t mean ?don?t care for dc level of each signals?. dc level should be out of v ihmin ~ v ilmax
rev. 1.0 / nov. 2009 11 1 h5du5182etr h5du5162etr simplified state diagram idle bank active self refresh mode register set idle power down active power down auto refresh write with autopre charge read with autopre charge bank active power-up power applied write read (e)mrs sref srex a r e f c l e h i g h c k e l o w active c le h i g h c k e l o w write r e a d r e a d a p writeap pre(pall) w r i t e a p writeap w r i t e read pre(pall) pre(pall) command input automatic sequence
rev. 1.0 / nov. 2009 12 1 h5du5182etr h5du5162etr power-up sequence and device initialization ddr sdrams must be powered up and initialized in a pred efined manner. operational pr ocedures other than those specified may result in undefined operation. power must firs t be applied to vdd, then to vddq, and finally to vref (and to the system vtt). vtt must be applied after vddq to avoid device latch-up, which may cause permanent dam - age to the device. vref can be applied anytime after vddq, but is expected to be nominally coincident with vtt. except for cke, inputs are not recognized as valid until after vr ef is applied. cke is an sstl _2 input, but will detect an lvcmos low level after vdd is applied. maintaining an lv cmos low level on cke during power-up is required to guarantee that the dq and dqs outputs will be in the high-z state, where they will remain until driven in normal oper - ation (by a read access). after all power supply and reference voltages are stable, and the clock is stable, the ddr sdram requires a 200us delay prior to applying an executable command. once the 200us delay has been satisfied, a deselect or nop command should be ap plied, and cke should be brought high. following the nop command, a precharge all command should be applied. next a extended mode register set command should be issued for the exte nded mode register, to enable the dll, then a mode register set command should be issued for the mode re gister, to reset the dll, and to program the operating parameters. after the dll reset, txsrd(dll locking time) sh ould be satisfied for read command. after the mode reg - ister set command, a precharge all command should be a pplied, placing the device in the all banks idle state. once in the idle state, two auto refresh cycles must be performed. additionally, a mode register set command for the mode register, with the reset dll bit deactivated lo w (i.e. to program operating parameters without resetting the dll) must be performed. following these cycl es, the ddr sdram is ready for normal operation. 1. apply power - vdd, vddq, vtt, vref in the following po wer up sequencing and attemp t to maintain cke at lvc - mos low state. (all the other input pins may be undefined.) ? vdd and vddq are driven from a single power converter output. ? vtt is limited to 1.44v (ref lecting vddq(max)/2 + 50mv vref variation + 40mv vtt variation. ? vref tracks vddq/2. ? a minimum resistance of 42 ohms (22 ohm series resistor + 22 ohm parallel resistor - 5% tolerance) limits the input current from the vtt supply into any pin. ? if the above criteria cannot be met by the system de sign, then the following sequ encing and voltage relation - ship must be adhered to during power up. 2. start clock and maintain stable clock for a minimum of 200usec. 3. after stable power and clock, apply nop condition and take cke high. 4. issue extended mode register set (emrs) to enable dll. 5. issue mode register set (mrs) to reset dll and set devi ce to idle state with bit a8=high. (an additional 200 cycles(txsrd) of clock are required for locking dll) 6. issue precharge commands for all banks of the device. 7. issue 2 or more auto refresh commands. 8. issue a mode register set command to initia lize the mode register with bit a8 = low voltage description sequencing voltage relationship to avoid latch-up vddq after or with vdd < vdd + 0.3v vtt after or with vddq < vddq + 0.3v vref after or with vddq < vddq + 0.3v
rev. 1.0 / nov. 2009 13 1 h5du5182etr h5du5162etr power-up sequence code code code code code code code code code code code code code code code nop pre mrs emrs pre nop mrs aref act rd vdd vddq vtt vref /clk clk cke cmd dm addr a10 ba0, ba1 dqs dq's lvcmos low level tis tih tvtd t=200usec trp tmrd trp trfc tmrd txsrd* read non-read command power up vdd and ck stable precharge all emrs set mrs set reset dll (with a8=h) precharge all 2 or more auto refresh mrs set (with a8=l) * 200 cycle(txsrd) of ck are required (for dll locking) before read command tmrd
rev. 1.0 / nov. 2009 14 1 h5du5182etr h5du5162etr mode register set (mrs) the mode register is used to store the various operating mo des such as /cas latency, addressing mode, burst length, burst type, test mode, dll reset. the mode register is programed via mrs command. this command is issued by the low signals of /ras, /cas, /cs, /we and ba0. this command can be issued only when all banks are in idle state and cke must be high at least one cycle before the mode regist er set command can be issued. two cycles are required to write the data in mode register. during the mrs cycle, an y command cannot be issued. on ce mode register field is determined, the information will be he ld until reset by another mrs command. ba1 ba0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 0 operating mode cas latency bt burst length ba0 mrs type 0mrs 1emrs a12~a9 a8 a7 a6~a0 operating mode 0 0 0 valid normal operation 0 1 0 valid normal operation/ reset dll 0 0 1 vs vendor specific test mode - - - - all other states reserved a6 a5 a4 cas latency 00 0 reserved 00 1 reserved 01 0 2 01 1 3 10 0 reserved 10 1 1.5 11 0 2.5 11 1 reserved a3 burst type 0sequential 1interleave a2 a1 a0 burst length sequential interleave 0 0 0 reserved reserved 001 2 2 010 4 4 011 8 8 1 0 0 reserved reserved 1 0 1 reserved reserved 1 1 0 reserved reserved 1 1 1 reserved reserved
rev. 1.0 / nov. 2009 15 1 h5du5182etr h5du5162etr burst definition burst length & type read and write accesses to the ddr sdram are burst orient ed, with the burst length be ing programmable. the burst length determines the maximum number of column locations that can be acce ssed for a given read or write com- mand. burst lengths of 2, 4 or 8 locations are available for both the sequential and the interleaved burst types. reserved states should not be used, as unknown operatio n or incompatibility with future versions may result. when a read or write command is issued, a block of column s equal to the burst length is effectively selected. all accesses for that burst take place within this block, meanin g that the burst wraps within the block if a boundary is reached. the block is uniquely selected by a1-ai when the bu rst length is set to two, by a2 -ai when the burst length is set to four and by a3 -ai when the burst length is set to eight (where ai is the most significant column address bit for a given configuration). the remaining (least significant) a ddress bit(s) is (are) used to select the starting location within the block. the programmed burst leng th applies to both read and write bursts. accesses within a given burst may be programmed to be either sequential or interleaved; th is is referred to as the burst type and is selected via bit a3. the ordering of acce sses within a burst is determined by the burst length, the burst type and the starting column addres s, as shown in burst definition table burst length starting address (a2,a1,a0) sequential interleave 2 xx0 0, 1 0, 1 xx1 1, 0 1, 0 4 x00 0, 1, 2, 3 0, 1, 2, 3 x01 1, 2, 3, 0 1, 0, 3, 2 x10 2, 3, 0, 1 2, 3, 0, 1 x11 3, 0, 1, 2 3, 2, 1, 0 8 000 0, 1, 2, 3, 4, 5, 6, 7 0, 1, 2, 3, 4, 5, 6, 7 001 1, 2, 3, 4, 5, 6, 7, 0 1, 0, 3, 2, 5, 4, 7, 6 010 2, 3, 4, 5, 6, 7, 0, 1 2, 3, 0, 1, 6, 7, 4, 5 011 3, 4, 5, 6, 7, 0, 1, 2 3, 2, 1, 0, 7, 6, 5, 4 100 4, 5, 6, 7, 0, 1, 2, 3 4, 5, 6, 7, 0, 1, 2, 3 101 5, 6, 7, 0, 1, 2, 3, 4 5, 4, 7, 6, 1, 0, 3, 2 110 6, 7, 0, 1, 2, 3, 4, 5 6, 7, 4, 5, 2, 3, 0, 1 111 7, 0, 1, 2, 3, 4, 5, 6 7, 6, 5, 4, 3, 2, 1, 0
rev. 1.0 / nov. 2009 16 1 h5du5182etr h5du5162etr cas latency the read latency or cas latency is the delay in clock cy cles between the registration of a read command and the availability of the first burst of output data. the latency can be programmed 2 or 2.5 clocks for ddr266/333 or 3 clocks for ddr400 product. if a read command is registered at clock edge n, and the la tency is m clocks, the data is available nominally coincident with clock edge n + m. reserved states should not be used as unknown operation or incompatibility with future versions may result. dll reset the dll must be enabled for normal operation. dll enable is required during power up initialization, and upon return- ing to normal operation after having disabled the dll for th e purpose of debug or evaluation. the dll is automatically disabled when entering self refresh oper ation and is automatically re-enabled upon exit of self refresh operation. any time the dll is enabled, 200 clock cycles must occur to allo w time for the internal clock to lock to the externally applied clock before an any command can be issued. output driver impedance control the normal drive strength for all outputs is specified to be sstl_2, class ii. hynix also supports a half strength driver option, intended for lighter load and/or point-to-point environments. selection of the half strength driver option will reduce the output drive strength by 50% of that of the full strength driver. i-v curves for both the full strength driver and the half strength driver are included in this document.
rev. 1.0 / nov. 2009 17 1 h5du5182etr h5du5162etr extended mode register set (emrs) the extended mode register controls fu nctions beyond those controlled by the mode register; these additional func- tions include dll enable/disable, output dr iver strength selection(optional). thes e functions are contro lled via the bits shown below. the extended mode register is programmed via the mode register set command (ba0=1 and ba1=0) and will retain the stored information until it is programmed again or the device loses power. the extended mode register must be loaded when all banks are idle and no bursts are in progress, and the controller must wait the specified time before initiating any subsequent operation. violating either of these requirements will result in unspecified operation. ba1 ba0 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0 1 operating mode 0* ds dll ba0 mrs type 0mrs 1emrs an~a3 a2~a0 operating mode 0 valid normal operation _ _ all other states reserved a0 dll enable 0enable 1 disable a1 output driver impedance control 0 full strength driver 1half strength driver * this part do not support/qfc functi on, a2 must be programmed to zero.
rev. 1.0 / nov. 2009 18 1 h5du5182etr h5du5162etr absolute maximum ratings note: operation at above absolute maximum rating can adversely affect device reliability dc operating conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) note: 1. v ddq must not exceed the level of vdd. 2. v il (min) is acceptable -1.5 v ac pulse width with < 5ns of duration. 3. v ref is expected to be equal to 0.5*vddq of the transmitting device, and to track variations in the dc level of the same. peak to peak noise on v ref may not exceed 2% of the dc value. 4. v id is the magnitude of the difference between the input level on ck and the input level on /ck. parameter symbol rating unit operating temperature (ambient) t a 0 ~ 70 o c storage temperature t stg -55 ~ 150 o c voltage on v dd relative to v ss v dd -1.0 ~ 3.6 v voltage on v ddq relative to v ss v ddq -1.0 ~ 3.6 v voltage on inputs relative to v ss v input -1.0 ~ 3.6 v voltage on i/o pins relative to v ss v io -0.5 ~3.6 v output short circuit current i os 50 ma soldering temperature ? time t solder 260 ? 10 o c ? sec parameter symbol min typ. max unit power supply voltage v dd 2.3 2.5 2.7 v power supply voltage 1 v ddq 2.3 2.5 2.7 v input high voltage v ih v ref + 0.15 - v ddq + 0.3 v input low voltage 2 v il -0.3 - v ref - 0.15 v termination voltage v tt v ref - 0.04 v ref v ref + 0.04 v reference voltage 3 v ref 0.49*vddq 0.5*vddq 0.51*vddq v input voltage level, ck and ck inputs v in (dc) -0.3 - vddq+0.3 v input differential voltage, ck and ck inputs 4 v id (dc) 0.36 - vddq+0.6 v v-i matching: pullup to pulldown current ratio 5 v i (ratio) 0.71 - 1.4 - input leakage current 6 i li -2 - 2 ua output leakage current 7 i lo -5 - 5 ua normal strength output driver (v out =v tt 0.84 ) output high current (min v ddq , min v ref , min v tt ) i oh -16.8 - - ma output low current (min v ddq , max v ref , max v tt ) i ol 16.8 - - ma half strength output driver (v out =v tt 0.68 ) output high current (min v ddq , min v ref , min v tt ) i oh -13.6 - - ma output low current (min v ddq , max v ref , max v tt ) i ol 13.6 - - ma
rev. 1.0 / nov. 2009 19 1 h5du5182etr h5du5162etr 5. the ratio of the pullup current to the pulldown current is sp ecified for the same temperature and voltage, over the entire t emper- ature and voltage range, for devi ce drain to source voltages from 0.25v to 1.0v . for a given output, it represents the maximum dif- ference between pullup and pulldown drivers due to process variation. the full variation in the ratio of the maximum to minimum pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0. 6. v in =0 to v dd , all other pins are not tested under v in =0v. 7. dqs are disabled, v out =0 to v ddq idd specification and conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) test conditions test condition symbol operating current: one bank; active - precharge; t rc =t rc (min); t ck =t ck (min); dq,dm and dqs inputs changing twice per clock cycle; address and control inputs changing once per clock cycle i dd0 operating current: one bank; active - read - precharge; burst length=2; t rc =t rc (min); t ck =t ck (min); address and control inpu ts changing once per clock cycle i dd1 precharge power down standby current: all banks idle; power down mode; cke=low, t ck =t ck (min) i dd2p idle standby current: /cs=high, all banks idle; t ck =t ck (min); cke=high; address and control inputs changing once per clock cycle. v in =v ref for dq, dqs and dm i dd2f idle quiet standby current: /cs>=vih(min); all banks idle; cke>=vih(min); addr esses and other control inputs stable, vin=vref for dq, dqs and dm i dd2q active power down standby current: one bank active; power down mode; cke=low, t ck =t ck (min) i dd3p active standby current: /cs=high; cke=high; one bank; active-precharge; t rc =t ras (max); t ck =t ck (min); dq, dm and dqs inputs changing twice per clock cy cle; address and other control inputs changing once per clock cycle i dd3n operating current: burst=2; reads; continuous burst; one bank acti ve; address and control in puts changing once per clock cycle; t ck =t ck (min); i out =0ma i dd4r operating current: burst=2; writes; continuous burst; one bank acti ve; address and control inputs changing once per clock cycle; t ck =t ck (min); dq, dm and dqs inputs changing twice per clock cycle i dd4w auto refresh current: t rc =t rfc (min) - 8*t ck for ddr200 at 100mhz, 10*t ck for ddr266a & ddr266b at 133mhz; distributed refresh t rc =t rfc (min) - 14*t ck for ddr400 at 200mhz i dd5 self refresh current: cke =< 0.2v; external clock on; t ck =t ck (min) i dd6 operating current - four bank operation: four bank interleaving with bl=4, refer to th e following page for detailed test condition i dd7
rev. 1.0 / nov. 2009 20 1 h5du5182etr h5du5162etr detailed test conditions for ddr sdram idd1 & idd7 idd1: operating current: one bank operation 1. typical case: vdd = 2.5v, t=25 o c for ddr200, 266, 333; vdd = 2.6v, t=25 o c for ddr400 2. worst case: vdd = 2.7v, t= 0 o c 3. only one bank is accessed with trc(min), burs t mode, address and control inputs on nop edge are changing once per clock cycle. lout = 0ma 4. timing patterns - ddr200(100mhz, cl=2): tck = 10ns, cl2, bl=2, trcd = 2*tck, trc = 10*tck, tras = 5*tck read: a0 n r0 n n p0 n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr266b(133mhz, cl=2.5): tck = 7.5ns, cl=2.5 , bl=4, trcd = 3*tck, trc = 9*tck, tras = 5*tck read: a0 n n r0 n p0 n n n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr266a (133mhz, cl=2): tck = 7.5ns, cl=2, bl=4, trcd = 3*tck, trc = 9*tck, tras = 5*tck read: a0 n n r0 n p0 n n n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr333(166mhz, cl=2.5): tck = 6ns, cl=2, bl=4, trcd = 3*tck, trc = 10*tck, tras = 7*tck read: a0 n n r0 n n n p0 n n a0 n - repeat the same timing with random address changing 50% of data changing at every burst - ddr400(200mhz, cl=3): tck = 5ns, cl=3, bl=4, trcd = 3*tck, trc = 11*tck, tras = 8*tck read: a0 n n r0 n n n n p0 n n - repe at the same timing with random address changing 50% of data changing at every burst legend: a=activate, r=read, w=write, p=precharge, n=nop idd7: operating current: four bank operation 1. typical case: vdd = 2.5v, t=25 o c for ddr200, 266, 333; vdd = 2.6v, t=25 o c for ddr400 2. worst case: vdd = 2.7v, t= 0 o c 3. four banks are being interleaved wi th trc(min), burst mode, address and control inputs on nop edge are not changing. lout = 0ma 4. timing patterns - ddr200(100mhz, cl=2): tck = 10ns, cl2, bl=4, trrd = 2*tck, trcd= 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 a0 r3 a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr266b(133mhz, cl=2.5): tck = 7.5ns, cl=2.5, bl =4, trrd = 2*tck, trcd = 3*tck read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr266a (133mhz, cl=2): tck = 7.5ns, cl2=2, bl=4, trrd = 2*tck, trcd = 3*tck read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr333(166mhz, cl=2.5): tck = 6ns, cl=2.5, bl=4 , trrd = 2*tck, trcd = 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst - ddr400(200mhz, cl=3): tck = 5ns, cl = 2, bl = 4, trrd = 2*tck, trcd = 3*tck, read with autoprecharge read: a0 n a1 r0 a2 r1 a3 r2 n r3 a0 n a1 r0 - repeat the same timing with random address changing 50% of data changing at every burst legend: a=activate, r=read, w=write, p=precharge, n=nop
rev. 1.0 / nov. 2009 21 1 h5du5182etr h5du5162etr idd specification 64mx8 32mx16 parameter symbol speed unit ddr500 ddr400b ddr333 ddr266a ddr266b operating current idd0 90 80 65 65 65 ma operating current idd1 100 90 80 80 80 ma precharge power down standby current idd2p 55555 ma idle standby current idd2f 23 23 23 23 23 ma idle quiet standby current idd2q 20 20 20 20 20 ma active power down standby current idd3p 20 20 15 15 15 ma active standby current idd3n 40 40 40 40 40 ma operating current idd4r 150 135 95 95 95 ma operating current idd4w 160 135 110 110 110 auto refresh current idd5 160 135 100 100 100 self refresh current normal idd6 55555 ma low power 33333 ma operating current - four bank operation idd7 310 260 240 240 240 ma parameter symbol speed unit ddr500 ddr400b ddr333 ddr266a ddr266b operating current idd0 90 80 65 65 65 ma operating current idd1 100 90 80 80 80 ma precharge power down standby current idd2p 55555 ma idle standby current idd2f 23 23 23 23 23 ma idle quiet standby current idd2q 20 20 20 20 20 ma active power down standby current idd3p 20 20 15 15 15 ma active standby current idd3n 40 40 40 40 40 ma operating current idd4r 150 135 95 95 95 ma operating current idd4w 160 135 110 110 110 auto refresh current idd5 160 135 100 100 100 self refresh current normal idd6 55555 ma low power 33333 ma operating current - four bank operation idd7 310 260 240 240 240 ma
rev. 1.0 / nov. 2009 22 1 h5du5182etr h5du5162etr ac operating conditions (ta=0 to 70 o c, voltage referenced to v ss = 0v) note: 1. v id is the magnitude of the difference between the input level on ck and the input on /ck. 2. the value of v ix is expected to equal 0.5*v ddq of the transmitting device and must trac k variations in the dc level of the same. *for more information about ac overshoot/undershoot specifications, refer to ?device operation? section in hynix website. ac operating test conditions (ta=0 to 70 o c, voltage referenced to vss = 0v) parameter symbol min max unit input high (logic 1) voltage, dq, dqs and dm signals v ih (ac) v ref + 0.31 - v input low (logic 0) voltage, dq, dqs and dm signals v il (ac) - v ref - 0.31 v input differential voltage, ck and /ck inputs 1 v id (ac) 0.7 v ddq + 0.6 v input crossing point voltage, ck and /ck inputs 2 v ix (ac) 0.5*v ddq -0.2 0.5*v ddq +0.2 v parameter value unit reference voltage v ddq x 0.5 v termination voltage v ddq x 0.5 v ac input high level voltage (vih, min) v ref + 0.31 v ac input low level voltage (vil, max) v ref - 0.31 v input timing measurement reference level voltage v ref v output timing measurement reference level voltage v tt v input signal maximum peak swing 1.5 v input minimum signal slew rate 1 v/ns termination resistor (rt) 50 series resistor (rs) 25 w output load capacitance for access time measurement (cl) 30 pf
rev. 1.0 / nov. 2009 23 1 h5du5182etr h5du5162etr ac characteristics (note: 1 - 9 / ac operating conditions unless otherwise noted) parameter symbol ddr500 ddr400b ddr333 ddr266a ddr266b unit min max min max min max min max min max row cycle time trc 48 - 55 - 60 - 65 - 65 - ns auto refresh row cycle time trfc 56 - 70 - 72 - 75 - 75 - ns row active time tras 32 70k 40 70k 42 70k 45 120k 45 120k ns active to read with auto precharge delay trap trcd or trasmin - trcd or trasmin - trcd or trasmin - trcd or trasmin - trcd or trasmin -ns row address to column address delay trcd 16 - 15 - 18 - 20 - 20 - ns row active to row active delay trrd 8 - 10 - 12 - 15 - 15 - ns column address to column address delay tccd1-1-1-1-1-tck row precharge time trp 16 - 15 - 18 - 20 - 20 - ns write recovery time twr 15 - 15 - 15 - 15 - 15 - ns internal write to read command delay twtr2-2-1-1-1-tck auto precharge write recovery + precharge time 22 tdal (twr/tck) + (trp/tck) - (twr/tck) + (trp/tck) - (twr/tck) + (trp/tck) - (twr/tck) + (trp/tck) - (twr/tck) + (trp/tck) -tck system clock cycle time 24 cl = 4 tck 47 ns cl = 3 510------ns cl = 2.5 6 12 6 12 7.5 12 7.5 12 ns cl = 2 7.5 12 7.5 12 7.5 12 10 12 ns clock high level width tch 0.45 0.55 0. 45 0.55 0.45 0.55 0.45 0.55 0.45 0.55 tck clock low level width tcl 0.45 0.55 0. 45 0.55 0.45 0.55 0.45 0.55 0.45 0.55 tck data-out edge to clock edge skew tac -0.65 0.65 -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 ns dqs-out edge to clock edge skew tdqsck -0.55 0.55 -0.55 0.55 -0.6 0.6 -0.75 0.75 -0.75 0.75 ns dqs-out edge to data- out edge skew 21 tdqsq - 0.35 - 0.4 - 0.45 - 0.5 - 0.5 ns data-out hold time from dqs 20 tqh thp -tqhs - thp -tqhs - thp -tqhs - thp -tqhs - thp -tqhs -ns clock half period 19,20 thp min (tcl,tch) - min (tcl,tch) - min (tcl,tch) - min (tcl,tch) - min (tcl,tch) -ns data hold skew factor 20 tqhs - 0.5 - 0.5 - 0.55 - 0.75 - 0.75 ns valid data output window tdv tqh-tdqsq tqh-tdqsq tqh-tdqsq tqh-tdqsq tqh-tdqsq ns
rev. 1.0 / nov. 2009 24 1 h5du5182etr h5du5162etr - continue parameter symbol ddr500 ddr400b ddr333 ddr266a ddr266b unit min max min max min max min max min max data-out high-impedance window from ck,/ck 10 thz -0.65 0.65 -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 ns data-out low-impedance window from ck, /ck 10 tlz -0.65 0.65 -0.7 0.7 -0.7 0.7 -0.75 0.75 -0.75 0.75 ns input setup time (fast slew rate) 14,16-18 tis 0.6 - 0.6 - 0.75 - 0.9 - 0.9 - ns input hold time (fast slew rate) 14,16-18 tih 0.6 - 0.6 - 0.75 - 0.9 - 0.9 - ns input setup time (slow slew rate) 15-18 tis 0.6 - 0.7 - 0.8 - 1.0 - 1.0 - ns input hold time (slow slew rate) 15-18 tih 0.6 - 0.7 - 0.8 - 1.0 - 1.0 - ns input pulse width 17 tipw 2.2 - 2.2 - 2.2 - 2.2 - 2.2 - ns write dqs high level width tdqsh 0.35 - 0.35 - 0.35 - 0.35 - 0.35 - tck write dqs low level width tdqsl 0.35 - 0.35 - 0.35 - 0.35 - 0.35 - tck clock to first rising edge of dqs- in tdqss 0.72 1.25 0.72 1.25 0.75 1.25 0.75 1.25 0.75 1.25 tck dqs falling edge to ck setup time tdss 0.2 - 0.2 -0.2 -0.2 -0.2 -tck dqs falling edge hold time from ck tdsh 0.2 - 0.2 -0.2 -0.2 -0.2 -tck dq & dm input setup time 25 tds 0.4 - 0.4 - 0.45 - 0.5 - 0.5 - ns dq & dm input hold time 25 tdh 0.4 - 0.4 - 0.45 - 0.5 - 0.5 - ns dq & dm input pulse width 17 tdipw 1.6 - 1.75 - 1.75 - 1.75 - 1.75 - ns read dqs preamble time trpre 0.9 1.1 0.9 1.1 0.9 1.1 0.9 1.1 0.9 1.1 tck read dqs postamble time trpst 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 tck write dqs preamble setup time 12 twpres 0 - 0 -0-0-0-ns write dqs preamble hold time twpreh 0.25 - 0.25 - 0.25 - 0.25 - 0.25 - tck write dqs postamble time 11 twpst 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 0.4 0.6 tck mode register set delay tmrd 2 - 2 -2-2-2-tck exit self refresh to non-read command 23 txsnr 75 - 75 -75-75-75-ns exit self refresh to read command txsrd 200 - 200 - 200 - 200 - 200 - tck average periodic refresh interval 13,25 trefi - 7.8 - 7.8 - 7.8 - 7.8 - 7.8 us
rev. 1.0 / nov. 2009 25 1 h5du5182etr h5du5162etr note: 1. all voltages referenced to vss. 2. tests for ac timing, idd, an d electrical, ac and dc characte ristics, may be conducted at nominal reference/supply voltage le vels, but the related specifications and device operation are guaranteed for the full voltage range specified. 3. below figure represents the timing refere nce load used in defining the relevant timing parameters of the part. it is not int ended to be either a precise representation of the typical system environment nor a depiction of the actual load pr esented by a producti on tester. system designers will use ibis or other simulation tools to correlate the timing referenc e load to a system environment . manufacturers will correlate to their production test conditions (generally a coaxial transmission line terminated at the teste r elec- tronics). 4. ac timing and idd tests may use a vil to vihswing of up to 1.5 v in the test environment, but input timing is still referenc ed to vref (or to the crossing point for ck, /ck) , and parameter specifications are guarante ed for the specified ac input levels unde r normal use conditions. the minimum slew rate for the input signals is 1 v/ns in the rang e between vil(ac) and vih(ac). 5. the ac and dc input level specifications are as defined in the sstl_2 standard (i.e ., the receiver will effectively switch a s a result of the signal crossing the ac in put level and will remain in that state as long as the signal does not ring back above (below) the dc input low (high) level. 6. inputs are not recognized as valid until vref stabilizes. exception: during the period before vref stabilizes, cke < 0.2vddq is recognized as low. 7. the ck, /ck input reference level (for timing referenced to ck , /ck) is the point at which ck and /ck cross; the input refer ence level for signals other than ck, /ck is vref. 8. the output timing refe rence voltage level is vtt. 9 . operation or timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the dram must be powered down and then restarted through the specified initialization sequence before normal operation can continue. 10. thz and tlz transitions occur in the same access time windows as valid data transitions. these parameters are not reference d to a specific voltage level but specify when the device output is no longer driving (hz), or begins driving (lz). 11. the maximum limit for this parameter is not a device limit. the devi ce will operate with a greater value for this parameter , but system performance (bus turnar ound) will degrade accordingly. 12. the specific requirement is that dqs be valid (high, low, or at some point on a valid transition) on or before this ck edge . a valid transition is defined as monotonic and meeting the input slew rate specifications of the device. when no writes were prev i- ously in progress on the bus, dqs will be transitioning from hi gh-z to logic low. if a previous write was in progress, dqs coul d be high, low, or transitioning from high to low at this time, depending on tdqss. 13. a maximum of eight auto refresh commands can be posted to any given ddr sdram device. 14. for command/address input slew rate 1.0 v/ns. 15. for command/address input slew rate 0.5 v/ns and 1.0 v/ns 16. for ck & / ck slew rate 1.0 v/ns (single-ended) 17. these parameters guarantee device timing, but they are not necessarily tested on each device. they may be guaranteed by device design or tester correlation. 18. slew rate is measured between voh(ac) and vol(ac). 19. min (tcl, tch) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device (i.e. this value can be greater than the minimum specification limits for tcl and tch). for example, tcl and tch are = 50% of the period, less the half period jitter (tjit(hp)) of the clock source, and less th e half period jitter due to crosstalk (tjit(crosstalk)) into the clock traces. figure: timing reference load vddq 50 output (vout) 30 pf
rev. 1.0 / nov. 2009 26 1 h5du5182etr h5du5162etr 20.tqh = thp - tqhs, where: thp = minimum half clock period for any given cycle and is defined by clock high or clock low (tch, tcl). tqhs accounts fo r 1) the pulse duration distortion of on-chip clock circuits; and 2) the worst case push--out of dqs on one transition followed by the worst case pull--in of dq on the next transition, both of which are, separately, due to data pin skew and output pattern effect s, and p-channel to n-channel vari ation of the output drivers. 21. tdqsq: consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers for any g iven cycle. 22. tdal = (twr/tck) + (trp/tck) for each of the terms above, if not alre ady an integer, round to the next highest integer. example: for ddr266b at cl=2.5 and tck=7.5 ns tdal = ((15 ns / 7.5 ns) + (20 ns / 7.5 ns)) clocks = ((2) + (3)) clocks = 5 clocks 23. in all circumstances, txsnr can be satisfied using txsnr = trfcmin + 1*tck 24. the only time that the clock frequency is al lowed to change is duri ng self-refresh mode. 25. if refresh timing or tds/tdh is violated, data corruption may occur and the data must be re-written with valid data before a valid read can be executed.
rev. 1.0 / nov. 2009 27 1 h5du5182etr h5du5162etr system characteristics conditions for ddr sdrams the following tables are described specification parameters that required in systems using ddr devices to ensure proper performannce. these characteristics are for system simulation purposes and are guaranteed by design. input slew rate for dq/dm/dqs (table a.) address & control input setup & hold time derating (table b.) dq & dm input setup & hold time derating (table c.) dq & dm input setup & hold time de rating for rise/fall delta slew rate (table d.) output slew rate character istics (for x8 devices) (table e.) output slew rate character istics (for x16 device) (table f.) output slew rate matchi ng ratio characteristics (table g.) ac characteristics ddr500 ddr400 ddr333 ddr266 ddr200 uni t note parameter symbol min max min max min max min max min max dq/dm/dqs input slew rate measured between vih(dc), vil(dc) and vil(dc), vih(dc) dcslew 0.5 4.0 0.5 4.0 0.5 4.0 0.5 4.0 0.5 4.0 v/ns 1,12 input slew rate delta tis delta tih unit note 0.5 v/ns 0 0 ps 9 0.4 v/ns +50 0 ps 9 0.3 v/ns +100 0 ps 9 input slew rate delta tds delta tdh unit note 0.5 v/ns 0 0 ps 11 0.4 v/ns +75 0 ps 11 0.3 v/ns +150 0 ps 11 input slew rate delta tds delta tdh unit note 0.0 ns/v 00ps10 0.25 ns/v +50 +50 ps 10 0.5 ns/v +100 +100 ps 10 slew rate characteristic typical range (v/ns) minimum (v/ns) maximum (v/ns) note pullup slew rate 1.2 - 2.5 1.0 4.5 1,3,4,6,7,8 pulldown slew rate 1.2 - 2.5 1.0 4.5 2,3,4,6,7,8 slew rate characteristic typical range (v/ns) minimum (v/ns) maximum (v/ns) note pullup slew rate 1.2 - 2.5 1.0 4.5 1,3,4,6,7,8 pulldown slew rate 1.2 - 2.5 1.0 4.5 2,3,4,6,7,8 slew rate characteristic ddr266a ddr266b ddr200 note parameter min max min max min max output slew rate matching ratio (pullup to pulldown) - - - - 0.71 1.4 5,12
rev. 1.0 / nov. 2009 28 1 h5du5182etr h5du5162etr note: 1. pullup slew rate is characterized under the test conditions as shown in below figure. 2. pulldown slew rate is measured under th e test conditions shown in below figure. 3. pullup slew rate is measured between (vddq/2 - 320 mv 250mv) pulldown slew rate is measured between (vddq/2 + 320mv 250mv) pullup and pulldown slew rate conditions are to be met for any pattern of data, including all outputs switching and only on e output switching. example: for typical slew, dq0 is switching for minimum slew rate, all dq bits are switching worst case pattern for maximum slew rate, only one dq is switching from either high to low, or low to high. the remaining dq bi ts remain the same as for previous state. 4. evaluation conditions typical: 25 o c (ambient), vddq = no minal, typical process minimum: 70 o c (ambient), vddq = mini mum, slow-slow process maximum: 0 o c (ambient), vddq = maximum, fast-fast process 5. the ratio of pullup slew rate to pulldown slew rate is specified for the same temperature and voltage, over the entire tempe rature and voltage range. for a given output, it represents the maximum difference between pullup and pulldown drivers due to process variation. 6. verified under typical conditions for qualification purposes. 7. tsop-ii package devices only. 8. only intended for operation up to 256 mbps per pin. 9. a derating factor will be used to increase tis and tih in the case where the input slew rate is below 0.5 v/ns as shown in t able b. the input slew rate is based on the lesser of the slew rates dete rmined by either vih(ac) to vil(ac) or vih(dc) to vil(dc), sim - ilarly for rising transitions. 10. a derating factor will be used to increase tds and tdh in th e case where dq, dm, and dqs slew rates differ, as shown in tab les c & d. input slew rate is based on the larger of ac-ac delta rise , fall rate and dc-dc delta rise, fall rate. input slew rate is based on the lesser of the slew rates determined by either vih(ac) to vil(ac) or vih(dc) to vil(dc), similarly for rising transitions. t he delta rise/fall rate is calculated as: {1/(slew rate1)} - {1/(slew rate2)} for example: if slew rate 1 is 0.5 v/ns and slew rate 2 is 0.4 v/ns , then the delta rise, fall rate is -0.5 ns/v. using the table given , this would result in the need for an in crease in tds and tdh of 100ps. 11. table c is used to increase tds and tdh in the case where th e i/o slew rate is below 0.5 v/ns . the i/o slew rate is based o n the lesser of the ac-ac slew rate and the dc-dc slew rate. the input slew rate is based on the lesse r of the slew rates determined by either vih(ac) to vil(ac) or vih(dc) to vi l(dc), and similarly fo r rising transitions. 12. dqs, dm, and dq input slew rate is specified to prevent double clocking of data and preserve setup and hold times. signal t ran- sitions through the dc region must be monotonic. 50 output (vout) vssq test point figure: pullup slew rate vddq 50 test point output (vout) figure: pulldown slew rate
rev. 1.0 / nov. 2009 29 1 h5du5182etr h5du5162etr capacitance (t a =25 o c, f=100mhz) note: 1. vdd = min. to max., vddq = 2.3v to 2.7v, v o dc = vddq/2, v o peak-to-peak = 0.2v 2. pins not under test are tied to gnd. 3. these values are guarant eed by design and are tested on a sample basis only. output load circuit parameter pin symbol min max unit input clock capacitance ck, /ck c i1 2.0 3.0 pf delta input clock capacitance ck, /ck delta c i1 - 0.25 pf input capacitance all other input-only pins c i1 2.0 3.0 pf delta input capacitance all other input-only pins delta c i2 - 0.5 pf input / output capacitance dq, dqs, dm c io 4.0 5.0 pf delta input / output capacitance dq, dqs, dm delta c io - 0.5 pf v ref v tt r t =50 ? zo=50 ? c l =30pf output
rev. 1.0 / nov. 2009 30 1 h5du5182etr h5du5162etr package information 400mil 66pin thin sm all outline package 10.26 (0.404) 10.05 (0.396) 11.94 (0.470) 11.79 (0.462) 22.33 (0.879) 22.12 (0.871) 1.194 (0.0470) 0.991 (0.0390) 0.65 (0.0256) bsc 0.35 (0.0138) 0.25 (0.0098) 0.15 (0.0059) 0.05 (0.0020) base plane seating plane 0.597 (0.0235) 0.406 (0.0160) 0.210 (0.0083) 0.120 (0.0047) 0 ~ 5 deg. unit : mm(inch) max min ,


▲Up To Search▲   

 
Price & Availability of DU5162ETR-FAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X